Part Number Hot Search : 
C2581 120N1T RT8855 01060 BZX84C3V 01060 BJ120 MP1593
Product Description
Full Text Search
 

To Download UMT0G220MDD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
MT
5mmL, Wide Temperature Range
series
Wide temperature range of - 55 ~ +105C, with 5mm height. Adapted to the RoHS directive (2002/95/EC).
MV
Long life
MT
High Temperature
MA
Specifications
Item Category Temperature Range Voltage Range Rated Capacitance Range Rated Capacitance Tolerance Leakage Current tan Performance Characteristics
- 55 ~ +105C 4 ~ 50V 0.1 ~ 100F 20% at 120Hz, 20C After 2 minutes' application of rated voltage, leakage current is not more than 0.01CV or 3 (A), whichever is greater.
Measurement frequency : 120Hz, Temperature : 20C Rated voltage (V) tan (MAX.)
4 0.37
6.3 0.28 4 6 12
10 0.24 6.3 3 8
16 0.20 10 3 5
25 0.16 16 2 4
35 50 Figures in ( ) are for 0.13 (0.14) 0.12 (0.14) 3 product. 25 2 3 35 2 3 50 2 3
Measurement frequency : 120Hz
Stability at Low Temperature
Rated voltage (V) Z- 25C / Z+20C Impedance ratio ZT / Z20 (MAX.) Z- 40C / Z+20C
Endurance
After 1000 hours' application of rated voltage at 105C, capacitors meet the characteristic requirements listed at right.
Capacitance change tan Leakage current
Within 25% of initial value ( 3mm unit,and < 16V) = Within 20% of initial value ( > 25V) =
200% or less of initial specified value Initial specified value or less
Shelf Life Marking
After storing the capacitors under no load at 105C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above.
Printed with white color letter on black sleeve.
Radial Lead Type
Type numbering system (Example : 25V 10F)
fd
Sleeve (P.E.T.)
f D+0.5MAX
UMT 1 E 1 0 0 MDD
(f 3 : P0.3)
(mm) P 0.5
1 2 3 4 5 6 7 8 9 10 11 12
2 Size code
L+1MAX
15 MIN
4 MIN
f
D 3 4 5 6.3 P 1.0 1.5 2.0 2.5 f d 0.40 0.45 0.45 0.45
* Please refer to page 21 about the end seal configulation.
1 Configuration Pb-free leadwire fD Pb-free PET sleeve 3 CD 4 ~ 6.3 DD
16 1C 25 1E
D Code 3 2 4 ~ 6.3 N Configuration 1 Capacitance tolerance ( 20%) Rated capacitance (10mF) Rated voltage (25V) Series name Type
f
Dimensions
Cap.(F) V Code
2 For f 3mm unit, place size code of 2 to 12th digit.
35 1V 50 1H 4x5 1.0 4x5 2.6 4x5 3.2 4x5 3.8 6.2 (5.9) 4x5 11 (9) 4x5 14 4x5 19 5x5 30 6.3 x 5
4 0G
6.3 0J
10 1A
0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100
0R1 R22 R33 R47 010 2R2 3R3 4R7 100 220 330 470 101
4x5 5x5 5x5 6.3 x 5
22 30 36 60
4x5 5x5 5x5 6.3 x 5
22 30 36 60
5x5 5x5 6.3 x 5
27 35 46
4x5 5x5 6.3 x 5 6.3 x 5
18 (14) 30 40 50
4x5 5x5 6.3 x 5 6.3 x 5
13 (10) 23 38 48
3 x5 4 x5 4 x5 5x5 6.3 x 5
7.5 11 (9) 15 25 48
D x L (mm)
Case size
Rated ripple
Size 3 x 5 is available for capacitors marked " " Figures in ( ) are for 3 product.
Rated Ripple (mArms) at 105C 120Hz
Frequency coefficient of rated ripple current
Frequency Coefficient 50 Hz 0.70 120 Hz 1.00 300 Hz 1.17 1 kHz 1.36 10 kHz ~ 1.50
Please refer to page 21, 22, 23 about the formed or taped product spec. Please refer to page 3 for the minimum order quantity.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UMT0G220MDD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X