Part Number Hot Search : 
LTC4410 AZ393MTR TOP246 CT208 OP17902 P1300ZB DTC124E 06M00
Product Description
Full Text Search
 

To Download TX-600 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TX-600 / TX-601
Temperature Compensated Crystal Oscillator
TX-600
Description
The TX-600 Series TCXO is designed utilizing full analog technology. Extremely low phase noise and smooth frequency vs temperature are achieved. Innovative packaging design allows for high volume manufacturing as well as low pro le.
Features
* * * * * * * * * High Shock Survival > 20,000 G (TX-600) Frequency Range: 20 to 100 MHz Commercial application (TX-601) EAR99 Low Phase Noise, Low G-Sensitivity Stratum 3 Compliant Fully RoHS Compliant Surface Mount, Low Pro le * * * * * *
Applications
Military Portable Radios GPS Telemetry Test and Measurement Equipment Wi-Max Basestations Wireless Communications Wireline Switches
Performance Speci cations
Parameter
vs. operating temperature range (referenced to +25C)
Min
-2.0 -1.0 -0.5 -0.28 -4.6 -1.0 -0.1 -0.2
Typ
Max
+2.0 +1.0 +0.5 +0.28 +4.6 +1.0 +0.1 +0.2
Units
ppm ppm ppm ppm ppm ppm ppm ppm ppm ppm
Condition
-40... +85C -40... +85C -20... +70C 0... +70C Stratum 3, GR-1244-CORE, for all causes and 15 yrs aging at time of shipment, nominal EFC Vs 5% Load 10% @ +40C for 15 years
Frequency Stabilities1
Total stability Initial Tolerance vs. supply voltage change vs. load change vs. aging / 1 year vs. aging
1 4.0
Supply Voltage (Vs)
Supply voltage Supply voltage Supply voltage 4.75 3.135 2.7 5.0 3.3 2.8 5.25 3.465 2.9 VDC VDC VDC
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
Performance Speci cations
Parameter
Current consumption
Min
Typ
Max
35
Units
mA
Condition
Depends on frequency
RF Output
Signal Load Signal Level (Vol) Signal Level (Voh) Rise/Fall Time Duty cycle Tri-State (>12.8 MHz) Signal Level Load R Load C 40 50 0.9*Vs 5 60 15 0.1*Vs HCMOS pF V V ns % @ nominal Load and 10% to 90% of waveform @ nominal Load and @ 50% level Tristate Output standard
Active High Clipped Sinewave 1 10 10 Vpp kohm pF
with Nominal Load
Frequency Tuning (EFC)
Tuning Range Tuning Range Tuning Slope Control Voltage Range Freq. control input impedance 0.3 0.5 0.28 10 5.0 Positive 1.65 2.5 1.4 3.0 4.5 2.5 VDC VDC VDC kohm with Vs= 3.3VDC with Vs=5.0VDC with Vs = 2.8VDC Fixed; No adjust ppm
Additional Parameters1
Reference Voltage (Vref ) (1 mA source) Phase Noise3 (@ 20 MHz tested under nominal operating conditions) +3.8 +2.3 +4.0 +2.4 +4.1 +2.5 -90 -120 -140 -145 -150 1 6.0 0 -45 -55 Vs +90 +105 VDC VDC dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz ps RMS V V C C Damage will occur beyond this level Vs=>+4.5 VDC Vs=>+2.7 VDC 10 Hz 100 Hz 1 kHz 10 kHz 100 kHz
Jitter Supply voltage (Vs) Control Voltage Operable temperature range Storage temperature range
Absolute Maximum Ratings
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
Outline Drawing / Enclosure
A X B P K
*bei W 24 mm nur untere Lochreihe by W 24 mm only lower hole line
Lage im Gurt Position in tape Pin 1
Abwickelrichtung Unwinding direction
Gurtunterseite Tape buttom side Gurtoberseite Tape upper side
Production tolerance complying DIN IEC 286-3 Enclosure Type Type C Tape width W [mm] 44 Quantity per meter 50 Quantity per reel 300 Dimension P 20
Recommended Re ow Pro le
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
Outline Drawing / Enclosure
Dimensions in [mm] inches
Pin Connections
1 Voltage Control (Vc) Reference Voltage (Vref ) Ground (Case) Output Enable Supply Voltage (Vs)
Type C
Code 0 Height "H" 3.81 mm Pin Length "L" NA
2 3 4 5 6
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
Ordering Information
TX - 600 0 - D A T - 106
Product Family TX: TCXO Package 600: High shock 601: Commercial <3,000g Height 0: 3.81 mm Supply Voltage D: 5 Vdc E: 3.3 Vdc G: 2.8Vdc RF Output Code A: HCMOS F: Sinewave, clipped
A - 100M0000000
Frequency Tuning Option A: No Tuning B: Electrical Tuning Stability Code 106: 1.0ppm 156: 1.5ppm 206: 2.0ppm 507: 0.5ppm 466: 4.6ppm (Stratum3)
Temperature Range E: -40C to +85C J: -20C to +70C T: 0C to +70C
Notes: 1. Contact factory for improved stabilities or additional product options. Not all options and codes are available at all frequencies. 2. Unless other stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency control voltage, load, temperature (25C). 3. Phase noise degrades with increasing output frequency. 4. Subject to technical modi cation. 5. Contact factory for availability.
For Additional Information, Please Contact
USA:
Vectron International 267 Lowell Road Hudson, NH 03051 Tel: 1.888.328.7661 Fax: 1.888.329.8328
Europe:
Vectron International Landstrasse, D-74924 Neckarbischofsheim, Germany Tel: +49 (0) 3328.4784.17 Fax: +49 (0) 3328.4784.30
Asia:
Vectron International 1F-2F, No 8 Workshop, No 308 Fenju Road WaiGaoQiao Free Trade Zone Pudong, Shanghai, China 200131 Tel: 86.21.5048.0777 Fax: 86.21.5048.1881
Disclaimer
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Rev. 06-17-2010 dab Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com


▲Up To Search▲   

 
Price & Availability of TX-600

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X