|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SCHOTTKY BARRIER RECTIFIER SR3020C THRU SR30200C FEATURES * VOLTAGE RANGE CURRENT 20 to200 Volts 30.0 Amperes * * * * * Plastic package has Underwriters Laboratory Flammability Classification 94V-O utilizing Flame Retardant Epoxy Molding Compound Exceeds environmental standards of MILS-19500/228 Low power loss,high efficiency Low forward voltage, high current capability High surge capacity For use in low voltage high frequency inverters, Free wheeling, and polarity protection applications TO-220AB MECHANICAL DATA * * * * * Case: TO-220AB molded plastic Terminals: Lead solderable per MIL-STD-202 Method 208 Polarity: as marked Mounting position: Any Weight: 0.08ounce, 2.24 grams Dimensions in inches and (millimeters) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS * * * Ratings at 25 ambient temperature unless otherwise specified Single Phase, half wave, 60Hz, resistive or inductive load For capacitive load derate current by 20% SR SYMBOLS 3020 C SR 3030 C SR 3035 C SR 3040 C SR 3045 C SR 3050 C SR 3060 C SR 3080 C SR 30100 C SR 30150 C SR 30200 C UNIT Volts Volts Volts Amps Amps Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current At Tc=90 Peak Forward Surge Current 8.3ms single half sine wave superimposed on rated load (JEDEC method) Maximum Forward Voltage at 15.0A per element Maximum DC Reverse Current at rated DC Blocking Voltage per element TC = 25 TC = 100 VRRM VRMS VDC I(AV) IFSM VF IR CJ RJC TJ TSTG 20 14 20 30 21 30 35 25 35 40 28 40 45 32 45 50 35 50 30.0 200 60 42 60 80 56 80 100 70 100 150 105 150 200 140 200 0.65 0.72 Typical Junction Capacitance(Note2) Typical Thermal Resistance (Note 1) Operating Storage Temperature Range 0.75 1.0 100 500 2.0 (-55 to +150) 0.85 Volts mA pF /W Notes: 1. Thermal Resistance Junction to Ambient 2. Measured at VR=4V and f=1MHz E-mail: sales@cnmic.com Web Site: www.cnmic.com SCHOTTKY BARRIER RECTIFIER SR3020CTHRU SR30200C VOLTAGE RANGE CURRENT 20 to 200 Volts 16.0 Amperes RATING AND CHRACTERISTIC CURVES SR3020C THRU SR30100C FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE 30 40 FIG.3-TYPICAL INSTANTANEOUS FORWARD CHARACTERSTIC 20,30V 20 10 8 6 4 24 INSTNTANCEOUS FORWARD CURRENT, AVERAGE FORWARD CURRENT, 80,100V 35,40.45V 50,60V AMPERES AMPERES 18 2 1.0 0.8 0.6 0.4 0.2 0.1 0.4 12 6 Tj =25 Pulse Width=200s 0 0 50 CASE TEMPERATRUE ( ) 100 150 0.5 0.6 0.7 0.8 0.9 1.0 1.1 INSTANTANEOUS FORWART VOLTAGE,VOLTS FIG.4-MAXIMUM NON-REPETITIVE SURGE CURRENT 150 FIG.2-TYPICAL REVERSE CHARACTERISTICS 100 130 8.3ms Single Half Sine-Wave JEDEC Method 110 PEAK FORWARD SURGE TC=100 CURRENT,AMPERES 90 70 INSTANTANEOUS REVERSE CURRENT, MILIAMPERES 50 10 30 20 TC=75 0 1 1.0 2 5 10 20 50 100 NUMBER OF CYCLES AT 60 Hz FIG.5-TYPICAL JUNCTION CAPACITANCE TC=25 400 CAPACITANCE,pF 0.1 350 300 250 TJ =25 200 0.01 0 100 120 200 300 150 REVERSE VOLTAGE VOLTS 1 2 5 10 20 50 100 200 500 REVERSE VOLTAGE,VOLTS E-mail: sales@cnmic.com Web Site: www.cnmic.com |
Price & Availability of SR3040C |