Part Number Hot Search : 
4066D 70013 CVCO55B 2N111 KMOC3061 00HST C74ACT2 L7912AC
Product Description
Full Text Search
 

To Download SDMG0340L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODELS: SDMG0340L SDMG0340LA SDMG0340LC SDMG0340LS
SDMG0340L/LA/LC/LS
SURFACE MOUNT SCHOTTKY BARRIER DIODE Features
* * * * * * * * * * * * * Low Forward Voltage Drop Fast Switching Ultra-Small Surface Mount Package PN Junction Guard Ring for Transient and ESD Protection Also Available in Lead Free Version
NEW PRODUCT
SOT-323
A C BC
Dim A B C D E G H
M
Min 0.25 1.15 2.00 0.30 1.20 1.80 0.0 0.90 0.25 0.10 0
Max 0.40 1.35 2.20 0.40 1.40 2.20 0.10 1.00 0.40 0.18 8
Mechanical Data
Case: SOT-323, Molded Plastic Case Material - UL Flammability Rating 94V-0 Moisture sensitivity: Level 1 per J-STD-020A Terminals: Solderable per MIL-STD-202, Method 208 Also Available in Lead Free Plating (Matte Tin Finish). Please See Ordering Information, Note 4, on Page 3 Polarity: See Diagrams Below Marking: Date Code and Marking Code (See Diagrams & Page 3) Weight: 0.006 grams (approx.)
B G H K E
0.65 Nominal
J
J D F L
K L M a
All Dimensions in mm
TOP VIEW
SDMG0340L Marking: KSM
SDMG0340LA Marking: KSQ
SDMG0340LC Marking: KSP
SDMG0340LS Marking: KSN
Maximum Ratings @ TA = 25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current (Note 1) Non-Repetitive Peak Forward Surge Current @ t = 8.3ms Power Dissipation (Note 1) Thermal Resistance Junction to Ambient Air (Note 1) Operating Temperature Range Storage Temperature Range Symbol VRRM VRWM VR VR(RMS) IFM IFSM Pd RqJA Tj TSTG @ TA = 25C unless otherwise specified Symbol V(BR)R VF IR CT Min 40 3/4 3/4 3/4 Typ 3/4 295 150 2.0 Max 3/4 370 1000 3/4 Unit V mV nA pF Test Condition IR = 10mA IF = 1.0mA VR = 10V VR = 1V, f = 1.0MHz Value 40 28 30 200 200 625 -40 to +125 -40 to +125 Unit V V mA mA mW C/W C C
Electrical Characteristics
Characteristic Reverse Breakdown Voltage (Note 2) Forward Voltage (Note 2) Leakage Current (Note 2) Total Capacitance Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. Short duration test pulse used to minimize self-heating effect.
DS30248 Rev. 6 - 2
1 of 3 www.diodes.com
SDMG0340L/LA/LC/LS
a Diodes Incorporated
IF, INSTANTANEOUS FORWARD CURRENT (A)
IR, CAPACITANCE BETWEEN TERMINALS (pF)
1
NEW PRODUCT
TA = +125C
100m 10m
TA = +75C TA = +125C
TA = 75C
1m
TA = +25C
100n
TA = 25C
10n
TA = -25C
1n 0 5 10 15 20 25 30 35
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 1 Typical Forward Characteristics
CT, CAPACITANCE BETWEEN TERMINALS (pF)
100
VR, INSTANTANEOUS REVERSE VOLTAGE (V) Fig. 2 Typical Reverse Characteristics
10 trr, REVERSE RECOVERY TIME (ns)
f = 1 MHz
5
10
2 1 0.5
1
0.2 0.1
0.1 0 5 10 15 20 25
0
4
8
12
16
20
24
28
VR, REVERSE VOLTAGE (V)
Fig. 3 Typical Capacitance Between Terminals Characteristics
IF, FORWARD CURRENT (mA) Fig. 4 Typical Reverse Recovery Time Characteristics
250 PD, POWER DISSIPATION (mW)
200
150
100
50
0 0 100 200
TA, AMBIENT TEMPERATURE (C) Fig. 5 Power Derating Curve, Total Package
DS30248 Rev. 6 - 2
2 of 3 www.diodes.com
SDMG0340L/LA/LC/LS
Ordering Information
(Note 3) Packaging SOT-323 SOT-323 SOT-323 SOT-323 Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
NEW PRODUCT
Device SDMG0340L-7 SDMG0340LA-7 SDMG0340LC-7 SDMG0340LS-7 Notes:
3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 4. For Lead Free version (with Lead Free terminal finish) part number, please add "-F" suffix to part number above. Example: SDMG0340LS-7-F.
Marking Information
XXX = Product Type Marking Code (See Page 1) YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
XXX
Date Code Key Year Code Month Code 2001 M Jan 1 2002 N Feb 2 2003 P March 3 Apr 4
2004 R May 5
YM
2005 S Jun 6
2006 T Jul 7 Aug 8
2007 U Sep 9
2008 V Oct O Nov N
2009 W Dec D
DS30248 Rev. 6 - 2
3 of 3 www.diodes.com
SDMG0340L/LA/LC/LS


▲Up To Search▲   

 
Price & Availability of SDMG0340L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X