Part Number Hot Search : 
R8T6B 2SB1115A KA22136 KJ12ETT GPC130B 0LVEL 24121 KJ12RTT
Product Description
Full Text Search
 

To Download SD200N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin I2080 rev. D 03/03
SD200N/R SERIES
www..com
STANDARD RECOVERY DIODES
Stud Version
Features
Wide current range High voltage ratings up to 2400V High surge current capabilities Stud cathode and stud anode version Standard JEDEC types
200A
Typical Applications
Converters Power supplies Machine tool controls High power drives Medium traction applications
Major Ratings and Characteristics
Parameters SD200N/R
1600 to 2000 IF(AV) @ TC IF(RMS) IFSM @ 50Hz @ 60Hz I2t @ 50Hz @ 60Hz V RRM range TJ 200 110 314 4700 4920 110 101 1600 to 2000 - 40 to 180 2400 200 110 314 4700 4920 110 101 2400 150 A C A A A KA2s KA2s V C
Units
case style DO-205AC (DO-30)
www.irf.com
1
SD200N/R Series
Bulletin I2080 rev. D 03/03
ELECTRICAL SPECIFICATIONS Voltage Ratings
Type number Voltage Code
16 20 24
www..com
SD200N/R
VRRM , maximum repetitive peak reverse voltage V
1600 2000 2400
VRSM , maximum nonrepetitive peak rev. voltage V
1700 2100 2500
IRRM max.
@ TJ = TJ max.
mA
15
Forward Conduction
Parameter
I F(AV) I F(AV) Max. average forward current @ Case temperature Max. average forward current @ Case temperature I F(RMS) Max. RMS forward current I FSM Max. peak, one-cycle forward, non-repetitive surge current
SD200N/R
200 110 220 100 314 4700 4920 3950 4140
Units Conditions
A C A C A DC @ 95C case temperature t = 10ms t = 8.3ms A t = 10ms t = 8.3ms t = 10ms t = 8.3ms KA2s t = 10ms t = 8.3ms KA2s No voltage reapplied 100% VRRM reapplied No voltage reapplied 100% VRRM reapplied Sinusoidal half wave, Initial TJ = TJ max. 180 conduction, half sine wave 180 conduction, half sine wave
I 2t
Maximum I t for fusing
2
110 101 78 71
I 2 t
Maximum I2t for fusing
1100 0.90
t = 0.1 to 10ms, no voltage reapplied (16.7% x x IF(AV) < I < x IF(AV)), TJ = TJ max.
V F(TO)1 Low level value of threshold voltage V F(TO)2 High level value of threshold voltage r f1 r f2 Low level value of forward slope resistance High level value of forward slope resistance V FM Max. forward voltage drop
V 1.00 (I > x IF(AV)),TJ = TJ max. (16.7% x x IF(AV) < I < x IF(AV)), TJ = TJ max. m 0.64 1.40 V (I > x IF(AV)),TJ = TJ max. Ipk= 630A, TJ = TJ max, tp = 10ms sinusoidal wave
0.79
2
www.irf.com
SD200N/R Series
Bulletin I2080 rev. D 03/03
Thermal and Mechanical Specifications
SD200N/R Parameter 1600 to 2000
TJ Max. junction operating temperature range Max. storage temperature range Max. thermal resistance, junction to case Max. thermal resistance, case to heatsink T wt Max. allowed mounting torque 10% Approximate weight Case style 14 120 DO-205AC(DO-30) Nm g See Outline Table -40 to 180 Tstg RthJC RthCS
Units 2400
-40 to 150 C
Conditions
www..com
-55 to 200 0.23 0.08 K/W DC operation Mounting surface, smooth, flat and greased Not lubricated threads
RthJC Conduction
(The following table shows the increment of thermal resistence RthJC when devices operate at different conduction angles than DC)
Conduction angle
180 120 90 60 30
Sinusoidal conduction Rectangular conduction Units
0.041 0.049 0.063 0.093 0.156 0.030 0.051 0.068 0.096 0.157 K/W
Conditions
TJ = TJ max.
Ordering Information Table
Device Code
SD
1
20
2
0
3
N
4
24
5
P
6
C
7
1 2 3 4
-
Diode Essential part number 0 = Standard recovery N = Stud Normal Polarity (Cathode to Stud) R = Stud Reverse Polarity (Anode to Stud)
5 6 7
-
Voltage code: Code x 100 = VRRM (See Voltage Ratings table) P = Stud base DO-205AC (DO-30) 1/2" 20UNF-2A C = Ceramic Housing
For Metric Device M12 x 1.75 Contact Factory
www.irf.com
3
SD200N/R Series
Bulletin I2080 rev. D 03/03
Outline Table
www..com
Conforms to JEDEC DO-205AC (DO-30)
All dimensions in millimeters (inches)
* FOR METRIC DEVICE: M12 X 1.75 CONTACT FACTORY
Maximum Allowable Case Temperature (C)
Maximum Allowable Case T emperature (C)
180 170 160 150 140 130 120 110
S D200N/ R S eries RthJC (DC) = 0.23 K/ W
180 170 160 150 140 130 120 110 100 90 0 50 100
S D200N/ R S eries RthJC (DC) = 0.23 K/ W
Conduction Angle
Conduction Period
90 60 30 150 120 180 200 250 DC 300 350
30 100 0 40 80
60 90 120 180 120 160 200 240
Average Forward Current (A)
Fig. 1 - Current Ratings Characteristics
Average Forward Current (A)
Fig. 2 - Current Ratings Characteristics
4
www.irf.com
SD200N/R Series
Bulletin I2080 rev. D 03/03
Maximum Average Forward Power Los (W) s 300
250
200
180 120 90 60 30 RMSLimit
R
12 0.
A t hS
2 0.
K/ W
0. 3
W K/
W K/
= W K/ 08 0.
0. 4
K/ W
e lt -D a
0. 6
R
K/ W
www..com
150
Conduction Angle
0.8 K/ W
100 50 0 S D200N/ R S eries T = Tj max. J
1.4 K /W
1.8 K/ W
0
50
100
150
200
20 250 40
60
80 100 120 140 160 180
Average Forward Current (A)
Maximum Allowable Ambient T emperature (C)
Fig. 3 - Forward Power Loss Characteristics
Maximum Average F orward Power Loss (W)
400
Rt
350
300 250 200 150
DC 180 120 90 60 30
A hS
= 08 0.
0. 2
0. 3
0.4
0.6
12 0.
K/ W
K/ W
K/ W
K/ W
W K/
W K/ ta el -D R
RMSLimit
Conduction Period
0.8
K/ W
W
100 50
0 0 50 100 150
S D200N/ R S eries T = Tj max. J
1.4 K /
1.8 K/ W
200
250
300
350 40 20
60
80 100 120 140 160 180
Average Forward Current (A)
Maximum Allowable Ambient T emperature (C)
Fig. 4 - Forward Power Loss Characteristics
Peak Half S Wave F ine orward Current (A)
Peak Half S Wave F ine orward Current (A)
4500 4000 3500 3000 2500 2000 1500 1000 1
At Any R ated Load Condition And With R ated VRRM Applied Following S urge. Initial T J Tj max. = @60 Hz 0.0083 s @50 Hz 0.0100 s
5000 4500 4000 3500 3000 2500 2000 1500
Maximum Non R epetitive S urge Current Versus Pulse T rain Duration. Initial T J Tj max. = No Voltage R eapplied R ated VRRM R eapplied
S D200N/ R S eries 10 100
S D200N/ R S eries
1000 0.01
0.1 Pulse T rain Duration (s)
1
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
www.irf.com
5
SD200N/R Series
Bulletin I2080 rev. D 03/03
10000 Instantaneous F orward Current (A) S D200N/ R S eries
www..com
1000 T = 25C J T = Tj max. J
100 0.5
1
1.5
2
2.5
3
3.5
Instantaneous Forward Voltage (V)
Fig. 7 - Forward Voltage Drop Characteristics
1
T rans ient T hermal Impedanc e Z thJC (K/ W)
S teady S tate Value: R thJC = 0.23 K/ W (DC Operation) 0.1
S D200N/ R S eries
0.01 0.001
0.01
0.1 S quare Wave Pulse Duration (s)
1
10
Fig. 8 - Thermal Impedance Z thJC Characteristic
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 03/03
6
www.irf.com


▲Up To Search▲   

 
Price & Availability of SD200N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X