Part Number Hot Search : 
HT82V736 D21P544 SMM152 MAJ160 PD403 FQB2P25 FM302 CTS191MS
Product Description
Full Text Search
 

To Download SD-71430-015 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/05/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0714300006 Active
0.80mm (.031") Pitch Ultra+TM VHDCI Receptacle, Right Angle, with or without Enhanced Shield, 68 Circuits
Documents: 3D Model Test Summary (PDF) Drawing (PDF)
Product Specification PS-71425-9999 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only EU RoHS China RoHS RoHS Compliant by Exemption REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance?
Series
Agency Certification
CSA UL LR19980 E29179
General
Product Family Series Application Component Type Product Name Type I/O Connectors 71430 Wire-to-Board Receptacle SCSI+, VHDCI N/A
Physical
Boot Color Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Flammability Gender Lock to Mating Part Material - Metal Material - Plating Mating Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to Mating Part Polarized to PCB Ports Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Waterproof / Dustproof Wire Size AWG N/A 68 68 Black 500 94V-0 Receptacle Yes Steel Gold High Temperature Thermoplastic 2 Right Angle 0.107 In 2.71 mm Yes Yes 0.093 In 2.36 mm Tube Yes 0.031 In 0.80 mm 0.031 In 0.80 mm Yes Yes 1 Yes -55C to +85C Through Hole No N/A
Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Search Parts in this Series 71430Series Mates With 71425 Ultra+TM VHDCI Plug Kit
Electrical
Current - Maximum per Contact Shield Type Shielded Voltage - Maximum 0.5A Without Enhanced Shield Yes 30V AC (RMS)/DC
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 40 Wave Capable (TH only) 3 245
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-71425-9999 SD-71430-015
This document was generated on 04/05/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of SD-71430-015

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X