Part Number Hot Search : 
30WQ06FN KA3030 UMX5N 1ETTE BC849 1N4007 14N50 2SC44
Product Description
Full Text Search
 

To Download RT8058 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary
RT8058
1MHz, 2A, High Efficiency PWM Step-Down DC/DC Converter
General Description
The RT8058 is a current mode PWM step-down converter. The chip is ideal for fixed frequency and low ripple applications over full range of load conditions. Its input voltage range is from 2.6V to 5.5V with a constant 1MHz switching frequency that allows it to adopt tiny, low cost capacitors and inductors with 2mm or less in height making it ideal for single-cell Li-lon/polymer battery applications. The low on resistance internal MOSFET can achieve high efficiency without the need of external schottky diodes in wide operating ranges and the output voltage is adjustable from 0.6V to 5V that can provide up to 2A load current. The RT8058 operates at 100% duty cycle for low dropout operation that extends battery life in portable devices. The RT8058 is available in a WQFN-16L 3x3 package.
Features
l l l l l l l l l l l l l l
0.6V Reference Allows Low Output Voltage Low Dropout Operation : 100% Duty Cycle 2A Load Current < 2uA Shutdown Current Up to 95% Efficiency No Schottky Diode Required 1MHZ Constant Switching Frequency Low RDS(ON) Internal Switches Internally Compensated Internal Soft-Start Over temperature Protection Short Circuit Protection Small 16-Lead WQFN Package RoHS Compliant and 100% Lead (Pb)-Free
Ordering Information
RT8058 Package Type QW : WQFN-16L 3x3 (W-Type) Operating Temperature Range P : Pb Free with Commercial Standard G : Green (Halogen Free with Commercial Standard)
Note : Richtek Pb-free and Green products are :
Applications
l l l l l l
Portable Instruments Microprocessors and DSP Core supplies Cellular Telephones Wireless and DSL Modems Digital Cameras PC Cards
Pin Configurations
(TOP VIEW)
NC LX LX LX
16 15 14 13
}RoHS compliant and compatible with the current requirements of IPC/JEDEC J-STD-020.
}Suitable for use in SnPb or Pb-free soldering processes. }100% matte tin (Sn) plating.
PGND PGND PGND FB
1 2 3 4 5 6 7 8
12
PVDD PVDD PVDD VDD
PGND
17
11 10 9
GND NC
WQFN-16L 3x3
DS8058-02 August 2007
EN NC
www.richtek.com 1
RT8058
Typical Application Circuit
10,11,12 7 9 C IN 10uF
Preliminary
RT8058 V IN 2.6V to 5.5V PVDD EN VDD GND 5 FB 4 LX 13,14,15
L1 3.3uH R1 100k C OUT1 22uF R2 100k
V OUT 1.2V/2A C OUT2 22uF
PGND 1, 2, 3, Exposed Pad (17)
Functional Pin Description
Pin No. Pin Name 1, 2, 3 PGND Exposed Pad (17) 4 5 6, 8, 16 7 9 10, 11, 12 13, 14, 15 FB GND NC EN VDD PVDD LX Pin Function Power Ground. Connect this pin close to the (-) terminal of CIN and COUT. The exposed pad must be soldered to a large PCB and connected to PGND for maximum power dissipation. Feedback Input Pin. Receives the feedback voltage from a resistive divider connected across the output. Signal Ground. Return the feedback resistive dividers to this ground, which in turn connects to PGND at one point. No Internal Connection. Enable pin. A logical high level at this pin enables the converter, while a logical low level causes the converter to shut down. Signal Input Supply. Decouple this pin to GND with a capacitor. Normally VDD is equal to PVDD. Keep the voltage difference between VDD and PVDD less than 0.5V. Power Input Supply of converter power stage. Decouple this pin to PGND with a capacitor. Internal Power MOSFET Switches Output of converter. Connect this pin to the inductor.
Function Block Diagram
ISEN OSC Slope Com PVDD
0.6V FB
EA
Output Clamp
OC Limit
Int-SS 0.3V Control Logic OT
Driver LX
PGND VREF POR Temp-SEN GND
VDD
EN
www.richtek.com 2
DS8058-02 August 2007
Preliminary Absolute Maximum Ratings
l l l l
RT8058
(Note 1)
l
l l l l
Supply Input Voltage VDD, PVDD ------------------------------------------------------------------------------------ -0.3V to 6V LX Pin Switch Voltage -------------------------------------------------------------------------------------------------- -0.3V to 6V Other I/O Pin Voltage --------------------------------------------------------------------------------------------------- -0.3V to 6V Power Dissipation, PD @ TA = 25C WQFN-6L 3x3 ------------------------------------------------------------------------------------------------------------ 1.471W Package Thermal Resistance (Note 4) WQFN-16L 3x3, JA ----------------------------------------------------------------------------------------------------- 68C/W WQFN-16L 3x3, JC ----------------------------------------------------------------------------------------------------- 7C/W Lead Temperature (Soldering, 10 sec.)------------------------------------------------------------------------------ 260C Storage Temperature Range ------------------------------------------------------------------------------------------- -65C to 150C Junction Temperature --------------------------------------------------------------------------------------------------- 150C ESD Susceptibility (Note 2) HBM (Human Body Mode) --------------------------------------------------------------------------------------------- 2kV MM (Machine Mode) ---------------------------------------------------------------------------------------------------- 200V (Note 3)
Recommended Operating Conditions
l l l
Supply Input Voltage ---------------------------------------------------------------------------------------------------- 2.6V to 5.5V Junction Temperature Range ------------------------------------------------------------------------------------------ -40C to 125C Ambient Temperature Range ------------------------------------------------------------------------------------------ -40C to 85C
Electrical Characteristics
(VDD = VPVDD = 3.6V, TA = 25 C, unless otherwise specified)
Parameter Input Voltage Range Feedback Voltage DC Bias Current (PVDD, VDD total) Under voltage Lockout Threshold Oscillator Frequency EN High-Level Input Voltage EN Low-Level Input Voltage Switch On Resistance, High Switch On Resistance, Low Peak Current Limit Output Voltage Line Regulation Output Voltage Load Regulation
Symbol V IN V FB
Test C onditions
Min 2.6 0.582
Typ -0.6 3.4 340 -2.43 150 1.0 --142 96 3 0.05 0.15
Max 5.5 0.618 --2 2.55 -1.25 -0.4 210 160 ----
Units V V mA A A V mV MHz V V m m A %/V %/A
Active, No Load Active, Not Switching, V FB = 0.5V Shutdown, EN = 0 UVLO f OSC V EN_H V EN_L R DS(ON)_P IOUT = 200mA R DS(ON)_N IOUT = 200mA I LIM VIN = 2.6V to 5.5V ILOAD = 0Aa2A VDD R ising VDD H ysteresis Switching Frequency
---2.3 -0.75 1.4 ---2.2 ---
DS8058-02 August 2007
www.richtek.com 3
RT8058
Preliminary
Note 1. Stresses listed as the above "Absolute Maximum Ratings" may cause permanent damage to the device. These are for stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may remain possibility to affect device reliability. Note 2. Devices are ESD sensitive. Handling precaution recommended. Note 3. The device is not guaranteed to function outside its operating conditions. Note 4. JA is measured in the natural convection at TA = 25C on a high effective four layers thermal conductivity test board of JEDEC 51-7 thermal measurement standard. The case point of JC is on the expose pad for the WQFN package.
www.richtek.com 4
DS8058-02 August 2007
Preliminary Typical Operating Characteristics
Efficiency vs. Output Current
100 90 80 100
RT8058
Efficiency vs. Output Current
90 80
VIN = 5V VIN = 3.3V
VIN = 5V VIN = 3.3V
Efficiency (%)
60 50 40 30 20 10
Efficiency (%)
VOUT = 1.8V, L = 3.3H, COUT = 22Fx2
70
70 60 50 40 30 20 10
VOUT = 1.2V, L = 3.3H, COUT = 22Fx2
0 0 500 1000 1500 2000
0 0 500 1000 1500 2000
Output Current (mA)
Output Current (mA)
Output Voltage vs. Outout Current
1.2000 1.1998 0.6010 0.6008
Reference Voltage vs. Input Voltage
1.1994 1.1992 1.1990 1.1988
VIN = 5V
Reference Voltage (V)
1.1996
0.6006 0.6004 0.6002 0.6000 0.5998 0.5996 0.5994 0.5992 0.5990 2.7 3.1 3.5 3.9 4.3 4.7 5.1 5.5
Output Voltage (V)
VIN = 3.3V
1.1986 1.1984 1.1982 1.1980 0 250 500 750 1000 1250 1500 1750 2000
Outout Current (mA)
Input Voltage (V)
Output Voltage vs. Temperature
1.205 1.203 1.201 1050 1100
Frequency vs. Temperature
Output Voltage (V)
1.199 1.197 1.195 1.193 1.191 1.189 1.187
Frequency (kHz)
1000
950
900
VIN = 3.6V
1.185 -50 -25 0 25 50 75 100 125
VIN = 3.6V, VOUT = 1.2V, IOUT = 0A
850 -50 -25 0 25 50 75 100 125
Temperature (C)
Temperature (C)
DS8058-02 August 2007
www.richtek.com 5
RT8058
Preliminary
Quiescent Current vs. Input Voltage
450 450
Quiescent Current vs. Temperature
Quiescent Current (uA)
400
Quiescent Current (uA)
400
350
350
300
300
VIN = 3.6V
250 2.7 3.1 3.5 3.9 4.3 4.7 5.1 5.5 250 -50 -25 0 25 50 75 100 125
Input Voltage(V)
Temperature (C)
Peak Current limit vs. Input Voltage
3.3 3.5
Peak Current limit vs. Temperature
Peak Current limit (A)
Peak Current limit (A)
3.2
3.3
3.1
3.1
3.0
2.9
2.9
2.7
VOUT = 1.2V
2.8 2.7 3.1 3.5 3.9 4.3 4.7 5.1 5.5
VIN = 3.6V, VOUT = 1.2V
2.5 -50 -25 0 25 50 75 100 125
Input Voltage (V)
Temperature (C)
Load Transient Response
VIN = 3.3V, VOUT = 1.2V, IOUT = 0A to 1A
Load Transient Response
VIN = 3.3V, VOUT = 1.2V, IOUT = 0A to 2A
VOUT (50mV/Div)
VOUT (50mV/Div)
IOUT (1A/Div)
IOUT (1A/Div) Time (25s/Div) Time (25s/Div)
www.richtek.com 6
DS8058-02 August 2007
Preliminary
RT8058
Load Transient Response
VIN = 3.3V, VOUT = 1.2V, IOUT = 1A to 2A
Load Transient Response
VIN = 3.3V, VOUT = 1.2V, IOUT = 0.5A to 1.5A
VOUT (50mV/Div)
VOUT (50mV/Div)
IOUT (1A/Div)
IOUT (1A/Div) Time (25s/Div) Time (25s/Div)
Load Transient Response
VIN = 5V, VOUT = 1.2V, IOUT = 0A to 1A
Load Transient Response
VIN = 5V, VOUT = 1.2V, IOUT = 0A to 2A
VOUT (50mV/Div)
VOUT (50mV/Div)
IOUT (1A/Div)
IOUT (1A/Div) Time (25s/Div)
Time (25s/Div)
Load Transient Response
VIN = 5V, VOUT = 1.2V, IOUT = 0.5A to 1.5A
Load Transient Response
VIN = 5, VOUT = 1.2V, IOUT = 1A to 2A
VOUT (50mV/Div)
VOUT (50mV/Div)
IOUT (1A/Div) Time (25s/Div)
IOUT (1A/Div) Time (25s/Div)
DS8058-02 August 2007
www.richtek.com 7
RT8058
Output Ripple Noise
VIN = 3.3V, VOUT = 1.2V, IOUT = 1.5A
Preliminary
Output Ripple Noise
VIN = 3.3V, VOUT = 1.2V, IOUT = 2A
VOUT (5mV/Div) VLX (5V/Div)
VOUT (5mV/Div) VLX (5V/Div)
IOUT (1A/Div) Time (500ns/Div)
IOUT (1A/Div) Time (500ns/Div)
Output Ripple Noise
VIN = 5V, VOUT = 1.2V, IOUT = 1.5A
Output Ripple Noise
VIN = 5V, VOUT = 1.2V, IOUT = 2A
VOUT (5mV/Div) VLX (5V/Div)
VOUT (5mV/Div) VLX (5V/Div)
IOUT (1A/Div) Time (500ns/Div)
IOUT (1A/Div) Time (500ns/Div)
Power On from EN
VIN = 3.3V, VOUT = 1.2V, RLOAD = 0.6
Power On from EN
VIN = 5V, VOUT = 1.2V, RLOAD = 0.6
VEN (2V/Div) VOUT (1V/Div) IOUT (2A/Div) Time (500s/Div)
VEN (2V/Div) VOUT (1V/Div) IOUT (2A/Div) Time (500s/Div)
www.richtek.com 8
DS8058-02 August 2007
Preliminary
RT8058
Soft-Start & Inrush Current
VIN = 5V, VOUT = 1.2V, IOUT = 1.5A
Soft-Start & Inrush Current
VIN = 3.3V, VOUT = 1.2V, IOUT = 1.5A
VIN (2V/Div) VOUT (1V/Div) II N (1A/Div)
VIN (2V/Div) VOUT (1V/Div) II N (1A/Div) Time (2.5ms/Div)
Time (2.5ms/Div)
DS8058-02 August 2007
www.richtek.com 9
RT8058
Application Information
Function Description
Preliminary
The RT8058 is a 1MHz constant frequency, current mode PWM step-down converter. High switching frequency and high efficiency make it suitable for applications where high efficiency and small size are critical. Frequency compensation is done internally. The output voltages are set by external dividers returned to the FB pin. The output voltage can be set from 0.8V to 5V. Main Control Loop During normal operation, the internal top power switch (P-MOSFET) is turned on at the beginning of each clock cycle. Current in the inductor increases until the peak inductor current reach the value defined by the output voltage of the error amplifier. The error amplifier adjusts its output voltage by comparing the feedback signal from a resistor divider on the FB pin with an internal 0.6V reference. When the load current increases, it causes a reduction in the feedback voltage relative to the reference. The error amplifier raises its output voltage until the average inductor current matches the new load current. When the top power MOSFET shuts off, the synchronous power switch (N-MOSFET) turns on until the beginning of the next clock cycle. Soft Start / Enable For convenience of power up sequence control, RT8058 has an enable pin. Logic high at EN pin will enable the converter. When the converter is enabled, the clamped error amplifier output ramps up during 1024-clock period to increase the current provided by converter until the output voltage reach the target voltage. If EN is kept at high during Vin applying, RT8058 will be enabled when VDD surpass Under-Voltage Lockout threshold. Output Voltage Programming The output voltage is set by an external resistive divider according to the following equation : VOUT = VREF x (1+ R1/R2) where VREF equals to 0.6V typical.
The resistive divider allows the FB pin to sense a fraction of the output voltage as shown in Figure 1.
V OUT R1 FB RT8058 GND R2
Figure 1. Setting the Output Voltage Slope Compensation and Inductor Peak Current Slope compensation provides stability in constant frequency architectures by preventing sub harmonic oscillations at duty cycles greater than 50%. It is accomplished internally by adding a compensating ramp to the inductor current signal. Normally, the maximum inductor peak current is reduced when slope compensation is added. In RT8058, however, separated inductor current signal is used to monitor over current condition and this keeps the maximum output current relatively constant regardless of duty cycle. Dropout Operation When input supply voltage decreases toward the output voltage, the duty cycle increases toward the maximum on time. Further reduction of the supply voltage forces the main switch to remain on for more than one cycle eventually reaching 100% duty cycle. The output voltage will then be determined by the input voltage minus the voltage drop across the internal P-MOSFET and the inductor. Low Supply Operation The RT8058 is designed to operate down to an input supply voltage of 2.7V. One important consideration at low input supply voltages is that the RDS(ON) of the P-Channel and N-Channel power switches increases. The user should calculate the power dissipation when the RT8058 is used at 100% duty cycle with low input voltages to ensure that thermal limits are not exceeded.
www.richtek.com 10
DS8058-02 August 2007
Preliminary
Short-Circuit Protection At overload condition, current mode operation provides cycle-by-cycle current limit to protect the internal power switches. When the output is shorted to ground, the inductor current will decays very slowly during a single switching cycle. A current runaway detector is used to monitor inductor current. As current increasing beyond the control of current loop, switching cycles will be skipped to prevent current runaway from occurring. If the FB voltage is smaller than 0.3V after the completion of soft-start period, under voltage protection (UVP) will lock the output to high-z to protect the converter. UVP lock can only be cleared by recycling the input power. Thermal Protection If the junction temperature of RT8058 reaches certain temperature (150C), both converters will be disabled. The RT8058 will be re-enabled and automatically initializes internal soft start when the junction temperature drops below 110 C. Inductor Selection For a given input and output voltage, the inductor value and operating frequency determine the ripple current. The ripple current IL increases with higher VIN and decreases with higher inductance. V V IL = OUT x 1 - OUT f xL VIN Having a lower ripple current reduces the ESR losses in the output capacitors and the output voltage ripple. Highest efficiency operation is achieved at low frequency with small ripple current. This, however, requires a large inductor. A reasonable starting point for selecting the ripple current is IL = 0.4(IMAX). The largest ripple current occurs at the highest VIN. To guarantee that the ripple current stays below a specified maximum, the inductor value should be chosen according to the following equation :
VOUT VOUT L= x 1- f x IL(MAX) VIN(MAX)
RT8058
forcing the use of more expensive ferrite or mollypermalloy cores. Actual core loss is independent of core size for a fixed inductor value but it is very dependent on the inductance selected. As the inductance increases, core losses decrease. Unfortunately, increased inductance requires more turns of wire and therefore copper losses will increase. Ferrite designs have very low core losses and are preferred at high switching frequencies, so design goals can concentrate on copper loss and preventing saturation. Ferrite core material saturates "hard", which means that inductance collapses abruptly when the peak design current is exceeded. This result in an abrupt increase in inductor ripple current and consequent output voltage ripple. Do not allow the core to saturate! Different core materials and shapes will change the size/ current and price/current relationship of an inductor. Toroid or shielded pot cores in ferrite or permalloy materials are small and don' t radiate energy but generally cost more than powdered iron core inductors with similar characteristics. The choice of which style inductor to use mainly depends on the price vs. size requirements and any radiated field/EMI requirements. CIN and COUT Selection The input capacitance, CIN, is needed to filter the trapezoidal current at the source of the top MOSFET. To prevent large ripple voltage, a low ESR input capacitor sized for the maximum RMS current should be used. RMS current is given by : IRMS = IOUT(MAX) VOUT VIN VIN -1 VOUT
Inductor Core Selection Once the value for L is known, the type of inductor must be selected. High efficiency converters generally cannot afford the core loss found in low cost powdered iron cores,
DS8058-02 August 2007
This formula has a maximum at VIN = 2VOUT , where IRMS = IOUT /2. This simple worst-case condition is commonly used for design because even significant deviations do not offer much relief. Note that ripple current ratings from capacitor manufacturers are often based on only 2000 hours of life which makes it advisable to further derate the capacitor, or choose a capacitor rated at a higher temperature than required. Several capacitors may also be paralleled to meet size or height requirements in the design.
www.richtek.com 11
RT8058
Preliminary
Checking Transient Response The regulator loop response can be checked by looking at the load transient response. Switching regulators take several cycles to respond to a step in load current. When a load step occurs, VOUT immediately shifts by an amount equal to ILOAD(ESR), where ESR is the effective series resistance of COUT . ILOAD also begins to charge or discharge COUT generating a feedback error signal used by the regulator to return VOUT to its steady-state value. During this recovery time, VOUT can be monitored for overshoot or ringing that would indicate a stability problem. Efficiency Considerations The efficiency of a switching regulator is equal to the output power divided by the input power times 100%. It is often useful to analyze individual losses to determine what is limiting the efficiency and which change would produce the most improvement. Efficiency can be expressed as: Efficiency = 100% - (L1+ L2+ L3+ ...) where L1, L2, etc. are the individual losses as a percentage of input power. Although all dissipative elements in the circuit produce losses, two main sources usually account for most of the losses : VDD quiescent current and I2R losses. The VDD quiescent current loss dominates the efficiency loss at very low load currents whereas the I2R loss dominates the efficiency loss at medium to high load currents. In a typical efficiency plot, the efficiency curve at very low load currents can be misleading since the actual power lost is of no consequence. 1. The VDD quiescent current is due to two components : the DC bias current as given in the electrical characteristics and the internal main switch and synchronous switch gate charge currents. The gate charge current results from switching the gate capacitance of the internal power MOSFET switches. Each time the gate is switched from high to low to high again, a packet of charge Q moves from VDD to ground. The resulting Q/t is the current out of VDD that is typically larger than the DC bias current. In continuous mode, IGATECHG = f(QT+QB) where QT and QB are the gate charges of the internal top and bottom switches. Both the DC bias and gate charge losses are proportional to VDD and thus their effects will be more pronounced at higher supply voltages.
DS8058-02 August 2007
The selection of COUT is determined by the effective series resistance (ESR) that is required to minimize voltage ripple and load step transients, as well as the amount of bulk capacitance that is necessary to ensure that the control loop is stable. Loop stability can be checked by viewing the load transient response as described in a later section. The output ripple, VOUT , is determined by : 1 VOUT IL ESR + 8fCOUT The output ripple is highest at maximum input voltage since IL increases with input voltage. Multiple capacitors placed in parallel may be needed to meet the ESR and RMS current handling requirements. Dry tantalum, special polymer, aluminum electrolytic and ceramic capacitors are all available in surface mount packages. Special polymer capacitors offer very low ESR but have lower capacitance density than other types. Tantalum capacitors have the highest capacitance density but it is important to only use types that have been surge tested for use in switching power supplies. Aluminum electrolytic capacitors have significantly higher ESR but can be used in cost-sensitive applications provided that consideration is given to ripple current ratings and long term reliability. Ceramic capacitors have excellent low ESR characteristics but can have a high voltage coefficient and audible piezoelectric effects. The high Q of ceramic capacitors with trace inductance can also lead to significant ringing. Using Ceramic Input and Output Capacitors Higher values, lower cost ceramic capacitors are now becoming available in smaller case sizes. Their high ripple current, high voltage rating and low ESR make them ideal for switching regulator applications. However, care must be taken when these capacitors are used at the input and output. When a ceramic capacitor is used at the input and the power is supplied by a wall adapter through long wires, a load step at the output can induce ringing at the input, VIN. At best, this ringing can couple to the output and be mistaken as loop instability. At worst, a sudden inrush of current through the long wires can potentially cause a voltage spike at VIN large enough to damage the part.
www.richtek.com 12
Preliminary
2. I2R losses are calculated from the resistances of the internal switches, RSW and external inductor RL. In continuous mode the average output current flowing through inductor L is "chopped" between the main switch and the synchronous switch. Thus, the series resistance looking into the LX pin is a function of both top and bottom MOSFET RDS(ON) and the duty cycle (D) as follows : RSW = RDS(ON)TOP x D + RDS(ON)BOT x (1-D) The RDS(ON) for both the top and bottom MOSFETs can be obtained from the Typical Performance Characteristics curves. Thus, to obtain I2R losses, simply add RSW to RL and multiply the result by the square of the average output current. Other losses including CIN and COUT ESR dissipative losses and inductor core losses generally account for less than 2% of the total loss. Thermal Considerations For continuous operation, do not exceed the maximum operation junction temperature 125C. The maximum power dissipation depends on the thermal resistance of IC package, PCB layout, the rate of surroundings airflow and temperature difference between junction to ambient. The maximum power dissipation can be calculated by following formula : PD(MAX) = ( TJ(MAX) - TA ) / JA Where T J(MAX) is the maximum operation junction temperature 125C, TA is the ambient temperature and the JA is the junction to ambient thermal resistance. For recommended operating conditions specification of RT8058, where T J(MAX) is the maximum junction temperature of the die and TA is the maximum ambient temperature. The junction to ambient thermal resistance JA is layout dependent. For WQFN-16L 3x3 packages, the thermal resistance JA is 68C/W on the standard JEDEC 51-7 four-layers thermal test board. The maximum power dissipation at TA = 25C can be calculated by following formula : PD(MAX) = ( 125C - 25C ) / 68C/W = 1.471 W for WQFN-16L 3x3 packages The maximum power dissipation depends on operating ambient temperature for fixed T J(MAX) and thermal resistance JA. For RT8058 packages, the Figure 2 of
DS8058-02 August 2007
RT8058
derating curves allows the designer to see the effect of rising ambient temperature on the maximum power allowed.
1.6
Maximum Power Dissipation (W)
Four Layers PCB
1.4 1.2 1 0.8 0.6 0.4 0.2 0 0 25 50 75 100 125 150
Ambient Temperature (C)
Figure 2. Derating Curves for RT8058 Package Layout Considerations Follow the PCB layout guidelines for optimal performance of RT8058. }A ground plane is recommended. If a ground plane layer is not used, the signal and power grounds should be segregated with all small-signal components returning to the GND pin at one point that is then connected to the PGND pin close to the IC. The exposed pad should be connected to GND. }Connect the terminal of the input capacitor(s), CIN, as close as possible to the PVDD pin. This capacitor provides the AC current into the internal power MOSFETs. }LX node is with high frequency voltage swing and should be kept small area. Keep all sensitive small-signal nodes away from LX node to prevent stray capacitive noise pickup. }Flood all unused areas on all layers with copper. Flooding with copper will reduce the temperature rise of power components. You can connect the copper areas to any DC net (PVDD, VDD, VOUT, PGND, GND, or any other DC rail in your system). }Connect the FB pin directly to the feedback resistors. The resistor divider must be connected between VOUT and GND.
www.richtek.com 13
RT8058
Preliminary
Figure 3. Top Layer Table 1. Recommended Inductors Component Series Supplier T AIYO YUDEN NR 4018 Murata LQH66S TDK SLF7045T Sumida CDRH5D16 GOTREND GTSD53
Figure 4. Bottom Layer
Inductance (H) 3.3 3.3 3.3 3.3 3.3
DCR (m) 70 22 20 36 34
Current Rating (m A) 2000 2600 2500 2600 2360
Dimensions (mm) 4 x 4 x 1.8 6.3 x 6.3 x 4.7 7 x 7 x 4.5 5.8 x 5.8 x 1.8 5 x 5 x 2.8
Table 2. Recommended Capacitors for CIN and COUT
Component Supplier TDK TDK Panasonic Panasonic TAIYO YUDEN TAIYO YUDEN TAIYO YUDEN Part No. C3225X5R0J226M C2012X5R0J106M ECJ4YB1A226M ECJ4YB1A106M LMK325BJ226ML JMK316BJ226ML JMK212BJ106ML Capacitance (F) 22 10 22 10 22 22 10 Case Size 1210 0805 1210 1210 1210 1206 0805
www.richtek.com 14
DS8058-02 August 2007
Preliminary Outline Dimension
SEE DETAIL A L
1
RT8058
D
D2
E
E2
1
1 2
e A A1 A3
b
2
DETAIL A Pin #1 ID and Tie Bar Mark Options Note : The configuration of the Pin #1 identifier is optional, but must be located within the zone indicated.
Symbol A A1 A3 b D D2 E E2 e L
Dimensions In Millimeters Min 0.700 0.000 0.175 0.180 2.950 1.300 2.950 1.300 0.500 0.350 0.450 Max 0.800 0.050 0.250 0.300 3.050 1.750 3.050 1.750
Dimensions In Inches Min 0.028 0.000 0.007 0.007 0.116 0.051 0.116 0.051 0.020 0.014 0.018 Max 0.031 0.002 0.010 0.012 0.120 0.069 0.120 0.069
W-Type 16L QFN 3x3 Package
Richtek Technology Corporation
Headquarter 5F, No. 20, Taiyuen Street, Chupei City Hsinchu, Taiwan, R.O.C. Tel: (8863)5526789 Fax: (8863)5526611
Richtek Technology Corporation
Taipei Office (Marketing) 8F, No. 137, Lane 235, Paochiao Road, Hsintien City Taipei County, Taiwan, R.O.C. Tel: (8862)89191466 Fax: (8862)89191465 Email: marketing@richtek.com
DS8058-02 August 2007
www.richtek.com 15


▲Up To Search▲   

 
Price & Availability of RT8058

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X