Part Number Hot Search : 
UFT40150 VMTB60 01545 T8301 TD62781 P4SMA30 TD62781 21789F
Product Description
Full Text Search
 

To Download RP05-1233SA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWERLINE - DC/DC-Converter
A-Series, 5W, 1.6 kV Isolation, Regulated, 2:1 Wide Input Range (Single & Dual Output)
Features 5 Watts Regulated Output Power 2:1 Wide Input Voltage Range Five-Sided Shield High Efficiency up to 84% Standard 24 Pin DIP & SMD Type Package
Selection Guide 12V, 24V and 48V Input Types
Part Number DIP RP05-123.3SA (SMD) RP05-1205SA RP05-1212SA RP05-1215SA RP05-1205DA RP05-1212DA (SMD) (SMD) (SMD) (SMD) (SMD) SMD Suffix Input Range VDC 9-18 9-18 9-18 9-18 9-18 9-18 9-18 18-36 18-36 18-36 18-36 18-36 18-36 18-36 36-75 36-75 36-75 36-75 36-75 36-75 36-75

International Safety Standard Approvals UL 1950 Component Recognised
Output Voltage VDC 3.3 5 12 15 5 12 15 3.3 5 12 15 5 12 15 3.3 5 12 15 5 12 15
Output Current mA 1000 1000 470 400 500 230 190 1000 1000 470 400 500 230 190 1000 1000 470 400 500 230 190
Input Current (see note 4) mA 382 563 603 649 563 597 617 194 285 305 325 274 288 308 98 143 151 162 141 147 154
Efficiency (see note 5) % 76 78 82 81 78 81 81 75 77 81 81 80 84 81 74 77 82 81 78 82 81
Capacitive Load max. F 2200 1000 220 150 680 100 68 2200 1000 220 150 680 100 68 2200 1000 220 150 680 100 68
RP05-1215DA ((SMD) RP05-243.3SA (SMD) RP05-2405SA RP05-2412SA RP05-2415SA RP05-2405DA RP05-2415DA RP05-4805SA RP05-4812SA RP05-4815SA RP05-4805DA RP05-4812DA RP05-4815DA (SMD)) (SMD) (SMD) (SMD) (SMD) (SMD) ((SMD) (SMD) (SMD) (SMD) (SMD)
RP053-2412DA (SMD) RP05-483.3SA (SMD)
RP05-4805SA: Derating Curve
125 100 75 Output Power (%) 50 25 M1 Version Natural Convection M1 Version
0 -40 -25 -10 0
50 60 70 80 90 100
Ambient Temperature Range (C)
PO 22
August 2002
www.recom-international.com
POWERLINE - DC/DC-Converter
A-Series, 5W, 1.6 kV Isolation, Regulated, 2:1 Wide Input Range (Single & Dual Output) Specifications (typical at nominal input and 25C unless otherwise noted)
Output Power Voltage Accuracy (full Load and nominal Vin) Minimum Load (see note 1) Line Regulation (LL-HL at full load) Load Regulation (25% to 100% FL) Cross Regulation (asymmetrical load 25%/100% FL) Ripple and Noise (20MHz bandwith) Temperature Coefficient Transient Response (25% load step change) Over Load Protection (% of full load at nominal Vin) Short Circuit Protection Input Voltage Range RP05 RP05 RP05 12V nominal input 24Vnominal input 48V nominal input Single Dual 5W max. 2% 10% of FL 0.2% 0.5% 1% 5% 50mVp-p 0.02%/C, max. 200sec 170% typ. Continuous, automatic recovery 9-18VDC 18-36VDC 36-75VDC Pi Type 12V Input 24V Input 48V Input 36VDC 50VDC 100VDC 20mAp-p 600ms typ. see Selection Guide" table In to out I/O to case I/O to case 1600VDC min. DIP type 1600VDC min. SMD type 1000VDC min. 109 min. 300pF max. 300kHz typ. UL 1950, EN60950 Nickel-coated copper Non-conducted black plastic Epoxy (UL94-V0) DIP SMD 16g 18g See Package Style and Pinning" on next page 3.165 x 106 hours Standard M1 (see note 3) -25C to +85C (with derating) -40C to +85C (non-derating) +100C -55C to +105C continued on next page
Input Filter Input Surge Voltage (100 ms max.)
Input Reflected Ripple (nominal Vin and full load) Start Up Time (nominal Vin and constant resistor load) Efficiency Isolation Voltage
Isolation Resistance Isolation Capacitance Switching Frequency Approved to Safety Standards Case Material Base Material Potting Material Weight Dimensions MTBF (see note 2) Operating Temperature Range Maximum Case Temperature Storage Temperature Range
www.recom-international.com
August 2002
PO 23
POWERLINE - DC/DC-Converter
A-Series, 5W, 1.6 kV Isolation, Regulated, 2:1 Wide Input Range (Single & Dual Output) Specifications continued (typical at nominal input and 25C unless otherwise noted)
Thermal Impedance Thermal Shock Vibration Relative Humidity Conducted Emissions Radiated Emissions Conducted Immunity Radiated Immunity Fast Transient ESD EN55022 EN55022 EN61000-4-6 EN61000-4-3 EN61000-4-4 EN61000-4-2 Natural convection 20C/Watt MIL-STD-810D 10-55Hz, 2G, 3 Min. Period, 30 Min. along X, Y and Z 5% to 95% RH Level A Level A Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2
Notes 1. The RP05 A-series requires a minimum of 10% loading on the output to maintain specified regulation. Operation under no-load condition will not damage these devices, however they may not meet all listed specification. 2. BELLCORE TR-NWT-000332. Case l: 50% Stress, Temperature at 40 C (Ground fixed and controlled environment). 3. M1 version is more efficient, therefore, it can be operated in a more extensive temperature range than the standard and the M2 version. 4. Maximum value at nominal input voltage and full load of standard type. 5. Typical value at nominal input voltage and full load. 6. There is no pin at pin 10 & pin 15 for the RP05-W series.
Package Style and Pinning (mm)
4.6 3.8
DIP Pin Connections Pin #
23 22 2 3
Single -Vin -Vin NC NC (see note 6) NC +Vout NC (see note 6) -Vout +Vin +Vin
Dual -Vin -Vin Common NC (see note 6) -Vout +Vout NC (see note 6) Common +Vin +Vin
Bottom View 16 15 14 9 10 11
17.80 31.80
2 3 9 10
2.5
11 14 15 16 22 23
15.20 20.30
10.20
0.25 x 0.50 Rectangular Pin
11.2 Pin area 1.0 x 0.5
24 23 22 21 20 1 2 3 4 5
SMD Pin Connections Pin # 2 3 9 10 11 14 15 16 22 23 Others Single -Vin -Vin NC NC NC +Vout NC -Vout +Vin +Vin NC Dual -Vin -Vin Common NC -Vout +Vout NC Common +Vin +Vin NC
2.54
10.9
0.5
3.81 32.00 6.35
Bottom View
16 15 14 13
9 10 11 12
20.30 23.40 25.40
Pin Pitch Tolerance 0.35 mm
PO 24
August 2002
www.recom-international.com


▲Up To Search▲   

 
Price & Availability of RP05-1233SA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X