Part Number Hot Search : 
BC848AW P1000 RHF350 TJA1051E HT3401 P0J33 MPSA42 IRF540N
Product Description
Full Text Search
 

To Download REC-140L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 140 L
Vishay Sfernice Precision Linear Transducers, Conductive Plastic (REC)
FEATURES
* Measurement Range 25 mm to 1000 mm * High Accuracy 1 % down to 0.025 % * Excellent Repeatability * Long Life * Essentially Infinite Resolution * Not Sensitive to Temperature Variations The 140 L is a robust, high precision industrial linear motion transducer with double ball joints, the 140 L is designed for simple, self-aligned mounting.
ELECTRICAL SPECIFICATIONS
Theoretical electrical travel (TET) on request Independent linearity (over TET) on request Actual electrical travel (AET) Ohmic values Repeatability Maximum power rating Wiper current Load resistance Number of tracks Insulation resistance at 20C Dielectric strength at 20C from 25mm to 1000mm in increments of 25mm up to 2000mm (vertical working position) 1% - 0.1% from 25mm to 1000mm 0.05 % from 100mm to 1000mm 0.025% from 200mm to 1000mm see table 1 400/cm to 2k/cm 20% 0.01% 0.05W/cm at 70C 0W at 125C recommended: a few A - 1 mA max. continuous minimum 103 x RT 1, standard; 2, on request 1000M 500VDC 1000VRMS 50Hz
MECHANICAL SPECIFICATIONS
Mechanical travel (MT) Housing Operating force Shaft (free rotation) Termination Wiper Sealed to Mounting see table 1 anodized aluminum 50N typical stainless steel Binder connector Series 713 precious metal multifinger IP65 (on request) double ball joint o 10
PERFORMANCE
Operating life Temperature range Sine vibration on 3 axes Mechanical shocks on 3 axes 40 million cycles typical - 55C + 125C 1.5mm peak to peak 0 - 10 Hz 15g - 10Hz - 2000Hz 50g - 11ms - half sine
Document Number: 54014 Revision 14-Dec-01
For technical questions, contact sfer@vishay.com
www.vishay.com 35
140 L
Vishay Sfernice Precision Linear Transducers, Conductive Plastic (REC)
DIMENSIONS in millimeters, general tolerance 1mm
L (adjustable) over 5 62 5 A2
O 26
A
O 10
+ 0.018 -0
2 ball joints (Angular clearance 12)
27.5
43
VIEW A
O 19.7
Table 1
56 max.
SIZE L1 to L9 L10 to L16 L17 to L19 L20 to L29
14 O 38
TET = E 25 to 225 250 to 400 425 to 475 500 to 725 750 775 to 975 1000
AET E + 2 0.5 E + 3 1.5 E + 3 1.5 E + 4 1.5 E + 5 1.5 E + 5 1.5
MT E+41 E+62 E+62 E+82 E + 10 2 E + 10 2
A E + 129 E + 129 E + 159 E + 159 E + 159 E + 194 E + 194
L E + 234 E + 234 E + 264 E + 264 E + 264 E + 299 E + 299
L30 L31 to L39 L40
E + 6 1.5 E + 12 2
ELECTRICAL CONNECTIONS
Pin 3: + Pin 4: Wiper Pin 1: TET AET MT TET = Theoretical electrical travel AET = Actual electrical travel MT = Mechanical travel
ORDERING INFORMATION
REC SERIES 140 MODEL L NUMBER OF TRACKS L=1 LL = 2 23 THEORETICAL ELECTRICAL TRAVEL Times 25 mm D LINEARITY A:1% D : 0.1 % E : 0.05% F : 0.025% 103 OHMIC VALUE First 2 digits are significant numbers 3rd digit indicates number of zeros W... MODIFICATIONS Special feature code number
www.vishay.com 36
For technical questions, contact sfer@vishay.com
Document Number: 54014 Revision 14-Dec-01


▲Up To Search▲   

 
Price & Availability of REC-140L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X