Part Number Hot Search : 
AHV8401 F1100ELF 5SDF07F4 MMBT2 ZT55C9V1 E3E1E MM5ZB43H MDT10P
Product Description
Full Text Search
 

To Download QHF-2A-60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 QHF-2A Series
90 POWER DIVIDERS / COMBINERS
1 to 1000 MHz / 10% Bandwidth Standard / Low Insertion Loss / Low Profile Hermetic Package
PRINCIPAL SPECIFICATIONS
Model Number Center Usable Isolation, Frequency, Bandwidth, dB, fo, MHz MHz Min. 57 - 63 fo 5% 23 23 Insertion Phase Loss, Tolerance, dB, Max. Max. 0.3 0.3 90 2 90 2 Amplitude Balance, dB, Max. 0.75 dB 0.75 dB VSWR, Max. 1.3:1 1.3:1 CW Input*, W 1 1
QHF-2A-60 60 QHF-2A-***B 1 -1000 MHz
For complete Model Number replace *** with desired Center Frequency, fo in MHz.
*CW input power with 1.2:1 VSWRout
General Notes:
GENERAL SPECIFICATIONS
Coupling: Weight: Impedance: -- 3 dB nom. 0.1 oz (2.8g) nom. 50 nom.
1. The QHF-2A series of Quadrature Hybrids covers 1 MHz to 1000 MHz using special lumped element circuits to minimize parts count and size for applications requiring an ultra-miniature package. High performance is achieved in the 0.385" by 0.5" flatpack housing that is ideally suited to aerospace applications where inherent package reliability and hermeticity are essential.
Operating Temperature: -- 55 to +85C A- Flatpack Outline
NOTES: 1. Tolerance on 3 place decimals .010(.25) except as noted. 2. Dimensions in inches over millimeters. 3. All unmarked pins are case ground. 4. Dimensions marked with * apply only at body.
1 2 3 4
Phasing Diagram - A 1 2 3 4 0 -- 90 Isol 0 Isol -- 90 -- 90 Isol Isol -- 90 0
20Feb96
For further information contact MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531


▲Up To Search▲   

 
Price & Availability of QHF-2A-60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X