Part Number Hot Search : 
CMP04 DM74S253 JANTX1 MAX695 NTE104 GA16A A5800 BPC25
Product Description
Full Text Search
 

To Download PHI214-20EL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 *
an AMP company
-F--z = -=-=c
=z z .-----= =E
Radar Pulsed Power Transistor, 2OW, 2ms Pulse, 10% Duty 1.2 - 1.4 GHz PHI 214-20EL
Features
l l l l l l l l
NPN Silicon Microwave Power Transistor Common Base Configuration Broadband Class C Operation High Efficiency Interdigitated Geometry Diffused Emitter Ballasting Resistors Gold Metalization System Internal Input Impedance Matching Hermetic Metal/Ceramic Package
.375= 213 (Y53:25)
Absolute Maximum Ratings at 25C
Electrical Characteristics
at 25C
Broadband Test Fixture Impedances
F(GHr)
1.20 1.30 1.40
T:IST -
FIXTLjRE :WLlT CIRCUIT I
TCST
FIXTSE DCTPLIT CIRCLIIT /
z,,(n)
2.1 -j4.5 2.1 -j3.9 2.2 -j3.4
Z,,(Q)
3.7+jO.9 3.6+jO.4 3.O+jO.2
$
53R
50R q -
-!-
Specifications Subject to Change Without Notice.
9-124
NOWI America: Tel. (800) 366-2266 Fax (800) 618-8883 H Asia/Pacific: Tel. +81 (03) 3226-1671 Fax +81 (03) 3226-1451
n
M/A-COM,
Europe:
inc.
Tel. +44 (1344) 869 595 Fax +44 (1344) 300 020
Radar Pulsed Power Transistor,
2OW
PH1214-20EL
v2.00
RF Test Fixture
"cc
Q
IN&T 50 OHMS
w ou TPUT
cu50
OHMS
ARTWORK
DIMENSIIINS
IN MILS LIST
F'ARTS Cl c2 c3 Ql BOARD
TYPE:
100 pF ATC SIZE A 50 uF 50 VOLTS PH1214-25M ROGERS 6010.5 ,025" THICK, ER
= 10.5
Specifications
Subject to Change Without Notice.
M/A-COM,
Inc.
Tel. (800) 366-2266 Fax (800) 618-8883
n
9-l 25
Asia/Pacific: Tel. +81 (03) 3226-1671 Fax +81 (03) 3226-1451
n
North America:
Europe:
Tel. +44 (1344) 869 595 Fax +44 (1344) 300 020


▲Up To Search▲   

 
Price & Availability of PHI214-20EL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X