![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
COMPONENT DATA OM 1058 Infra-Red CAR-KEY Transmitter OM1058 in case SO-8 1. DESCRIPTION AND APPLICATION This device is intended to be used in an infra-red remote-control car-key to transmit, when a button is pushed, an individual code to a receiver in the car to alternately open and lock the doors. The code is stored in a 24-bit EEPROM which is programmed by the equipement manufacturer. An input selects between a single or a repetitive transmission. It uses a fixed frequency to code the data. This device is identical to an OM1058. FIGURE 1 : "Block Diagramm" OUT www..com MODE PROG SERCLK VDD VSS RCOS I/O EEPROM RCOSC LOGIC P.D.R 1 of 1 OM1058.doc COMPONENT DATA OM 1058 2. ELECTRICAL REQUIREMENTS 2.1 MAXIMUM RATINGS TABLE 1 : "Maximum ratings" PARAMETERS DC Supply Voltage Voltage range on any input (except pin3) Voltage range pin 3 Storage temperature (unprogrammed) Storage temperature range (programmed) Operating ambient temperature range SYMBOL VDD VI VI Tstgu Tstgp Tamb VALUE -0.3 to 7 -0.8 to VDD +0.8 -0.8 to VDD +3 -65 to +150 -65 to +85 -40 to +85 UNIT V V V C C C 2.2 ELECTRICAL CHARACTERISTICS www..com TABLE 2 : "Electrical Parameters" TA = 25C, and VDD = 5V unless otherwise noted CHARACTERISTIC OPERATING VOLTAGE OPERATING CURRENT at 5V, 25C, 50KHz INPUT VOLTAGE (pin 2,3,6) low high SYMBOL VDD IDD MIN 2.5 TYP MAX 6.5 500 Units V A V V VIL VIH -0.8 0.7*VDD 0.3*VDD VDD +0.8 INPUT VOLTAGE (pin 7), programming low high VIL VIH IL IIN -0.8 VDD 0 VDD + 0.8 1 3 V V A mA mA A KHz kOhm LEAKAGE CURRENT (pin 2,3,6 at VSS or VDD) LEAKAGE CURRENT (pin 7 at VSS) INPUT CURRENT (pin 3) at 5V, pin3 = 7.5V OUT sink current at 5V, 25C, OUT=4V OUT source current at 5V, 25C, OUT=0V RCOS frequency with 51K, 560pF, 3.5V SERCLK resistor to VSS (at 25C) 25 -400 40 25 100 -1200 60 100 2 of 2 OM1058.doc COMPONENT DATA OM 1058 3. DRAWINGS, TEST CIRCUITS AND TABLES FIGURE 2 : "Pinning Diagramm" 1 2 3 4 n.c MODE PROG VSS VDD RCOS SERCLK OUT 8 7 6 5 www..com PINNING: 1. N.C 2. MODE 3. PROG 4. VSS 5. OUT 6. SERCLK 7. RCOS 8. VDD input to select single or repetitive transmission input used to ptogram the EEPROM ground CMOS output input used to program the EEPROM RC oscillator and used to program the EEPROM positive supply FIGURE 3 : "Typical Application Diagramm" 3 of 3 OM1058.doc COMPONENT DATA OM 1058 FIGURE 4 : "Outline Dimensions" N E 1 N/2 H B D A L C h x 45 e A1 SYMBOL www..com A A1 B C D E N e H h L VARIATIONS MIN MAX 1,35 1,75 0,1 0,25 0,36 0,49 0,19 0,25 4,8 5,0 3,8 4,0 8 1,27 5,8 6,2 0,3 Ind. A B Date 19 may 1993 16 june 1999 Issue Original release Update Author A.L. B.G. 4 of 4 OM1058.doc |
Price & Availability of OM1058
![]() |