Part Number Hot Search : 
0182RF TDA9381 224SH PMH25GY DM0465 M100G RFN10 BPC25
Product Description
Full Text Search
 

To Download NCP1010AP130 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AND8125/D Evaluating the Power Capability of NCP101X Members
Prepared by: Christophe Basso ON Semiconductor http://onsemi.com
APPLICATION NOTE * Maximum Peak Current: In the NCP101X series, the
peak current is internally fixed. This parameter plays an obvious role in the maximum transmitted power since it obeys the DCM Flyback formula, Pout = 0.5 x h x Lp x Ip2 x Fsw. One input of our process selection will thus be the reference peak current, 100 mA, 250 mA, 350 mA or 450 mA. Once the theoretical power capability has been evaluated, it will finally be necessary to check the power dissipation of the switcher itself (given conduction losses, switching losses, etc.) and see what remains available for a reliable operation.
Operating in DCM
The NCP101X series is available in various combinations of peak current and switching frequencies. To help the designer quickly picking up the right part, it is important to present guidelines aimed to simplify the selection process. This application note details how to evaluate the power handled by each device and offers an overview of each part capability. Each reference is affected by a key parameter that needs to be accounted for at the very beginning like the switching frequency, the maximum peak current and the Rds(ON). Among these parameters, we also find another set of constraints but linked to the adopted topology, i.e. current mode in our case: * DCM Operation: As the device operates in current-mode, it is mandatory to keep operating in discontinuous mode with a duty-cycle bounded below 50% to avoid sub-harmonic oscillations when accidentally entering Continuous Conduction Mode (CCM). We will use 0.45 as the maximum value in our examples. * Nonnegative Reflection: The built-in lateral MOSFET does not accept to see its body diode forward biased by an excessive Flyback voltage greater than the bulk voltage during the OFF time. Hence, for universal mains operation, the turn ratio Ns:Np will be selected to keep Vreflect = (Ns/Np) x (Vout + Vf) below the very minimum operating DC input voltage of your converter (including the input 120/100 Hz ripple in offline applications). For instance, if we have a 100 VAC input, it becomes 141 V once rectified minus the selected ripple. If choose a "20% ripple, then the very minimum DC voltage is 141-20% = 112 V. We can select a 100 V maximum reflection voltage (noted Vr) for a safe operation on wide mains, whereas this number will grow-up above 200 V for European mains operation (230 VAC "15%).
When the switch closes, Vin is applied across the primary inductance Lp until the current reaches the level imposed by the feedback loop. The duration of this event is called the ON time and can be defined by:
Ton + Lp * Ip Vin
(eq. 1)
Lp, primary inductance, Vin the input voltage, Ip the operating peak current.
At the switch opening, the primary energy is transferred to the secondary and the flyback voltage appears across Lp, resetting the transformer core with a slope of
N * (Vout ) Vf) . Toff, the OFF time is thus: Lp Toff + Lp * Ip N * (Vout ) Vf)
(eq. 2)
Lp, primary inductance, Vout the output voltage, Ip the operating peak current, Vf the secondary rectifier voltage drop, N the transformer turn ratio, Ns:Np.
(c) Semiconductor Components Industries, LLC, 2003
1
July, 2003 - Rev. 0
Publication Order Number: AND8125/D
AND8125/D
If one wants to keep DCM only, but still need to pass the maximum power, we will not allow a dead-time after the core is reset, but rather immediately restart (fixed frequency boundary mode operation). The switching period can be expressed by:
(eq. 3)
Extracting Lp from equation 5 gives:
Lpcritical + (Vin * Vr)2 * h 2 * Fsw * [Pout * (Vr2 ) 2 * Vr * Vin ) Vin2)]
Tsw + Toff ) Ton + Lp * Ip *
1) 1 Vin N * (Vout ) Vf)
(eq. 6) , with Vr = N. (Vout + Vf) our reflected voltage... Selecting a primary inductance value lower than the one given by equation 6 ensures discontinuous operation at the lowest line for a given reflected voltage.
Nonnegative Reflection
with Vin the input voltage
The Flyback transfer formula dictates that:
Pout + 1 * Lp * Ip2 * Fsw (eq. 4) which, by extracting Ip h 2
(with h the converter efficiency)
and plugging into equation 3, leads to:
Tsw + Lp 2 * Pout * 1 ) 1 Vin N * (Vout ) Vf) h * Fsw * Lp
(eq. 5)
If we operate on universal mains from 100 VAC to 250 VAC, then the maximum reflected voltage is: VinAC x 1.414 - ripple = 112 V with a selected "20% ripple (eq. 7) . We can take 100 V to include a safety margin. Running the part from a single Europeans mains offers greater flexibility. The voltage is 230 VAC "15%, which leads to a minimum AC operating voltage of: 230-15% = 195 VAC. The maximum reflected voltage is thus: VinAC x 1.414 - ripple = 220 V with a selected "10% ripple (eq. 8) . We can take 210 V to include a safety margin.
Maximum Peak Current
The maximum peak current is given by the particular part reference. If we follow the data sheet, these values are:
AAAAAAAA AAAAAAA AAA AAAA A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAA AA A AAA A A A A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAA A A A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A A A A A
NCP1010 NCP1011 NCP1012 NCP1013 NCP1014 Rdson (W) 23 11 Ipeak (mA) Freq (kHz) 100 250 250 350 450 65 100 130 65 100 130 65 100 130 65 100 130 65 100
Combining all these parameters together, we can finally calculate what theoretical maximum power we can pass satisfying the three bullets expressed at the beginning of this document. From the maximum peak current, duty-cycle constraint and minimum input voltage (universal or narrow mains), we deduce the maximum inductor Lpmax we can use:
Lpmax +
DC max * Vinput min * Tsw (eq. 9) . If we Ip max
apply the following parameters (45% max DC, 120 VDC minimum voltage, 65 kHz switching frequency and 100 mA peak current), it gives an upper inductance boundary of: 0.45 x 120 x 15.4 m/0.1 = 8.3 mH.
If we now equate equation 9 with equation 6, we can obtain the maximum power constrained by a 45% duty-cycle, a maximum peak current and a given minimum input voltage:
Pmax : + Tsw2 * Vinmin2 * Vr2 * h * Fsw (2 * Lpmax * Vr2 ) 4 * Lpmax * Vr * Vinmin ) 2 * Lpmax * Vinmin2)
(eq. 10)
Keep the same parameters as above, we obtain, Pmax = 2.2 W. Please note that increasing the switching frequency will not expand the power capability of the given converter but will reduce the inductance and allow a smaller magnetic element (the L x I2 goes down). Running the same chart with all the listed references, gives the first following correspondence between a given peak current and a theoretical maximum power obtained from a converter operated at high line and low line:
Table 1. Theoretical Transmitted Power Depending on Peak Current Only
Peak Current 450 mA 350 mA 250 mA 100 mA Wide Mains Operation 8.9 W 6.9 W 5.0 W 2.0 W 230 " 15% Operation 18.6 W 14.5 W 10.3 W 4.1 W
http://onsemi.com
2
AND8125/D
Accounting for the Part Parameters Power Dissipation of the PDIP7 Package
We now need to refine these calculations knowing our thermal constraints and internal power dissipation (conduction and switching losses, Dynamic Self-Supply, etc.) in order to offer a final selection table. The following chart will be used to assess all possible power combinations given the NCP101X family:
Select frequency Fsw
Capacitive losses P1 = Fsw x Coss
The power dissipated by the PDIP7 package is dependent upon its internal consumption and the total thermal resistance junction-to-ambient RqJA. If we start from a 70C ambient temperature and a RqJA of 75C/W (which was measured on the demoboard with 35 m added copper - please see data sheet for suggested layout), then the maximum dissipation from the PDIP7 is: (Max Tj-Ta)/ RqJA = (125-70)/75 = 730 mW which grows up to 1.0 W for a lower maximum ambient temperature of Ta = 50C. Calculating the total power consumption of a monolithic circuit implies splitting the budget with the various contributors: 1. Dynamic Self Supply (DSS): The average current flowing through the DSS is directly the current needed by the chip to operate (neglecting the switching losses on the DSS itself. Therefore, PDSS = ICC1 x VHV. Therefore, if we in average, the parts exhibit an average ICC1 consumption of 1.0 mA, then the maximum DSS dissipated power is: 1.0 m x 370 V = 0.37 W. (This number drops to 0 W with an auxiliary winding and thus offers better margin for the MOSFET.) 2. Switching Losses: Theoretically, the turn-on losses are null since we turn on the MOSFET at zero current (DCM). However, there still is a parasitic capacitance on the MOSFET (Coss and Crss) which play a role in the power dissipation budget. To assess the value of this capacitor, we can measure the time taken by the current to come back to zero:
DSS is used?
P2 = 0
P2 = Vbulk max x ICC1 Package and PCB dependency Conduction losses
Pdmax = (Tj - Ta)/RqJA Dissipation room for MOSFET Pcond = Pdmax - (P1 + P2)
IdRMS = (Pcond, Rdson) Compute Ip available since DCM
Ip available u NCP101Xmin
Ip final = Ip available
Ip final = NCP101Xmin
Compute Pmax using equations 9 & 10
Figure 1. Power Flowchart - Used methodology for assessing the maximum power capability from a particular part number.
http://onsemi.com
3
AND8125/D
Current in the MOSFET
Capacitive Contribution
Figure 2. Typical Turn - Off Behavior of an NCP101X Series Member
The presence of the "square" corresponds to a capacitive current flowing inside the MOSFET...but also through the 10 pF scope probe. This current does not create turn-off losses (except losses due to ohmic paths) but it reveals the existence of a capacitor that will create additional losses during turn-on. Based on Figure 2, this capacitor roughly equals: 70 mA x 100 ns/300 V = 25 pF-10 pF = 15 pF. This is pretty low and is typical of lateral MOSFETs. In DCM, this capacitor can be charged to Vin in the worse case. Therefore, the energy stored in the capacitor is: 0.5 x 15 p x 3702 = 1.03 mJ. Depending on the switching frequency, we will have the following average losses:
1.03 m x 65000 = 67 mW 1.03 m x 100000 = 103 mW 1.03 m x 130000 = 134 mW 3. Conduction Losses: These losses are dependent on the device Rds(ON) and the RMS current flowing into it. In lack of internal ramp compensation, the converter has to operate in Discontinuous Conduction Mode (DCM) to avoid sub-harmonic oscillations. If we add powers described at bullets 1 and 2, we have the remaining power for the MOSFET alone at different ambient temperatures (Ploss in the previous chart):
Table 2. Available Losses Budget in Function of the Switching Frequency Selection
Fswitching 65 kHz 100 kHz 130 kHz DSS 505C 490 mW 450 mW 420 mW DSS 705C 220 mW 190 mW 150 mW A.W. 505C 930 mW 900 mW 860 mW A.W. 705C 670 mW 630 mW 600 mW
As we can see from Table 2, applications needing the maximum power at high ambient temperature will require the use of an auxiliary to improve the room for MOSFET power dissipation. By definition, we know that Pcond = Idrms2 x Rds(ON), hence the maximum allowable RMS current can be deducted from the previous table. For instance, 490 mW = Idrms2 x Rds(ON) Idrms <
Pcond + Rds(ON) 0.49 = 140 mA RMS (eq. 11) . 25
By definition, the RMS value of a triangular current waveform (SMPS operated in DCM) is: Irms = Ipeak x sqrt (d/3). Since d = 45% maximum, then Ipeak = Irms / 387 m. By computing all RMS and peak values for the different versions, we obtain the following arrays (RMS current/ Peak current):
http://onsemi.com
4
AND8125/D
Rdson of 25 W @ Tj = 1255C (NCP1012/13/14) Table 3. Available RMS/Peak Current for the 11 W Version, Respecting Table 2 Figures
Fswitching 65 kHz 100 kHz 130 kHz DSS 505C 140 mA/361 mA 134 mA/346 mA 129 mA/335 mA DSS 705C 94 mA/242 mA 87 mA/225 mA 77 mA/200 mA A.W. 505C 193 mA/498 mA 190 mA/490 mA 185 mA/479 mA A.W. 705C 163 mA/423 mA 158 mA/410 mA 155 mA/400 mA
Rdson of 52 W @ Tj = 1255C (NCP1010/11) Table 4. Available RMS/Peak Current for the 23 W Version, Respecting Table 2 Figures
Fswitching 65 kHz 100 kHz 130 kHz DSS 505C 97 mA/250 mA 93 mA/240 mA 90 mA/232 mA DSS 705C 65 mA/168 mA 60 mA/156 mA 54 mA/139 mA A.W. 505C 130 mA/345 mA 131 mA/340 mA 129 mA/332 mA A.W. 705C 113 mA/293 mA 110 mA/284 mA 107 mA/277 mA
Final Selection Table
From the two above tables 3 and 4, we can now compute the maximum power handled by the component applying equations 9 and 10, where the duty-cycle is constrained to 45%, Vreflec = 100 V for universal mains but rises up to 210 V in single mains, offering more flexibility. If the device offers a peak current capability greater than the value recommended by table 3 or 4, then unfortunately table 3 and 4 set the priority as the flow chart indicated. To the opposite, if the available peak current room exceeds the maximum part peak setpoint, then the part peak current takes the lead. Two short examples can detail this methodology with a 100 kHz, 350 mA device featuring a 12 W Rds(ON): Table 3 states that the maximum peak current at Ta = 70C equals 225 mA when the DSS is used. The peak current
Universal Mains Applications (100 - 260 VAC)
value entered in equation 9 is thus 225 mA which gives a maximum power of 3.41 W (eq. 10). Here, we cannot use the full dynamic of the 350 mA because of the dissipation constraint imposed by table 3. If we now wire an auxiliary winding, the peak current room given by table 3 rises up to 410 mA. But this time, the peak limit is bounded by the part setpoint of 350 mA - 10% = 315 mA min (350 m < 465 m). This value will therefore be entered into equation 9 and gives a maximum power of 6.8 W. These calculations were performed for a universal mains application (Vreflect = 100 V) and can also for a narrow mains input with a Vreflect of 210 V. All results are gathered in table 5 and 6, offering a power handling capability device by device.
Table 5. Power Capability Per Selected Device in Universal Mains Applications
Part Reference NCP1012P06 NCP1013P06 NCP1014P06 NCP1012P10 NCP1013P10 NCP1014P10 NCP1012P13 NCP1013P13 NCP1010P06 NCP1011P06 NCP1010P10 NCP1011P10 NCP1010P13 NCP1011P13 Key Parameters 65 kHz - 23 W - 250 mA 65 kHz - 23 W - 350 mA 65 kHz - 23 W - 450 mA 100 kHz - 23 W - 250 mA 100 kHz - 23 W - 350 mA 100 kHz - 23 W - 450 mA 130 kHz - 23 W - 250 mA 130 kHz - 23 W - 350 mA 65 kHz - 52 W - 100 mA 65 kHz - 52 W - 250 mA 100 kHz - 52 W - 100 mA 100 kHz - 52 W - 250 mA 130 kHz - 52 W - 100 mA 130 kHz - 52 W - 250 mA DSS 505C 4.9 6.8 7.8 4.9 6.8 7.6 4.9 6.8 2.0 4.9 2.0 4.9 1.9 4.9 DSS 705C 4.9 5.3 5.3 4.8 4.8 4.8 4.4 4.4 2.0 3.7 2.0 3.3 1.9 3.0 A.W. 505C 4.9 6.8 8.8 4.9 6.8 8.8 4.9 6.8 2.0 4.9 2.0 4.9 1.9 4.9 A.W. 705C 4.9 6.8 8.8 4.9 6.8 8.8 4.9 6.8 2.0 4.9 2.0 4.9 1.9 4.9
http://onsemi.com
5
AND8125/D
Narrow Mains Applications (230 VAC " 15%) Table 6. Power Capability Per Selected Device in Narrow Mains Applications
Part Reference NCP1012P06 NCP1013P06 NCP1014P06 NCP1012P10 NCP1013P10 NCP1014P10 NCP1012P13 NCP1013P13 NCP1010P06 NCP1011P06 NCP1010P10 NCP1011P10 NCP1010P13 NCP1011P13 Key Parameters 65 kHz - 23 W - 250 mA 65 kHz - 23 W - 350 mA 65 kHz - 23 W - 450 mA 100 kHz - 23 W - 250 mA 100 kHz - 23 W - 350 mA 100 kHz - 23 W - 450 mA 130 kHz - 23 W - 250 mA 130 kHz - 23 W - 350 mA 65 kHz - 52 W - 100 mA 65 kHz - 52 W - 250 mA 100 kHz - 52 W - 100 mA 100 kHz - 52 W - 250 mA 130 kHz - 52 W - 100 mA 130 kHz - 52 W - 250 mA DSS 505C 10.6 14.8 17.3 10.6 14.8 16.6 10.6 14.8 4.2 10.6 4.2 10.6 4.2 10.6 DSS 705C 10.6 11.7 11.7 10.6 10.6 10.7 9.6 9.6 4.2 8 4.2 7.4 4.2 6.7 A.W. 505C 10.6 14.8 19 10.6 14.8 19 10.6 14.8 4.2 10.6 4.2 10.6 4.2 10.6 A.W. 705C 10.6 14.8 19 10.6 14.8 19 10.6 14.8 4.2 10.6 4.2 10.6 4.2 10.6
Taking the Right Part
As one can see, there is a lot of overlap between the part themselves. We can use this characteristic to fine tune the final design and reach the optimal price/performance ratio. For instance, there are a few questions which, once answered, will naturally push toward the exact reference. 1. "Do I need an accurate Over Current Protection point?": If the answer is yes, then go to the DSS option only. If the answer is no, an auxiliary winding will help you passing more power with a cooler part. 2. "Is the EMI filtering a big constraint on my design?": A yes means you need the DSS to provide the frequency jittering. If not, auxiliary winding is an option as in point 1. Also, filtering a 65 kHz pattern is easier than a 100 kHz or 130 kHz.
3. "I need to operate my converter at the highest ambient temp!": In that case, go for the auxiliary winding. 4. "My application requires a protection against optocoupler failures0": By sensing the auxiliary current flowing into the Vcc pin, the part selfprotects against open-loop runaways. Go for the auxiliary winding option. 5. "I have a converter that already runs at 130 kHz with an auxiliary winding!": In that case, no option, provided that power budget is compatible... 6. "I need the smallest possible size0": If the frequency increase does not help to pass more power, it certainly provides a size reduction in the magnetic element. Go for a 130 kHz version.
http://onsemi.com
6
AND8125/D
Notes
http://onsemi.com
7
AND8125/D
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
Literature Fulfillment: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303 - 675- 2175 or 800 - 344- 3860 Toll Free USA/Canada Fax: 303 - 675- 2176 or 800 - 344- 3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800 - 282- 9855 Toll Free USA/Canada JAPAN: ON Semiconductor, Japan Customer Focus Center 2- 9- 1 Kamimeguro, Meguro - ku, Tokyo, Japan 153 - 0051 Phone: 81 - 3- 5773- 3850 ON Semiconductor Website: http://onsemi.com For additional information, please contact your local Sales Representative.
http://onsemi.com
8
AND8125/D


▲Up To Search▲   

 
Price & Availability of NCP1010AP130

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X