Part Number Hot Search : 
2N440308 2647S C8051F0 ANTXV1N 102KA 45985 0ZA6T AME5297
Product Description
Full Text Search
 

To Download MP8005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
MP8005 THRU MP810
RECTIFIER SPECIALISTS
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 8.0 Amperes
FEATURES
* Surge overload rating: 125 Amperes peak * Low forward voltage drop * Small size: simple installation
MP-6
METAL HEAT SINK
MECHANICAL DATA
* Case: Molded plastic with heatsink * Epoxy: UL 94V-0 rate flame retardant * Lead: MIL-STD-202E, Method 208 guaranteed * Polarity: Symbols molded or marked on body * Mounting position: Any * Weight: 6.1 grams
.620(15.7) .580(14.7)
AC AC
.270(6.8) .230(5.8)
.042(1.1) .039(1.0)
.750 MIN (19.1)
HOLE FOR NO.6 SCREW
.445(11.3) .405(10.3)
.620(15.7) .580(14.7)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
.445(11.3) .405(10.3)
Dimensions in inches and (millimeters)
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward Output Current at TC = 75 C Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum Forward Voltage Drop per element at 4.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage per element Operating Temperature Range Storage Temperature Range @TA = 25 oC @TC = 100 oC
o
MP8005 MP801 50 35 50 100 70 100
MP802 200 140 200
MP804 400 280 400 8.0 125 1.1 10 500
MP806 600 420 600
MP808 800 560 800
MP810 1000 700 1000
UNITS Volts Volts Volts Amps Amps Volts Amps
0 0
VRRM VRMS VDC IO IFSM VF IR TJ TSTG
-55 to +125 -55 to +150
C C
RATING AND CHARACTERISTIC CURVES (MP8005 THRU MP810)
FIG. 1 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT, (A) 150 125 100 75 50 25 0
FIG. 2 - TYPICAL FORWARD CURRENT DERATING CURVE AVERAGE FORWARD OUTPUT CURRENT, (A) 10
8.3ms Single Half Sine-Wave (JEDEC Mathod)
8
S atHe
6
ink ting un Mo
4
2
Single Phase Half Wave 60Hz Inductive or Resistive Load
PC Bo d ar M ou nt in g
1
2
5
10
20
50
100
0
50
100
150
NUMBER OF CYCLES AT 60Hz
CASE TEMPERATURE, (oC)
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS INSTANTANEOUS REVERSE CURRENT, (A) INSTANTANEOUS FORWARD CURRENT, (A) 100 10
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
TJ=25oC
10
1.0
Pulse Width=300ms 1% Duty Cycle
1
.1
TJ=25oC
.1
.6
.7
.8
.9
1.0
1.1
1.2
1.3
.01
0
20
40
60
80
100
120
140
INSTANTANEOUS FORWARD VOLTAGE, (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
DC COMPONENTS CO., LTD.
R


▲Up To Search▲   

 
Price & Availability of MP8005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X