Part Number Hot Search : 
LM317 X29LV B2015RU RN2325A LM334S8 150B1 Z0120B 150200
Product Description
Full Text Search
 

To Download MBRP20060CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Schottky PowerMod
CPT30060
Baseplate A=Common Anode B
A R G
Dim. Inches Min.
A B C E F G H N Q R U V W
Millimeters Min. Max. Notes
Max.
Q
N
W Baseplate Common Cathode U C
F U
H V E
Baseplate D=Doubler Notes: Baseplate: Nickel plated copper
--3.630 0.800 0.700 0.630 --0.130 0.120 0.510 0.490 1.375 BSC --0.010 ----0.290 0.275 3.150 BSC 0.600 --0.312 .340 0.180 0.195
--92.20 17.78 20.32 --16.00 3.30 3.05 12.45 12.95 34.92 BSC --0.25 ----6.99 7.37 80.01 BSC 15.24 --7.92 8.64 4.57 4.95
1/4-20 Dia.
Dia.
Microsemi Catalog Number CPT30060*
Industry Part Number MBRP20060CT MBRP30060CT MBR20060CT MBR30060CT
Working Peak Repetitive Peak Reverse Voltage Reverse Voltage 60V 60V
Schottky Barrier Rectifier Guard Ring Protection 300 Amperes/60 Volts 175C Junction Temperature Reverse Energy Tested ROHS Compliant
*Add Suffix A for Common Anode, D for Doubler
Electrical Characteristics
I F(AV) 300 Amps Average forward current per pkg I F(AV) 150 Amps Average forward current per leg I FSM 2000 Amps Maximum surge current per leg Maximum repetitive reverse current per leg I R(OV) 2 Amps VFM .82 Volts Max peak forward voltage per leg VFM .68 Volts Max peak forward voltage per leg I RM 75 mA Max peak reverse current per leg I RM Max peak reverse current per leg 4.0 mA CJ Typical junction capacitance per leg 4300 pF TC = 127C, Square wave, R 0JC = 0.20C/W T C = 127C, Square wave, R 0JC = 0.40C/W 8.3ms, half sine,T J = 175C f = 1 KHZ, 25C, 1sec square wave I FM = 200A: J = 25C* T I FM = 200A: J = 175C* T VRRM, TJ = 125C* VRRM, TJ = 25C VR = 5.0V,TC = 25C
*Pulse test: Pulse width 300 sec, Duty cycle 2%
Thermal and Mechanical Characteristics
Storage temp range Operating junction temp range Max thermal resistance per leg Max thermal resistance per pkg Typical thermal resistance (greased) Terminal Torque Mounting Base Torque (outside holes) Mounting Base Torque (center hole) center hole must be torqued first Weight T STG TJ R OJC R OJC R OCS -55C to 175C -55C to 175C 0.40C/W Junction to case 0.20C/W Junction to case 0.08C/W Case to sink 35-50 inch pounds 30-40 inch pounds 8-10 inch pounds 2.8 ounces (75 grams) typical
www.microsemi.com
January, 2010 - Rev. 6
CPT30060
Figure 1 Typical Forward Characteristics - Per Leg 1000 800 600 Junction Capacitance - pF 400 Figure 3 Typical Junction Capacitance - Per Leg 100,000 60,000 40,000 20,000 10,000 6000 4000 2000 1000 0.1
200 175 C 25 C
100 80 60 40 Instantaneous Forward Current - Amperes
0.5
1.0
5.0
10
50
100
Reverse Voltage - Volts Figure 4
20
Maximum Allowable Case Temperature - C
Forward Current Derating - Per Leg 175 165 155 145 135 125 115 105 60 0 40 80 90 120 120 180 160 DC 200
10 8.0 6.0 4.0
2.0
1.0 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 Instantaneous Forward Voltage - Volts
Average Forward Current - Amperes
Figure 2 Typical Reverse Characteristics - Per Leg 1000 Typical Reverse Current - mA 100 10 1.0 0.1 .01 125 C 75 C 25 C 0 10 20 30 40 50 60 175 C Maximum Power Dissipation - Watts
Figure 5 Maximum Forward Power Dissipation - Per Leg 175 150 125 100 75 50 25 0 0 40 80 120 160 200 Average Forward Current - Amperes 60 120 90 DC 180
Reverse Voltage - Volts
www.microsemi.com
January, 2010 - Rev. 6


▲Up To Search▲   

 
Price & Availability of MBRP20060CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X