Part Number Hot Search : 
A5800582 1E104 ITR20005 STM1815T 37042 4VHC1G 01901 5RF28
Product Description
Full Text Search
 

To Download MB2505 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ww..com
MCC
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
MB2505 THRU MB2510
25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB-35
B
Features
* * * * Mounting Hole For #8 Screw High Conductivity Metal Case Any Mounting Position Surge Rating Of 300 Amps
Maximum Ratings
* * Operating Temperature: -55C to +125C Storage Temperature: -55C to +150C MCC Catalog Number MB2505 MB251 MB252 MB254 MB256 MB258 MB2510 Device Marking Maximum Recurrent Peak Reverse Voltage 50V 100V 200V 400V 600V 800V 1000V Maximum RMS Voltage Maximum DC Blocking Voltage 35V 50V 70V 100V 140V 200V 280V 400V 420V 600V 560V 800V .com 700V 1000V
C
MB2505 MB251 MB252 MB254 MB256 MB258 MB2510
E
G AC D + H AC A
DataSheet
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Forward Voltage Drop Per Element IF(AV) IFSM 25.0A 300A TC = 55C 8.3ms, half sine
J A
VF
1.2V
IFM = 12.5A per element; TJ = 25C
DIM A B C D E G H J INCHES MIN 1.115 .427 .428 .688 .618 .193 .618 .530
DIMENSIONS MM MIN 28.33 10.85 10.87 17.48 15.70 4.90 15.70 13.46
Maximum DC Reverse Current At IR 10A TJ = 25C Rated DC Blocking 1mA TJ = 125C Voltage *Pulse test: Pulse width 300 sec, Duty cycle 1%
MAX 1.135 .447 .468 .730 .658 --.658 .570
MAX 28.83 11.35 11.89 18.50 16.71 --16.71 14.48
NOTE
www.mccsemi.com
MB2505 thru MB2510
Figure 1 Typical Forward Characteristics 100 60 40 20 10 6 4 2 25C Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 .2 .4 .6 .8 1.0 1.2 1.4 10 6 4 2 1 .6 .4 .2 TJ=25C Amps .1 .06 .04 .02 .01 .006 .00 4 .002 .001 20 40 60
Figure 2 Typical Reverse Characteristics
MCC
80 Volts
100
120
140
Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts Figure 3 Forward Derating Curve 30
Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts
Figure 4 Peak Forward Surge Current 300
25
250 200 150 Amps 100 50
20
15 Amps 10
5 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 0 25 50 75 C Average Forward Rectified Current - Amperes versus Case Temperature - C 100 150 175 0 1 2 4 6 8 10 Cycles Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles 20 40 00 60 80 100
www.mccsemi.com
.com


▲Up To Search▲   

 
Price & Availability of MB2505

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X