Part Number Hot Search : 
FW344 M38C81M2 C1602G 2U025 F0810NH EMB9N M25P40 FS10UM
Product Description
Full Text Search
 

To Download LB10S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
LB2S thru LB10S
Reverse Voltage 200 and 1000V Forward Current 1.0A
Features
Low Profile: Typical height of 1.4mm Ideal for automated placement High surge current capability Solder Dip 260 40seconds
Mechanical Data
Case:SOPA-4 Epoxy meets UL-94V-0 Flammability rating Terminals:Matte tin plated ldads, solderable per J-STD-002B and JESD22-B102D Polarity:As markde on body
Maximum Ratings & Electrical Characteristics Ratings at 25
ambient temperature unless otherwise specified. Parameter Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum Average forward output rectified current on glass-eposy P.C.B on aluminum substrate Peak forward surge current 8.3 ms single sine-wave superimposed on rated load (JEDEC Method) Rating for fusig (t<8.3ms) Maximum instantaneous forward voltage drop per diode at 0.4A Maximum DC reverse current at rated DC blocking voltage per leg TA=25 TA=125 RJA RJL Operating junction temperature range Storage temperature range TJ TSTG IR 5 500 80 25 -55 to +150 -55 to +150 /W A It VF
2
Symbol VRRM VRMS VDC
LB2S 200 140 200
LB4S 400 280 400
LB6S 600 420 600
LB8S 800 560 800
LB10S 1000 800 1000
Unit V V V
IF(AV)
1.0 0.8
A
IFSM
30
A
3 0.95
A sec V
2
Typical thermal resistance per leg (Note 1)
Notes: 1. Device mounted P.C.B with 0.47x0.47''(12mmx12mm) Copper Pads. 2. JEDEC registered values
Web Site: WWW.PS-PFS.COM
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
LB2S thru LB10S
RATINGS AND CHARACTERISTIC CURVES
(TA=25 unless ontherwise noted)
Reverse Voltage 200 and 1000V Forward Current 1.0A
Web Site: WWW.PS-PFS.COM


▲Up To Search▲   

 
Price & Availability of LB10S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X