Part Number Hot Search : 
DS1841 1N6141E3 LR120N AOC2421 UC3844B FST8360L N6763 FH620
Product Description
Full Text Search
 

To Download LA732ATTP101J330 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KOA SPEER ELECTRONICS, INC.
SS-250 R4
AHA 5/01/08
Thick Film Linear Positive Tempco Thermistor LA73 Type
CERTIFIED
CERTIFIED
1. Features I Anti-leaching nickel barrier terminations I Marking: Black three-digit on orange body color I Twenty-five specifiable temperature characteristics I Products with lead-free terminations meet EU-RoHS requirements. Pb located in glass material, electrode and resistor element is exempt per Annex 1, exemption 5 of EU directive 2005/95/EC 2. Dimensions
c W t L c
Table 1 Part
1J (0603)
Solder Plating Ni Plating
L
0.0630.008 (1.60.2) 0.0790.008 (2.00.2) 0.1260.008 (3.20.2)
Dimensions - inches (mm) W c
0.0310.004 (0.80.1) 0.0490.004 (1.250.1) 0.0630.008 (1.60.2) 0.0120.004 (0.30.1) 0.0160.008 (0.40.2) 0.020.008 (0.50.3)
d
t
0.020.004 (0.50.1) 0.020.004 (0.50.1) 0.0240.004 (0.60.1)
0.0120.004 (0.30.1)
+0.008 0.012... .. -0.004 +0.2 (0.3 -0.1 ) +0.008 0.016... .. -0.004 +0.2 (0.4 -0.1 )
d
Protective Coating
Resistive Inner Film Electrode
2A (0805) 2B (1206)
Ceramic Substrate
3. Type Designation The type designation shall be in the following form:
LA73
Type
1J
Size Code
1J: 0603 2A: 0805 2B: 1206
T
Termination Material
T: Sn (Other termination styles available, contact factory for options)
TD
Packaging
TP: 7" Embossed Plastic 2mm pitch TD: 7" paper (5,000 pieces/reel)
101
Resistance Value
2 significant figures + 1 multiplier
J
Tolerance
J: 5%
3300
T.C.R.
PAGE 1 OF 4 Bolivar Drive
I
P.O. Box 547
I
Bradford, PA 16701
I
USA
I
814-362-5536
I
Fax 814-362-8883
I
www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
KOA SPEER ELECTRONICS, INC.
SS-250 R4
4. Standard Applications Table 1
Part Designation LA731J LA732A LA732B Thermal Dissipation Constant (mW/C) 7.6 8.2 9.0 +70C -55C to +125C Rated Ambient Temp. Operating Temp. Range
Table 2
Resistance Range E-12 LA731J 1K - 10K 680 - 6.8K 470 - 4.7K 470 - 3.9K 330 - 2.7K 330 - 2.7K 220 - 1.8K 100 - 1.2K 100 - 1.2K 100 - 390 68 - 220 33 - 120 22 - 82 LA732A 1K - 10K 680 - 6.8K 470 - 4.7K 470 - 3.9K 330 - 2.7K 330 - 2.7K 220 - 1.8K 100 - 1.2K 100 - 1.2K 100 - 390 68 - 220 33 - 120 22 - 82 LA732B 1K - 10K 680 - 6.8K 470 - 4.7K 470 - 3.9K 330 - 2.7K 330 - 2.7K 220 - 1.8K 100 - 1.2K 100 - 1.2K 100 - 390 68 - 220 33 - 120 22 - 82 Resistance Tolerance T.C.R. (ppm/C) Max. 1000 1200 1400 1600 1800 2000 2200 2400 2600 2800 3000 3300 3600 T.C.R. Tolerance
100ppm/C
J: 5%
5%
PAGE 2 OF 4 Bolivar Drive
I
P.O. Box 547
I
Bradford, PA 16701
I
USA
I
814-362-5536
I
Fax 814-362-8883
I
www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
KOA SPEER ELECTRONICS, INC.
SS-250 R4
6. Environmental Applications 6.1 Derating Curve
100 80 % Rated Power 60 Resistance Changing Rate (R) 40 30 20 10 0
6.2 Temperature Characteristics
3600ppm/C 3000ppm/C 2000ppm/C 1000ppm/C
40 20 0 -60 -40 -55
-10 -20 -30 -40 -75 -50 -25 0 Ambient Temperature (C) 25 50 75 100 125
-20
0
70 Ambient Temperature (C)
20
40
60
80
100 120 140 125
7. Approximate Expression for Resistance-Temperature Characteristics
T.C.R. (x10-6/K) 3000 3300 3600 C0 0.926 0.918 0.910 C1 0.00294 0.00325 0.00359 C2 1.1 x 10-7 4.1 x 10-7 1.7 x 10-7 (Values are not guaranteed but typical) RT=R25 (C0+C1T+C2T2) RT: Resistance value at TC R25: Resistance value at 25C T: Ambient temperature (C) C0, C1, C2: Constants
8. Characteristics
Parameter Resistance T.C.R. Short Time Overload Resistance to Solder Heat Solderability Bending Test Temperature Cycling Moisture Resistance Load Life Requirement R Within regulated tolerance Within specified T.C.R. (1.0% + 0.1): 1J, 2A, 2B 95% coverage minimum (1.0% + 0.1): 1J, 2A, 2B (3.0% + 0.1): 1J, 2A, 2B Test Method 25C +25C/+75C Rated voltage x 2.5 or max. working voltage x 2 for 5 seconds, whichever is less 260C 5C, 10 seconds 1 second 235C 5C, 2 seconds 0.5 seconds Width of holding point 90mm, bending 3mm, 1 time -55C (30 minutes), +125C (30 minutes), 100 cycles 40C 2C, 90 - 95% RH, 1000 hours, rated voltage load 70C 3C, 1000 hours, rated voltage load
PAGE 3 OF 4 Bolivar Drive
I
P.O. Box 547
I
Bradford, PA 16701
I
USA
I
814-362-5536
I
Fax 814-362-8883
I
www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
KOA SPEER ELECTRONICS, INC.
SS-250 R4
9. Packaging Specifications
(Notes) Dotted lines are applicable to only "TP."
Dimensions - inches (mm)
Style 2A 2B 1J A 0.750.004 (1.90.1) 0.940.008 (2.40.2) 0.450.004 (1.150.1) B 0.0430.004 (1.10.1) 0.0650.008 (1.650.2) 0.0260.004 (0.650.1) 0.310.008 (8.00.2) W P1 0.160.004 (4.00.1) 0.780.002 (2.00.05) T1 0.024+0.008/-0 (0.6+0.2/-0) 0.03+0.008/-0 (0.75+0.2/-0) 0.018+0.004/-0 (0.45+0.1/-0)
(Notes) Reel holes, shapes and design are examples
Dimensions - inches (mm)
Style 2A 2B 1J Tape Punched Carrier TD oa 7.078 (1782) B 2.36.078 (602) D 0.35.059 (91.5) od .83 (21)
PAGE 4 OF 4 Bolivar Drive
I
P.O. Box 547
I
Bradford, PA 16701
I
USA
I
814-362-5536
I
Fax 814-362-8883
I
www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.


▲Up To Search▲   

 
Price & Availability of LA732ATTP101J330

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X