Part Number Hot Search : 
8XC51 BT3011 HCS05K BA20D3 SD860T MT8976AC 24128C SMBG150A
Product Description
Full Text Search
 

To Download L74VHC1GT04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Inverting Buffer / CMOS Logic Level Shifter
with LSTTL-Compatible Inputs
L74VHC1GT04
The L74VHC1GT04 is a single gate inverting buffer fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation. The internal circuit is composed of three stages, including a buffer output which provides high noise immunity and stable output. The device input is compatible with TTL-type input thresholds and the output has a full 5 V CMOS level output swing. The input protection circuitry on this device allows overvoltage tolerance on the input, allowing the device to be used as a logic-level translator from 3.0 V CMOS logic to 5.0V CMOS Logic or from 1.8 V CMOS logic to 3.0 V CMOS Logic while operating at the high-voltage power supply. The L74VHC1GT04 input structure provides protection when voltages up to 7 V are applied, regardless of the supply voltage. This allows the L74VHC1GT04 to be used to interface 5 V circuits to 3 V circuits. The output structures also provide protection when V CC = 0 V. These input and output structures help prevent device destruction caused by supply voltage - input/output voltage mismatch, battery backup, hot insertion, etc. * High Speed: t PD = 3.8 ns (Typ) at V CC = 5 V * Low Power Dissipation: I CC = 2 mA (Max) at T A = 25C * TTL-Compatible Inputs: V IL = 0.8 V; V IH = 2.0 V * CMOS-Compatible Outputs: V OH > 0.8 V CC ; V OL < 0.1 V CC @Load * Power Down Protection Provided on Inputs and Outputs * Balanced Propagation Delays * Pin and Function Compatible with Other Standard Logic Families * Chip Complexity: FETs = 105; Equivalent Gates = 26 PIN ASSIGNMENT
MARKING DIAGRAMS
5 4
1 2 3
VKd
SC-70/SC-88A/SOT-353 DF SUFFIX Pin 1 d = Date Code
5 4
Figure 1. Pinout (Top View)
1 2 3
VKd
Figure 2. Logic Symbol
Pin 1 d = Date Code
SOT-23/TSOP-5/SC-59 DT SUFFIX
PIN ASSIGNMENT 1 2 3 4 5 NC IN A GND OUT Y V CC
FUNCTION TABLE
Inputs A L H Output Y H L
ORDERING INFORMATION
See detailed ordering and shipping information in the
www..com
package dimensions section on page 5 of this data sheet.
1/6
LESHAN RADIO COMPANY, LTD.
L74VHC1GT04
MAXIMUM RATINGS
Symbol V CC V IN V OUT I IK I OK I OUT I CC PD JA TL TJ T stg V ESD Parameter DC Supply Voltage DC Input Voltage DC Output Voltage Value - 0.5 to + 7.0 - 0.5 to 7.0 - 0.5 to 7.0 -0.5 to V cc + 0.5 -20 +20 + 25 +50 200 333 260 + 150 -65 to +150 >2000 > 200 N/A 500 Unit V V V mA mA mA mA mW C/W C C C V
V CC=0 High or Low State
I LATCH-UP
Input Diode Current Output Diode Current V OUT < GND; V OUT > V CC DC Output Current, per Pin DC Supply Current, V CC and GND Power dissipation in still air SC-88A, TSOP-5 Thermal resistance SC-88A, TSOP-5 Lead Temperature, 1 mm from Case for 10 s Junction Temperature Under Bias Storage temperature ESD Withstand Voltage Human Body Model (Note 2) Machine Model (Note 3) Charged Device Model (Note 4) Latch-Up Performance Above V CC and Below GND at 125C (Note 5)
mA
1. Maximum Ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute-maximum-rated conditions is not implied. Functional operation should be restricted to the Recommended Operating Conditions. 2. Tested to EIA/JESD22-A114-A 3. Tested to EIA/JESD22-A115-A 4. Tested to JESD22-C101-A 5. Tested to EIA/JESD78 RECOMMENDED OPERATING CONDITIONS Symbol Parameter DC Supply Voltage V CC V IN DC Input Voltage V OUT DC Output Voltage TA t r ,t f Operating Temperature Range Input Rise and Fall Time
Min 3.0 0.0 V CC = 0 High Low State V CC = 3.3 0.3 V V CC = 5.0 0.5 V NORMALIZED FAILURE RATE 0.0 0.0 - 55 0 0
Max 5.5 5.5 5.5 V CC + 125 100 20
Unit V V V C ns/V
DEVICE JUNCTION TEMPERATURE VERSUS TIME TO 0.1% BOND FAILURES
Junction Temperature C 80 90 100 110 120 130 140 Time, Hours 1,032,200 419,300 178,700 79,600 37,000 17,800 8,900 Time, Years 117.8 47.9 20.4 9.4 4.2 2.0 1.0
1
1
10
100
1000
TIME, YEARS
Figure 3. Failure Rate vs. Time Junction Temperature
2/6
LESHAN RADIO COMPANY, LTD.
L74VHC1GT04
DC ELECTRICAL CHARACTERISTICS Symbol V IH Parameter Minimum High-Level Input Voltage Test Conditions V CC (V) 3.0 4.5 5.5 V IL Maximum Low-Level Input Voltage 3.0 4.5 5.5 V OH Minimum High-Level Output Voltage V IN = V IH or V IL V IN = V IH or V IL I OH = -4 mA I OH = -8 mA V OL Maximum Low-Level Output Voltage V IN = V IH or V IL V IN = V IH or V IL I OL = 4 mA I OL = 8 mA I IN I CC I CCT I OPD Maximum Input Leakage Current Maximum Quiescent Supply Current Quiescent Supply Current Output Leakage Current V IN = 5.5 V or GND V IN = V CC or GND Input: V IN = 3.4 V V OUT = 5.5 V 3.0 4.5 0 to5.5 5.5 5.5 0.0 0.36 0.36
0.1
T A = 25C T A < 85C -55C1.0
2.0 2.0 0.53 0.8 0.8
2.0 2.0 V 0.53 0.8 0.8 V 2.9 4.4 2.34 3.66 V 0.1 0.1 0.52 0.52
1.0
V IN = V IH or V IL I OH = - 50 A
3.0 4.5 3.0 4.5 3.0 4.5
V IN = V IH or V IL I OL = 50 A
A A mA A
2.0 1.35 0.5
20 1.50 5.0
40 1.65 10
AC ELECTRICAL CHARACTERISTICS C load = 50 pF, Input t r = t f = 3.0 ns T A = 25C Symbol t PLH , t PHL Parameter Maximum Propagation Delay, Input A or B to Y V CC = 5.0 0.5 V C L = 15 pF C L = 50 pF C IN Maximum Input Capacitance Typical @ 25C, V C PD Power Dissipation Capacitance (Note 6) 10 3.8 4.2 5 6.7 7.7 10 Test Conditions V CC = 3.3 0.3 V C L = 15 pF C L = 50 pF Min Typ 5.0 6.2 Max 10.0 13.5
T A < 85C -55CCC
Min
Max Unit 13.0 17.5 8.5 9.5 10 pF ns
= 5.0 V pF
6. C PD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: I CC(OPR) = C PD * V CC * f in + I CC . C PD is used to determine the no- load dynamic power consumption; P D = C PD * V CC 2 * f in + I CC * V CC .
3/6
LESHAN RADIO COMPANY, LTD.
L74VHC1GT04
3.0V
V OH V OL
Figure 4. Switching Waveforms
*Includes all probe and jig capacitance
Figure 5. Test Circuit
DEVICE ORDERING INFORMATION Device Nomenclature
Device Order Number Temp Circuit Range Technology Device Indicator Function Identifier L L L L L 74 74 74 74 74 VHC1G VHC1G VHC1G VHC1G VHC1G T04 T04 T04 T04 T04 Package Suffix DF DF DF DT DT Tape & Reel Suffix T1 T2 T4 T1 T3 Package Type (Name/SOT#/ Common Name) SC-70/SC-88A/ SOT-353 SC-70/SC-88A/ SOT-353 SC-70/SC-88A/ SOT-353 SOT-23/TSOPS/ SC-59 SOT-23/TSOPS/ SC-59 Tape and Reel Size
L74VHC1GT04DFT1 L74VHC1GT04DFT2 L74VHC1GT04DFT4 L74VHC1GT04DTT1 L74VHC1GT04DTT3
178 mm (7 in) 3000 Unit 178 mm (7 in) 3000 Unit 330 mm (13 in) 10,000 Unit 178 mm (7 in) 3000 Unit 330 mm (13 in) 10,000 Unit
4/6
LESHAN RADIO COMPANY, LTD.
L74VHC1GT04
PACKAGE DIMENSIONS
SC70-5/SC-88A/SOT-353 DF SUFFIX
G
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. 419A-01 OBSOLETE. NEW STANDARD 419A-02. 4. DIMENSIONS A AND B DO NOT INCLUDE MOLD FLASH, PROTRUSIONS, OR GATE BURRS. INCHES MIN MAX 0.071 0.087 0.045 0.053 0.031 0.043 0.004 0.012 0.026 BSC --- 0.004 0.004 0.010 0.004 0.012 0.008 REF 0.079 0.087 MILLIMETERS MIN MAX 1.80 2.20 1.15 1.35 0.80 1.10 0.10 0.30 0.65 BSC --- 0.10 0.10 0.25 0.10 0.30 0.20 REF 2.00 2.20
A
5
4
S
1 2 3
-B-
D 5 PL
0.2 (0.008)
M
B
M
N J C
DIM A B C D G H J K N S
H
K
SOLDERING FOOTPRINT*
0.50 0.0197
0.65 0.025 0.65 0.025 0.40 0.0157
1.9 0.0748
SCALE 20:1
mm inches
5/6
LESHAN RADIO COMPANY, LTD.
L74VHC1GT04
PACKAGE DIMENSIONS
SOT23-5/TSOP-5/SC59-5 DT SUFFIX
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. A AND B DIMENSIONS DO NOT INCLUDE MOLD FLASH, PROTRUSIONS, OR GATE BURRS. MILLIMETERS MIN MAX 2.90 3.10 1.30 1.70 0.90 1.10 0.25 0.50 0.85 1.05 0.013 0.100 0.10 0.26 0.20 0.60 1.25 1.55 0_ 10 _ 2.50 3.00 INCHES MIN MAX 0.1142 0.1220 0.0512 0.0669 0.0354 0.0433 0.0098 0.0197 0.0335 0.0413 0.0005 0.0040 0.0040 0.0102 0.0079 0.0236 0.0493 0.0610 0_ 10 _ 0.0985 0.1181
D
5 1 2 4 3
S
B
L G A J C 0.05 (0.002) H K M
DIM A B C D G H J K L M S
SOLDERING FOOTPRINT*
1.9 0.074
0.95 0.037
2.4 0.094 1.0 0.039 0.7 0.028
SCALE 10:1
mm inches
6/6


▲Up To Search▲   

 
Price & Availability of L74VHC1GT04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X