Part Number Hot Search : 
MBR05 EP3SL70 LU360 MAX7453 C3500 RF21731 SK301 04424
Product Description
Full Text Search
 

To Download DDTA122LE-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DDTA (LO-R1) E
PNP PRE-BIASED 100 mA SOT-523 SURFACE MOUNT TRANSISTOR Features
NEW PRODUCT
* * * *
Epitaxial Planar Die Construction Complementary NPN Types Available (DDTC) Built-In Biasing Resistors Lead Free/RoHS Compliant (Note 2)
TOP VIEW BC A
SOT-523 Dim A B C D
G H K M
Min 0.15 0.75 1.45 3/4 0.90 1.50 0.00 0.60 0.10 0.10 0.45 0
Max 0.30 0.85 1.75 3/4 1.10 1.70 0.10 0.80 0.30 0.20 0.65 8
Typ 0.22 0.80 1.60 0.50 1.00 1.60 0.05 0.75 0.22 0.12 0.50 3/4
Mechanical Data
* * * * * * * * *
Case: SOT-523 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture sensitivity: Level 1 per J-STD-020C Terminals: Finish 3/4 Matte Tin Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Terminal Connections: See Diagram Marking: Date Code and Type Code, See Page 2 Weight: 0.002 grams (approximate) Ordering Information (See Page 2)
J
G H J K
L N
D
L M N a
OUT 3
C B R1 R2
All Dimensions in mm
P/N DDTA122LE DDTA142JE DDTA122TE DDTA142TE
R1 (NOM) R2 (NOM) Type Code 0.22KW 0.47KW 0.22KW 0.47KW 10KW 10KW OPEN OPEN P81 P82 P83 P84
E
1 IN
2 GND(+)
Schematic and Pin Configuration
Maximum Ratings
Supply Voltage, (2) to (3) Input Voltage, (1) to (2) Input Voltage, (2) to (1) Output Current Power Dissipation (Note 1)
@ TA = 25C unless otherwise specified Symbol VCC DDTA122LE DDTA142JE DDTA122TE DDTA142TE All VIN VEBO (MAX) IC Pd RqJA Tj, TSTG Value -50 +5 to -6 +5 to -6 -5 -100 150 625 -55 to +150 Unit V V V mA mW C/W C
Characteristic
Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage and Temperature Range
Notes:
1. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. 2. No purposefully added lead.
DS30405 Rev. 5 - 2
1 of 3 www.diodes.com
DDTA (LO-R1) E
a Diodes Incorporated
Electrical Characteristics
@ TA = 25C unless otherwise specified Symbol Min -0.3 -0.3 3/4 3/4 3/4 3/4 56 56 3/4 Typ 3/4 3/4 3/4 3/4 3/4 3/4 200 Max 3/4 -2.0 -2.0 -0.3V -28 -13 -0.5 3/4 3/4
R1, R2 Types
Unit V V V mA mA 3/4 MHz Test Condition VCC = -5V, IO = -100mA VO = -0.3V, IO = -20mA VO = -0.3V, IO = -20mA IO/Il = -5mA/-0.25mA VI = -5V VCC = -50V, VI = 0V VO = -5V, IO = -10mA VCE = -10V, IE = -5mA, f = 100MHz
NEW PRODUCT
Characteristic Input Voltage DDTA122LE DDTA142JE DDTA122LE DDTA142JE Output Voltage Input Current Output Current DC Current Gain Gain-Bandwidth Product* * Transistor - For Reference Only DDTA122LE DDTA142JE DDTA122LE DDTA142JE
Vl(off) Vl(on) VO(on) Il IO(off) Gl fT
Electrical Characteristics
Characteristic Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current
@ TA = 25C unless otherwise specified Symbol BVCBO BVCEO BVEBO ICBO Min -50 -40 -5 3/4 3/4 3/4 3/4 100 100 3/4 Typ 3/4 3/4 3/4 3/4 3/4 3/4 250 250 200 Max 3/4 3/4 3/4 -0.5 -0.5 -0.5 -0.3 600 600 3/4
R1-Only Types
Unit V V V mA mA V 3/4 MHz IC = -1mA IE = -50mA IE = -50mA VCB = -50V VEB = -4V IC = -5mA, IB = -0.25mA IC = -1mA, VCE = -5V VCE = -10V, IE = 5mA, f = 100MHz Test Condition IC = -50mA
DDTA122TE DDTA142TE DDTA122TE DDTA142TE DDTA122TE DDTA142TE
IEBO VCE(sat) hFE fT
Collector-Emitter Saturation Voltage DC Current Transfer Ratio Gain-Bandwidth Product* * Transistor - For Reference Only
Ordering Information (Note 3)
Device DDTA122LE-7-F DDTA142JE-7-F DDTA122TE-7-F DDTA142TE-7-F Packaging SOT-523 SOT-523 SOT-523 SOT-523 Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
Notes: 3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXX = Product Type Marking Code (See Page 1) YM = Date Code Marking Y = Year ex: T = 2006 M = Month ex: 9 = September
XXXYM
Date Code Key Year Code Month Code Jan 1 2006 T Feb 2 2007 U Mar 3 Apr 4
2008 V May 5 Jun 6
2009 W Jul 7 Aug 8
2010 X Sep 9
2011 Y Oct O Nov N
2012 Z Dec D
DS30405 Rev. 5 - 2
2 of 3 www.diodes.com
DDTA (LO-R1) E
250
NEW PRODUCT
Pd, POWER DISSIPATION (mW)
200
150
100
50
0 -50 0 50 100 150 TA, AMBIENT TEMPERATURE ( C) Fig. 1 Power Derating Curve
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30405 Rev. 5 - 2
3 of 3 www.diodes.com
DDTA (LO-R1) E


▲Up To Search▲   

 
Price & Availability of DDTA122LE-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X