Part Number Hot Search : 
3025S 16C40 S1G42 2SK1454 107X0010 000AA 20004 V640EBTI
Product Description
Full Text Search
 

To Download CS5206-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CS5206-1, CS5206-3, CS5206-5 6.0 A Adjustable, and Fixed 3.3 V and 5.0 V Linear Regulators
The CS5206-X series of linear regulators provides 6.0 A at adjustable and fixed voltages of 3.3 V and 5.0 V with an accuracy of 1% and 2% respectively. The adjustable version uses two external resistors to set the output voltage within a 1.25 V to 13 V range. The regulators are intended for use as post regulators and microprocessor supplies. The fast loop response and low dropout voltage make these regulators ideal for applications where low voltage operation and good transient response are important. The circuit is designed to operate with dropout voltages as low as 1.0 V depending on the output current level. The maximum quiescent current is only 10 mA at full load. The regulators are fully protected against overload conditions with protection circuitry for Safe Operating Area (SOA), overcurrent and thermal shutdown. The regulators are available in TO-220 and surface mount D2PAK packages. Features * Output Current to 6.0 A * Output Trimmed to 1% * Dropout Voltage 1.3 V @ 6.0 A * Fast Transient Response * Fault Protection Circuitry - Thermal Shutdown - Overcurrent Protection - Safe Area Protection
http://onsemi.com
Adjustable Output TO-220 THREE LEAD T SUFFIX CASE 221A 1 2 Tab = VOUT Pin 1. Adj 2. VOUT 3. VIN Fixed Output D2PAK 3-PIN D2T SUFFIX CASE 418E 3 Tab = VOUT Pin 1. GND 2. VOUT 3. VIN
3
12
MARKING DIAGRAMS
TO-220 D2PAK
CS5206-x AWLYWW
CS5206-x AWLYWW
1 1 x A WL, L YY, Y WW, W VOUT = 1, 3, or 5 = Assembly Location = Wafer Lot = Year = Work Week
VIN
ORDERING INFORMATION
Device Output Current Limit Thermal Shutdown -+ Error Amplifier Adj CS5206-1GT3 CS5206-1GDP3 CS5206-1GDPR3 CS5206-3GT3 CS5206-3GDP3 CS5206-3GDPR3 Package TO-220* D2PAK* D2PAK TO-220 D2PAK D2PAK TO-220 Shipping 50 Units/Rail 50 Units/Rail 750 Tape & Reel 50 Units/Rail 50 Units/Rail 750 Tape & Reel 50 Units/Rail
Bandgap
Figure 1. Block Diagram - CS5206-1
CS5206-5GT3
* TO-220 are all 3-pin, straight leaded. D2PAK are all 3-pin. Additional ordering information can be found on page 8 of this data sheet. 1 Publication Order Number: CS5206/D
(c) Semiconductor Components Industries, LLC, 2002
May, 2002 - Rev. 6
CS5206-1, CS5206-3, CS5206-5
VOUT VIN
Output Current Limit Thermal Shutdown - + Error Amplifier
Bandgap Gnd
Figure 2. Block Diagram - CS5206-2, -3 MAXIMUM RATINGS*
Parameter Supply Voltage, VCC Operating Temperature Range Junction Temperature Storage Temperature Range Lead Temperature Soldering: 1. 10 second maximum. 2. 60 second maximum above 183C. *The maximum package power dissipation must be observed. Wave Solder (through hole styles only) Note 1 Reflow (SMD styles only) Note 2 Value 17 -40 to +70 150 -60 to +150 260 Peak 230 Peak Unit V C C C C
ELECTRICAL CHARACTERISTICS (CIN = 10 F, COUT = 22 F, Tantalum, VIN - VOUT = 3.0 V, VIN 15 V, 0C TA 70C, TJ = +150C, unless otherwise specified, Ifull load = 6.0 A.)
Characteristic Adjustable Output Voltage (CS5206-1) Reference Voltage (Notes 3 and 4) Line Regulation Load Regulation (Notes 3 and 4) Dropout Voltage (Note 5) Current Limit Minimum Load Current Adjust Pin Current Adjust Pin Current Change Thermal Regulation 1.5 V VIN - VOUT 4.0 V; 10 mA IOUT 6.0 A 30 ms pulse; TA = 25C VIN - VOUT = 1.5 V; VAdj = 0 V, 10 mA IOUT 6.0 A 1.5 V VIN - VOUT 6.0 V; IOUT = 10 mA VIN - VOUT = 1.5 V; 10 mA IOUT 6.0 A IOUT = 6.0 A VIN - VOUT = 3.0 V; TJ 25C VIN - VOUT = 9.0 V VIN - VOUT = 7.0 V 6.5 1.241 (-1%) 1.254 0.04 0.1 1.3 8.5 1.0 1.2 50 0.2 0.003 1.266 (+1%) 0.20 0.4 1.4 6.0 100 5.0 V % % V A A mA A A %/W Test Conditions Min Typ Max Unit
3. Load regulation and output voltage are measured at a constant junction temperature by low duty cycle pulse testing. Changes in output voltage due to thermal gradients or temperature changes must be taken into account separately. 4. Specifictions apply for an external Kelvin sense connection atr a point on the output pin 1/4" from the bottom of the package. 5. Dropout voltage is a measurement of the minimum input/output differentail at full load.
http://onsemi.com
2
CS5206-1, CS5206-3, CS5206-5
ELECTRICAL CHARACTERISTICS continued (CIN = 10 F, COUT = 22 F, Tantalum, VIN - VOUT = 3.0 V, VIN 15 V, 0C TA 70C, TJ = +150C, unless otherwise specified, Ifull load = 6.0 A.)
Characteristic Adjustable Output Voltage (CS5206-1) continued Ripple Rejection Temperature Stability RMS Output Noise Thermal Shutdown Thermal Shutdown Hysteresis 10 Hz f 10 kHz; TA = 25C 150 f = 120 Hz; CAdj = 25 F; IOUT = 6.0 A 82 0.5 0.003 180 25 dB % %VOUT C C Test Conditions Min Typ Max Unit
ELECTRICAL CHARACTERISTICS (CIN = 10 F, COUT = 22 F, Tantalum, VIN - VOUT = 3.0 V, VIN 10 V, 0C TA 70C, TJ = +150C, unless otherwise specified, Ifull load = 6.0 A.)
Characteristic Fixed Output Voltage (CS5206-3, CS5206-5) Reference Voltage (Notes 6 and 7) CS5206-5 CS5206-3 Line Regulation Load Regulation (Notes 6 and 7) Dropout Voltage (Note 8) Current Limit Quiescent Current Thermal Regulation Ripple Rejection Temperature Stability RMS Output Noise (%VOUT) Thermal Shutdown Thermal Shutdown Hysteresis 10 Hz f 10 kHz 150 V VIN - VOUT = 1.5 V; VAdj = 0 V, 10 mA IOUT 6.0 A 1.5 V VIN - VOUT 6.0 V; IOUT = 10 mA VIN - VOUT = 1.5 V; 10 mA IOUT 6.0 A IOUT = 6.0 A VIN - VOUT = 3.0 V; TJ 25C VIN - VOUT = 9.0 V VIN 9.0 V; IOUT = 10 mA 30 ms pulse; TA = 25C f = 120 Hz; CAdj = 25 F; IOUT = 6.0 A 6.5 4.9 (-2%) 3.234 (-2%) 5.0 3.3 0.04 0.1 1.3 8.5 1.0 5.0 0.003 75 0.5 0.003 180 25 5.1 (+2%) 3.366 (+2%) 0.20 0.4 1.4 6.0 10 % % V A A mA %/W dB % %VOUT C C Test Conditions Min Typ Max Unit
6. Load regulation and output voltage are measured at a constant junction temperature by low duty cycle pulse testing. Changes in output voltage due to thermal gradients or temperature changes must be taken into account separately. 7. Specifictions apply for an external Kelvin sense connection atr a point on the output pin 1/4" from the bottom of the package. 8. Dropout voltage is a measurement of the minimum input/output differentail at full load. PACKAGE PIN DESCRIPTION Package Pin Number CS5206-1 D2PAK 1 2 3 N/A TO-220 1 2 3 N/A CS5206-3, CS5206-5 D2PAK N/A 2 3 1 TO-220 N/A 2 3 1 Pin Symbol Adj VOUT VIN Gnd Function Adjust pin (low side of the internal reference) Regulated output voltage (case) Input voltage Ground connection
http://onsemi.com
3
CS5206-1, CS5206-3, CS5206-5
TYPICAL PERFORMANCE CHARACTERISTICS
1.4 Output Voltage Deviation (%) 1.3 Dropout Voltage (V) 1.2 1.1 1.0 0.9 0.8 0.7 0 1 2 3 4 5 6 TCASE = 125C TCASE = 25C TCASE = 0C
0.10 0.08 0.04 0.00 -0.04 -0.08 -0.12 0
10 20 30 40 50 60 70 80 90 100 110 120 130 TJ (C)
Output Current (A)
Figure 3. Dropout Voltage vs. Output Current
Figure 4. Reference Voltage vs. Temperature
0.200 Output Voltage Deviation, (%) Minimum Load Current (mA) 0.175 0.150 TCASE = 125C 0.125 0.100 0.075 0.050 0.025 0.000 0 1 2 3 4 Output Current (A) TCASE = 0C 5 6 TCASE = 25C
2.500 2.175 TCASE = 0C 1.850 1.525 1.200 0.875 0.550 1 TCASE = 25C TCASE = 125C
2
3
4 5 6 VIN - VOUT (V)
7
8
9
Figure 5. Load Regulation vs. Output Current
70 65 60 55 50 45 40 0 Ripple Rejection (dB) IO = 10 mA 100
Figure 6. Minimum Load Current
Adjust Pin Current (A)
80
60
40
20 0 101
TCASE = 25C IOUT = 6.0 A (VIN - VOUT = 3.0 V) VRIPPLE = 1.6 VPP
20
40
60 80 Temperature (C)
100
120
102
103 Frequency (Hz)
104
105
Figure 7. Adjust Pin Current vs. Temperature
Figure 8. Ripple Rejection vs. Frequency (Fixed Versions)
http://onsemi.com
4
CS5206-1, CS5206-3, CS5206-5
100
80 Ripple Rejection (dB)
60 TCASE = 25C IOUT = 6.0 A (VIN - VOUT = 3.0 V) VRIPPLE = 1.6 VPP CAdj = 25 F
40
20 0 101
102
103 Frequency (Hz)
104
105
Figure 9. Ripple Rejection vs. Frequency (Adjustable Version)
APPLICATIONS INFORMATION The CS5206-X family of linear regulators provide fixed or adjustable voltages at currents up to 6.0 A. The regulators are protected against short circuit, and include thermal shutdown and safe area protection (SOA) circuitry. The SOA protection circuitry decreases the maximum available output current as the input-output differential voltage increases. The CS5206-X has a composite PNP-NPN output transistor and requires an output capacitor for stability. A detailed procedure for selecting this capacitor is included in the Stability Considerations section.
Adjustable Operation
bypassed to improve the transient response and ripple rejection of the regulator.
VIN C1 VIN VOUT CS5206-1 Adj VREF R1 C2 VOUT
IAdj CAdj R2
The adjustable regulator (CS5206-1) has an output voltage range of 1.25 V to 13 V. An external resistor divider sets the output voltage as shown in Figure 10. The regulator maintains a fixed 1.25 V (typical) reference between the output pin and the adjust pin. A resistor divider network R1 and R2 causes a fixed current to flow to ground. This current creates a voltage across R2 that adds to the 1.25 V across R1 and sets the overall output voltage. The adjust pin current (typically 50 A) also flows through R2 and adds a small error that should be taken into account if precise adjustment of VOUT is necessary. The output voltage is set according to the formula:
VOUT + VREF R1 ) R2 ) I Adj R1 R2
Figure 10. Resistor Divider Scheme for the Adjustable Version
Stability Considerations
The term IAdj x R2 represents the error added by the adjust pin current. R1 is chosen so that the minimum load current is at least 10 mA. R1 and R2 should be the same type, e.g. metal film for best tracking over temperature. The adjust pin is
The output or compensation capacitor helps determine three main characteristics of a linear regulator: start-up delay, load transient response and loop stability. The capacitor value and type is based on cost, availability, size and temperature constraints. A tantalum or aluminum electrolytic capacitor is best, since a film or ceramic capacitor with almost zero ESR, can cause instability. The aluminum electrolytic capacitor is the least expensive solution. However, when the circuit operates at low temperatures, both the value and ESR of the capacitor will vary considerably. The capacitor manufacturers data sheet provides this information. A 22 F tantalum capacitor will work for most applications, but with high current regulators such as the
http://onsemi.com
5
CS5206-1, CS5206-3, CS5206-5
CS5206-X the transient response and stability improve with higher values of capacitor. The majority of applications for this regulator involve large changes in load current so the output capacitor must supply the instantaneous load current. The ESR of the output capacitor causes an immediate drop in output voltage given by:
DV + DI ESR
VIN VIN VOUT CS5206-X Gnd
Output Voltage Sensing
Since the CS5206-X is a three terminal regulator, it is not possible to provide true remote load sensing. Load regulation is limited by the resistance of the conductors connecting the regulator to the load. For best results the fixed regulators should be connected as shown in Figure 13.
Conductor Parasitic Resistance
RC
For microprocessor applications it is customary to use an output capacitor network consisting of several tantalum and ceramic capacitors in parallel. This reduces the overall ESR and reduces the instantaneous output voltage drop under load transient conditions. The output capacitor network should be as close as possible to the load for the best results.
Protection Diodes
RLOAD
When large external capacitors are used with a linear regulator it is sometimes necessary to add protection diodes. If the input voltage of the regulator gets shorted, the output capacitor will discharge into the output of the regulator. The discharge current depends on the value of the capacitor, the output voltage and the rate at which VIN drops. In the CS5206-X family of linear regulators, the discharge path is through a large junction and protection diodes are not usually needed. If the regulator is used with large values of output capacitance and the input voltage is instantaneously shorted to ground, damage can occur. In this case, a diode connected as shown in Figures 11 and 12 is recommended.
IN4002 (optional) VIN C1 VIN VOUT CS5206-1 Adj R1 C2 VOUT
Figure 13. Conductor Parasitic Resistance can be Minimized with the Above Grounding Scheme for Fixed Output Regulators
For the adjustable regulator, the best load regulation occurs when R1 is connected directly to the output pin of the regulator as shown in Figure 14. If R1 is connected to the load, RC is multiplied by the divider ratio and the effective resistance between the regulator and the load becomes
RC R1 ) R2 R1
where RC = conductor parasitic resistance.
Conductor Parasitic Resistance
VIN
VIN
VOUT CS5206-1 R1 Adj
RC
RLOAD
CAdj
R2
R2
Figure 11. Protection Diode Scheme for Adjustable Output Regulator Figure 14. Grounding Scheme for Adjustable Output Regulator to Minimize Parasitics
VOUT
IN4002 (optional) VIN C1 Gnd C2 VIN CS5206-1 VOUT
Calculating Power Dissipation and Heat Sink Requirements
Figure 12. Protection Diode Scheme for Fixed Output Regulators
The CS5206-X series of linear regulators includes thermal shutdown and safe operating area circuitry to protect the device. High power regulators such as these usually operate at high junction temperatures so it is important to calculate the power dissipation and junction
http://onsemi.com
6
CS5206-1, CS5206-3, CS5206-5
temperatures accurately to ensure that an adequate heat sink is used. The case is connected to VOUT on the CS5206-X, electrical isolation may be required for some applications. Thermal compound should always be used with high current regulators such as these. The thermal characteristics of an IC depend on the following four factors: 1. 2. 3. 4. Maximum Ambient Temperature TA (C) Power dissipation PD (Watts) Maximum junction temperature TJ (C) Thermal resistance junction to ambient RJA (C/W) These four are related by the equation
TJ + TA ) PD RQJA
(1)
A heat sink effectively increases the surface area of the package to improve the flow of heat away from the IC and into the surrounding air. Each material in the heat flow path between the IC and the outside environment has a thermal resistance. Like series electrical resistances, these resistances are summed to determine RJA, the total thermal resistance between the junction and the surrounding air. 1. Thermal Resistance of the junction to case, RJC (C/W) 2. Thermal Resistance of the case to Heat Sink, RCS (C/W) 3. Thermal Resistance of the Heat Sink to the ambient air, RSA (C/W) These are connected by the equation:
RQJA + RQJC ) RQCS ) RQSA
(3)
The maximum ambient temperature and the power dissipation are determined by the design while the maximum junction temperature and the thermal resistance depend on the manufacturer and the package type. The maximum power dissipation for a regulator is:
PD(max) + {VIN(max) * VOUT(min)}IOUT(max) ) VIN(max)IQ (2)
where: VIN(max) is the maximum input voltage, VOUT(min) is the minimum output voltage, IOUT(max) is the maximum output current, for the application IQ is the maximum quiescent current at IOUT(max).
The value for RJA is calculated using equation (3) and the result can be substituted in equation (1). The value for RJC is normally quoted as a single figure for a given package type based on an average die size. For a high current regulator such as the CS5206-X the majority of the heat is generated in the power transistor section. The value for RJSA depends on the heat sink type, while RJCS depends on factors such as package type, heat sink interface (is an insulator and thermal grease used?), and the contact area between the heat sink and the package. Once these calculations are complete, the maximum permissible value of RJA can be calculated and the proper heat sink selected. For further discussion on heat sink selection, see application note "Thermal Management," document number AND8036/D, available through the Literature Distribution Center or via our website at http://onsemi.com.
http://onsemi.com
7
CS5206-1, CS5206-3, CS5206-5
ADDITIONAL ORDERING INFORMATION Orderable Part Number CS5206-1GT3 CS5206-1GDP3 CS5206-1GDPR3 CS5206-3GT3 CS5206-3GDP3 CS5206-3GDPR3 CS5206-5GT3 Type 6A, Adj. Output 6A, Adj. Output 6A, Adj. Output 6A, 3.3V Output 6A, 3.3V Output 6A, 3.3V Output 6A, 5V Output Description 3-Pin TO-220 Straight 3-Pin D2PAK 3-Pin D2PAK (Tape & Reel) 3-Pin TO-220 Straight 3-Pin D2PAK 3-Pin D2PAK (Tape & Reel) 3-Pin TO-220 Straight
http://onsemi.com
8
CS5206-1, CS5206-3, CS5206-5
PACKAGE DIMENSIONS
TO-220 THREE LEAD T SUFFIX CASE 221A-08 ISSUE AA
-T- -B- F C S
SEATING PLANE NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. DIM A B C D F G H J K L N Q R S T U V INCHES MIN MAX 0.560 0.625 0.380 0.420 0.140 0.190 0.025 0.035 0.139 0.155 0.100 BSC --0.280 0.012 0.045 0.500 0.580 0.045 0.060 0.200 BSC 0.100 0.135 0.080 0.115 0.020 0.055 0.235 0.255 0.000 0.050 0.045 --MILLIMETERS MIN MAX 14.23 15.87 9.66 10.66 3.56 4.82 0.64 0.89 3.53 3.93 2.54 BSC --7.11 0.31 1.14 12.70 14.73 1.15 1.52 5.08 BSC 2.54 3.42 2.04 2.92 0.51 1.39 5.97 6.47 0.00 1.27 1.15 ---
T
4
Q
123
A U K H
-Y-
L V G D 3 PL 0.25 (0.010) N
M
R J B
M
Y
http://onsemi.com
9
CS5206-1, CS5206-3, CS5206-5
PACKAGE DIMENSIONS
D2PAK 3-PIN D2T SUFFIX CASE 418E-01 ISSUE O
-T- SEATING PLANE B 4 M C E
NOTES: 1. DIMENSIONS AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. INCHES MIN MAX 0.326 0.336 0.396 0.406 0.170 0.180 0.026 0.036 0.045 0.055 0.090 0.110 0.100 BSC 0.098 0.108 0.018 0.025 0.204 0.214 0.045 0.055 0.055 0.066 0.000 0.004 MILLIMETERS MIN MAX 8.28 8.53 10.05 10.31 4.31 4.57 0.66 0.91 1.14 1.40 2.29 2.79 2.54 BSC 2.49 2.74 0.46 0.64 5.18 5.44 1.14 1.40 1.40 1.68 0.00 0.10
A 1 K 2 3
F
G D 0.13 (0.005)
M 3 PL
H L J
DIM A B C D E F G H J K L M N
TB
M
N
PACKAGE THERMAL DATA Parameter RJC RJA Typical Typical TO-220 1.6 50 D2PAK 1.6 10-50* Unit C/W C/W
* Depending on thermal properties of substrate. RJA = RJC + RCA
http://onsemi.com
10
CS5206-1, CS5206-3, CS5206-5
Notes
http://onsemi.com
11
CS5206-1, CS5206-3, CS5206-5
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
Literature Fulfillment: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: ONlit@hibbertco.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada JAPAN: ON Semiconductor, Japan Customer Focus Center 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan 141-0031 Phone: 81-3-5740-2700 Email: r14525@onsemi.com ON Semiconductor Website: http://onsemi.com For additional information, please contact your local Sales Representative.
http://onsemi.com
12
CS5206/D


▲Up To Search▲   

 
Price & Availability of CS5206-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X