Part Number Hot Search : 
PC603 2K30A ANTXV2N 10A05 GKBB32PX UM110 RN1102F 2J102K
Product Description
Full Text Search
 

To Download CLP6B-MKW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Cree(R) PLCC6 3-in-1 SMD LED CLP6B-WKW/MKW
Data Sheet
These SMD LEDs are packaged in an industry-standard PLCC6 package. These high-reliability and high-brightness LEDs are designed to work in a wide range of environmental conditions and are ideally suited for use in illumination applications. Their wide viewing angle makes these LEDs ideally suited for channel letters or general backlighting and illumination applications. The flat-top emitting surface makes it easy for these LEDs to mate with light pipes.
FEATURES * * Size (mm): 6.0 x 5.0 Color Temperatures (K): CLP6B-WKW: Min.(4600) / Typical (6800) CLP6B-MKW: Min. (2500) / Typical (3200) Luminous Intensity (mcd) Cool White (7100-18000) Warm White (7100-14000) CRI Typical CRI for Cool White (4600-15000K) is 72 Typical CRI for Warm White (2500-4600K) is 80 Viewing Angle: 120 degrees Lead-Free RoHS-Compliant
APPLICATIONS * * * Light Strip Channel Letter Backlight
*
*
* * *
1 D-CT1020.00 Data Sheet: CL
Subject to change without notice. www.cree.com/ledlamps
1
Absolute Maximum Ratings (TA = 25C)
Items Symbol Absolute Maximum Rating Cool/Warm Forward Current Peak Forward Current Reverse Voltage Power Dissipation Operation Temperature Storage Temperature Junction Temperature Junction/Ambient Junction/Solder Point
Note
Unit
IF IFP VR PD Topr Tstg TJ RTHJA RTHJS
3 x 50 3 x 100 5 3 x 220 -40 ~ +100 -40 ~ +100 110 3 x 300 3 x 160
mA mA V mW C C C C/W C/W
Note: Pulse width 0.1 msec, duty 1/10.
Typical Electrical & Optical Characteristics (TA = 25C)
Characteristics Forward Voltage Reverse Current Luminous Flux Color Cool/Warm Cool/Warm Cool Warm Cool Warm Cool Warm Cool/Warm Symbol VF IR V V IV IV x y 21/2 Condition IF = 50 mA VR = 5 V IF = 3 x 50 mA IF = 3 x 50 mA IF = 3 x 50 mA IF = 3 x 50 mA IF = 3 x 50 mA sIF = 3 x 50 mA IF = 3 x 50 mA deg Unit V A mlm mlm mcd mcd 7100 7100 32000 30000 11000 9500 0.3100 0.3200 120 Minimum Typical 3.8 Maximum 4.4 10
Luminous Intensity Chromaticity Coordinates 50% Power Angle
Copyright (c) 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
2
CLD-CT1020.001
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps
Intensity Bin Limit (IF = 3 x 50 mA)
Cool White
Bin Code B0 C0 D0 E0 Min. (mcd) 7100 9000 11200 14000 Max. (mcd) 9000 11200 14000 18000
Warm White
Bin Code B0 C0 D0 Min. (mcd) 7100 9000 11200 Max. (mcd) 9000 11200 14000
Tolerance of measurement of luminous intensity is 10%.
VF Bin Limit (IF = 50 mA)
Cool White
Bin Code 29 2a 2b 2c 2d 2e Min. (V) 3.2 3.4 3.6 3.8 4.0 4.2 Max. (V) 3.4 3.6 3.8 4.0 4.2 4.4
Warm White
Bin Code 29 2a 2b 2c 2d 2e Min. (V) 3.2 3.4 3.6 3.8 4.0 4.2 Max. (V) 3.4 3.6 3.8 4.0 4.2 4.4
Tolerance of measurement of VF is 0.05 V.
Color Bin Limit (IF = 3 x 50 mA)
Cool White
Bin Code Subbin x 0.2545 Wa 0.2633 0.2545 0.2450 0.2633 Wb 0.2720 0.2640 0.2545 0.2545 Wc 0.2640 0.2720 0.2633 0.2633 Wd 0.2720 0.2800 0.2720 y 0.2480 0.2410 0.2245 0.2290 0.2410 0.2340 0.2200 0.2245 0.2480 0.2670 0.2575 0.2410 0.2410 0.2575 0.2480 0.2340 Wh W2 Wf We Bin Code Subbin x 0.2640 0.2735 0.2808 0.2720 0.2720 0.2808 0.2880 0.2800 0.2735 Wg 0.2830 0.2895 0.2808 0.2808 0.2895 0.2960 0.2880 y 0.2670 0.2860 0.2740 0.2575 0.2575 0.2740 0.2620 0.2480 0.2860 0.3050 0.2905 0.2740 0.2740 0.2905 0.2760 0.2620 Wn W3 Wk Wj Bin Code Subbin x 0.2830 0.2950 0.2998 0.2895 0.2895 0.2998 0.3045 0.2960 0.2950 Wm 0.3070 0.3100 0.2998 0.2998 0.3100 0.3130 0.3045 y 0.3050 0.3210 0.3028 0.2905 0.2905 0.3028 0.2865 0.2760 0.3210 0.3370 0.3150 0.3028 0.3028 0.3150 0.2970 0.2865
W1
Tolerance of measurement of the color coordinates is 0.01.
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps
Copyright (c) 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
3
CLD-CT1020.001
Color Bin Limit (IF = 3 x 50 mA)
Cool White
Bin Code Subbin x 0.3070 Wp 0.3185 0.3200 0.3100 0.3100 Wq 0.3200 0.3215 0.3130 0.3185 Wr 0.3300 0.3300 0.3200 0.3200 Ws 0.3300 0.3300 0.3215 y 0.3370 0.3485 0.3270 0.3150 0.3150 0.3270 0.3075 0.2970 0.3485 0.3600 0.3390 0.3270 0.3270 0.3390 0.3180 0.3075 Ww W5 Wu Wt Bin Code Subbin x 0.3300 0.3455 0.3443 0.3300 0.3300 0.3443 0.3430 0.3300 0.3455 Wv 0.3610 0.3585 0.3443 0.3443 0.3585 0.3560 0.3430 y 0.3600 0.3725 0.3535 0.3390 0.3390 0.3535 0.3345 0.3180 0.3725 0.3850 0.3680 0.3535 0.3535 0.3680 0.3510 0.3345
W4
Tolerance of measurement of the color coordinates is 0.01. Warm White
Bin Code Subbin x 0.3610 Ma 0.3576 0.3751 0.3820 0.3576 Mb 0.3541 0.3682 0.3749 0.3820 Mc 0.3751 0.3926 0.4030 0.3751 Md 0.3682 0.3822 0.3926 y 0.3900 0.3651 0.3783 0.4075 0.3651 0.3401 0.3491 0.3781 0.4075 0.3783 0.3915 0.4250 0.3783 0.3491 0.3580 0.3915 Mh M2 Mf Me Bin Code Subbin x 0.4030 0.3926 0.4118 0.4260 0.3926 0.3822 0.3976 0.4118 0.4260 Mg 0.4118 0.4310 0.4490 0.4118 0.3976 0.4129 0.4310 y 0.4250 0.3915 0.4021 0.4390 0.3915 0.3580 0.3653 0.4021 0.4390 0.4021 0.4128 0.4530 0.4021 0.3653 0.3725 0.4128 Mn M3 Mk Mj Bin Code Subbin x 0.4490 0.4310 0.4572 0.4785 0.4310 0.4129 0.4359 0.4572 0.4785 Mm 0.4572 0.4834 0.5080 0.4572 0.4359 0.4588 0.4834 y 0.4530 0.4128 0.4203 0.4625 0.4128 0.3726 0.3782 0.4203 0.4625 0.4203 0.4279 0.4720 0.4203 0.3782 0.3838 0.4279
M1
Tolerance of measurement of the color coordinates is 0.01.
Copyright (c) 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
4
CLD-CT1020.001
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps
CIE Chromaticity Diagram
0.5300
0.4700
M3
Mm Mj Mg
0.4100
0K 500
M
Me Mc Mk Mf Mh Mn
60 00 K
Ma W v Mb w Md
W
5
1
M
70 00 K
4
W W r
80 00 K
0.3500
y
W
t
W
W W m W W k
W
3000K
3500K 4000K
10 00 0K 9 00 0K
3
p
u
W q
W
s
W j g W h
W n
W
0.2900
W
2
W W
e W f
W
c
1
W
0.2300
W
d
a
W
b
0.1700 0.1700
0.2300
0.2900
0.3500 x
0.4100
2
2700K 2500K
0.4700
0.5300
Copyright (c) 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
5
CLD-CT1020.001
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps
Order Code Table*
Luminous Intensity (mcd) Min. Cool White Cool White Cool White Cool White Cool White CLP6B-WKW-CB0E0153 CLP6B-WKW-CC0E0233 CLP6B-WKW-CC0E0453 CLP6B-WKW-CD0E0233 CLP6B-WKW-CD0E0453 120 120 120 120 120 7100 9000 9000 11200 11200 Max. 18000 18000 18000 18000 18000 W1,W2,W3,W4,W5 W2,W3 W4,W5 W2,W3 W4,W5
Color
Kit Number
Viewing Angle
Color Bin Code
Color Warm White Warm White Warm White Warm White Warm White
Kit Number CLP6B-MKW-CB0D0133 CLP6B-MKW-CB0D0513 CLP6B-MKW-CC0D0513 CLP6B-MKW-CB0D0233 CLP6B-MKW-CC0D0233
Viewing Angle 120 120 120 120 120
Luminous Intensity (mcd) Min. 7100 7100 9000 7100 9000 Max. 14000 14000 14000 14000 14000
Color Bin Code M1,M2,M3 W5,M1 W5,M1 M2,M3 M2,M3
Notes: * The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one intensity-bin code and one color-bin code will be shipped on each reel. Single intensity-bin code and single color-bin codes will not be orderable. * Please refer to the "Cree LED Lamp Reliability Test Standards" document for reliability test conditions. * Please refer to the "Cree LED Lamp Soldering & Handling" document for information about how to use this LED product safely.
Copyright (c) 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
6
CLD-CT1020.001
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps
Graphs


















The above data are collected from statistical figures that do not necessarily correspond to the actual parameters of each single LED. Hence, these data will be changed without further notice.
Copyright (c) 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
7
CLD-CT1020.001
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps
Mechanical Dimensions
All dimensions are in mm.
Notes
RoHS Compliance The levels of environmentally sensitive, persistent biologically toxic (PBT), persistent organic pollutants (POP), or otherwise restricted materials in this product are below the maximum concentration values (also referred to as the threshold limits) permitted for such substances, or are used in an exempted application, in accordance with EU Directive 2002/95/EC on the restriction of the use of certain hazardous substances in electrical and electronic equipment (RoHS), as amended through April 21, 2006. Vision Advisory Claim Users should be cautioned not to stare at the light of this LED product. The bright light can damage the eye.
Copyright (c) 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
8
CLD-CT1020.001
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps
Kit Number System
Cree LED lamps are tested and sorted into performance bins. A bin is specified by ranges of color, forward voltage, and brightness. Sorted LEDs are packaged for shipping in various convenient options. Please refer to the "Cree LED Lamp Packaging Standard" document for more information about shipping and packaging options. Cree LEDs are sold by order codes in combinations of bins called kits. Order codes are configured in the following manner:
Copyright (c) 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
9
CLD-CT1020.001
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps
Packaging
* * * * * The boxes are not water-resistant, and they must be kept away from water and moisture. The LEDs are packed in cardboard boxes after packaging in normal or anti-electrostatic bags. Cardboard boxes will be used to protect the LEDs from mechanical shocks during transportation. The reel pack is applied in SMD LED. Max 900 pcs per reel.
10%
20%
3 0%
40%
DANGEROUS DO NOT EAT
DESICCANT

Copyright (c) 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
10
CLD-CT1020.001
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps


▲Up To Search▲   

 
Price & Availability of CLP6B-MKW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X