Part Number Hot Search : 
RT9174PS PDSP1 DTC123J SMF150A BT10809 C3312 1N3611GP SMF160A
Product Description
Full Text Search
 

To Download CE82H-1M000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HIGH STABILITY CRYSTAL OSCILLATORS
SERIES CX8000
FEATURES WIDE FREQUENCY RANGE STABILITY TO 5 PPM CUSTOM SPECIFICATIONS SPECIFICATIONS
FREQUENCY RANGE 1.00 MHz TO 100.00 MHz FREQUENCY STABILITY OVER TEMPERATURE 5 PPM TO 50 PPM MAX AT VCC = +5.0 VDC AND STANDARD LOAD RANGE (REFERENCED TO25C) (SEE TABLE 1 FOR STABILITY OVER TEMPERATURE RANGE) 0C TO +50C (NARROW) 0C TO +70C (STANDARD) -40C TO +85C (EXTENDED) AT VCC = +5.0 VDC AND STANDARD LOAD -40C TO +85C 4 PPM MAX FOR THE FIRST YEAR 2 PPM MAX PER YEAR THEREAFTER TTL, HCMOS, OR ACMOS (SEE TABLE 2) NORMAL: 40/60 % TIGHT: 45/55 % 3 PPM MAX FOR 10% VARIATION AT VCC = +5.0 VDC AT 25C +5.0 VDC 5% (3.3 VDC AVAILABLE) 5 PPM MAX FOR 5% VARIATION AT VCC = +5.0 VDC AND STANDARD LOAD AT 25C 35 mA MAX AT VCC = +5.0 VDC AND STANDARD LOAD AT 25C -0.5 TO +7.0 VDC FOR VCC AND VC (N0N DESTRUCTIVE) CONTROL PIN 2: HIGH OR OPEN (+2.0 VDC MIN) OUTPUT PIN 4: ENABLED CONTROL PIN 2: LOW OR GND (+0.8 VDC MAX) OUTPUT PIN 4: DISABLED (HIGH Z) -40C TO +85C SEE GRAPH FOR PHASE NOISE CHARACTERISTICS
OPERATING TEMPERATURE RANGE
STORAGE TEMPERATURE RANGE AGING CHARACTERISTICS OUTPUT WAVEFORM OPTIONS SYMMETRY FREQUENCY STABILITY OVER LOAD VARIATION SUPPLY VOLTAGE FREQUENCY STABILITY OVER SUPPLY VOLTAGE VARIATION SUPPLY CURRENT ABSOLUTE VOLTAGE RANGE ENABLE/DISABLE FUNCTION STORAGE TEMPERATURE RANGE PHASE NOISE (TYPICAL)
TEMPERATURE RANGE DESIGNATIONS
TABLE 1 CODE A B C D E F G H I J K L M O P Q TEMPERATURE RANGE 0C TO +50C 0C TO +50C 0C TO +50C 0C TO +50C 0C TO +50C 0C TO +70C 0C TO +70C 0C TO +70C 0C TO +70C 0C TO +70C 0C TO +70C -40C TO +85C -40C TO +85C -40C TO +85C -40C TO +85C -40C TO +85C TEMPERATURE STABILITY 5 PPM 10 PPM 15 PPM 20 PPM 25 PPM 10 PPM 15 PPM 20 PPM 25 PPM 35 PPM 50 PPM 20 PPM 25 PPM 30 PPM 35 PPM 50 PPM
OUTPUT AND LOAD CHARACTERISTICS
TABLE 2 TTL/HCMOS COMPATIBLE SYMMETRY: 40/60% TO 60/40% AT +1.4 VDC VOH: +2.4 VDC MIN VOL: +0.4 VDC MAX RISE/FALL TIME: 10 ns WITH STANDARD LOAD (20% TO 80%) TTL/HCMOS COMPATIBLE SYMMETRY: 40/60% TO 60/40% AT 50% LEVEL VOH: +4.5 VDC MIN VOL: +0.5 VDC MAX RISE/FALL TIME: 5 ns WITH STANDARD LOAD (20% TO 80%) ACMOS TO DRIVE 3 GATES AT TTL LEVELS SYMMETRY: 40/60% TO 60/40% AT 50% LEVEL VOH: +4.5 VDC MIN VOL: +0.5 VDC MAX RISE/FALL TIME: 5 ns WITH 30 pF LOAD (20% TO 80%)
TTL - 10 TTL LOADS
HCMOS - 15 pF MAX
ACMOS - 15 pF MAX
MECHANICAL CHARACTERISTICS
MECHANICAL SHOCK THERMAL SHOCK RANDOM VIBRATION GROSS LEAK HERMETIC SEAL SOLDERING CONDITIONS MECHANICAL MIL-STD-202, METHID 213, CONDITION E MIL-STD-883, METHOD 1011, CONDITION A MIL-STD-883, METHOD 2007, CONDITION A 100% LEAK TESTED IN DEIONIZED WATER LEAK RATE LESS THAN 0.05 PPM ATM x cc/s OF HELIUM 240 C 5 s MAXIMUM FOR 10 s SURFACE MOUNT, 6 PIN PER OUTLINE DRAWING
Powered by ICminer.com Electronic-Library Service CopyRight 2003
Raltron Electronics Corporation 10651 NW 19th St. Miami, Florida 33172 U.S.A. Tel: 305-593-6033 Fax: 305-594-3973 e-mail: sales@raltron.com Internet: http://www.raltron.com
HIGH STABILITY CRYSTAL OSCILLATORS
OUTLINE DRAWINGS
13.96 .550 654 2.54 .100 2.54 .100
CO8 PIN 1 2 FUNCTION NO CONNECT NO CONNECT CASE / GND OUTPUT NO CONNECT VCC
SERIES CX8000
9.77 MAX
.385 MAX
2.54 .100
3 4 5 6
MARKING LABEL 1 1 2 3
8.88 .350
7.62 .300
4.70 MAX
.185 MAX
1.02 .040
PIN 1 2
CE8 FUNCTION NO CONNECT ENABLE / DISABLE CASE / GND OUTPUT NO CONNECT VCC
.76 .030
3 4
.46 TYP .018 TYP
2.54 TYP .100 TYP
7.61 .20 .300 .008
5 6
SOLDER REFLOW PROFILE
240 C REFLOW
CARRIER TAPE DIMENSIONS
1.75 0.1 .069 .004 11.70 .461 24 0.1 .945 .004
4.8 .189
TEMPERATURE
1.5 0.1DIA .059 .004 DIA
2.0 0.1 .079 .004
10 s 150 C PREHEATING
COOLING
4.0 0.1 .157 .004
25 C
120s MAX TIME (SECONDS)
12 .00 .472
PART NUMBERING SYSTEM
SERIES CO8 CE8 1 2 3 OUTPUT (TABLE 2) TTL HCMOS ACMOS CODE (TABLE 1) A THROUGH Q IN MHz FREQUENCY T: TIGHT SYMMETRY TR TAPE AND REEL
EXAMPLE: CE821-16M384000ENABLE / DISABLE CLOCK: 14 PIN DIP, HCMOS 25 PPM, 0 TO 70C, AT 16.384 MHz PHASE NOISE CHARACTERISTICS
0 -20 -40 -60 dBc -80 -100 -120 -140 -160 10 Hz 100 Hz 1 KHz Offset from carrier 10 KHz -70 -95 -120 -140 -150
100 KHz
Powered by ICminer.com Electronic-Library Service CopyRight 2003
Raltron Electronics Corporation 10651 NW 19th St. Miami, Florida 33172 U.S.A. Tel: 305-593-6033 Fax: 305-594-3973 e-mail: sales@raltron.com Internet: http://www.raltron.com


▲Up To Search▲   

 
Price & Availability of CE82H-1M000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X