Part Number Hot Search : 
TIP29 2040C 20101 SC2540 MM1563G GA200 2N1573 2SD13
Product Description
Full Text Search
 

To Download C4400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C4400
Typical Applications
Base Stations Test Equipment Synthesizers Digital Switching
OCXO
Features
4-Pin Dip Surface Mount Package Optional Fast Warm-up TCXO Replacement for better short term stability 4887, TQDILOC, OC-400
Previous Vectron Model Numbers Frequency range Standard frequencies
10 MHz - 160 MHz 10; 12, 12.8, 16.385, 19.44, 20, 38.88, 51.84, 133Mhz
Frequency stabilities1 [AT-Cut Crystal - Standard]
Parameter vs. operating temperature range (Referenced to +25C) Parameter Initial tolerance vs. supply voltage change vs. load change vs. aging / day vs aging / year vs. aging / year Warm-up Time Min -100 -250 -250 Min -0.5 -10 -10 -10 -300 -500 Typ Max. +100 +250 +250 Max. +0.5 +10 +10 +10 +300 +500 2 Units ppb ppb ppb Units ppm ppb ppb ppb ppb ppb minutes Operating temp range Ordering Code -20 ... +70C D107 -20 ... +70C D257 -40... +85C F257 Condition at time of shipment, nominal EFC VS 5% Load 5% after 30 days of operation 60MHz; after 30 days of operation >60MHz; after 30 days of operation to 100ppb of final frequency (1 hour reading) @ +25C
Typ
Better Frequency Stabilities with SC-Cut Crystal within 10 to 40MHz on request Supply voltage (Vs)
Parameter Supply voltage [Standard] Supply voltage [Option] Supply voltage [Option] Power consumption Min 4.75 11.4 3.135 Typ 5 12.0 3.3 Max. 5.25 12.6 3.465 2.5 1.0 Units VDC VDC VDC Watts Watts Condition Ordering Code SV050 SV120 SV033 during warm-up steady state @ +25C
RF output
Parameter Signal [Standard] Load Signal Level (Vol) Signal Level (Voh) Duty cycle Min Typ HCMOS 15 0.5 0.3 3.7 2.4 45 55 pF VDC VDC VDC VDC % Max. Units Condition Ordering Code RFH
with Vs=12.0V or 5.0V and 15pF load with Vs=3.3V and 15pF load with Vs=12.0V or 5.0V and 15pF load with Vs=3.3V and 15pF load @ (Voh-Vol)/2
Frequency Tuning (EFC) 10 to 80MHz
Parameter Tuning Range Linearity Tuning Slope Control Voltage Range Control Voltage Range 0 2 Positive 4 VDC with Vs=12.0V or 5.0V with Vs=3.3V Min 5.0 Typ Max. 12 5 Units ppm % Condition
Vectron International * www.vectron.com
Vectron International Headquarters 267 Lowell Road Hudson, New Hampshire 03051 +1-888-328-7661 tel +1-888-329-8328 fax Vectron International LLC. 100 Watts Street Mount Holly Springs, PA 17065 USA +1-717-486-3411 tel +1-717-486-5920 fax Vectron international GmbH & Co. KG Landstrasse D-74924 Neckarbischofsheim Germany +49-07268-801-0 tel +49-07268-801-281 fax
v.2005-03-02 * page 1 of 4 Vectron Asia Pacific Sales Office Unit 3119 31st Floor, Jin Mao Tower, 88 Century Boulevard, Shanghai, P.R. China 200120 +86 21 28909740 tel. +86 21 28909240 fax
C4400
Enclosures
OCXO
Type B
Type A
Package Codes: Code A1 A2 Height "H" 10.16 9.0 Pin Length "L" 6.35 6.35 Code B1
Height "H" 12.06
Pin Length "L" NA
18.48
10.81
"H" MAX
15.24
1
7
12.70
14 8
2.5 2.5 20.32
Dimensions: mm
Dimensions: Imm
Pin Connections
1 7 8 14 Electrical Frequency Adjust Input (EFC) Ground (Case) RF Output Supply Voltage Input
Pin Connections
1 Electrical Frequency Adjust Input (EFC) 7 Ground (Case) 8 RF Output 14 Supply Voltage Input
Standard Shipping Method (For Type B Enclosures)
A X B P K
*bei W 24 mm nur untere Lochreihe by W 24 mm only lower hole line
Lage im Gurt Position in tape Pin 1
Abwickelrichtung Unwinding direction
Gurtunterseite Tape buttom side Gurtoberseite Tape upper side
Production tolerance complying DIN IEC 286-3 Enclosure Type Tape width W [mm] Type B 44
Quantity per meter 50
Quantity per reel 300
Dimension P 20
Vectron International * www.vectron.com
Vectron International Headquarters 267 Lowell Road Hudson, New Hampshire 03051 +1-888-328-7661 tel +1-888-329-8328 fax Vectron International LLC. 100 Watts Street Mount Holly Springs, PA 17065 USA +1-717-486-3411 tel +1-717-486-5920 fax Vectron international GmbH & Co. KG Landstrasse D-74924 Neckarbischofsheim Germany +49-07268-801-0 tel +49-07268-801-281 fax
v.2005-03-02 * page 2 of 4 Vectron Asia Pacific Sales Office Unit 3119 31st Floor, Jin Mao Tower, 88 Century Boulevard, Shanghai, P.R. China 200120 +86 21 28909740 tel. +86 21 28909240 fax
C4400
Recommended Reflow Profile
OCXO
Additional parameters
Parameter 3 Phase Noise Min Max. -65 -95 -120 -140 -145 8.0 Handling & processing note Typ Units dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz g 1 10 100 1 10 Condition Hz Hz Hz kHz kHz @ 10 MHz
Weight Processing & Packing
Absolute Maximum Ratings
Parameter Supply voltage (Vs) Min Typ Max. 7.0 28 7.0 50 +85 +125 Units V V V pF C C Condition with Vs=5.0VDC with Vs=12VDC with Vs=3.3VDC
Output Load Operable temperature range Storage temperature range
-55 -55
Vectron International * www.vectron.com
Vectron International Headquarters 267 Lowell Road Hudson, New Hampshire 03051 +1-888-328-7661 tel +1-888-329-8328 fax Vectron International LLC. 100 Watts Street Mount Holly Springs, PA 17065 USA +1-717-486-3411 tel +1-717-486-5920 fax Vectron international GmbH & Co. KG Landstrasse D-74924 Neckarbischofsheim Germany +49-07268-801-0 tel +49-07268-801-281 fax
v.2005-03-02 * page 3 of 4 Vectron Asia Pacific Sales Office Unit 3119 31st Floor, Jin Mao Tower, 88 Century Boulevard, Shanghai, P.R. China 200120 +86 21 28909740 tel. +86 21 28909240 fax
C4400
How to Order this Product:
Step 1 Use this worksheet to forward the following information to your factory representative: Model C4400
Example : C4400 D207 SV050
OCXO
Stability Code
Supply Voltage Code
RF Output Code RFH
RFH
Package Code
Frequency
A1
10.000 Mhz
Step 2
The factory representative will then respond with a Vectron Model Number in the following configuration: Model C4400 Package Code [Customer Specified Package Code] Dash Dash Number [Factory Generated 4 digit number]
Typical P/N = C4400A1-0001
Notes: 1 Contact factory for improved stabilities or additional product options. Not all options and codes are available at all frequencies. 2 Unless otherwise stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency control voltage, load, temperature (25C) 3 Phase noise degrades with increasing output frequency. 4 Subject to technical modification. 5 Contact factory for availability.
Vectron International * www.vectron.com
Vectron International Headquarters 267 Lowell Road Hudson, New Hampshire 03051 +1-888-328-7661 tel +1-888-329-8328 fax Vectron International LLC. 100 Watts Street Mount Holly Springs, PA 17065 USA +1-717-486-3411 tel +1-717-486-5920 fax Vectron international GmbH & Co. KG Landstrasse D-74924 Neckarbischofsheim Germany +49-07268-801-0 tel +49-07268-801-281 fax
v.2005-03-02 * page 4 of 4 Vectron Asia Pacific Sales Office Unit 3119 31st Floor, Jin Mao Tower, 88 Century Boulevard, Shanghai, P.R. China 200120 +86 21 28909740 tel. +86 21 28909240 fax


▲Up To Search▲   

 
Price & Availability of C4400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X