Part Number Hot Search : 
ST62P20C 2450BP KRA111S 0ESS82 BCM53 4756A 1CO30 UN211
Product Description
Full Text Search
 

To Download APTGT75A170D1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTGT75A170D1
Trench IGBT Power Module
Phase leg
(R)
VCES = 1700V IC = 75A @ Tc = 80C
Application * Welding converters * Switched Mode Power Supplies * Uninterruptible Power Supplies * Motor control Features * Trench + Field Stop IGBT(R) Technology - Low voltage drop - Low tail current - Switching frequency up to 20 kHz - Soft recovery parallel diodes - Low diode VF - Low leakage current - Avalanche energy rated - RBSOA and SCSOA rated * Kelvin emitter for easy drive * Low stray inductance * High level of integration * Kelvin emitter for easy drive * Low stray inductance - M5 power connectors Benefits * Stable temperature behavior * Very rugged * Direct mounting to heatsink (isolated package) * Low junction to case thermal resistance * Easy paralleling due to positive TC of VCEsat
Q1 4 5 Q2 6 7
3
1
2
3 4 5 7 6
2
1
Absolute maximum ratings
Symbol VCES IC ICM VGE PD RBSOA
Parameter Collector - Emitter Breakdown Voltage
Continuous Collector Current Pulsed Collector Current Gate - Emitter Voltage Maximum Power Dissipation Reverse Bias Safe Operation Area
TC = 25C Tj = 125C
V W
150A@1700V
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
APT website - http://www.advancedpower.com
1-3
APTGT75A170D1 - Rev 0
January, 2004
TC = 25C TC = 80C TC = 25C
Max ratings 1700 120 75 150 20 520
Unit V A
APTGT75A170D1
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol Characteristic BVCES Collector - Emitter Breakdown Voltage ICES Zero Gate Voltage Collector Current VCE(on) VGE(th) IGES Symbol Cies Cres Td(on) Tr Td(off) Tf Td(on) Tr Td(off) Tf Eoff Collector Emitter on Voltage Gate Threshold Voltage Gate - Emitter Leakage Current Test Conditions VGE = 0V, IC = 3mA VGE = 0V, VCE = 1700V Tj = 25C VGE = 15V IC = 75A Tj = 125C VGE = VCE , IC = 3mA VGE = 20V, VCE = 0V Test Conditions VGE = 0V, VCE = 25V f = 1MHz Inductive Switching (25C) VGE = 15V VBus = 900V IC = 75A RG = 18 Inductive Switching (125C) VGE = 15V VBus = 900V IC = 75A RG = 18 Min
1700
Typ
Max 5 2.4 6.4 400
Unit V mA V V nA
5.2
2.0 2.4 5.8
Dynamic Characteristics
Characteristic Input Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn Off Energy
Min
Typ 6.5 0.22 200 100 750 100 230 100 900 120 25
Max
Unit nF
ns
ns
mJ
Reverse diode ratings and characteristics
Symbol Characteristic VF Er Qrr Diode Forward Voltage Reverse Recovery Energy Reverse Recovery Charge
Test Conditions IF = 75A VGE = 0V IF = 75A VR = 900V di/dt =990A/s IF = 75A VR = 900V di/dt =990A/s
Min Tj = 25C Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C
Typ 1.8 1.9 10 17.5 20 32
Max 2.2
Unit V mJ C
Thermal and package characteristics
Symbol Characteristic RthJC VISOL TJ TSTG TC Torque Wt Junction to Case RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz Operating junction temperature range Storage Temperature Range Operating Case Temperature For terminals Mounting torque To Heatsink Package Weight IGBT Diode
Min
Typ
Max 0.24 0.42 150 125 125 3.5 5 180
Unit
C/W January, 2004 2-3 APTGT75A170D1 - Rev 0
3500 -40 -40 -40 2 3
V C N.m g
M5 M6
APT website - http://www.advancedpower.com
APTGT75A170D1
Package outline
APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
APT website - http://www.advancedpower.com
3-3
APTGT75A170D1 - Rev 0
January, 2004


▲Up To Search▲   

 
Price & Availability of APTGT75A170D1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X