Part Number Hot Search : 
SRT13 01005 1392K 0SERIE TDA74 R15KP20 D1616 BAS16S3
Product Description
Full Text Search
 

To Download APTGF20X60E2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTGF20X60E2 APTGF20X60P2
3 Phase bridge NPT IGBT Power Module
Application * AC Motor control
VCES = 600V IC = 20A @ Tc = 80C
Features * Non Punch Through (NPT) Fast IGBT(R) - Low voltage drop - Low tail current - Switching frequency up to 50 kHz - Soft recovery parallel diodes - Low diode VF - Low leakage current - Avalanche energy rated - RBSOA and SCSOA rated Kelvin emitter for easy drive Very low stray inductance High level of integration
Pin out: APTGF20X60E2 (Long pins)
NU V W P+
* * *
1 2 3 4 5 6 7 8 9 10 11 12
Benefits * Outstanding performance at high frequency operation Stable temperature behavior Very rugged Solderable terminals for easy PCB mounting Direct mounting to heatsink (isolated package) Low junction to case thermal resistance Easy paralleling due to positive TC of VCEsat Low profile
Pin out: APTGF20X60P2 (Short pins)
NU V W P+
* * * * * * *
12
34
56
78
9 10
11 12
All ratings @ Tj = 25C unless otherwise specified
Symbol VCES IC ICM VGE PD SCSOA Parameter Collector - Emitter Breakdown Voltage Max ratings 600 32 20 50 20 125 80A@360V Unit V A V W
APTGF20X60E2(P2) - Rev 0 November, 2003
Absolute maximum ratings
Continuous Collector Current Pulsed Collector Current Gate - Emitter Voltage Maximum Power Dissipation Short Circuit Safe Operating Area
TC = 25C TC = 80C TC = 25C TC = 25C Tj = 125C
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. 1-4
APT website - http://www.advancedpower.com
APTGF20X60E2 APTGF20X60P2
Electrical Characteristics
Symbol Characteristic BVCES Collector - Emitter Breakdown Voltage ICES VCE(on) VGE(th) IGES Zero Gate Voltage Collector Current Collector Emitter on Voltage Gate Threshold Voltage Gate - Emitter Leakage Current Test Conditions VGE = 0V, IC = 500A VGE = 0V Tj = 25C VCE = 600V Tj = 125C VGE = 15V Tj = 25C IC = 20A Tj = 125C VGE = VCE , IC = 0.5mA VGE = 20V, VCE = 0V Min
600
Typ 1 1 2.0 2.2
Max 500 2.5 6.5 400
Unit V A mA V V nA
3
Dynamic Characteristics
Symbol Cies Cres Td(on) Tr Td(off) Tf Td(on) Tr Td(off) Tf Eoff
Characteristic Input Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn off Energy
Test Conditions VGE = 0V, VCE = 25V f = 1MHz Inductive Switching (25C) VGE = 15V VBus = 300V IC = 20A RG = 27 Inductive Switching (125C) VGE = 15V VBus = 300V IC = 20A RG = 27
Min
Typ 1100 70 45 23 107 18 47 24 125 21 0.38
Max
Unit pF
ns
ns
mJ
Reverse diode ratings and characteristics
Symbol Characteristic VF ER Qrr Diode Forward Voltage Reverse Recovery Energy Reverse Recovery Charge
Test Conditions IF = 20A VGE = 0V IF = 20A VR = 300V di/dt =800A/s IF = 20A VR = 300V di/dt =800A/s
Min Tj = 25C Tj = 125C Tj = 125C Tj = 25C Tj = 125C
Typ 1.25 1.2 0.43 1.4 2.4
Max 1.6
Unit V mJ C
Thermal and package characteristics
Symbol Characteristic RthJC VISOL TJ TSTG TC Torque Wt Junction to Case RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque To Heatsink Package Weight IGBT Diode
Min
Typ
2500 -40 -40 -40 2 150 125 125 3.5 185
V C N.m g
M5
APT website - http://www.advancedpower.com
2-4
APTGF20X60E2(P2) - Rev 0 November, 2003
Max 1 1.5
Unit
C/W
APTGF20X60E2 APTGF20X60P2
Package outline
Pin out: APTGF20X60E2 (Long pins)
ALL DIMENSIONS MARKED " * " ARE TOLERENCED AS :
APT website - http://www.advancedpower.com
3-4
APTGF20X60E2(P2) - Rev 0 November, 2003
APTGF20X60E2 APTGF20X60P2
Package outline
Pin out: APTGF20X60P2 (Short pins)
ALL DIMENSIONS MARKED " * " ARE TOLERENCED AS :
APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
APT website - http://www.advancedpower.com
4-4
APTGF20X60E2(P2) - Rev 0 November, 2003


▲Up To Search▲   

 
Price & Availability of APTGF20X60E2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X