Part Number Hot Search : 
MHW3828 MC74AC 8821G H3LL0 2SC3780 F1030 IRFU3505 MH80626C
Product Description
Full Text Search
 

To Download A1185ELHLT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary Data Sheet Subject to Change Without Notice August 9, 2004
A1185 and A1186
Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
The A1185 and A1186 devices are ultrasensitive, two-wire, unipolar, Hall effect switches. The operate point, BOP, can be field-programmed, after final packaging of the sensor and placement into the application. This advanced feature allows the optimization of the sensor switching performance, by effectively accounting for variations caused by mounting tolerances for the device and the target magnet. This family of devices are produced on the Allegro MicroSystems advanced BiCMOS wafer fabrication process, which implements a patented, high-frequency, chopper-stabilization technique that achieves magnetic stability and eliminates the offsets that are inherent in single-element devices exposed to harsh application environments. Commonly found in a number of automotive applications, the A1185 and A1186 devices are utilized to sense: seat track position, seat belt buckle presence, hood/trunk latching, and shift selector position. Two-wire unipolar switches are particularly advantageous in price-sensitive applications, because they require one less wire than the more traditional open-collector output switches. Additionally, the system designer gains inherent diagnostics because output current normally flows in either of two narrowly-specified ranges. Any output current level outside of these two ranges is a fault condition. The A1185 and A1186 devices also features on-chip transient protection, and a Zener clamp to protect against overvoltage conditions on the supply line. The output current of the A1186 switches HIGH in the presence of a south polarity magnetic field of sufficient strength; and switches LOW otherwise, including when there is no significant magnetic field present. The A1185 has an inverted output current level: switching LOW in the presence of a south polarity magnetic field of sufficient strength, and HIGH otherwise. ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VCC .......................................... 28 V Reverse-Supply Voltage, VRCC ........................ -18 V Magnetic Flux Density, B .........................Unlimited Operating Temperature Ambient, TA, Range E.................. -40C to 85C Ambient, TA, Range L................ -40C to 150C Maximum Junction, TJ(max)........................165C Storage Temperature, TS .................. -65C to 170C
Package LH, 3-pin SOT
3
1. VCC 2. No connection 3. GND
NC 1 2
Package UA, 3-pin SIP
1. VCC 2. GND 3. GND
1 2
PTCT
3
All family members are offered in two package styles: SOT-23W, a miniature lowprofile package for surface-mount applications (suffix -LH), and TO-92, threelead ultra-mini Single Inline Package (SIP) for through-hole mounting (suffix -UA). Factory-programmed versions are also available. Refer to: A1145 and A1146.
Features and Benefits
Chopper stabilization Low switchpoint drift over operating temperature range Low stress sensitivity Field-programmable for optimized switchpoints On-chip protection Supply transient protection Reverse-battery protection On-board voltage regulator 3.5 V to 24 V operation
Engineering samples available on a limited basis. Contact your local sales or applications support office for additional information.
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
A1185-DS
Preliminary - Subject to Change Without Notice August 9, 2004
A1185 and A1186
Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall Effect Switches
Functional Block Diagram
V+ VCC Program/Lock Programming Logic Offset
Regulator Clock/Logic 0.01 uF Sample and Hold Dynamic Offset Cancellation Low-Pass Filter
Amp
GND Package UA Only
GND
Product Selection Guide
Use the complete part numbers when ordering
TA (C) -40 to 85 5 to 6.9 -40 to 150 -40 to 85 5 to 6.9 -40 to 150 High Low Low High Supply Current at Low Output, ICC(L) (mA) Output South (+) Field1 Other Field2
Part Number A1185ELH A1185EUA A1185LLH A1185LUA A1186ELH A1186EUA A1186LLH A1186LUA
1South 2Includes
Package Surface Mount SIP Surface Mount SIP Surface Mount SIP Surface Mount SIP
(+) magnetic fields must be of sufficient strength. north (-) magnetic fields of sufficient strength, and weak fields of either polarity.
A1185-DS
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
2
Preliminary - Subject to Change Without Notice August 9, 2004
A1185 and A1186
Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall Effect Switches
ELECTRICAL CHARACTERISTICS over the operating voltage and temperature range, unless otherwise specified
Characteristic Supply Voltage Supply Current1 Zener Clamp Supply Voltage Zener Clamp Supply Current2 Output Slew Rate3 Chopping Frequency Power-On Time4 Power-On State5
1Relative
Symbol VCC ICC(L) ICC(H) VZ(supply) IZ(supply) di/dt fC ton POS
Test Conditions Device powered on B >BOP for A1185; B BOP for A1186; B Min. 3.5 5 12 28 - - - - -
Typ. - - - - - 36 400 - HIGH
Max. 24 6.9 17 40 10 - - 25 -
Units V mA mA V mA mA/s kHz s -
values of B use the algebraic convention, where positive values indicate south magnetic polarity, and negative values indicate north magnetic polarity; therefore greater B values indicate a stronger south polarity field (or a weaker north polarity field, if present). 2The maximum value for I Z(supply) is equal to ICC(L)MAX + 3 mA. 3The value of di is the difference between 90% of I CC(H) and 10% of ICC(L), and the value of dt is time period between those two points. The value of di/dt depends on the value of the bypass capacitor, if one is used, with greater capacitances resulting in lower rates of change. 4The value of t depends on the value of the bypass capacitor, if one is used, with greater capacitances resulting in longer t . on on 5A V slew rate less than 25 mV/s affects device performance, both while powering-on and while running. For t > t CC on on(max), and BRP < B < BOP, POS is undefined.
MAGNETIC CHARACTERISTICS1 over the operating voltage and temperature range, unless otherwise specified
Characteristic Programmable Operate Point Range Switchpoint Step Size Number of Programming Bits Termperature Drift of BOP Hysteresis
1Relative
Symbol BOPrange BRES
-
Test Conditions ICC = ICC(L) for A1185 ICC = ICC(H) for A1186 VCC = 5 V, TA = 25C Switchpoint setting Programming locking
Min. 10 2 - - -
Typ. - 4 5 1 - 15
Max. 60 6 - - 20 30
Units G G Bit Bit G G
BOP BHYS BHYS = BOP - BRP
5
values of B use the algebraic convention, where positive values indicate south magnetic polarity, and negative values indicate north magnetic polarity; therefore greater B values indicate a stronger south polarity field (or a weaker north polarity field, if present). 2The range of values specified for B RES is a maximum, derived from the cumulative programming bit errors.
A1185-DS
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
3
Preliminary - Subject to Change Without Notice August 9, 2004
A1185 and A1186
Characteristic Data
Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall Effect Switches
ICC(L) versus Ambient Temperature at Various Levels of VCC (A1185 and A1186)
10 8 ICC(L) (mA) ICC(H) (mA) VCC 6 4 2 0 -40 -20 0 20 40 60 80 100 120 140 3.8 V 12.0 V 24.0 V 20 18
ICC(H) versus Ambient Temperature at Various Levels of VCC (A1185 and A1186)
VCC 16 14 12 10 -40 -20 0 20 40 60 80 10 12 14 3.8 V 12.0 V 24.0 V
Ambient Temperature, TA (C)
Ambient Temperature, TA (C)
Switchpoint Setting Result* versus Ambient Temperature (A1185 and A1186)
200 180 160 Average BOP (G) 140 100 80 60 40 20 0 -40 -20 0 20 40 60 80 100 120 140 Bit 0 Bit 1 Bit 4 Bit 3 Bit 2 BHYS (G) 120 Bit 5 60 50 40 30 20 10 0 -40
Hysteresis versus Ambient Temperature at VCC = 12 V (A1185 and A1186)
-20
0
20
40
60
80
100
120
140
Ambient Temperature, TA (C) * Factory default setting is Bit 0.
Ambient Temperature, TA (C)
Contact Allegro MicroSystems for information.
Device Qualification Program
EMC (Electromagnetic Compatibility) Requirements
Contact your local representative for EMC results.
Test Name ESD - Human Body Model ESD - Machine Model Conducted Transients Direct RF Injection Bulk Current Injection TEM Cell Reference Specification AEC-Q100-002 AEC-Q100-003 ISO 7637-1 ISO 11852-7 ISO 11852-4 ISO 11852-3
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
4
A1185-DS
Preliminary - Subject to Change Without Notice August 9, 2004
A1185 and A1186
Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall Effect Switches
THERMAL CHARACTERISTICS may require derating at maximum conditions, see application information
Characteristic Symbol Test Conditions Package LH, minimum-K PCB (single-sided with copper limited to solder pads) Package LH, low-K PCB (double-sided with 0.926 in2 copper area) Package UA, minimum-K PCB (single-sided with copper limited to solder pads) Min. 110 228 165 Typ. - - - Max Units - - - C/W C/W C/W
Package Thermal Resistance
RJA
25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 20
Power Derating Curve TJ(max) = 165C; ICC = ICC(max)
VCC(max)
Maximum Allowable VCC (V)
Low-K PCB, Package LH (RJA = 110 C/W) Minimum-K PCB, Package UA (RJA = 165 C/W) Minimum-K PCB, Package LH (RJA = 228 C/W) VCC(min)
140 160 180
40
60
80
100
120
1900 1800 1700 1600 1500 1400 1300 1200 1100 1000 900 800 700 600 500 400 300 200 100 0 20
Maximum Power Dissipation, PD(max) TJ(max) = 165C; VCC = VCC(max); ICC = ICC(max)
Power Dissipation, PD (m W)
Lo (R w-K PC J A= 11 B, P 0 ac Min C/ ka W ge (R imum ) LH -K JA = PC 165 B, P C/ ack W) age UA Min imu m-K (R P JA = 228 CB, Pa C/W ckag e LH )
40
60
80 100 120 Temperature (C)
140
160
180
A1185-DS
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
5
Preliminary - Subject to Change Without Notice August 9, 2004
A1185 and A1186
Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall Effect Switches
Functional Description
Operation The output, ICC, of the A1185 switches low after the magnetic field at the Hall sensor exceeds the operate point threshold, BOP. When the magnetic field is reduced to below the release point threshold, BRP, the device output goes high. The differences between the magnetic operate and release point is called the hysteresis of the device, BHYS. This built-in hysteresis allows clean switching of the output even in the presence of external mechanical vibration and electrical noise. The A1186 device switches with opposite polarity for similar BOP and BRP values, in comparison to the A1185 (see figure 1).
I+ ICC(H)
I+ ICC(H)
Switch to High
ICC(L) 0
Switch to High
Switch to Low
Switch to Low
ICC
ICC
ICC(L) 0
BRP
BHYS
BHYS
(A) A1185
(B) A1186
Figure 1. Alternative switching behaviors are available in the A118x device family. On the horizontal axis, the B+ direction indicates increasing south polarity magnetic field strength, and the B- direction indicates decreasing south polarity field strength (including the case of increasing north polarity).
BOP
B-
B+
B-
B+
BRP
BOP
A1185-DS
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
6
Preliminary - Subject to Change Without Notice August 9, 2004
A1185 and A1186
Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall Effect Switches
Chopper Stabilization Technique When using Hall-effect technology, a limiting factor for switchpoint accuracy is the small signal voltage developed across the Hall element. This voltage is disproportionally small relative to the offset that can be produced at the output of the Hall sensor. This makes it difficult to process the signal while maintaining an accurate, reliable output over the specified operating temperature and voltage ranges. Chopper stabilization is a unique approach used to minimize Hall offset on the chip. The patented Allegro technique, namely dynamic quadrature offset cancellation, removes key sources of the output drift induced by thermal and mechanical stresses. This offset reduction technique is based on a signal modulationdemodulation process. The undesired offset signal is separated from the magnetic field-induced signal in the frequency domain, through modulation. The subsequent demodulation acts as a modulation process for the offset, causing the magnetic fieldinduced signal to recover its original spectrum at baseband, while the dc offset becomes a high-frequency signal. The magneticsourced signal then can pass through a low-pass filter, while the modulated dc offset is suppressed. The chopper stabilization technique uses a 200 kHz high frequency clock. The chopping occurs on each clock edge, resulting in a 400 kHz chop frequency. This high-frequency operation allows a greater sampling rate, which results in higher accuracy and faster signal-processing capability. This approach desensitizes the chip to the effects of thermal and mechanical stresses, and produces devices that have extremely stable quiescent Hall output voltages and precise recoverability after temperature cycling. This technique is made possible through the use of a BiCMOS process, which allows the use of low-offset, low-noise amplifiers in combination with high-density logic integration and sample-and-hold circuits. This process is illustrated in figure 2. The repeatability of magnetic field-induced switching is affected slightly by a chopper technique. However, the Allegro high-frequency chopping approach minimizes the affect of jitter and makes it imperceptible in most applications. Applications that are more likely to be sensitive to such degradation are those requiring precise sensing of alternating magnetic fields; for example, speed sensing of ring-magnet targets. For such applications, Allegro recommends its digital sensor families with lower sensitivity to jitter. For more information on those devices, contact your Allegro sales representative.
Regulator
Clock/Logic Hall Element Amp Low-Pass Filter
Figure 2. Chopper stabilization circuit (dynamic quadrature offset cancellation)
Sample and Hold
A1185-DS
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
7
Preliminary - Subject to Change Without Notice August 9, 2004
A1185 and A1186
Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall Effect Switches
Application Information
For additional general application information, visit the Allegro MicroSystems Web site at www. allegromicro.com.
Typical Application Circuit The A118x family of devices must be protected by an external bypass capacitor, CBYP, connected between the supply, VCC, and the ground, GND, of the device. CBYP reduces both external noise and the noise generated by the chopper-stabilization function. As shown in figure 3, a 0.01 F capacitor is typical. Installation of CBYP must ensure that the traces that connect it to the A118x pins are no greater than 5 mm in length. All high-frequency interferences conducted along the supply lines are passed directly to the load through CBYP, and it serves only to protect the A118x internal circuitry. As a result, the load ECU (electronic control unit) must have sufficient protection, other than CBYP, installed in parallel with the A118x. A series resistor on the supply side, RS (not shown), in combination with CBYP, creates a filter for EMI pulses. (Additional information on EMC is provided on the Allegro MicroSystems Web site.) When determining the minimum VCC requirement of the A118x device, the voltage drops across RS and the ECU sense resistor, RSENSE, must be taken into consideration. The typical value for RSENSE is approximately 100 .
GND A A B Package UA Only Maximum separation 5 mm V+
VCC
B
A118x
CBYP 0.01 uF
GND
B
RSENSE
ECU
Figure 3. Typical application circuit
A1185-DS
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
8
Preliminary - Subject to Change Without Notice August 9, 2004
A1185 and A1186
Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall Effect Switches
Power Derating The device must be operated below the maximum junction temperature of the device, TJ(max). Under certain combinations of peak conditions, reliable operation may require derating supplied power or improving the heat dissipation properties of the application. This section presents a procedure for correlating factors affecting operating TJ. (Thermal data is also available on the Allegro MicroSystems Web site.) The Package Thermal Resistance, RJA, is a figure of merit summarizing the ability of the application and the device to dissipate heat from the junction (die), through all paths to the ambient air. Its primary component is the Effective Thermal Conductivity, K, of the printed circuit board, including adjacent devices and traces. Radiation from the die through the device case, RJC, is relatively small component of RJA. Ambient air temperature, TA, and air motion are significant external factors, damped by overmolding. The effect of varying power levels (Power Dissipation, PD), can be estimated. The following formulas represent the fundamental relationships used to estimate TJ, at PD. PD = VIN x IIN T = PD x RJA TJ = TA + T (1) (2) (3) Example: Reliability for VCC at TA = 150C, package UA, using minimum-K PCB. Observe the worst-case ratings for the device, specifically: RJA = 165C/W, TJ(max) = 165C, VCC(max) = 24 V, and ICC(max) = 17 mA. Calculate the maximum allowable power level, PD(max). First, invert equation 3: Tmax = TJ(max) - TA = 165 C - 150 C = 15 C This provides the allowable increase to TJ resulting from internal power dissipation. Then, invert equation 2: PD(max) = Tmax / RJA = 15C / 165 C/W = 91 mW Finally, invert equation 1 with respect to voltage: VCC(est) = PD(max) / ICC(max) = 91 mW / 17 mA = 5 V The result indicates that, at TA, the application and device can dissipate adequate amounts of heat at voltages VCC(est). Compare VCC(est) to VCC(max). If VCC(est) VCC(max), then reliable operation between VCC(est) and VCC(max) requires enhanced RJA. If VCC(est) VCC(max), then operation between VCC(est) and VCC(max) is reliable under these conditions.
For example, given common conditions such as: TA= 25C, VCC = 12 V, ICC = 4 mA, and RJA = 140 C/W, then: PD = VCC x ICC = 12 V x 4 mA = 48 mW T = PD x RJA = 48 mW x 140 C/W = 7C TJ = TA + T = 25C + 7C = 32C A worst-case estimate, PD(max), represents the maximum allowable power level (VCC(max), ICC(max)), without exceeding TJ(max), at a selected RJA and TA.
A1185-DS
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
9
Preliminary - Subject to Change Without Notice August 9, 2004
A1185 and A1186
Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall Effect Switches
Programming Protocol The magnetic operate point, BOP, is adjustable using 5 bits, allowing 31 addresses. The 31 addresses correspond to increments between BOP(min) and BOP(max), with step sizes corresponding to BRES. Note that the difference between BOP and the magnetic release point, BRP, referred to as the hysteresis, BHYS, is constant and identical for all addresses. The BOP is programmed by serially addressing the device by digital pulsing through the supply terminal, VCC. Programming is accomplished by permanently blowing fuses in the device. After setting the required fuses, a locking fuse is blown to prevent any further programming of the device. The pulse values are shown in the Programming Protocol Characteristics table and in figure 4. Additional information on device programming and programming products is available on www. allegromicro.com. Programming hardware is available for purchase, and programming software is available free of charge.
Enabling Addressing Mode. The first segment of code is a keying sequence used to enable the addressing mode. As shown in figure 5, this sequence consists of one VPP pulse, one VPH pulse, and one VPP pulse, with no supply interruptions. This sequence is designed to prevent the device from being programmed accidentally, such as by noise on the supply line.
VPP
V+
VPH
VPL Td(P) 0 Td(0) Td(1) t
Figure 4. Pulse amplitudes and durations
V+ VPP
VPH
VPL
0
t
Figure 5. Addressing mode enable pulse sequence
PROGRAMMING PROTOCOL CHARACTERISTICS, over operating temperature range, unless otherwise noted Characteristic Symbol VPL Programming Voltage1 VPH VPP Programming Current2 IPP td(0) Pulse Width td(1) td(P) Pulse Rise Time Pulse Fall Time tr tf tr = 11 s; 5 V 26 V; CBYP = 0.1 F OFF time between programming bits Pulse duration for enable and addressing sequences Pulse duration for fuse blowing 0 to VPL; VPL to VPH; VPH to VPP VPH to VPL; VPP to VPL Test Conditions Minimum voltage range during programming Min. 4.5 11.5 25.0 20 20 100 5 5 Typ. 5.0 12.5 26.0 190 300 Max. 5.5 13.5 27.0 20 100 Units V V V mA s s s s s
1Programming voltages are measured at the VCC pin. 2A bypass capacitor with a minimum capacitance of 0.1
provide the current necessary to blow the fuse.
F must be connected from VCC to the GND pin of the A118x device in order to
A1185-DS
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
10
Preliminary - Subject to Change Without Notice August 9, 2004
A1185 and A1186
Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall Effect Switches
Address Selection. Addresses are set bit by bit, and therefore are expressed in binary notation for programming. For example, with the five bits available for addressing, the fifth address location is expressed as 00101 (binary 5). Of those binary digits, each that is equal to 1 must be set.
V+ VPP
Address 1 Address 2 Address n ( 31)
VPH
In the programming sequence for each digit, an address selection sequence is required to indicate which bit is to be set. As shown in figure 6, an address selection sequence is a series of VPH pulses. The quantity of pulses for a particular binary digit is equal to the decimal value of the binary digit (from 1 to 31 pulses, bits with the value 0 are not set). For example, to set the third binary digit (bit) to 1, four pulses are sent (corresponding to the value of binary 100, which is four in decimal).
VPL
0
t
Figure 6. Pulse sequence to select addresses
Code Programming. To program each binary
digit in the target address, the following elements are required: 1. an addressing mode enable sequence 2. an address selection sequence 3. a fuse blowing pulse (Note: Blown bit fuses cannot be reset.) Blowing a bit fuse is accomplished by applying a wide VPP pulse. Blowing a bit fuse sets that bit to 1. Bits that are not set represent a 0. A sequence for programming address 5 (binary 101) is shown in figure 4. Bit 3 is set to 1 (binary 100, decimal 4) by blowing its fuse, then bit 1 is set to 1 by blowing its fuse. Bit 2 remains 0 because its fuse is left intact.
VPP
V+
VPH
VPL Address 0 Enable Address Encode 001002 (410) Blow Enable Blow
Encode 000012 (110) t
Figure 7. Pulse sequence to encode address 5 (101 binary)
V+ Falling edge of final BOP address digit 32nd Pulse VPP
Lock Bit Programming. After the desired BOP address is programmed, the lock bit (address 32) should be encoded (its fuse blown) to prevent further programming of the device. This is done in the same manner as the other address bits, and immediately after the BOP address bits, as shown in figure 8.
VPH
VPL
0 Enable Address Encode Lock Bit Blow
Figure 8. Pulse sequence to encode lock bit
t
A1185-DS
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
11
Preliminary - Subject to Change Without Notice August 9, 2004
A1185 and A1186
Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall Effect Switches
Package LH, 3-Pin; (SOT-23W)
3.10 .122 2.90 .114 1.49 .059 NOM 3 0.28 .011 NOM 8 0 0.20 .008 0.13 .005
0.70 .028 BSC
C
0.96 .038 NOM 2.10 .083 1.85 .073 3.00 .118 2.70 .106 2.40 .094 BSC 0.25 .010 MIN 1.00 .039 BSC 1 2 0.25 .010 BSC Seating Plane Gauge Plane
A
A
0.95 .037 BSC Dimensions in millimeters U.S. Customary dimensions (in.) in brackets, for reference only Hall element Active Area Depth 0.28 [.011] Fits SC-59A Solder Pad Layout
0.50 .020 0.30 .012 0.55 .022 REF
1.13 .045 0.87 .034 0.95 .037 BSC 0.15 .006 0.00 .000
B C
Package UA, 3-Pin; (TO-92)
.164 4.17 .159 4.04 45 BSC .0195 0.50 NOM .0805 2.04 NOM .0565 1.44 NOM
B
.062 1.57 .058 1.47
.122 3.10 .117 2.97
45 BSC
.085 2.16 MAX
.031 0.79 REF A
.640 16.26 .600 15.24
1
2
3
.017 0.44 .014 0.35
.019 0.48 .014 0.36 .050 1.27 BSC Dimensions in inches Metric dimensions (mm) in brackets, for reference only A Dambar removal protrusion
B Hall element
A1185-DS
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
12
Preliminary - Subject to Change Without Notice August 9, 2004
A1185 and A1186
Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall Effect Switches
The products described herein are manufactured under one or more of the following U.S. patents: 5,045,920; 5,264,783; 5,442,283; 5,389,889; 5,581,179; 5,517,112; 5,619,137; 5,621,319; 5,650,719; 5,686,894; 5,694,038; 5,729,130; 5,917,320; and other patents pending. Allegro MicroSystems, Inc. reserves the right to make, from time to time, such departures from the detail specifications as may be required to permit improvements in the performance, reliability, or manufacturability of its products. Before placing an order, the user is cautioned to verify that the information being relied upon is current. Allegro products are not authorized for use as critical components in life-support devices or systems without express written approval. The information included herein is believed to be accurate and reliable. However, Allegro MicroSystems, Inc. assumes no responsibility for its use; nor for any infringement of patents or other rights of third parties which may result from its use. Copyright (c) 2004 Allegro MicroSystems, Inc.
A1185-DS
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
13


▲Up To Search▲   

 
Price & Availability of A1185ELHLT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X