|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
THESE DRAWINGS ARE THE PROPERTY OF QUALTEK ELECTRONICS AND NOT TO BE REPRODUCED FOR OR COMMUNICATED TO A THIRD PARTY WITHOUT THE EXPRESS WRITTEN PERMISSION OF AN OFFICER OF QUALTEK ELECTRONICS. 1. PHYSICAL DIMENSIONS 50.0 40.01 28.0 4.0 46.0 REVISION REV. B DESCRIPTION RoHS Compliancy DATE 06-01-06 APPROVED DP ELECTRICAL CHARACTERISTICS: 1-1. VOLTAGE RATING...................................115/250VAC 1-2. CURRENT RATING A. @ 115 VAC..........................................10 A RMS MAX B. @ 250 VAC.........................................6 A RMS MAX OPERATING FREQUENCY......................50/60Hz LEAKAGE CURRENT: EACH LINE TO GROUND A. @ 115 VAC 60Hz............................0.20 mA MAX B. @ 250 VAC 50Hz.............................0.40 mA MAX HIPOT RATING (FOR ONE MINUTE) A. LINE TO GROUND...........................2250 VDC B. LINE TO LINE.....................................1450 VDC MINIMUM INSERTION LOSS IN dB: (AT 50 OHM SYSTEM) .01 / / .05 / / .10 / / .15 3 5 .50 8 12 1.0 10 15 5.0 20 30 10 30 30 30 45 40 1-3. 1-4. 58.0 54.0 O3.3 0.1(2X) 2.0 R2.0 LABEL 1-5. 1-6. 41.0 51.3 3.0 FREQ. MHz COM. MODE dB DIF. MODE dB 55.0 55.9 0.2 0 1-7. 1-8. 1-9. OPERATING TEMPERATURE.................-25 TO +85 C SAFETY: RoHS COMPLIANT M3 28.4MAX 28.5 0.2 0 40.01 0.1 PANEL CUTOUT (MOUNTING FROM FRONT) Dim range (mm) 0-1 1-6 6-18 18-50 50-120 120-250 250-500 Tolerance +/(mm) 0.15 0.20 0.30 0.50 0.70 0.90 1.20 2. ELECTRICAL SCHEMATIC CONTROLLED Qualtek Electronics Corp. Part Number: Description: PPC DIVISION 883-10/018 EMI FILTER UNIT: mm L: Cx: Cy: R: 0.2mH 0.1uF 2200pF 1.0M REV. B Approved / Date JJH / 04-10-03 Drawn / Date B.ZHANG 04-10-03 Checked / Date 04-10-03 |
Price & Availability of 883-10-018 |