Part Number Hot Search : 
122NQ030 14D281 SI9434DY 2604A 3T406P VRE111CA 3EVKI 38023M8
Product Description
Full Text Search
 

To Download 17-215-G6C-FN2P2B-3T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Technical Data Sheet 0805 Package Chip LED (0.8mm Height)
17-215/G6C-FN2P2B/3T
Features
Package in 8mm tape on 7diameter reel. Compatible with automatic placement equipment. Compatible with infrared and vapor phase reflow solder process. Mono-color type. Pb-free. The product itself will remain within RoHS compliant version
Descriptions
The 17-215 SMD LED is much smaller than lead frame type components, thus enable smaller board size, higher packing density, reduced storage space and finally smaller equipment to be obtained. Besides, lightweight makes them ideal for miniature applications. etc.
Applications
Backlighting in dashboard and switch. Telecommunication: indicator and backlighting in telephone and fax. Flat backlight for LCD, switch and symbol. General use.
Device Selection Guide
Chip Material AlGaInP
Part No. 17-215/G6C-FN2P2B/3T
Emitted Color Brilliant Yellow Green
Resin Color Water Clear
Everlight Electronics Co., Ltd. Device No. : DSE-0001662
http://www.everlight.com Prepared date:6-June.-2009
Rev.1
Page: 1 of 10
Prepared by:Liu guosheng
17-215/G6C-FN2P2B/3T
Package Outline Dimensions
Note: The tolerances unless mentioned are 0.1mm ,Unit = mm
Everlight Electronics Co., Ltd. Device No. : DSE-0001662
http://www.everlight.com Prepared date:6-June.-2009
Rev.1
Page: 2 of 10
Prepared by:Liu guosheng
17-215/G6C-FN2P2B/3T
Absolute Maximum Ratings (Ta=25) Parameter
Reverse Voltage Forward Current Peak Forward Current (Duty 1/10 @1KHz) Power Dissipation Electrostatic Discharge(HBM) Operating Temperature Storage Temperature Soldering Temperature
Symbol
VR IF IFP Pd ESD Topr Tstg Tsol
Rating
5 25 60 60 2000 -40 ~ +85 -40 ~ +90
Unit
V mA mA mW V
Reflow Soldering : 260 for 10 sec. Hand Soldering : 350 for 3 sec.
Electro-Optical Characteristics (Ta=25) Parameter
Luminous Intensity Viewing Angle Peak Wavelength Dominant Wavelength Spectrum Radiation Bandwidth Forward Voltage Reverse Current
Symbol
Iv 21/2 p d VF IR
Min.
36.0 -------570.0 ----1.75 ----
Typ.
----130 575 ---20 -------
Max.
72.0 ------574.5 ---2.35 10
Unit
mcd deg nm nm nm V A
Condition
IF =20mA
VR=5V
Notes:
1.Tolerance of Luminous Intensity 11% 2.Tolerance of Dominant Wavelength 1nm 3.Tolerance of Forward Voltage 0.1V
Everlight Electronics Co., Ltd. Device No. : DSE-0001662 http://www.everlight.com Prepared date:6-June.-2009 Rev.1 Page: 3 of 10
Prepared by:Liu guosheng
17-215/G6C-FN2P2B/3T
Bin Range Of Luminous Intensity
Bin N2 P1 P2 Min 36.0 45.0 57.0 Max 45.0 57.0 72.0 mcd IF =20mA Unit Condition
Bin Range Of Dom. Wavelength
Group F Bin CC2 CC3 CC4 Min 570.0 571.5 573.0 Max 571.5 573.0 574.5 nm IF =20mA Unit Condition
Bin Range Of Luminous Voltage
Group Bin 0 B 1 2 Min 1.75 1.95 2.15 Max 1.95 2.15 2.35 V IF =20mA Unit Condition
1.Tolerance of Luminous Intensity 11% 2.Tolerance of Dominant Wavelength 1nm 3.Tolerance of Forward Voltage 0.1V
Everlight Electronics Co., Ltd. Device No. : DSE-0001662
http://www.everlight.com Prepared date:6-June.-2009
Rev.1
Page: 4 of 10
Prepared by:Liu guosheng
17-215/G6C-FN2P2B/3T
Typical Electro-Optical Characteristics
Everlight Electronics Co., Ltd. Device No. : DSE-0001662
http://www.everlight.com Prepared date:6-June.-2009
Rev.1
Page: 5 of 10
Prepared by:Liu guosheng
17-215/G6C-FN2P2B/3T
Label explanation
CAT: Luminous Intensity Rank HUE: Dom. Wavelength Rank REF: Forward Voltage Rank
Reel Dimensions
Note: The tolerances unless mentioned is 0.1mm ,Unit = mm
Everlight Electronics Co., Ltd. Device No. : DSE-0001662
http://www.everlight.com Prepared date:6-June.-2009
Rev.1
Page: 6 of 10
Prepared by:Liu guosheng
17-215/G6C-FN2P2B/3T
Carrier Tape Dimensions: Loaded quantity 3000PCS per reel
Note: The tolerances unless mentioned is 0.1mm ,Unit = mm
Moisture Resistant Packaging
Label
Aluminum moisture-proof bag
Desiccant
Label
Everlight Electronics Co., Ltd. Device No. : DSE-0001662
http://www.everlight.com Prepared date:6-June.-2009
Rev.1
Page: 7 of 10
Prepared by:Liu guosheng
17-215/G6C-FN2P2B/3T
Reliability Test Items And Conditions
The reliability of products shall be satisfied with items listed below. Confidence level90% LTPD10%
No. 1
Items Reflow Soldering
Test Condition Temp. : 2605 Min. 5sec. H : +100 15min 5 min L : -40 15min H : +100 5min 10 sec L : -10 5min Temp. : 100 Temp. : -40 IF = 20 mA 85/ 85% RH
Test Sample Hours/Cycles Size 6 Min. 300 Cycles 22 PCS.
Ac/Re 0/1
2
Temperature Cycle
22 PCS.
0/1
3
Thermal Shock High Temperature Storage Low Temperature Storage DC Operating Life High Temperature / High Humidity
300 Cycles 1000 Hrs. 1000 Hrs. 1000 Hrs. 1000 Hrs.
22 PCS.
0/1
4 5 6 7
22 PCS. 22 PCS. 22 PCS. 22 PCS.
0/1 0/1 0/1 0/1
Everlight Electronics Co., Ltd. Device No. : DSE-0001662
http://www.everlight.com Prepared date:6-June.-2009
Rev.1
Page: 8 of 10
Prepared by:Liu guosheng
17-215/G6C-FN2P2B/3T
Precautions For Use
1. Over-current-proof Customer must apply resistors for protection , otherwise slight voltage shift will cause big current change ( Burn out will happen ). 2. Storage 2.1 Do not open moisture proof bag before the products are ready to use. 2.2 Before opening the package: The LEDs should be kept at 30 or less and 90%RH or less. 2.3 After opening the package: The LED's floor life is 1 year under 30 or less and 60% RH or less. If unused LEDs remain, it should be stored in moisture proof packages. 2.4 If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the storage time, baking treatment should be performed using the following conditions. Baking treatment : 605 for 24 hours. 3. Soldering Condition 3.1 Pb-free solder temperature profile
3.2 Reflow soldering should not be done more than two times. 3.3 When soldering, do not put stress on the LEDs during heating. 3.4 After soldering, do not warp the circuit board.
Everlight Electronics Co., Ltd. Device No. : DSE-0001662
http://www.everlight.com Prepared date:6-June.-2009
Rev.1
Page: 9 of 10
Prepared by:Liu guosheng
17-215/G6C-FN2P2B/3T
4.Soldering Iron Each terminal is to go to the tip of soldering iron temperature less than 350 for 3 seconds within once in less than the soldering iron capacity 25W. Leave two seconds and more intervals, and do soldering of each terminal. Be careful because the damage of the product is often started at the time of the hand solder. 5.Repairing Repair should not be done after the LEDs have been soldered. When repairing is unavoidable, a double-head soldering iron should be used (as below figure). It should be confirmed beforehand whether the characteristics of the LEDs will or will not be damaged by repairing.
EVERLIGHT ELECTRONICS CO., LTD. Office: No 25, Lane 76, Sec 3, Chung Yang Rd, Tucheng, Taipei 236, Taiwan, R.O.C
Tel: 886-2-2267-2000, 2267-9936 Fax: 886-2267-6244, 2267-6189, 2267-6306 http://www.everlight.com
Everlight Electronics Co., Ltd. Device No. : DSE-0001662
http://www.everlight.com Prepared date:6-June.-2009
Rev.1
Page: 10 of 10
Prepared by:Liu guosheng


▲Up To Search▲   

 
Price & Availability of 17-215-G6C-FN2P2B-3T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X