Part Number Hot Search : 
1N5227B GTL2004 DB301 MH88435 H11A3TM V8037QCL 1631A APOLYFT6
Product Description
Full Text Search
 

To Download W78E58P-16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 W78E58 8-BIT MICROCONTROLLER
GENERAL DESCRIPTION
The W78E58 is an 8-bit microcontroller that is functionally compatible with the W78C58, except that the mask ROM is replaced by a flash EEPROM with a size of 32 KB. To facilitate programming and verification, the flash EEPROM inside the W78E58 allows the program memory to be programmed and read electronically. Once the code is confirmed, the user can protect the code for security. The W78E58 microcontroller supplies a wider frequency range than most 8-bit microcontrollers on the market. It is functionally compatible with the industry-standard 80C52 microcontroller series, except that one extra 4-bit bit-addressable I/O port(Port 4) and two additional external interrupts (INT2 , INT3 ). The W78E58 contains four 8-bit bi-directional and bit-addressable I/O ports, three 16-bit timer/counters, and a serial port. These peripherals are supported by a eight-source, two-level interrupt capability. There are 256 bytes of RAM and an 32 KB flash EEPROM for application programs. The W78E58 microcontroller has two power reduction modes, idle mode and power-down mode, both of which are software selectable. The idle mode turns off the processor clock but allows for continued peripheral operation. The power-down mode stops the crystal oscillator for minimum power consumption. The external clock can be stopped at any time and in any state without affecting the processor.
FEATURES
* * * * * * * * * * * * * * * * *
8-bit CMOS microcontroller Fully static design Low standby current at full supply voltage DC-40 MHz operation 256 bytes of on-chip scratchpad RAM 32 KB electrically erasable/programmable EPROM 64 KB program memory address space 64 KB data memory address space Four 8-bit bidirectional ports One extra 4-bit bit-addressable I/O port, additional INT2 / INT3 (available on 44-pin PLCC/QFP package) Three 16-bit timer/counters One full duplex serial port Boolean processor Eight-source, two-level interrupt capability Built-in power management Code protection mechanism Packages: - DIP 40: W78E58-16/24/40 - PLCC 44: W78E58P-16/24/40 - QFP 44: W78E58F-16/24/40 - TQFP 44: W78E58M-16/24/40 Publication Release Date: November 1997 Revision A2
-1-
W78E58
PIN CONFIGURATIONS
40-Pin DIP (W78E58)
T2, P1.0 T2EX, P1.1 P1.2 P1.3 P1.4 P1.5 P1.6 P1.7 RST RXD, P3.0 TXD, P3.1 INT0, P3.2 INT1, P3.3 T0, P3.4 T1, P3.5 WR, P3.6 RD, P3.7 XTAL2 XTAL1 VSS 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 VCC P0.0, AD0 P0.1, AD1 P0.2, AD2 P0.3, AD3 P0.4, AD4 P0.5, AD5 P0.6, AD6 P0.7, AD7 EA ALE PSEN P2.7, A15 P2.6, A14 P2.5, A13 P2.4, A12 P2.3, A11 P2.2, A10 P2.1, A9 P2.0, A8
44-Pin PLCC (W78E58P)
/ I N T 3 , P 4V .C 2C
44-Pin QFP/TQFP (W78E58F/W78E58M)
T 2 E X , PPPP 1111 .... 4321 / I N TT 23 ,, PP 14V ..C 02C
T 2 E X , PPPP 1111 .... 4321
T 2 , P 1 . 0
A D 0 , P 0 . 0
A D 1 , P 0 . 1
A D 2 , P 0 . 2
A D 3 , P 0 . 3
A D 0 , P 0 . 0
A D 1 , P 0 . 1
A D 2 , P 0 . 2
A D 3 , P 0 . 3
P1.5 P1.6 P1.7 RST RXD, P3.0 INT2, P4.3 TXD, P3.1 INT0, P3.2 INT1, P3.3 T0, P3.4 T1, P3.5
6 5 4 3 2 1 44 43 42 41 40 7 39 8 38 9 37 10 36 11 35 12 34 13 33 14 32 15 31 16 30 17 29 18 19 20 21 22 23 24 25 26 27 28 P 3 . 6 , / W R P 3 . 7 , / R D X T A L 2 XVP TS4 AS. L 0 1 P 2 . 0 , A 8 P 2 . 1 , A 9 P 2 . 2 , A 1 0 P 2 . 3 , A 1 1 P 2 . 4 , A 1 2
P0.4, AD4 P0.5, AD5 P0.6, AD6 P0.7, AD7 EA P4.1 ALE PSEN P2.7, A15 P2.6, A14 P2.5, A13
P1.5 P1.6 P1.7 RST RXD, P3.0 INT2, P4.3 TXD, P3.1 INT0, P3.2 INT1, P3.3 T0, P3.4 T1, P3.5
1 2
44 43 42 41 40 39 38 37 36 35 34 33 32 31 3 30 4 29 5 28 6 27 7 8 26 9 25 10 24 11 23 12 13 14 15 16 17 18 19 20 21 22 P 3 . 6 , / W R P 3 . 7 , / R D X T A L 2 XVPP TS42 AS.. L 00 1 , A 8 P 2 . 1 , A 9 P 2 . 2 , A 1 0 P 2 . 3 , A 1 1 P 2 . 4 , A 1 2
P0.4, AD4 P0.5, AD5 P0.6, AD6 P0.7, AD7 EA P4.1 ALE PSEN P2.7, A15 P2.6, A14 P2.5, A13
-2-
W78E58
PIN DESCRIPTION
The W78E58 has two operating modes, normal and flash. In normal mode, the W78E58 corresponds to the W78C58. In flash mode, the user (the maker of the flash EEPROM writer) can access the flash EEPROM.
P0.7-P0.0 Port 0, Bits 7-0
MODE Normal Flash DESCRIPTION Port 0, Bits 0 through 7. Port 0 is a bidirectional I/O port. This port also provides a multiplexed low order address/data bus during accesses to external memory. This port provides the data bus during access to the flash EEPROM.
P1.7-P1.0 Port 1, Bits 7-0
MODE Normal DESCRIPTION Port 1, Bits 0 through 7. Port 1 is a bidirectional I/O port with internal pull-ups. Pins P1.0 and P1.1 also serve as T2 (Timer 2 external input) and T2EX (Timer 2 capture/reload trigger), respectively. This port provides the low-order address bus during access to the flash EEPROM.
Flash
P2.7-P2.0 Port 2, Bits 7-0
MODE Normal Flash DESCRIPTION Port 2, Bits 0 through 7. Port 2 is a bidirectional I/O port with internal pull-ups. This port also provides the upper address bits for accesses to external memory.. This port provides the high-order address bus during access to the flash EEPROM.
P3.7-P3.0 Port 3, Bits 7-0
MODE Normal Flash DESCRIPTION Port 3, Bits 0 through 7. Port 3 is a bidirectional I/O port with internal pull-ups. All bits have alternate functions. P3.3-P3.0 and P3.7-P3.6 are the flash mode configuration pins, Input. P3.3-P3.0 and P3.7-P3.6 are configured to select or execute the flash operations. For details, see Flash Operations.
P4.3-P4.0 Port 4, Bits 3-0 (available on 44-pin PLCC/QFP package)
MODE Normal DESCRIPTION Another bit-addressable bidirectional I/O port P4. P4.3 and P4.2 are alternative function pins. It can be used as general I/O pins or external interrupt input sources (INT2 / INT3 ).
-3-
Publication Release Date: November 1997 Revision A2
W78E58
Flash No function in this mode.
EA/VPP
MODE Normal DESCRIPTION
EA , External Access, Input, active low.
This pin forces the processor to execute a program from the external ROM. When the internal flash EEPROM is accessed as in the W78C58, this pin should be kept high. Flash VPP, Program Power supply pin, Input. This pin accepts the high voltage (12V) needed for programming the flash EEPROM.
RST
MODE Normal RST, Reset, Input, active high. This pin resets the processor. It must be kept high for at least two machine cycles in order to be recognized by the processor. Flash Flash mode configuration pin, Input, active high. RST is used to configure the flash operations. For details, see Flash Operations. DESCRIPTION
ALE
MODE Normal DESCRIPTION ALE, Address Latch Enable, Output, active high. ALE is used to enable the address latch that separates the address from the data on Port 0. ALE runs at 1/6th of the oscillator frequency. A single ALE pulse is skipped during external data memory accesses. ALE goes to a high impedance state with a weak pull-up during reset state. Flash mode configuration pin, Input, active low. ALE is used to configure the flash operations. For details, see Flash Operations.
Flash
PSEN
MODE Normal DESCRIPTION PSEN , Program Store Enable, Output, active low. This pin enables the external ROM onto the Port 0 address/data bus during fetch and MOVC operations. PSEN goes to a high impedance state with a weak pull-up during reset state Flash Flash mode configuration pin, Input, active high. PSEN is used to configure the flash operations. For details, see Flash Operations.
XTAL1
MODE DESCRIPTION -4-
W78E58
Normal Flash Crystal 1. This is the crystal oscillator input. This pin may be driven by an external clock. Connect to VSS.
XTAL2
MODE Normal Flash No function in this mode. DESCRIPTION Crystal 2. This is the crystal oscillator output. It is the inversion of XTAL1.
VSS, VCC
Power Supplies. These are the chip ground and positive supplies.
-5-
Publication Release Date: November 1997 Revision A2
W78E58
BLOCK DIAGRAM
P1.0 ~ P1.7
Port 1
Port 1 Latch
ACC INT2 Interrupt INT3 T1 Timer 2 Timer 0 Timer 1 UART PSW ALU T2
B
Port 0 Latch Port 0
P0.0 ~ P0.7
DPTR Stack Pointer Temp Reg. PC
Incrementor
Addr. Reg.
P3.0 ~ P3.7
Port 3
Port 3 Latch Instruction Decoder & Sequencer
SFR RAM Address
256 bytes RAM & SFR Port 2
Bus & Clock Controller
Port 2 Latch
P2.0 ~ P2.7
P4.0 ~ P4.3
Port 4
Port 4 Latch
Oscillator
Reset Block
Power Control
XTAL1 XTAL2 ALE PSEN
RST
Vcc
Vss
-6-
W78E58
FUNCTIONAL DESCRIPTION
The W78E58 architecture consists of a core controller surrounded by various registers, five general purpose I/O ports, 256 bytes of RAM, three timer/counters, and a serial port. The processor supports 111 different opcodes and references both a 64K program address space and a 64K data storage space.
Timers 0, 1, and 2
Timers 0, 1, and 2 each consist of two 8-bit data registers. These are called TL0 and TH0 for Timer 0, TL1 and TH1 for Timer 1, and TL2 and TH2 for Timer 2. The TCON and TMOD registers provide control functions for timers 0 and 1. The T2CON register provides control functions for Timer 2. RCAP2H and RCAP2L are used as reload/capture registers for Timer 2. The operations of Timer 0 and Timer 1 are the same as in the W78C51. Timer 2 is a special feature of the W78E58: it is a 16-bit timer/counter that is configured and controlled by the T2CON register. Like Timers 0 and 1, Timer 2 can operate as either an external event counter or as an internal timer, depending on the setting of bit C/T2 in T2CON. Timer 2 has three operating modes: capture, autoreload, and baud rate generator. The clock speed at capture or auto-reload mode is the same as that of Timers 0 and 1.
Clock
The W78E58 is designed to be used with either a crystal oscillator or an external clock. Internally, the clock is divided by two before it is used. This makes the W78E58 relatively insensitive to duty cycle variations in the clock.
Crystal Oscillator
The W78E58 incorporates a built-in crystal oscillator. To make the oscillator work, a crystal must be connected across pins XTAL1 and XTAL2. In addition, a load capacitor must be connected from each pin to ground, and a resistor must also be connected from XTAL1 to XTAL2 to provide a DC bias when the crystal frequency is above 24 MHz.
External Clock
An external clock should be connected to pin XTAL1. Pin XTAL2 should be left unconnected. The XTAL1 input is a CMOS-type input, as required by the crystal oscillator. As a result, the external clock signal should have an input one level of greater than 3.5 volts.
Power Management
Idle Mode The idle mode is entered by setting the IDL bit in the PCON register. In the idle mode, the internal clock to the processor is stopped. The peripherals and the interrupt logic continue to be clocked. The processor will exit idle mode when either an interrupt or a reset occurs. Power-down Mode When the PD bit of the PCON register is set, the processor enters the power-down mode. In this mode all of the clocks are stopped, including the oscillator. The only way to exit power-down mode is by a reset.
-7-
Publication Release Date: November 1997 Revision A2
W78E58
Reset
The external RESET signal is sampled at S5P2. To take effect, it must be held high for at least two machine cycles while the oscillator is running. An internal trigger circuit in the reset line is used to deglitch the reset line when the W78E58 is used with an external RC network. The reset logic also has a special glitch removal circuit that ignores glitches on the reset line. During reset, the ports are initialized to FFH, the stack pointer to 07H, PCON (with the exception of bit 4) to 00H, and all of the other SFR registers except SBUF to 00H. SBUF is not reset.
Option Setting
Users write programs into the W78E58 by using the Winbond proprietary writer. The writer programs the data into an internal 32 KB region and reads the data back for verification. After confirming that the program is correct, the user can lock the data so that they can no longer be read. Lock Bit This bit is used to protect the customer data in the W78E58. It may be turned on after the programmer finishes the programming and verify sequence. Once this bit is set to logic 0, no flash data can be accessed again. MOVC Execute This bit is used to restrict the region accessible to the MOVC instruction. It can prevent the program from being downloaded using this instruction if the program needs to jump outside to get data. When this bit is set to logic 0, a MOVC instruction in external program memory space will be able to access code in the external memory, but it will not be able to access code in the internal memory. A MOVC instruction in internal program memory space will always be able to access code in both internal and external memory. If this bit is logic 1, there are no restrictions on the MOVC instruction.
New Defined Peripheral
In order to be more suitable for I/O, an extra 4-bit bit-addressable port P4 and two external interrupt INT2 , INT3 has been added to either the PLCC or QFP 44 pin package. And description follows: 1. INT2/INT3 Two additional external interrupts, INT2 and INT3 , whose functions are similar to those of external interrupt 0 and 1 in the standard 80C52. The functions/status of these interrupts are determined/shown by the bits in the XICON (External Interrupt Control) register. The XICON register is bit-addressable but is not a standard register in the standard 80C52. Its address is at 0C0H. To set/clear bits in the XICON register, one can use the "SETB (/CLR) bit" instruction. For example, "SETB 0C2H" sets the EX2 bit of XICON. ***XICON - external interrupt control (C0H) PX3 EX3 IE3 IT3 PX2 EX2 IE2 IT2
PX3: External interrupt 3 priority high if set
-8-
W78E58
EX3: External interrupt 3 enable if set IE3: If IT3 = 1, IE3 is set/cleared automatically by hardware when interrupt is detected/serviced IT3: External interrupt 3 is falling-edge/low-level triggered when this bit is set/cleared by software PX2: External interrupt 2 priority high if set EX2: External interrupt 2 enable if set IE2: If IT2 = 1, IE2 is set/cleared automatically by hardware when interrupt is detected/serviced IT2: External interrupt 2 is falling-edge/low-level triggered when this bit is set/cleared by software Eight-source interrupt informations: INTERRUPT SOURCE External Interrupt 0 Timer/Counter 0 External Interrupt 1 Timer/Counter 1 Serial Port Timer/Counter 2 External Interrupt 2 External Interrupt 3 2. PORT4 Another bit-addressable port P4 is also available and only 4 bits (P4<3:0>) can be used. This port address is located at 0D8H with the same function as that of port P1, except the P4.3 and P4.2 are alternative function pins. It can be used as general I/O pins or external interrupt input sources (INT2 / INT3 ). Example: P4 MOV MOV SETB CLR REG A, P4 P4.0 P4.1 0D8H ; Output data "A" through P4.0-P4.3. ; Read P4 status to Accumulator. ; Set bit P4.0 ; Clear bit P4.1 P4, #0AH VECTOR ADDRESS 03H 0BH 13H 1BH 23H 2BH 33H 3BH POLLING SEQUENCE WITHIN PRIORITY LEVEL 0 (highest) 1 2 3 4 5 6 7 (lowest) ENABLE REQUIRED SETTINGS IE.0 IE.1 IE.2 IE.3 IE.4 IE.5 XICON.2 XICON.6 INTERRUPT TYPE EDGE/LEVEL TCON.0 TCON.2 XICON.0 XICON.3
3. Reduce EMI Emission
Because of the large on-chip flash EEPROM, when a program is running in internal ROM space, the ALE will be unused. The transition of ALE will cause noise, so it can be turned off to reduce the EMI Publication Release Date: November 1997 Revision A2
-9-
W78E58
emission if it is useless. Turning off the ALE signal transition only requires setting the bit 0 of the AUXR SFR, which is located at 08Eh. When ALE is turned off, it will be reactivated when the program accesses external ROM/RAM data or jumps to execute an external ROM code. The ALE signal will turn off again after it has been completely accessed or the program returns to internal ROM code space.. The AO bit in the AUXR register, when set, disables the ALE output. ***AUXR - Auxiliary register (8EH) AO
AO: Turn off ALE output.
4. Power-off Flag
***PCON - Power control (87H) SMOD SMOD: POF GF1 GF0 PD IDL
Double baud rate bit. When set to a 1, the baud rate is doubled when the serial port is being used in either modes 1, 2, 3. POF: Power off flag. Bit is set by hardware when power on reset. It can be cleared by software to determine chip reset is a warm boot or cold boot. GF1, GF0: These two bits are general-purpose flag bits for the user. PD: Power down mode bit. Set it to enter power down mode. IDL: Idle mode bit. Set it to enter idle mode. The power-off flag is located at PCON.4. This bit is set when VDD has been applied to the part. It can be used to determine if a reset is a warm boot or a cold boot if it is subsequently reset by software.
Flash Operations
In normal operation, the W78E58 is functionally compatible with the W78C58. In the flash operating mode, the flash EEPROM can be programmed and verified repeatedly. Once the code inside the flash EEPROM is confirmed, the code can be protected. The flash EEPROM and the operations on it are described below. All of the operations are configured by the pins RST, ALE, PSEN, A9CTRL (P3.0), A13CTRL (P3.1), A14CTRL (P3.2), OECTRL (P3.3), CE (P3.6), OE (P3.7), A0 (P1.0) and VPP (EA ). In these operations, A15 to A0 (P2.7 to P2.0, P1.7 to P1.0) and D7 to D0 (P0.7 to P0.0) serve as the address and data bus, respectively. Read Operation This operation enables customers to read their codes and the option bits. The data will not be valid if the lock bit is programmed to low.
- 10 -
W78E58
Program Operation This operation is used to program data to the flash EEPROM and the option bits. Programming is initiated when VPP reaches VCP (12.5V) level, CE is set to low, and OE is set to high. Program Verify Operation All data must be checked after programming. This operation should be performed after each byte is programmed, and it will ensure a substantial program margin.
OPERATION P3.0 (A9 CTRL) Read Program Program Verify Notes: 1. During all of these operations, RST = VIH, ALE = VIL, and PSEN = VIH. 2. VCP = 12V, VIH = VDD, VIL = Vss. 3. The program verify operation should follow the programming operaion. VIL VIL VIL P3.1 (A13 CTRL) VIL VIL VIL P3.2 (A14 CTRL) VIL VIL VIL P3.3 (OE CTRL) VIL VIL VIL P3.6 ( CE ) VIL VIL VIH P3.7 ( OE ) VIL VIH VIL EA (VPP) VIH VCP VCP P2, P1 (A15 TO A0) Address Address Address P0 (D7 TO D0) Data Out Data In Data Out 1, 2 1, 2 3 NOTES
ABSOLUTE MAXIMUM RATINGS
PARAMETER DC Power Supply Input Voltage Operating Temperature Storage Temperature SYMBOL VDD-VSS VIN TA TST MIN. -0.3 VSS -0.3 0 -55 MAX. +7.0 VDD +0.3 70 +150 UNIT V V C C
of
Note: Exposure to conditions beyond those listed under Absolute Maximum Ratings may adversely affect the life and reliability the device.
+5V
+5V
V DD A0 to A7 V IL V IL V IL V IL V IL V IH P1 P3.0 P3.1 P3.2 P3.3 P3.6 P3.7 X'tal1 X'tal2 Vss ALE RST PSEN V IL V IH V IH P0 EA/Vpp PGM DATA A0 to A7 V IL V IL V IL V IL V IH V IL P1 P3.0 P3.1 P3.2 P3.3 P3.6 P3.7 X'tal1 X'tal2 Vss
V DD P0 EA/Vpp ALE RST PSEN PGM DATA
V CP
V CP V IL V IH V IH
P2
A8 to A15
P2
A8 to A15
Programming Configuration
Programming Verification
- 11 -
Publication Release Date: November 1997 Revision A2
W78E58
DC CHARACTERISTICS
(VDD-VSS = 5V 10%, TA = 25C, Fosc = 20 MHz, unless otherwise specified.)
PARAMETER Operating Voltage Operating Current Idle Current Power Down Current Input Current P1, P2, P3, P4 Input Current RST Input Leakage Current P0, EA Logic 1 to 0 Transition Current P1, P2, P3, P4 Input Low Voltage P0, P1, P2, P3, P4, EA Input Low Voltage RST Input Low Voltage XTAL1[*4] Input High Voltage P0, P1, P2, P3, P4, EA Input High Voltage RST Input High Voltage XTAL1 [*4] Output Low Voltage P1, P2, P3, P4
SYM. VDD IDD IIDLE IPWDN IIN1 IIN2 ILK
SPECIFICATION MIN. 4.5 -50 -10 -10 MAX. 5.5 20 6 50 +10 +300 +10
UNIT V mA mA A A A A A
TEST CONDITIONS
No load VDD = 5.5V Idle mode VDD = 5.5V Power-down mode VDD = 5.5V VDD = 5.5V VIN = 0V or VDD VDD = 5.5V 0 < VIN < VDD VDD = 5.5V 0V ITL [*4]
-500
-200
VDD = 5.5V VIN =2.0V
VIL1
0
0.8
V
VDD = 4.5V
VIL2 VIL3 VIH1
0 0 2.4
0.8 0.8 VDD +0.2
V V V
VDD = 4.5V VDD = 4.5V VDD = 5.5V
VIH2 VIH3 VOL1
3.5 3.5 -
VDD +0.2 VDD +0.2 0.45
V V V
VDD = 5.5V VDD = 5.5V VDD = 4.5V IOL = +2 mA
- 12 -
W78E58
DC Characteristics, continued
PARAMETER Output Low Voltage P0, ALE, PSEN [*3] Sink Current P1, P2, P3, P4 Sink Current P0, ALE, PSEN Output High Voltage P1, P2, P3, P4 Output High Voltage P0, ALE, PSEN [*3] Source Current P1, P2, P3, P4 Source Current P0, ALE, PSEN
Notes:
SYM. VOL2
SPECIFICATION MIN. MAX. 0.45
UNIT V
TEST CONDITIONS VDD = 4.5V IOL = +4mA
ISK1 ISK2
4 10
12 20
mA mA
VDD = 4.5V Vs = 0.45V VDD = 4.5V Vs = 0.45V
VOH1 VOH2
2.4 2.4
-
V V A mA
VDD = 4.5V IOH = -100 A VDD = 4.5V IOH = -400 A
ISR1 ISR2
-120 -8
-250 -14
VDD = 4.5V Vs = 2.4V VDD = 4.5V Vs = 2.4V
*1. RST pin is a Schmitt trigger input. RST has internal pull-low resistors of about 30 K. *3. P0, ALE and /PSEN are tested in the external access mode. *4. XTAL1 is a CMOS input. *5. Pins of P1, P2, P3, P4 can source a transition current when they are being externally driven from 1 to 0. The transition current reaches its maximum value when VIN approximates to 2V.
AC CHARACTERISTICS
The AC specifications are a function of the particular process used to manufacture the part, the ratings of the I/O buffers, the capacitive load, and the internal routing capacitance. Most of the specifications can be expressed in terms of multiple input clock periods (TCP), and actual parts will usually experience less than a 20 nS variation. The numbers below represent the performance expected from a 0.8 micron CMOS process when using 2 and 4 mA output buffers.
Clock Input Waveform
- 13 -
Publication Release Date: November 1997 Revision A2
W78E58
XTAL1
T CH F OP, TCP TCL
PARAMETER Operating Speed Clock Period Clock High Clock Low
SYMBOL FOP TCP TCH TCL
MIN. 0 25 10 10
TYP. -
MAX. 40 -
UNIT MHz nS nS nS
NOTES 1 2 3 3
Notes: 1. The clock may be stopped indefinitely in either state. 2. The TCP specification is used as a reference in other specifications. 3. There are no duty cycle requirements on the XTAL1 input.
Program Fetch Cycle
PARAMETER Address Valid to ALE Low Address Hold from ALE Low ALE Low to PSEN Low PSEN Low to Data Valid Data Hold after PSEN High Data Float after PSEN High ALE Pulse Width PSEN Pulse Width
Notes: 1. P0.0-P0.7, P2.0-P2.7 remain stable throughout entire memory cycle. 2. Memory access time is 3 TCP. 3. Data have been latched internally prior to PSEN going high. 4. "" (due to buffer driving delay and wire loading) is 20 nS.
SYMBOL TAAS TAAH TAPL TPDA TPDH TPDZ TALW TPSW
MIN. 1 TCP - 1 TCP - 1 TCP - 0 0 2 TCP - 3 TCP -
TYP. 2 TCP 3 TCP
MAX. 2 TCP 1 TCP 1 TCP -
UNIT nS nS nS nS nS nS nS nS
NOTES 4 1, 4 4 2 3
4 4
Data Read Cycle
PARAMETER ALE Low to RD Low RD Low to Data Valid SYMBOL TDAR TDDA MIN. 3 TCP - TYP. MAX. 3 TCP + 4 TCP UNIT nS nS NOTE S 1, 2 1
- 14 -
W78E58
TDDH TDDZ TDRD 0 0 6 TCP - 6 TCP 2 TCP 2 TCP nS nS nS 2
Data Hold from RD High Data Float from RD High RD Pulse Width
Notes: 1. Data memory access time is 8 TCP. 2. "" (due to buffer driving delay and wire loading) is 20 nS.
Data Write Cycle
PARAMETER ALE Low to WR Low Data Valid to WR Low Data Hold from WR High WR Pulse Width SYMBOL TDAW TDAD TDWD TDWR MIN. 3 TCP - 1 TCP - 1 TCP - 6 TCP - TYP. 6 TCP MAX. 3 TCP + UNIT nS nS nS nS
Note: "" (due to buffer driving delay and wire loading) is 20 nS.
Port Access Cycle
PARAMETER Port Input Setup to ALE Low Port Input Hold from ALE Low Port Output to ALE SYMBOL TPDS TPDH TPDA MIN. 1 TCP 0 1 TCP TYP. MAX. UNIT nS nS nS
Note: Ports are read during S5P2, and output data becomes available at the end of S6P2. The timing data are referenced to ALE, since it provides a convenient reference.
Program Operation
PARAMETER VPP Setup Time Data Setup Time Data Hold Time Address Setup Time Address Hold Time
CE Program Pulse Width for Program Operation CE Program Pulse Width for Program Operation
SYMBOL TVPS TDS TDH TAS TAH TPWP TOPWP TOCS TOCH
MIN. 2.0 2.0 2.0 2.0 0 295 295 2.0 2.0
TYP. 300 300 -
MAX. 305 305 -
UNIT S S S S S S S S S
OECTRL Setup Time OECTRL Hold Time
- 15 -
Publication Release Date: November 1997 Revision A2
W78E58
TOES TDFP TOEV 2.0 0 130 150 S nS nS
OE Setup Time OE High to Output Float
Data Valid from OE
the PSEN pin must pull in VIH status.
Note: Flash data can be accessed only in flash mode. The RST pin must pull in VIH status, the ALE pin must pull in VIL status, and
- 16 -
W78E58
TIMING WAVEFORMS
Program Fetch Cycle
S1 XTAL1
S2
S3
S4
S5
S6
S1
S2
S3
S4
S5
S6
TALW ALE TAPL PSEN TPSW TAAS PORT 2 TAAH PORT 0 Code A0-A7 Data A0-A7 Code A0-A7 Data A0-A7 TPDA TPDH, TPDZ
Data Read Cycle
S4 XTAL1 ALE PSEN PORT 2
S5
S6
S1
S2
S3
S4
S5
S6
S1
S2
S3
A8-A15 A0-A7 DATA T DAR T DDA
PORT 0 T DDH, T DDZ RD T DRD
- 17 -
Publication Release Date: November 1997 Revision A2
W78E58
Timing Waveforms, continued
Data Write Cycle
S4 XTAL1 ALE PSEN PORT 2 PORT 0 WR
S5
S6
S1
S2
S3
S4
S5
S6
S1
S2
S3
A8-A15 A0-A7 DATA OUT
TDAD
T DWD
T DAW
T DWR
Port Access Cycle
S5 XTAL1
S6
S1
ALE TPDS PORT INPUT SAMPLE T PDH T PDA DATA OUT
- 18 -
W78E58
Timing Waveforms, continued
Program Operation
Program P2, P1 VIH (A15... A0) VIL P3.6 (CE) P3.3 (OECTRL) P3.7 (OE) P0 (A7... A0) VIH VIL VIH VIL VIH VIL VIH VIL Vcp Vpp VIH TVPS Data In TDS
Program Verify
Read Verify
Address Stable TAS TPWP TAH T OCS TOCH TOES TDH DOUT TDFP
Address Valid
Data Out
TOEV
- 19 -
Publication Release Date: November 1997 Revision A2
W78E58
TYPICAL APPLICATION CIRCUITS
Expanded External Program Memory and Crystal
V CC V CC 31 19 10 u
CRYSTAL
EA XTAL1
R 18 XTAL2 8.2 K C1 C2 12 13 14 15 1 2 3 4 5 6 7 8 INT0 INT1 T0 T1 P1.0 P1.1 P1.2 P1.3 P1.4 P1.5 P1.6 P1.7 W78E58 9 RST
P0.0 P0.1 P0.2 P0.3 P0.4 P0.5 P0.6 P0.7 P2.0 P2.1 P2.2 P2.3 P2.4 P2.5 P2.6 P2.7 RD WR PSEN ALE TXD RXD
39 AD0 38 AD1 37 AD2 36 AD3 35 AD4 34 AD5 33 AD6 32 AD7 21 22 23 24 25 26 27 28 17 16 29 30 11 10 A8 A9 A10 A11 A12 A13 A14 A15
AD0 3 AD1 4 AD2 7 AD3 8 AD413 AD514 AD617 AD718 GND 1
D0 D1 D2 D3 D4 D5 D6 D7
Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7
2 A0 5 A1 6 A2 9 A3 12 A4 15 A5 16 A6 19 A7
OC 11 G 74LS373
A0 10 A1 9 A2 8 A3 7 A4 6 A5 5 A6 4 A7 3 A8 25 A9 24 A10 21 A11 23 A12 2 A13 26 A14 27 A15 1
A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 A12 A13 A14 A15
O0 O1 O2 O3 O4 O5 O6 O7
11 12 13 15 16 17 18 19
AD0 AD1 AD2 AD3 AD4 AD5 AD6 AD7
GND 20 CE 22 OE 27512
Figure A
CRYSTAL 16 MHz 24 MHz 33 MHz 40 MHz
C1 30P 15P 10P 5P
C2 30P 15P 10P 5P
R 6.8K 4.7K
Above table shows the reference values for crystal applications.
Note: C1, C2, R components refer to Figure A.
- 20 -
W78E58
Typical Application Circuits, continued
Expanded External Data Memory and Oscillator
VCC VCC 31 19 10 u
OSCILLATOR
EA XTAL1 XTAL2 RST INT0 INT1 T0 T1 P1.0 P1.1 P1.2 P1.3 P1.4 P1.5 P1.6 P1.7 W78E58
18 8.2 K 9 12 13 14 15 1 2 3 4 5 6 7 8
P0.0 P0.1 P0.2 P0.3 P0.4 P0.5 P0.6 P0.7 P2.0 P2.1 P2.2 P2.3 P2.4 P2.5 P2.6 P2.7 RD WR PSEN ALE TXD RXD
39 38 37 36 35 34 33 32 21 22 23 24 25 26 27 28 17 16 29 30 11 10
AD0 AD1 AD2 AD3 AD4 AD5 AD6 AD7 A8 A9 A10 A11 A12 A13 A14
AD0 3 AD1 4 AD2 7 AD3 8 AD4 13 AD5 14 AD6 17 AD7 18 GND 1 11
D0 D1 D2 D3 D4 D5 D6 D7 OC G
Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7
2 5 6 9 12 15 16 19
A0 A1 A2 A3 A4 A5 A6 A7
74LS373
A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 A12 A13 A14
10 9 8 7 6 5 4 3 25 24 21 23 2 26 1
A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 A12 A13 A14 CE OE WR 20256
D0 D1 D2 D3 D4 D5 D6 D7
11 12 13 15 16 17 18 19
AD0 AD1 AD2 AD3 AD4 AD5 AD6 AD7
GND 20 22 27
Figure B
PACKAGE DIMENSIONS
40-pin DIP
Symbol
Dimension in inches
Dimension in mm
Min.
Nom.
Max.
0.210
Min.
0.254
Nom.
Max.
5.334
D 40 21
E1
A A1 A2 B B1 c D E E1 e1 L
a
0.010 0.150 0.016 0.048 0.008 0.155 0.018 0.050 0.010 2.055 0.590 0.540 0.090 0.120 0 0.630 0.650 0.600 0.545 0.100 0.130 0.160 0.022 0.054 0.014 2.070 0.610 0.550 0.110 0.140 15 0.670 0.090
3.81 0.406 1.219 0.203
3.937 0.457 1.27 0.254 52.20
4.064 0.559 1.372 0.356 52.58 15.494 13.97 2.794 3.556 15
14.986 13.72 2.286 3.048 0 16.00
15.24 13.84 2.54 3.302
1 S A A2 L B B
1
20 E c A1
eA S
Notes:
16.51
17.01 2.286
Base Plane Seating Plane
e1
a
eA
1. Dimension D Max. & S include mold flash or tie bar burrs. 2. Dimension E1 does not include interlead flash. 3. Dimension D & E1 include mold mismatch and . are determined at the mold parting line. 4. Dimension B1 does not include dambar protrusion/intrusion. 5. Controlling dimension: Inches. 6. General appearance spec. should be based on final visual inspection spec.
- 21 -
Publication Release Date: November 1997 Revision A2
W78E58
Package Dimensions, continued
44-pin PLCC
H
D
D
6 1 44 40
Symbol
7 39
Dimension in inches
Dimension in mm
Min.
0.020 0.145 0.026 0.016 0.008 0.648 0.648
Nom.
Max.
0.185
Min.
0.508
Nom.
Max.
4.699
E
HE
GE
17
29
18
28
c
A A1 A2 b1 b c D E e GD GE HD HE L y
Notes:
0.150 0.028 0.018 0.010 0.653 0.653
0.155 0.032 0.022 0.014 0.658 0.658 BSC 0.630 0.630 0.700 0.700 0.110 0.004
3.683 0.66 0.406 0.203 16.46 16.46
3.81 0.711 0.457 0.254 16.59 16.59
3.937 0.813 0.559 0.356 16.71 16.71
0.050 0.590 0.590 0.680 0.680 0.090 0.610 0.610 0.690 0.690 0.100
1.27 14.99 14.99 17.27 17.27 2.296
BSC 16.00 16.00 17.78 17.78 2.794 0.10
15.49 15.49 17.53 17.53 2.54
L A2 A
e
Seating Plane G
D
b b
A1
1
y
1. Dimension D & E do not include interlead flash. 2. Dimension b1 does not include dambar protrusion/intrusion. 3. Controlling dimension: Inches 4. General appearance spec. should be based on final visual inspection spec.
44-pin QFP
HD D
Dimension in inch
Dimension in mm
Symbol
44 34
Min. Nom. Max.
--0.002 0.075 0.01 0.004 0.390 0.390 0.025 0.510 0.510 0.025 0.051 --0.01 0.081 0.014 0.006 0.394 0.394 0.031 0.520 0.520 0.031 0.063 --0.02 0.087 0.018 0.010 0.398 0.398 0.036 0.530 0.530 0.037 0.075 0.003 0 7
Min. Nom.
--0.05 1.90 0.25 0.101 9.9 9.9 0.635 12.95 12.95 0.65 1.295 --0.25 2.05 0.35 0.152 10.00 10.00 0.80 13.2 13.2 0.8 1.6
Max.
--0.5 2.20 0.45 0.254 10.1 10.1 0.952 13.45 13.45 0.95 1.905 0.08
1
33
E HE
11
12
e
b
22
A A1 A2 b c D E e HD HE L L1 y
Notes:
c
0
7
A2 A A1 y L L1 Detail F
Seating Plane
See Detail F
1. Dimension D & E do not include interlead flash. 2. Dimension b does not include dambar protrusion/intrusion. 3. Controlling dimension: Millimeter 4. General appearance spec. should be based on final visual inspection spec.
- 22 -
W78E58
Timing Waveforms, continued
44-pin TQFP
HD D
Dimension in inch
Dimension in mm
Symbol
44 34
Min.
--0.002 0.037 0.0039 0.004 0.390 0.390 0.025 0.468 0.468 0.018 ---
Nom.
--0.004 0.039 0.013 --0.394 0.394 0.031 0.472 0.472 0.024 0.039
Max.
0.047 0.006 0.041 0.015 0.008 0.398 0.398 0.036 0.476 0.476 0.030 --0.003
Min.
--0.05 0.95 0.22 0.090 9.9 9.9 0.635 11.90 11.90 0.45 ---
Nom.
--0.10 1.00 0.32 --10.00 10.00 0.80 12.00 12.00 0.60 1.00
Max.
1.20 0.15 1.05 0.38 0.200 10.1 10.1 0.952 12.10 12.10 0.75 --0.08
1
33
E HE
11
12
e
b
22
A A1 A2 b c D E e HD HE L L1 y
Notes:
c
0
7
0
7
A2 A A1 L L
1
Seating Plane
See Detail F
y
1. Dimension D & E do not include interlead flash. 2. Dimension b does not include dambar protrusion/intrusion. 3. Controlling dimension: Millimeter 4. General appearance spec. should be based on final visual inspection spec.
Detail F
Headquarters
Winbond Electronics (H.K.) Ltd.
Winbond Electronics North America Corp.
Rm. 803, World Trade Square, Tower II, Winbond Memory Lab. No. 4, Creation Rd. III, 123 Hoi Bun Rd., Kwun Tong, Science-Based Industrial Park, Winbond Microelectronics Corp. Kowloon, Hong Kong Hsinchu, Taiwan Winbond Systems Lab. TEL: 852-27513100 TEL: 886-3-5770066 2727 N. First Street, San Jose, FAX: 852-27552064 FAX: 886-3-5792697 CA 95134, U.S.A. http://www.winbond.com.tw/ TEL: 408-9436666 Voice & Fax-on-demand: 886-2-27197006 FAX: 408-5441798
Taipei Office
11F, No. 115, Sec. 3, Min-Sheng East Rd., Taipei, Taiwan TEL: 886-2-27190505 FAX: 886-2-27197502
Note: All data and specifications are subject to change without notice.
- 23 -
Publication Release Date: November 1997 Revision A2


▲Up To Search▲   

 
Price & Availability of W78E58P-16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X