Part Number Hot Search : 
MG80C 4066B LR48252 SP6338 MS78L 70M25V4 MG80C MG80C
Product Description
Full Text Search
 

To Download U05A30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
MOSPEC
Utra Fast Recovery Rectifier Diodes
U05A30 thru U05A60
ULTRA FAST RECTIFIERS 5 AMPERES 300-600 VOLTS
-- Designed for use in switching power supplies inverters and as free wheeling diodes. These state-of-the-art devices have the following features: High Surge Capacity Low Power Loss, High efficiency Glass Passivated chip junctions 150 OC Operating Junction Temperature Low Stored Charge Majority Carrier Conduction Low Forward Voltage, High Current Capability High-Switching Speed 35 Nanosecong Recovery Time Plastic Material used Carries Underwriters Laboratory
Flammability Classification 94V-O
TO-220A
MAXIMUM RATINGS
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectifier Forward Current Total Device (Rated VR), TC=55J Non-Repetitive Peak Surge Current (Surge applied at rate load conditions halfware, single phase, 60Hz) Operating and Storage Junction Temperature Range Symbol U05A30 U05A40 U05A50 U05A60 Unit VRRM VRWM VR VR(RMS) IF(AV) 300 400 500 600 V
210
280 5.0
350
420
V A
MILLIMETERS MIN MAX 14.68 15.32 9.78 10.42 5.02 6.52 13.06 14.62 3.57 4.07 4.84 5.32 1.12 1.36 0.72 0.96 4.22 4.98 1.14 1.38 2.20 2.98 0.33 0.55 2.48 2.98 --1.00 3.70 3.90
DIM A B C D E F G H I J K L M N O
IFSM
100
A
TJ , Tstg
-65 to +150
J
ELECTRIAL CHARACTERISTICS
Characteristic Symbol U05A30 U05A40 U05A50 U05A60 Unit Maximum Instantaneous Forward Voltage ( IF =5.0 Amp TC = 25J ) V VF 1.30 1.50 1.16 1.39 ( IF =5.0 Amp TC = 125J ) Maximum Instantaneous Reverse Current ( Rated DC Voltage, TC = 25J ) ( Rated DC Voltage, TC = 125J ) Reverse Recovery Time ( IF = 0.5 A, IR =1.0 , Irr =0.25 A ) Typical Junction Capacitance (Reverse Voltage of 4 volts & f=1 MHz) IR Trr CP 70 5.0 200 50 60 uA
ns
PF
www..com
U05A30 Thru U05A60
FIG-1 TYPICAL FORWARD CHARACTERISITICS
AVERAGE FORWARD RECTIFIED CURRENT (Amp.)
AVERAGE FORWARD RECTIFIED CURRENT (Amp.)
FIG-3 FORWARD CURRENT DERATING CURVE
U05A30-40 U05A50-60
LEAD TEMPERATURE (J )
FIG-4TYPICAL JUNCTION CAPACITANCE
FORWARD VOLTAGE (Volts)
FIG-2 TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS REVERSE CURRENT (uA.)
JUNCTION CAPACITANCE (PF)
U05A50-60
U05A30-40
U05A30-40
REVERSE VOLTAGE (Volts.)
FIG-5PEAK FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT (Amp.)
U05A50-60
PERCENT OF PEAK REVERSE VOLTAGE (M )
NUMBER OF CYCLES AT 60 Hz
Set time base for 10/20 ns/cm
FIG-6 Reverse Recovery Time Characteristic and Test Circuit Diagram


▲Up To Search▲   

 
Price & Availability of U05A30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X