Part Number Hot Search : 
NAS1835 HA1743 1991722 MCP6V02 27XF256 MAX13430 PT2X1 SMH02
Product Description
Full Text Search
 

To Download TLP624-2BVF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TLP624,TLP624-2,TLP624-4
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP624,TLP624-2,TLP624-4
Programmable Controllers AC/DC-Input Module Telecommunication
The TOSHIBA TLP624, -2 and -4 consist of a gallium arsenide infrared emitting diode optically coupled to a photo-transistor. The TLP624-2 offers two isolated channels in an eight lead plastic DIP, while the TLP624-4 provides four isolated channels in a sixteen plastic DIP. * * Collector-emitter voltage: 55V min. Current transfer ratio
Classi- fication Rank BV Standard Current Transfer Ratio(min) Ta = 25C Ta=-25~75C IF=0.5mA IF=1mA IF=1mA VCE=0.5V VCE=1.5V VCE=0.5V 200% 100% 100% 50% 100% 50% BV BV,blank Marking of classi- fication
Unit in mm
TOSHIBA Weight: 0.26 g (typ.)
11-5B2
* * * *
Isolation voltage: 5000Vrms min. UL recognized: UL1577, file No.E67349 BSI approved: BS EN60065: 2002 Certificate No.7426 BS EN60950-1: 2002 Certificate No.7427 Note: Application type name for certification test, please use standard product type name, i.e. TLP624(BV): TLP624 TLP624-2(BV): TLP624-2 TOSHIBA 11-10C4
Pin Configurations (top view)
TLP624 TLP624-2 TLP624-4
Weight: 0.54 g (typ.)
1 2
1. Anode 2. Cathode 3. Emitter 4. Collector
4 3
1 2 3 4
1,3 : Anode 2,4 : Cathode 5,7 : Emitter 6,8 : Collector
8 7 6 5
1 2 3 4 5 6 7 8
1,3,5,7: Anode 2,4,6,8: Cathode 9,11,13,15: Emitter 10,12,14,16: Collector
16 15 14 13 12 11 10 9
TOSHIBA Weight: 1.1 g (typ.) 11-20A3
1
2007-10-01
TLP624,TLP624-2,TLP624-4
Absolute Maximum Ratings (Ta = 25C)
Rating Characteristic Forward current Forward current detating Pulse forward current LED Power dissipation(1 Circuit) Power dissipation derating (Ta 25C, 1 Circuit) Reverse voltage Junction temperature Collector-emitter voltage Emitter-collector voltage Detector Collector current Collector power dissipation(1 circuit) Collector power dissipation derating (Ta 25C, 1 Circuit) Junction temperature Storage temperature range Operating temperature range Lead soldering temperature Total package power dissipation(1 Circuit) Total package power dissipation derating (Ta 25C, 1 Circuit) Isolation voltage (Note 1) Symbol IF IF / C IFP PD PD / C VR Tj VCEO VECO IC PC PC / C Tj Tstg Popr Tsol PT PT / C BVS 250 -2.5 150 -1.5 125 -55~125 -55~100 260(10s) 150 -1.5 TLP624 60 TLP624-2 TLP624-4 50 Unit mA
-0.7(Ta 39C) -0.5(Ta 25C) mA / C 1(100s, pulse, 100pps) 100 -1.0 5 125 55 7 50 100 -1.0 70 -0.7 A mW mW / C V C V V mA mW mW / C C C C C mW mW / C Vrms
5000(AC, 1min., RH60%)
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc). (Note 1) Device considered a two terminal device: LED side pins shorted together, and detector side pins shorted together.
Recommended Operating Conditions
Characteristic Supply voltage Forward current Collector current Operating temperature Symbol VCC IF IC Topr Min. -25 Typ. 5 1.6 1 Max. 24 20 10 75 Unit V mA mA C
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the device. Additionally, each item is an independent guideline respectively. In developing designs using this product, please confirm specified characteristics shown in this document.
2
2007-10-01
TLP624,TLP624-2,TLP624-4
Individual Electrical Characteristics (Ta = 25C)
Characteristic Forward voltage LED Reverse current Capacitance Collector-emitter breakdown voltage Emitter-collector Detector breakdown voltage Collector dark current Capacitance collector to emitter Symbol VF IR CT Test Condition IF = 10mA VR= 5V V = 0, f = 1MHz Min. 1.0 55 7 Typ. 1.15 30 10 2 12 Max. 1.3 10 100 50 Unit V A pF V V nA A pF
V(BR)CEO IC = 0.5mA V(BR)ECO IE = 0.1mA ICEO CCE VCE = 24V VCE = 24V, Ta = 85C V=0 , f=1MHz
Coupled Electrical Characteristics (Ta = 25C)
Characteristic Current transfer ratio Symbol IC / IF IC / IF
(low)
Test Condition IF = 1mA, VCE = 0.5V Rank BV IF = 0.5mA, VCE = 1.5V Rank BV IC = 0.5mA, IF = 1mA
Min. 100 200 50 100
Typ. 0.2
Max. 1200 1200 0.4 0.4
Unit %
Low input CTR
%
Collector-emitter saturation voltage
VCE
(sat)
IC = 1mA, IF = 1mA Rank BV
V
Coupled Electrical Characteristics (Ta = -25C~75C)
Characteristic Current transfer ratio Symbol IC / IF IC / IF
(low)
Test Condition IF = 1mA, VCE = 0.5V Rank BV IF = 0.5mA, VCE = 1.5V Rank BV
Min. 50 100
Typ. 50 100
Max.
Unit %
Low input CTR
%
3
2007-10-01
TLP624,TLP624-2,TLP624-4
Isolation Characteristics (Ta = 25C)
Characteristic Capacitance input to output Isolation resistance Symbol CS RS Test Condition VS = 0, f = 1MHz VS = 500V AC, 1minute Isolation voltage BVS AC, 1second, in oil DC, 1 minute, in oil Min. 5x10
10
Typ. 0.8 10
14
Max.
Unit pF Vrms Vdc
5000
10000 10000
Switching Characteristics (Ta = 25C)
Characteristic Rise time Fall time Turn-on time Turn-off time Turn-on time Storage time Turn-off time Symbol tr tf ton toff tON tS TOFF RL = 4.7 k (Fig.1) VCC = 5 V, IF = 1.6mA VCC = 10V, IC = 2mA RL = 100 Test Condition Min. Typ. 8 8 10 8 10 50 300 Max. s s Unit
Fig. 1 Switching time test circuit
IF VCC RL VCE VCE IF tS VCC 4.5V 0.5V tON tOFF
4
2007-10-01
TLP624,TLP624-2,TLP624-4
IF - Ta
100 200
PC - Ta
80
160
TLP624
Allowable forward current IF (mA)
TLP624 60 TLP6242,4
Allowable collector power dissipation PC (mW)
120 TLP6242,4
40
80
20
40
0 -20
0
20
40
60
80
100
120
0 20
0
20
40
60
80
100
120
Ambient temperature
Ta (C)
Ambient temperature
Ta (C)
IFP - DR
5000 3000 Pulse width 100 s Ta = 25 C 100 50 30 1000 500 300 Ta = 25 C
IF - V F
Allowable pulse forward current IFP (mA)
(mA)
10
Forward current IF
103 3 102 3 101 3 100
5 3
100 50 30
1 0.5 0.3 0.1 0.4
10 3
0.6
0.8
1.0
1.2
1.4
1.6
Duty cycle ratio
DR
Forward voltage
VF
(V)
VF / Ta - IF
1000
IFP - VFP IFP (mA)
Pulse width 10 s 500 Repetitive 300 Frequency = 100 Hz Ta = 25 C 100 50 30
2.8
Forward voltage temperature coefficient VF / Ta (mV / C)
2.4
2.0
1.6
Pulse forward current
0.3 0.5 1 3 5 10 30 50
1.2
10 5 3 1 0
0.8
0.4 0.1
0.4
0.8
1.2
1.6
2.0
2.4
Forward current
IF
(mA)
Pulse forward voltage
VFP
(V)
5
2007-10-01
TLP624,TLP624-2,TLP624-4
IC / IF - IF
1000 4.0 Ta = 25 C
IC - VCE
IF = 1.0 mA
IC / IF (%)
500 300
3.5
3.0 100
Current transfer ratio
(mA)
2.5
0.8 mA
50 30
Ta = 25 C VCE = 5 V VCE = 1.5 V VCE = 0.5 V
Collector current IC
2.0 0.6 mA 1.5 0.5 mA 1.0 0.4 mA 0.5 0.2 mA 0 0.1
10 0.1
0.3
0.5
1
3
5
10
Forward current IF
(mA)
0.3
0.5
1
3
5
10
Collector-emitter voltage
VCE (V)
IC - IF
50 30 Ta = 25 C VCE = 5 V VCE = 1.5 V VCE = 0.5 V 10 IF = 2 mA 10 2 mA 5 1 mA 30
IC - Ta
VCE = 1.5 V VCE = 0.5 V
5
Collector current IC
(mA)
3
(mA)
1
3
Collector current IC
0.5 0.3
0.5 mA 1
0.5 0.3 0.2 mA
0.1
0.05 0.1 0.03 0.05 0.01 0.1 0.03
0.3
0.5
1
3
5
10
20
0
20
40
60
80
100
Forward current IF
(mA)
Ambient temperature
Ta
(C)
6
2007-10-01
TLP624,TLP624-2,TLP624-4
ID - Ta
10
1
Switching Time - RL
3000 Ta = 25 C IF = 1.6 mA VCC = 5 V 1000 500
VCE = 24 V 100 10 V
Collector dark current ID (ICEO)
(A)
5V
101
Switching time (s)
300 tOFF
102
100
50 30
ts
103
tON 104 10
5 105 3 1 50
0
20
40
60
80
100
120
3
5
10
30
100
Ambient temperature
Ta
(C)
Load resistance
RL
(k)
7
2007-10-01
TLP624,TLP624-2,TLP624-4
RESTRICTIONS ON PRODUCT USE
* Toshiba Corporation, and its subsidiaries and affiliates (collectively "TOSHIBA"), reserve the right to make changes to the information in this document, and related hardware, software and systems (collectively "Product") without notice. * This document and any information herein may not be reproduced without prior written permission from TOSHIBA. Even with TOSHIBA's written permission, reproduction is permissible only if reproduction is without alteration/omission. * Though TOSHIBA works continually to improve Product's quality and reliability, Product can malfunction or fail. Customers are responsible for complying with safety standards and for providing adequate designs and safeguards for their hardware, software and systems which minimize risk and avoid situations in which a malfunction or failure of Product could cause loss of human life, bodily injury or damage to property, including data loss or corruption. Before creating and producing designs and using, customers must also refer to and comply with (a) the latest versions of all relevant TOSHIBA information, including without limitation, this document, the specifications, the data sheets and application notes for Product and the precautions and conditions set forth in the "TOSHIBA Semiconductor Reliability Handbook" and (b) the instructions for the application that Product will be used with or for. Customers are solely responsible for all aspects of their own product design or applications, including but not limited to (a) determining the appropriateness of the use of this Product in such design or applications; (b) evaluating and determining the applicability of any information contained in this document, or in charts, diagrams, programs, algorithms, sample application circuits, or any other referenced documents; and (c) validating all operating parameters for such designs and applications. TOSHIBA ASSUMES NO LIABILITY FOR CUSTOMERS' PRODUCT DESIGN OR APPLICATIONS. * Product is intended for use in general electronics applications (e.g., computers, personal equipment, office equipment, measuring equipment, industrial robots and home electronics appliances) or for specific applications as expressly stated in this document. Product is neither intended nor warranted for use in equipment or systems that require extraordinarily high levels of quality and/or reliability and/or a malfunction or failure of which may cause loss of human life, bodily injury, serious property damage or serious public impact ("Unintended Use"). Unintended Use includes, without limitation, equipment used in nuclear facilities, equipment used in the aerospace industry, medical equipment, equipment used for automobiles, trains, ships and other transportation, traffic signaling equipment, equipment used to control combustions or explosions, safety devices, elevators and escalators, devices related to electric power, and equipment used in finance-related fields. Do not use Product for Unintended Use unless specifically permitted in this document. * Do not disassemble, analyze, reverse-engineer, alter, modify, translate or copy Product, whether in whole or in part. * Product shall not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable laws or regulations. * The information contained herein is presented only as guidance for Product use. No responsibility is assumed by TOSHIBA for any infringement of patents or any other intellectual property rights of third parties that may result from the use of Product. No license to any intellectual property right is granted by this document, whether express or implied, by estoppel or otherwise. * ABSENT A WRITTEN SIGNED AGREEMENT, EXCEPT AS PROVIDED IN THE RELEVANT TERMS AND CONDITIONS OF SALE FOR PRODUCT, AND TO THE MAXIMUM EXTENT ALLOWABLE BY LAW, TOSHIBA (1) ASSUMES NO LIABILITY WHATSOEVER, INCLUDING WITHOUT LIMITATION, INDIRECT, CONSEQUENTIAL, SPECIAL, OR INCIDENTAL DAMAGES OR LOSS, INCLUDING WITHOUT LIMITATION, LOSS OF PROFITS, LOSS OF OPPORTUNITIES, BUSINESS INTERRUPTION AND LOSS OF DATA, AND (2) DISCLAIMS ANY AND ALL EXPRESS OR IMPLIED WARRANTIES AND CONDITIONS RELATED TO SALE, USE OF PRODUCT, OR INFORMATION, INCLUDING WARRANTIES OR CONDITIONS OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, ACCURACY OF INFORMATION, OR NONINFRINGEMENT. * GaAs (Gallium Arsenide) is used in Product. GaAs is harmful to humans if consumed or absorbed, whether in the form of dust or vapor. Handle with care and do not break, cut, crush, grind, dissolve chemically or otherwise expose GaAs in Product. * Do not use or otherwise make available Product or related software or technology for any military purposes, including without limitation, for the design, development, use, stockpiling or manufacturing of nuclear, chemical, or biological weapons or missile technology products (mass destruction weapons). Product and related software and technology may be controlled under the Japanese Foreign Exchange and Foreign Trade Law and the U.S. Export Administration Regulations. Export and re-export of Product or related software or technology are strictly prohibited except in compliance with all applicable export laws and regulations. * Please contact your TOSHIBA sales representative for details as to environmental matters such as the RoHS compatibility of Product. Please use Product in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances, including without limitation, the EU RoHS Directive. TOSHIBA assumes no liability for damages or losses occurring as a result of noncompliance with applicable laws and regulations.
8
2007-10-01


▲Up To Search▲   

 
Price & Availability of TLP624-2BVF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X