Part Number Hot Search : 
FDMC8296 SMCJ12C MPC8360E D74LVC BA532 1N5556 000M18X3 MAX6836
Product Description
Full Text Search
 

To Download SW-137-PIN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SW-137-PIN
GaAs SPDT Reflective Switch, 0.01 - 3.0 GHz
Features
* * * * * * Isolation: 48 dB Typical at 1 GHz High Intercept Point Over Wide Bandwidth Trise, Tfall: 5 nS Typical DIP Package Integral TTL Driver (CMOS Compatible) 50 Ohm Nominal Impedance Rev. V3
Functional Block Diagram
Description
M/A-COM's SW-137 is a GaAs MMIC SPDT reflective switch with an integral Silicon ASIC driver. This device is in a 14-lead DIP package. These switches offer high intercept points over a wide bandwidth of operation, while maintaining low DC power dissipation. These switches exhibit excellent performance and repeatability from 0.01 to 3.0 GHz. The SW-137 is ideally suited for RF/IF communications applications. Contact the factory for environmental screening.
Ordering Information
Part Number
SW-137-PIN
Package
DI-1
Note: Reference Application Note M513 for reel size information. Note: Die quantity varies.
Truth Table
Control Inputs Condition of Switch RF Common to each RF Port RF1
On Off
Absolute Maximum Ratings 2
Parameter
Max Input Power 0.05 GHz 0.5 - 3.0 GHz Supply Voltages Vcc Vee Control Voltage Operating Temperature Storage Temperature Absolute Maximum +27 dBm +34 dBm -0.5V to +16.5 V -16.5V to +0.5V -0.5V to VCC to +0.5V -55C to +125C -65C to +150C
C1
Low High
RF2
Off On
Current (mA)
9V Vcc Vee
8 4
12V
11 7
15V
15 9
2. Operation of this device above any one of these parameters may cause permanent damage.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
SW-137-PIN
GaAs SPDT Reflective Switch, 0.01 - 3.0 GHz
Electrical Specifications: TA = -55C to +85C 1
Parameter
Reference Insertion Loss
Rev. V3
Test Conditions
--
Frequency
0.01 - 0.5 GHz 0.01 - 1.0 GHz 0.01 - 2.0 GHz 0.01 - 3.0 GHz 0.01 - 0.5 GHz 0.01 - 1.0 GHz 0.01 - 2.0 GHz 0.01 - 3.0 GHz 0.01 - 0.5 GHz 0.01 - 1.0 GHz 0.01 - 2.0 GHz 0.01 - 3.0 GHz -- -- -- 0.01 - 3.0 GHz
Units
dB dB dB dB dB dB dB dB Ratio Ratio Ratio Ratio nS nS mV dBm dBm dBm
Min
-- -- -- -- 48 43 37 32 -- -- -- -- -- -- -- -- -- --
Typ
-- -- -- -- -- -- -- -- -- -- -- -- 5 22 45 +25 +46 +76
Max
0.9 1.0 1.4 1.6 -- -- -- -- 1.25:1 1.4:1 1.7:1 2.0:1 -- -- -- -- -- --
Isolation
--
VSWR
--
Trise, Tfall Ton, Toff Transients 1 dB Compression Input IP3 Input IP2
10% to 90% 1.3V Control to 90/10% RF In-band (peak-peak)
For two-tone Input power up to +5 dBm For two-tone Input power up to +5 dBm
0.01 - 3.0 GHz 0.01 - 3.0 GHz
1. All specifications apply when operated with bias voltages of +9V to +15V for Vcc and -9 to -15V for Vee and 50 Ohm impedance at all RF ports unless otherwise specified.
Electrical Specifications: TA = 25C
Parameter Test Conditions Frequency Units Min Typ Max
Vcc Vee Icc Vcc = +9 to +15V
-- -- --
V V mA
+9 -15 --
+12 -12 --
+15 -9 20.0
Iee
Vee = -9 to -15V
--
mA
--
--
15.0
Vctl Vctl Input Leakage Current (Low) Input Leakage Current (High) 2
Low High 0 to 0.8V
-- -- --
V V A
0.0 2.0 --
-- -- --
0.8 5.0 1.0
2.0 to 5.0V
--
A
--
--
1.0
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
SW-137-PIN
GaAs SPDT Reflective Switch, 0.01 - 3.0 GHz
Typical Performance Curves
Rev. V3
Insertion Loss vs. Frequency
VSWR vs. Frequency
+ 8 5 C 1.4
+ 2 5 C
- 55 C
2.0
RFC
R F 1, R F 2
Insertion Loss (dB)
1.2 1.0 0.8 0.6 0.4
0.5 1.5
VSWR
0.0 0.5 1.0 1.5 2.0 2.5 3.0
1.0
0.2 0.0
0.0 0.0 0.5 1.0 1.5 2.0 2.5 3.0
F re que ncy ( G H z)
F re que nc y ( G H z)
Isolation vs. Frequency
80 70 60
Isolation (dB)
50 40 30 20 10 0 0.0 0.5 1.0 1.5 2.0 2.5 3.0
RF1 GND GND GND GND GND RF2 C1 GND GND RFC GND -VDC +VDC
Functional Schematic (Top View)
F requency ( GH z)
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of SW-137-PIN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X