Part Number Hot Search : 
AM29F 74VCX16 TA8132AN HMC14308 0DC24 MX25L80 SBH1540S SC284
Product Description
Full Text Search
 

To Download STT5NF20V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 N-CHANNEL 20V - 0.030 - 5A SOT23-6L 2.7V-DRIVE STripFETTM II POWER MOSFET
TYPE STT5NF20V
s s s
STT5NF20V
VDSS 20 V
RDS(on) < 0.040 ( @ 4.5 V ) < 0.045 ( @ 2.7 V )
ID 5A
s
TYPICAL RDS(on) = 0.030 @ 4.5 V TYPICAL RDS(on) = 0.037 @ 2.7 V ULTRA LOW THRESHOLD GATE DRIVE (2.7 V) STANDARD OUTLINE FOR EASY AUTOMATED SURFACE MOUNT ASSEMBLY SOT23-6L
DESCRIPTION This Power MOSFET is the latest development of STMicroelectronis unique "Single Feature SizeTM" strip-based process. The resulting transistor shows extremely high packing density for low onresistance, rugged avalanche characteristics and less critical alignment steps therefore a remarkable manufacturing reproducibility. APPLICATIONS s DC MOTOR DRIVE s DC-DC CONVERTERS s BATTERY MANAGEMENT IN NOMADIC EQUIPMENT s POWER MANAGEMENT IN PORTABLE/DESKTOP PCs
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol VDS VDGR VGS ID ID IDM(*) Parameter Drain-source Voltage (VGS = 0) Drain-gate Voltage (RGS = 20 k) Gate- source Voltage Drain Current (continuous) at TC = 25C Drain Current (continuous) at TC = 100C Drain Current (pulsed) Value 20 20 12 5 3 20 1.6 Unit V V V A A A W
Total Dissipation at TC = 25C Ptot (*) Pulse width limited by safe operating area. May 2002
.
1/8
STT5NF20V
THERMAL DATA
Rthj-amb Tj Tstg Thermal Resistance Junction-ambient Max. Operating Junction Temperature Storage Temperature Max 78 -55 to 150 -55 to 150 C/W C C
ELECTRICAL CHARACTERISTICS (Tcase = 25 C unless otherwise specified) OFF
Symbol V(BR)DSS IDSS IGSS Parameter Drain-source Breakdown Voltage Zero Gate Voltage Drain Current (VGS = 0) Gate-body Leakage Current (VDS = 0) Test Conditions ID = 250 A, VGS = 0 VDS = Max Rating VDS = Max Rating TC = 125C VGS = 12V Min. 20 1 10 100 Typ. Max. Unit V A A nA
ON (*)
Symbol VGS(th) RDS(on) Parameter Gate Threshold Voltage Static Drain-source On Resistance Test Conditions VDS = VGS VGS = 4.5 V VGS = 2.7 V ID = 250 A ID = 2.5 A ID = 2.5 A Min. 0.6 0.030 0.037 0.040 0.045 Typ. Max. Unit V
DYNAMIC
Symbol gfs (*) Ciss Coss Crss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Conditions VDS=15 V ID = 2.5 A Min. Typ. 9.5 460 200 50 Max. Unit S pF pF pF
VDS = 15V f = 1 MHz, VGS = 0
2/8
STT5NF20V
ELECTRICAL CHARACTERISTICS (continued) SWITCHING ON
Symbol td(on) tr Qg Qgs Qgd Parameter Turn-on Delay Time Rise Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Test Conditions ID = 2.5 A VDD = 10 V RG = 4.7 VGS = 4.5 V (Resistive Load, Figure 1) VDD= 16V ID= 5A VGS=4.5V (see test circuit, Figure 2) Min. Typ. 7 33 8.5 1.8 2.4 11.5 Max. Unit ns ns nC nC nC
SWITCHING OFF
Symbol td(off) tf td(Voff) tf tc Parameter Turn-off Delay Time Fall Time Off-voltage Rise Time Fall Time Cross-over Time Test Conditions ID = 2.5 A VDD = 10 V RG = 4.7, VGS = 4.5 V (Resistive Load, Figure 1) ID = 5 A Vclamp = 16 V RG = 4.7, VGS = 4.5 V (Inductive Load, Figure 3) Min. Typ. 27 10 26 11 21 Max. Unit ns ns ns ns ns
SOURCE DRAIN DIODE
Symbol ISD ISDM (*) VSD (*) trr Qrr IRRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current ISD = 5 A VGS = 0 26 13 1 Test Conditions Min. Typ. Max. 5 20 1.2 Unit A A V ns nC A
di/dt = 100A/s ISD = 5 A VDD = 10 V Tj = 150C (see test circuit, Figure 3)
(*)Pulsed: Pulse duration = 300 s, duty cycle 1.5 %. (*)Pulse width limited by safe operating area.
Safe Operating Area
Thermal Impedance
3/8
STT5NF20V
Output Characteristics Transfer Characteristics
Transconductance
Static Drain-source On Resistance
Gate Charge vs Gate-source Voltage
Capacitance Variations
4/8
STT5NF20V
Normalized Gate Threshold Voltage vs Temperature Normalized on Resistance vs Temperature
Source-drain Diode Forward Characteristics
.
.
.
5/8
STT5NF20V
Fig. 1: Switching Times Test Circuits For Resistive Load Fig. 2: Gate Charge test Circuit
Fig. 3: Test Circuit For Diode Recovery Behaviour
6/8
STT5NF20V
SOT23-6L MECHANICAL DATA
mm MIN. A A1 A2 b C D E E1 L e e1 0.90 0.00 0.90 0.25 0.09 2.80 2.60 1.50 0.35 0.95 1.90 TYP. MAX. 1.45 0.15 1.30 0.50 0.20 3.10 3.00 1.75 0.55 MIN. 0.035 0.000 0.035 0.010 0.004 0.110 0.102 0.059 0.014 0.037 0.075 mils TYP. MAX. 0.057 0.006 0.051 0.020 0.008 0.122 0.118 0.069 0.022
DIM.
A A2 A1 b e1 e c L E
D
E1
7/8
STT5NF20V
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is registered trademark of STMicroelectronics (R) 2002 STMicroelectronics - All Rights Reserved All other names are the property of their respective owners. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
8/8


▲Up To Search▲   

 
Price & Availability of STT5NF20V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X