Part Number Hot Search : 
CET6601 BUV21 272002B DA8589BJ P2804BDG SBT1045 HFW75N75 MRA0610
Product Description
Full Text Search
 

To Download SST39VF160-70-4C-UK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 16 Megabit (1M x 16-Bit) Multi-Purpose Flash
SST39VF160Q / SST39VF160
Advance Information
FEATURES: * Organized as 1 M X 16 * Single 2.7V-only Read and Write Operations * VDDQ Power Supply to Support 5V I/O for SST39VF160Q - VDDQ not available on SST39VF160 * Superior Reliability - Endurance: 100,000 Cycles (typical) - Greater than 100 years Data Retention * Low Power Consumption: - Active Current: 15 mA (typical) - Standby Current: 3 A (typical) - Auto Low Power Mode: 3 A (typical) * Small Sector Erase Capability (512 sectors) - Uniform 2 KWord sectors * Block Erase Capability (32 blocks) - Uniform 32 KWord blocks * Fast Read Access Time: - 70 and 90 ns PRODUCT DESCRIPTION The SST39VF160Q/VF160 devices are 1M x 16 CMOS Multi-Purpose Flash (MPF) manufactured with SST's proprietary, high performance CMOS SuperFlash technology. The split-gate cell design and thick oxide tunneling injector attain better reliability and manufacturability compared with alternate approaches. The SST39VF160Q/VF160 write (Program or Erase) with a 2.7V-only power supply. The SST39VF160Q/VF160 conform to JEDEC standard pinouts for x16 memories. Featuring high performance word program, the SST39VF160Q/VF160 devices provide a maximum word-program time of 10 sec. The entire memory can typically be erased and programmed word by word in 7 seconds, when using interface features such as Toggle Bit or Data# Polling to indicate the completion of Program operation. To protect against inadvertent write, the SST39VF160Q/VF160 have on-chip hardware and software data protection schemes. Designed, manufactured, and tested for a wide spectrum of applications, the SST39VF160Q/VF160 are offered with a guaranteed endurance of 10,000 cycles. Data retention is rated at greater than 100 years. The SST39VF160Q/VF160 devices are suited for applications that require convenient and economical updating of program, configuration, or data memory. For all system applications, the SST39VF160Q/VF160 significantly improve performance and reliability, while lowering power consumption. The SST39VF160Q/VF160 inherently use less energy during Ease and Program than * Latched Address and Data * Fast Sector Erase and Word Program: - Sector Erase Time: 3 ms typical - Block Erase Time: 7 ms typical - Chip Erase Time: 15 ms typical - Word Program time: 7 s typical - Chip Rewrite Time: 7 seconds * Automatic Write Timing - Internal Vpp Generation * End of Write Detection - Toggle Bit - Data# Polling * CMOS I/O Compatibility * JEDEC Standard - EEPROM Pinouts and command set * Packages Available - 48-Pin TSOP (12mm x 20mm) - 6 x 8 Ball TFBGA alternative flash technologies. The total energy consumed is a function of the applied voltage, current, and time of application. Since for any given voltage range, the SuperFlash technology uses less current to program and has a shorter erase time, the total energy consumed during any Erase or Program operation is less than alternative flash technologies. The SST39VF160Q/ VF160 also improve flexibility while lowering the cost for program, data, and configuration storage applications. The SuperFlash technology provides fixed Erase and Program times, independent of the number of endurance cycles that have occurred. Therefore the system software or hardware does not have to be modified or de-rated as is necessary with alternative flash technologies, whose erase and program times increase with accumulated endurance cycles. To meet high density, surface mount requirements, the SST39VF160Q/VF160 are offered in 48-pin TSOP and 48-pin TFBGA packages. See Figures 1 and 2 for pinouts. Device Operation Commands are used to initiate the memory operation functions of the device. Commands are written to the device using standard microprocessor write sequences. A command is written by asserting WE# low while keeping CE# low. The address bus is latched on the falling edge of WE# or CE#, whichever occurs last. The data bus is latched on the rising edge of WE# or CE#, whichever occurs first.
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
(c) 1998 Silicon Storage Technology, Inc. The SST logo and SuperFlash are registered trademarks of Silicon Storage Technology, Inc. MPF is a trademark of Silicon storage Technology, Inc. 329-09 11/98 These specifications are subject to change without notice. 1
16 Megabit Multi-Purpose Flash SST39VF160Q / SST39VF160
Advance Information The SST39VF160Q/VF160 also have the Auto Low Power mode which puts the device in a near standby mode after data has been accessed with a valid read operation. This reduces the IDD active read current from typically 15 mA to typically 3 A. The Auto Low Power mode reduces the typical IDD active read current to the range of 1 mA/MHz of read cycle time. The device exits the Auto Low Power mode with any address transition or control signal transition used to initiate another read cycle, with no access time penalty. Read The Read operation of the SST39VF160Q/VF160 is controlled by CE# and OE#, both have to be low for the system to obtain data from the outputs. CE# is used for device selection. When CE# is high, the chip is deselected and only standby power is consumed. OE# is the output control and is used to gate data from the output pins. The data bus is in high impedance state when either CE# or OE# is high. Refer to the Read cycle timing diagram for further details (Figure 3). Word Program Operation The SST39VF160Q/VF160 are programmed on a wordby-word basis. The Program operation consists of three steps. The first step is the three-byte-load sequence for Software Data Protection. The second step is to load word address and word data. During the word Program operation, the addresses are latched on the falling edge of either CE# or WE#, whichever occurs last. The data is latched on the rising edge of either CE# or WE#, whichever occurs first. The third step is the internal Program operation which is initiated after the rising edge of the fourth WE# or CE#, whichever occurs first. The Program operation, once initiated, will be completed within 10 s. See Figures 4 and 5 for WE# and CE# controlled Program operation timing diagrams and Figure 15 for flowcharts. During the Program operation, the only valid reads are Data# Polling and Toggle Bit. During the internal Program operation, the host is free to perform additional tasks. Any commands issued during the internal Program operation are ignored. Sector/Block Erase Operation The Sector/Block Erase operation allows the system to erase the device on a sector-by-sector (or block-by-block) basis. The SST39VF160Q/VF160 offer both small Sector Erase and Block Erase mode. The sector architecture is based on uniform sector size of 2 KWord. The Block Erase mode is based on uniform block size of 32 KWord. The Sector Erase operation is initiated by executing a six-bytecommand sequence with Sector Erase command (30H) and sector address (SA) in the last bus cycle. The address lines A11-A19 are used to determine the sector address. The Block Erase operation is initiated by executing a six(c) 1998 Silicon Storage Technology, Inc.
byte-command sequence with Block Erase command (50H) and block address (BA) in the last bus cycle. The address lines A15-A19 are used to determine the block address. The sector or block address is latched on the falling edge of the sixth WE# pulse, while the command (30H or 50H) is latched on the rising edge of the sixth WE# pulse. The internal Erase operation begins after the sixth WE# pulse. The end of Erase operation can be determined using either Data# Polling or Toggle Bit methods. See Figures 8 and 9 for timing waveforms. Any commands issued during the Sector or Block Erase operation are ignored. Chip-Erase Operation The SST39VF160Q/VF160 provide a Chip Erase operation, which allows the user to erase the entire memory array to the "1" state. This is useful when the entire device must be quickly erased. The Chip Erase operation is initiated by executing a six byte command sequence with Chip Erase command (10H) at address 5555H in the last byte sequence. The Erase operation begins with the rising edge of the sixth WE# or CE#, whichever occurs first. During the Erase operation, the only valid read is Toggle Bit or Data# Polling. See Table 4 for the command sequence, Figure 8 for timing diagram, and Figure 19 for the flowchart. Any commands issued during the chip erase operation are ignored. Write Operation Status Detection The SST39VF160Q/VF160 provide two software means to detect the completion of a Write (Program or Erase) cycle, in order to optimize the system write cycle time. The software detection includes two status bits: Data# Polling (DQ7) and Toggle Bit (DQ6). The end of write detection mode is enabled after the rising edge of WE#, which initiates the internal program or erase operation. The actual completion of the nonvolatile write is asynchronous with the system; therefore, either a Data# Polling or Toggle Bit read may be simultaneous with the completion of the write cycle. If this occurs, the system may possibly get an erroneous result, i.e., valid data may appear to conflict with either DQ7 or DQ6. In order to prevent spurious rejection, if an erroneous result occurs, the software routine should include a loop to read the accessed location an additional two (2) times. If both reads are valid, then the device has completed the write cycle, otherwise the rejection is valid. Data# Polling (DQ7) When the SST39VF160Q/VF160 are in the internal Program operation, any attempt to read DQ7 will produce the complement of the true data. Once the Program operation is completed, DQ7 will produce true data. The device is
2
329-09 11/98
16 Megabit Multi-Purpose Flash SST39VF160Q / SST39VF160
Advance Information then ready for the next operation. During internal Erase operation, any attempt to read DQ7 will produce a `0'. Once the internal Erase operation is completed, DQ7 will produce a `1'. The Data# Polling is valid after the rising edge of fourth WE# (or CE#) pulse for Program operation. For Sector or Chip Erase, the Data# Polling is valid after the rising edge of sixth WE# (or CE#) pulse. See Figure 6 for Data# Polling timing diagram and Figure 17 for a flowchart. Toggle Bit (DQ6) During the internal Program or Erase operation, any consecutive attempts to read DQ6 will produce alternating 1's and 0's, i.e., toggling between 1 and 0. The toggle bit will begin with `1'. When the internal Program or Erase operation is completed, the DQ6 bit will stop toggling. The device is then ready for the next operation. The Toggle Bit is valid after the rising edge of fourth WE# (or CE#) pulse for Program operation. For Sector or Chip Erase, the Toggle Bit is valid after the rising edge of sixth WE# (or CE#) pulse. See Figure 7 for Toggle Bit timing diagram and Figure 18 for a flowchart. Data Protection The SST39VF160Q/VF160 provide both hardware and software features to protect nonvolatile data from inadvertent writes. Hardware Data Protection Noise/Glitch Protection: A WE# or CE# pulse of less than 5 ns will not initiate a write cycle. VDD Power Up/Down Detection: The Write operation is inhibited when VDD is less than 1.5V. Write Inhibit Mode: Forcing OE# low, CE# high, or WE# high will inhibit the Write operation. This prevents inadvertent writes during power-up or power-down. Software Data Protection (SDP) The SST39VF160Q/VF160 provide the JEDEC approved Software Data Protection scheme for all data alteration operations, i.e., Program and Erase. Any Program operation requires the inclusion of the three byte sequence. The three byte-load sequence is used to initiate the Program operation, providing optimal protection from inadvertent Write operations, e.g., during the system power-up or power-down. Any Erase operation requires the inclusion of six byte sequence. The SST39VF160Q/VF160 device is shipped with the software data protection permanently enabled. See Table 4 for the specific software command codes. During SDP command sequence, invalid commands will abort the device to read mode within TRC. The contents of DQ15-DQ8 are "Don't Care" during any SDP command sequence. Common Flash Memory Interface (CFI) The SST39VF160Q/VF160 also contain the CFI information to describe the characteristics of the device. In order to enter the CFI query mode, the system must write 3 byte sequence, same as product ID entry command with 98H (CFI query command) to address 5555H in the last byte sequence. Once the device enters the CFI query mode, the system can read CFI data at the addresses given in tables 5 through 8. The system must write the reset command to return to read mode from the CFI query mode. Product Identification The Product Identification mode identifies the devices as the SST39VF160Q, SST39VF160 and manufacturer as SST. This mode may be accessed by hardware or software operations. The hardware operation is typically used by a programmer to identify the correct algorithm for the SST39VF160Q/VF160. Users may wish to use the software product identification operation to identify the part (i.e., using the device code) when using multiple manufacturers in the same socket. For details, see Table 3 for hardware operation or Table 4 for software operation, Figure 9 for the software ID entry and read timing diagram and Figure 18 for the ID entry command sequence flowchart. TABLE 1: PRODUCT IDENTIFICATION TABLE Address Manufacturer's Code Device Code 0000H 0001H Data 00BFH 2782H
329 PGM T1.1
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
Product Identification Mode Exit/CFI Mode Exit In order to return to the standard Read mode, the Software Product Identification mode must be exited. Exit is accomplished by issuing the Software Exit ID command sequence, which returns the device to the Read operation. This command may also be used to reset the device to the read mode after any inadvertent transient condition that apparently causes the device to behave abnormally, e.g., not read correctly. Please note that the software reset command is ignored during an internal Program or Erase operation. See Table 4 for software command codes, Figure 13 for timing waveform and Figure 18 for a flowchart. VDDQ - I/O Power Supply This feature is available only on the SST39VF160Q. This pin functions as power supply pin for input/output buffers. It should be tied to VDD (2.7V - 3.6V) in a 3.0V-only system. It should be tied to a 5.0V10% (4.5V - 5.5V) power supply in a mixed voltage system environment where flash memory has to be interfaced with 5V system chips. The VDDQ pin is not offered on the SST39VF160, instead it is a No Connect pin.
3
329-09 11/98
(c) 1998 Silicon Storage Technology, Inc.
16 Megabit Multi-Purpose Flash SST39VF160Q / SST39VF160
Advance Information FUNCTIONAL BLOCK DIAGRAM
X-Decoder 16,777,216 bit EEPROM Cell Array
A19 - A0
Address Buffer & Latches Y-Decoder
CE# OE# WE# DQ15 - DQ0 VDDQ
329 ILL B1.2
Control Logic
I/O Buffers and Data Latches
A15 A14 A13 A12 A11 A10 A9 A8 A19 NC WE# NC NC NC NC A18 A17 A7 A6 A5 A4 A3 A2 A1
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
Standard Pinout Top View Die Up
48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25
A16 VDDQ VSS DQ15 DQ7 DQ14 DQ6 DQ13 DQ5 DQ12 DQ4 VDD DQ11 DQ3 DQ10 DQ2 DQ9 DQ1 DQ8 DQ0 OE# VSS CE# A0
A15 A14 A13 A12 A11 A10 A9 A8 A19 NC WE# NC NC NC NC A18 A17 A7 A6 A5 A4 A3 A2 A1
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
Standard Pinout Top View Die Up
48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25
A16 NC VSS DQ15 DQ7 DQ14 DQ6 DQ13 DQ5 DQ12 DQ4 VDD DQ11 DQ3 DQ10 DQ2 DQ9 DQ1 DQ8 DQ0 OE# VSS CE# A0
SST39VF160Q
329 ILL F01.2
SST39VF160
329 ILL F01a.0
FIGURE 1: PIN ASSIGNMENTS FOR 48-PIN TSOP PACKAGES
1 A B C D E F G H
A3 A4 A2 A1 A0 CE# OE# VSS
2
A7 A17 A6 A5 DQ0 DQ8 DQ9 DQ1
3
NC NC A18 NC DQ2
4
WE# NC NC A19 DQ5
5
A9 A8 A10 A11 DQ7
6
A13 A12 A14 A15 A16
1 A B C D E F G H
A3 A4 A2 A1 A0 CE# OE# VSS
2
A7 A17 A6 A5 DQ0 DQ8 DQ9 DQ1
3
NC NC A18 NC DQ2
4
WE# NC NC A19 DQ5
5
A9 A8 A10 A11 DQ7
6
A13 A12 A14 A15 A16
DQ10 DQ12 DQ14 VDDQ DQ11 VDD DQ3 DQ4
SST39VF160Q
DQ10 DQ12 DQ14 NC DQ11 VDD DQ3 DQ4
SST39VF160
DQ13 DQ15 DQ6 VSS
329 ILL F02.4
DQ13 DQ15 DQ6 VSS
329 ILL F02a.0
FIGURE 2: PIN ASSIGNMENTS FOR 48-PIN TFBGA
(c) 1998 Silicon Storage Technology, Inc. 329-09 11/98
4
16 Megabit Multi-Purpose Flash SST39VF160Q / SST39VF160
Advance Information TABLE 2: PIN DESCRIPTION Symbol Pin Name A19-A0 Address Inputs Functions To provide memory addresses. During sector erase A19-A11 address lines will select the sector. During block erase A19-A15 address lines will select the block. To output data during read cycles and receive input data during write cycles. Data is internally latched during a write cycle. The outputs are in tri-state when OE# or CE# is high. To activate the device when CE# is low. To gate the data output buffers. To control the write operations. To provide 3-volt supply (2.7-3.6V) Supplies power for input/output buffers. It should be either tied to VDD (2.7 - 3.6V) for 3V I/O or to a 5.0V (4.5V - 5.5V) power supply to support 5V I/O. (Not offered on SST39VF160 device, instead it is a NC) Unconnected pins.
329 PGM T2.6
1 2 3 4 5 6 7
DQ15-DQ0
Data Input/output
CE# OE# WE# VDD VDDQ
Chip Enable Output Enable Write Enable Power Supply I/O Power Supply
Vss NC
Ground No Connection
TABLE 3: OPERATION MODES SELECTION Mode CE# OE# Read VIL VIL Program VIL VIH Erase VIL VIH Standby Write Inhibit Write Inhibit Product Identification Hardware Mode Software Mode VIH X X VIL VIL X VIL X VIL VIL
WE# VIH VIL VIL X X VIH VIH VIH
A9 AIN AIN X X X X VH AIN
DQ DOUT DIN X High Z High Z/ DOUT High Z/ DOUT Manufacturer Code (00BF) Device Code (2782)
Address AIN AIN Sector or block address, XXh for chip erase X X X A19 - A1 = VIL, A0 = VIL A19 - A1 = VIL, A0 = VIH See Table 4
329 PGM T3.2
8 9 10 11 12 13 14 15 16
(c) 1998 Silicon Storage Technology, Inc.
5
329-09 11/98
16 Megabit Multi-Purpose Flash SST39VF160Q / SST39VF160
Advance Information TABLE 4: SOFTWARE COMMAND SEQUENCE
Command Sequence Word Program Sector Erase Block Erase Chip Erase Software ID Entry CFI Query Entry Software ID Exit/ CFI Exit Software ID Exit/ CFI Exit Notes:
(1) (2)
1st Bus Write Cycle Addr(1) Data 5555H 5555H 5555H 5555H 5555H 5555H XXH 5555H AAH AAH AAH AAH AAH AAH F0H AAH
2nd Bus Write Cycle Addr(1) Data 2AAAH 2AAAH 2AAAH 2AAAH 2AAAH 2AAAH 55H 55H 55H 55H 55H 55H
3rd Bus Write Cycle Addr(1) Data 5555H 5555H 5555H 5555H 5555H 5555H A0H 80H 80H 80H 90H 98H
4th Bus Write Cycle Addr(1) Data WA(3) 5555H 5555H 5555H Data AAH AAH AAH
5th Bus Write Cycle Addr(1) Data 2AAAH 2AAAH 2AAAH 55H 55H 55H
6th Bus Write Cycle Addr(1) Data SAx(2) BAx(2) 5555H 30H 50H 10H
2AAAH
55H
5555H
F0H
329 PGM T4.2
(3) (4) (5)
Address format A14-A0 (Hex), Addresses A15, A16, A17, A18 and A19 are "Don't Care" for Command sequence. SAx for sector erase; uses A19-A11 address lines BAx, for block erase; uses A19-A15 address lines WA = Program word address Both Software ID Exit operations are equivalent DQ15 - DQ8 are "Don't Care" for Command sequence
Notes for Software ID Entry Command Sequence 1. With A19 -A1 =0; SST Manufacturer Code = 00BFH, is read with A0 = 0, SST39VF160Q/VF160 Device Code = 2782H, is read with A0 = 1. 2. The device does not remain in Software Product ID Mode if powered down.
TABLE 5: CFI QUERY IDENTIFICATION STRING Address Data Data 10H 0051H 11H 0052H Query Unique ASCII string "QRY" 12H 0059H 13H 0001H Primary OEM command set 14H 0007H 15H 0000H Address for Primary Extended Table 16H 0000H 17H 0000H Alternate OEM command set (00H = none exists) 18H 0000H 19H 0000H Address for Alternate OEM extended Table (00H = none exits) 1AH 0000H
329 PGM T5.2
(c) 1998 Silicon Storage Technology, Inc.
6
329-09 11/98
16 Megabit Multi-Purpose Flash SST39VF160Q / SST39VF160
Advance Information TABLE 6: SYSTEM INTERFACE INFORMATION Address Data Data 1BH 0027H Vdd Min. (Program/erase) DQ4-DQ7: Volts, DQ3-DQ0: millivolts 1CH 0036H Vdd Max. (Program/erase) DQ4-DQ7: Volts, DQ3-DQ0: millivolts 1DH 0000H Vpp min. (00H = no Vpp pin) 1EH 0000H Vpp max. (00H = no Vpp pin) 1FH 0003H Typical time out for word program 2N s 20H 0000H Typical time out for min. size buffer program 2N s (00H = not supported) 21H 0001H Typical time out for individual sector erase 2N ms 22H 0009H Typical time out for chip erase 2N ms 23H 24H 25H 26H 0001H 0000H 0001H 0001H Maximum time out for word program 2N times typical Maximum time out for buffer program 2N times typical Maximum time out for individual sector erase 2N times typical Maximum time out for chip erase 2N times typical
329 PGM T6.2
1 2 3 4 5 6 7
TABLE 7: DEVICE GEOMETRY INFORMATION Address Data Data 27H 0015H Device size = 2N byte 28H 0001H Flash Device Interface description (Refer to CFI publication 100) 29H 0000H 2AH 0000H Maximum number of byte in multi-byte write = 2N (00H = not supported) 2BH 0000H 2CH 0002H Number of Erase Block Regions within device 2DH 00FFH Erase Block Region 1 Information 2EH 0001H (refer to the CFI specification or publication 100) 2FH 0010H y = 511 + 1 = 512 sectors (01FF = 511) 30H 0000H z = 16 x 256 bytes = 4K bytes/sector (0010H = 16) 31H 001FH Erase Block Region 2 Information 32H 0000H (refer to the CFI specification or publication 100) 33H 0000H y = 31 + 1 = 32 blocks (001F = 31) 34H 0001H z = 256 x 256 bytes = 64K bytes/block (0100H = 256) 35H 0000H Erase Block Region 3 Information 36H 0000H (refer to the CFI specification or publication 100) 37H 0000H 38H 0000H 39H 0000H Erase Block Region 3 Information 3AH 0000H (refer to the CFI specification or publication 100) 3BH 0000H 3CH 0000H
329 PGM T7.3
8 9 10 11 12 13 14 15 16
(c) 1998 Silicon Storage Technology, Inc.
7
329-09 11/98
16 Megabit Multi-Purpose Flash SST39VF160Q / SST39VF160
Advance Information Absolute Maximum Stress Ratings (Applied conditions greater than those listed under "Absolute Maximum Stress Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these conditions or conditions greater than those defined in the operational sections of this data sheet is not implied. Exposure to absolute maximum stress rating conditions may affect device reliability.) Temperature Under Bias ................................................................................................................. -55C to +125C Storage Temperature ...................................................................................................................... -65C to +150C D. C. Voltage on Any Pin to Ground Potential ...................................................................... -0.5V to VDDQ (2) + 0.5V Transient Voltage (<20 ns) on Any Pin to Ground Potential .................................................. -1.0V to VDDQ (2) + 1.0V Voltage on A9 Pin to Ground Potential ................................................................................................ -0.5V to 13.2V Package Power Dissipation Capability (Ta = 25C) ........................................................................................... 1.0W Surface Mount Lead Soldering Temperature (3 Seconds) ............................................................................... 240C Output Short Circuit Current(1) ................................................................................................................................................................. 50 mA
Note: (1) Outputs shorted for no more than one second. No more than one output shorted at a time. (2) The absolute maximum stress ratings for SST39VF160 are referenced to V . DD
OPERATING RANGE Range Ambient Temp Commercial 0 C to +70 C Industrial -40 C to +85 C
VDD 2.7V - 3.6V 2.7V - 3.6V
VDDQ VDD or 4.5V - 5.5V VDD or 4.5V - 5.5V
AC CONDITIONS OF TEST Input Rise/Fall Time ......... 10 ns Output Load ..................... 1 TTL Gate and CL = 100 pF See Figures 14 and 15
(c) 1998 Silicon Storage Technology, Inc.
8
329-09 11/98
16 Megabit Multi-Purpose Flash SST39VF160Q / SST39VF160
Advance Information TABLE 8: DC OPERATING CHARACTERISTICS VDD = 2.7-3.6V AND VDDQ = VDD OR 4.5V - 5.5V Limits Symbol Parameter Min Max Units Test Conditions IDD Power Supply Current Read Program and Erase Standby VDD Current Auto Low Power Current Input Leakage Current Output Leakage Current Input Low Voltage Input Low Voltage (CMOS) 0.3 Input High Voltage 2.0 Input High Voltage (CMOS) VDD-0.3 Output Low Voltage Output High Voltage 2.4 Supervoltage for A9 pin 11.4 Supervoltage Current for A9 pin 20 25 10 10 1 1 0.8 mA mA A A A A V V V V V V V A CE#=OE#=VIL,WE#=VIH , all I/Os open, Address input = VIL/VIH, at f=1/TRC Min. CE#=WE#=VIL, OE#=VIH, VDD=VDD Max. CE#=VIHC, VDD = VDD Max. CE#=VIHC, VDD = VDD Max. VIN =GND to VDD, VDD = VDD Max. VOUT =GND to VDD, VDD = VDD Max. VDD = VDD Max. VDD = VDD Max. VDD = VDD Max. VDD = VDD Max. IOL = 100 A, VDD = VDD Min. IOH = -100 A, VDD = VDD Min. CE# = OE# =VIL, WE# = VIH CE# = OE# = VIL, WE# = VIH, A9 = VH Max.
329 PGM T9.8
1 2 3 4 5 6 7 8 9
329 PGM T10.2
ISB IALP ILI ILO VIL VILC VIH VIHC VOL VOH VH IH
0.4 12.6 200
TABLE 9: RECOMMENDED SYSTEM POWER-UP TIMINGS Symbol Parameter TPU-READ(1) TPU-WRITE(1) Power-up to Read Operation Power-up to Program/Erase Operation
Minimum 100 100
Units s s
TABLE 10: CAPACITANCE (Ta = 25 C, f=1 Mhz, other pins open) Parameter Description Test Condition CI/O CIN
(1)
10 11 12 13
Maximum (TSOP) 12 pF 6 pF
Maximum (TFBGA) 12pF 6pF
329 PGM T11.1
I/O Pin Capacitance Input Capacitance
VI/O = 0V VIN = 0V
(1)
Note: (1) This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
TABLE 11: RELIABILITY CHARACTERISTICS Symbol Parameter Minimum Specification NEND TDR(1) VZAP_HBM(1) VZAP_MM(1) ILTH(1)
(1)
Units Cycles Years Volts Volts mA
Test Method MIL-STD-883, Method 1033 JEDEC Standard A103 JEDEC Standard A114 JEDEC Standard A115 JEDEC Standard 78
329 PGM T12.2
Endurance Data Retention ESD Susceptibility Human Body Model ESD Susceptibility Machine Model Latch Up
10,000 100 1000 200 100 + IDD
14 15 16
Note: (1) This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
(c) 1998 Silicon Storage Technology, Inc.
9
329-09 11/98
16 Megabit Multi-Purpose Flash SST39VF160Q / SST39VF160
Advance Information AC CHARACTERISTICS TABLE 12: SST39VF160Q/VF160 READ CYCLE TIMING PARAMETERS VDD = 2.7-3.6V Symbol TRC TCE TAA TOE TCLZ(1) TOLZ(1) TCHZ(1) TOHZ(1) TOH(1) SST39VF160Q/VF160-70 SST39VF160Q/VF160-90 Parameter Min Max Min Max Units Read Cycle time 70 90 ns Chip Enable Access Time 70 90 ns Address Access Time 70 90 ns Output Enable Access Time 30 40 ns CE# Low to Active Output 0 0 ns OE# Low to Active Output 0 0 ns CE# High to High-Z Output 20 30 ns OE# High to High-Z Output 20 30 ns Output Hold from Address Change 0 0 ns
329 PGM T13.1
TABLE 13: PROGRAM/ERASE CYCLE TIMING PARAMETERS Symbol Parameter TBP Word Program time TAS Address Setup Time TAH Address Hold Time TCS WE# and CE# Setup Time TCH WE# and CE# Hold Time TOES OE# High Setup Time TOEH OE# High Hold Time TCP CE# Pulse Width TWP WE# Pulse Width TWPH (1) WE# Pulse Width High TCPH (1) CE# Pulse Width High TDS Data Setup Time TDH (1) Data Hold Time TIDA (1) Software ID Access and Exit Time TSE Sector Erase TBE Block Erase TSCE Chip Erase
Note:
(1) This
Min 0 30 0 0 0 0 40 40 30 30 30 0
Max 10
150 4 10 20
Units s ns ns ns ns ns ns ns ns ns ns ns ns ns ms ms ms
329 PGM T14.2
parameter is measured only for initial qualification and after the design or process change that could affect this parameter.
(c) 1998 Silicon Storage Technology, Inc.
10
329-09 11/98
16 Megabit Multi-Purpose Flash SST39VF160Q / SST39VF160
Advance Information
1
TRC ADDRESS A19-0 TAA
2
TCE
CE#
3 4
OE# VIH WE# TOLZ
TOE
TOHZ TCHZ HIGH-Z DATA VALID
5 6
329 ILL F03.1
DQ15-0
HIGH-Z
TCLZ
TOH DATA VALID
7
FIGURE 3: READ CYCLE TIMING DIAGRAM
8 9
INTERNAL PROGRAM OPERATION STARTS TBP ADDRESS A19-0 5555 TAH TWP WE# TAS OE# TCH CE# TCS DQ15-0 XXAA SW0 XX55 SW1 XXA0 SW2 DATA WORD (ADDR/DATA) TWPH TDS 2AAA 5555 ADDR TDH
10 11 12 13 14 15
329 ILL F04.1
16
FIGURE 4: WE# CONTROLLED PROGRAM CYCLE TIMING DIAGRAM
(c) 1998 Silicon Storage Technology, Inc.
11
329-09 11/98
16 Megabit Multi-Purpose Flash SST39VF160Q / SST39VF160
Advance Information
INTERNAL PROGRAM OPERATION STARTS TBP ADDRESS A19-0 5555 TAH TCP CE# TAS OE# TCH WE# TCS DQ15-0 XXAA SW0 XX55 SW1 XXA0 SW2 DATA WORD (ADDR/DATA) TCPH TDS 2AAA 5555 ADDR TDH
329 ILL F05.2
FIGURE 5: CE# CONTROLLED PROGRAM CYCLE TIMING DIAGRAM
ADDRESS A19-0 TCE CE# TOEH OE# TOE WE# TOES
DQ7
D
D#
D#
D
329 ILL F06.2
FIGURE 6: DATA# POLLING TIMING DIAGRAM
(c) 1998 Silicon Storage Technology, Inc.
12
329-09 11/98
16 Megabit Multi-Purpose Flash SST39VF160Q / SST39VF160
Advance Information
1
ADDRESS A19-0 TCE CE# TOEH OE# TOE TOES
2 3 4
WE#
5
DQ6
(1) TWO READ CYCLES WITH SAME OUTPUTS NOTE: (1) TOGLE BIT OUTPUT IS ALWAYS HIGH FIRST. 329 ILL F07.4
6 7
FIGURE 7: TOGGLE BIT TIMING DIAGRAM
8 9
SIX-BYTE CODE FOR CHIP ERASE TSCE 5555
ADDRESS A19-0
5555
2AAA
5555
5555
2AAA
10 11 12
CE#
OE# TWP WE#
13
AA SW0 55 SW1 80 SW2 AA SW3 55 SW4 10 SW5
DQ7-0
14
329 ILL F08.3
15
Note: The device also supports CE# controlled chip erase operation. The WE# and CE# signals are interchangeable as long as minimum timings are met. (See Table 13)
FIGURE 8: WE# CONTROLLED CHIP ERASE TIMING DIAGRAM
16
(c) 1998 Silicon Storage Technology, Inc.
13
329-09 11/98
16 Megabit Multi-Purpose Flash SST39VF160Q / SST39VF160
Advance Information
SIX-BYTE CODE FOR BLOCK ERASE ADDRESS A19-0 5555 2AAA 5555 5555 2AAA BAX
TBE
CE#
OE# TWP WE#
DQ7-0
AA SW0
55 SW1
80 SW2
AA SW3
55 SW4
50 SW5
329 ILL F17.2
Note: The device also supports CE# controlled block erase operation. The WE# and CE# signals are interchangeable as long as minimum timings are met. (See Table 13) BAX = Block Address
FIGURE 9: WE# CONTROLLED BLOCK ERASE TIMING DIAGRAM
SIX-BYTE CODE FOR SECTOR ERASE ADDRESS A19-0 5555 2AAA 5555 5555 2AAA SAX
TSE
CE#
OE# TWP WE#
DQ7-0
AA SW0
55 SW1
80 SW2
AA SW3
55 SW4
30 SW5
329 ILL F18.2
Note: The device also supports CE# controlled sector erase operation. The WE# and CE# signals are interchangeable as long as minimum timings are met. (See Table 13) SAX = Sector Address
FIGURE 10: WE# CONTROLLED SECTOR ERASE TIMING DIAGRAM
(c) 1998 Silicon Storage Technology, Inc.
14
329-09 11/98
16 Megabit Multi-Purpose Flash SST39VF160Q / SST39VF160
Advance Information
Three-byte sequence for Software ID Entry ADDRESS A14-0 5555 2AAA 5555 0000 0001
1 2 3 4
CE#
OE# TWP WE# TWPH DQ15-0 XXAA SW0 XX55 SW1 XX90 SW2 TAA 00BF 2782 TIDA
5 6 7
329 ILL F09.2
FIGURE 11: SOFTWARE ID ENTRY AND READ
8 9
Three-byte sequence for CFI Query Entry ADDRESS A14-0 5555 2AAA 5555
10 11
CE#
12
OE# TWP WE# TWPH DQ15-0 XXAA SW0 XX55 SW1 XX98 SW2
329 ILL F20.0
TIDA
13
TAA
14 15 16
FIGURE 12: CFI QUERY ENTRY AND READ
(c) 1998 Silicon Storage Technology, Inc.
15
329-09 11/98
16 Megabit Multi-Purpose Flash SST39VF160Q / SST39VF160
Advance Information
THREE-BYTE SEQUENCE FOR SOFTWARE ID EXIT AND RESET
ADDRESS A14-0
5555
2AAA
5555
DQ7-0
AA
55
F0 TIDA
CE#
OE# TWP WE# T WHP SW0 SW1 SW2
329 ILL F10.0
FIGURE 13: SOFTWARE ID EXIT/CFI EXIT
(c) 1998 Silicon Storage Technology, Inc.
16
329-09 11/98
16 Megabit Multi-Purpose Flash SST39VF160Q / SST39VF160
Advance Information
2.4
INPUT
2.0
REFERENCE POINTS
2.0
OUTPUT
1 2
329 ILL F11.0
0.4
0.8
0.8
3
AC test inputs are driven at VOH (2.4 V) for a logic "1" and VOL (0.4 V) for a logic "0". Measurement reference points for inputs and outputs are VIH (2.0 V) and VIL (0.8 V). Inputs rise and fall times (10% 90%) are <10 ns.
4 5 6 7 8 9
FIGURE 14: AC INPUT/OUTPUT REFERENCE WAVEFORMS Test conditions: Output load: 100 pF Input rise and fall time: 10 ns Measurement reference level: 0.8 and 2.0 V Input levels: 0.4 V to 2.4 V Temperature: Commercial or Industrial
TEST LOAD EXAMPLE VCC TO TESTER RL HIGH
10 11 12
TO DUT CL RL L OW
13 14 15
329 ILL F12.0
16
FIGURE 15: TEST LOAD EXAMPLE
(c) 1998 Silicon Storage Technology, Inc.
17
329-09 11/98
16 Megabit Multi-Purpose Flash SST39VF160Q / SST39VF160
Advance Information
Start
Write data: AA Address: 5555
Write data: 55 Address: 2AAA
Write data: A0 Address: 5555
Word Address/Word Data
Wait for end of Program (TBP, Data# Polling bit, or Toggle bit operation) Program Completed
329 ILL F13.1
FIGURE 16: WORD PROGRAM ALGORITHM
(c) 1998 Silicon Storage Technology, Inc.
18
329-09 11/98
16 Megabit Multi-Purpose Flash SST39VF160Q / SST39VF160
Advance Information
1
Internal Timer Program/Erase Initiated Toggle Bit Word Program/Erase Initiated Data# Polling Word Program/Erase Initiated
2 3 4 5
Wait TBP, TSCE, TSE or TBE
Read word
Read DQ7
Program/Erase Completed
Read same word
No
Is DQ7 = true data? Yes
6 7 8 9
No
Does DQ6 match? Yes Program/Erase Completed
Program/Erase Completed
/329 ILL F14.4
10 11 12 13
FIGURE 17: WAIT OPTIONS
14 15 16
(c) 1998 Silicon Storage Technology, Inc.
19
329-09 11/98
16 Megabit Multi-Purpose Flash SST39VF160Q / SST39VF160
Advance Information
CFI Query Entry Software Product ID Entry Command Sequence Command Sequence
Write data: XXAA Address: 5555 Write data: XXAA Address: 5555
Software ID Exit/CFI Exit Command Sequence
Write data: XXAA Address: 5555 Write data: XXF0 Address: XX
Write data: XX55 Address: 2AAA
Write data: XX55 Address: 2AAA
Write data: XX55 Address: 2AAA
Wait TIDA
Write data: XX98 Address: 5555
Write data: XX90 Address: 5555
Write data: XXF0 Address: 5555
Return to normal operation
Wait TIDA
Wait TIDA
Wait TIDA
Read CFI data
Read Software ID
Return to normal operation
329 ILL F15.5
FIGURE 18: SOFTWARE PRODUCT ID/CFI COMMAND FLOWCHARTS
(c) 1998 Silicon Storage Technology, Inc.
20
329-09 11/98
16 Megabit Multi-Purpose Flash SST39VF160Q / SST39VF160
Advance Information
Chip Erase Command Sequence
Write data: XXAA Address: 5555
Sector Erase Command Sequence
Write data: XXAA Address: 5555
Block Erase Command Sequence
Write data: XXAA Address: 5555
1 2 3
Write data: XX55 Address: 2AAA
Write data: XX55 Address: 2AAA
Write data: XX55 Address: 2AAA
4 5 6
Write data: XX80 Address: 5555
Write data: XX80 Address: 5555
Write data: XX80 Address: 5555
Write data: XXAA Address: 5555
Write data: XXAA Address: 5555
Write data: XXAA Address: 5555
7 8
Write data: XX55 Address: 2AAA
Write data: XX55 Address: 2AAA
Write data: XX55 Address: 2AAA
9 10 11
Write data: XX10 Address: 5555
Write data: XX30 Address: SAX
Write data: XX50 Address: BAX
Wait TSCE
Wait TSE
Wait TBE
12 13
Chip Erase to FFH
Sector Erase to FFH
Block Erase to FFH
14 15 16
329 ILL F16.3
FIGURE 19: ERASE COMMAND SEQUENCE
(c) 1998 Silicon Storage Technology, Inc.
21
329-09 11/98
16 Megabit Multi-Purpose Flash SST39VF160Q / SST39VF160
Advance Information Device SST39VF160Q Speed Suffix1 Suffix2 - XXX XX XX Package Modifier K = 48 leads Numeric = Die modifier Package Type E = TSOP (die up) (12mm x 20mm) B = TFBGA U = Unencapsulated die Temperature Range C = Commercial = 0 to 70C I = Industrial = -40 to 85C Minimum Endurance 4 = 10,000 cycles Read Access Speed 70 = 70 ns, 90 = 90 ns Version Q = VDDQ pin for I/O power supply Voltage V = 2.7V-only
SST39VF160Q Valid combinations SST39VF160Q-70-4C-EK SST39VF160Q-70-4C-BK SST39VF160Q-90-4C-EK SST39VF160Q-90-4C-BK SST39VF160Q-70-4I-EK SST39VF160Q-90-4I-EK SST39VF160Q-70-4I-BK SST39VF160Q-90-4I-BK
SST39VF160Q-90-4C-U1
SST39VF160 Valid combinations SST39VF160-70-4C-EK SST39VF160-70-4C-BK SST39VF160-90-4C-EK SST39VF160-90-4C-BK SST39VF160-70-4I-EK SST39VF160-90-4I-EK SST39VF160-70-4I-BK SST39VF160-90-4I-BK
SST39VF160-90-4C-U1
Example : Valid combinations are those products in mass production or will be in mass production. Consult your SST sales representative to confirm availability of valid combinations and to determine availability of new combinations.
(c) 1998 Silicon Storage Technology, Inc.
22
329-09 11/98
16 Megabit Multi-Purpose Flash SST39VF160Q / SST39VF160
Advance Information PACKAGING DIAGRAMS
1.10 0.90 1.05 0.95 .50 BSC
PIN # 1 IDENT. DIA. 1.00
1 2
.270 .170
3 4 5
12.20 11.80
18.50 18.30
0.15 0.05
6 7
0.70 0.50
20.20 19.80
Note:
1. Complies with JEDEC publication 95 MO-142 DD dimensions, although some dimensions may be more stringent. 2. All linear dimensions are in metric (min/max). 3. Coplanarity: 0.1 (.05) mm. 48.TSOP-EK-ILL.0
8 9 10 11 12 13 14 15 16
48-LEAD THIN SMALL OUTLINE PACKAGE (TSOP) SST PACKAGE CODE: EK
6 X 8 BALL PACKAGE (TFBGA) SST PACKAGE CODE: BK
(c) 1998 Silicon Storage Technology, Inc.
23
329-09 11/98


▲Up To Search▲   

 
Price & Availability of SST39VF160-70-4C-UK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X