Part Number Hot Search : 
170BRM 681KD20 L9658 L9658 681KD20 OM5239ST QPF8N60 56F80
Product Description
Full Text Search
 

To Download PT15LD-254A2020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PT-15
FEATURES

15 mm Carbon Potentiometer
Carbon resistive element. Dust proof enclosure. Polyester substrate. Also upon request: Wiper positioned at 50% or fully clockwise. Long life model for low cost control pot. applications Low torque option Supplied in magazines for automatic insertion. Self extinguishable plastic UL 94V-0 Cut track option Special Tapers Mechanical detents
MECHANICAL SPECIFICATIONS
Mechanical rotation angle: 265 5 240 5 available under drawing (blue housing only) Electrical rotation angle: Torque: Stop torque: Life: 240 20 0.5 to 2.5 Ncm. (0.7 to 3.4 in-oz) > 10 Ncm. ( >14 in-oz) up to 200K cycles
ELECTRICAL SPECIFICATIONS
Range of values (*) Tolerance (*): 20% 30%
Max. Voltage: 250 VDC (lin) 125 VDC (no lin) Nominal Power 50C (122F) (see power rating curve) 0.25 W (lin) 0.12 W (no lin) Taper (*) (Log. & Alog. only Rn 1K) Lin ; Log; Alog. Residual resistance(*): Equivalent Noise Resistance: Operating temperature**: 25C + 70C (13F + 158F)
* Others upon request ** Up to 85C depending on application
HOW TO ORDER
OPTIONAL EXTRAS PT-15 Series
PT-15
L
H01 Code Mounting Method
H01 H05 H25 H06 H02 H10 V02 V12 V15 V17 V18 V24 V21 V22 V23 H2.5 H5 HC5 B H2.5P H5P V12.5 VA V15 V17.5 D VD15 V12.5P VAP V15P
223
A
2020
S
Taper
A = Lin. B = Log. C = Alog.
Life
E= Long life U= Extra Long life
(See note 5)
Detent
See PT's with detents data sheet
Flammability
I= non flammable
(See note 6)
Wiper position
PM = 50% PF = Final
Rotors
C F G L M N R T X W Y Z
(See note 1)
Shaft/rotor colour Value
223 = 22 K 504 = 500 K 505 = 5 M
(See note 3)
Magazine
T
(See note 9)
Tolerance
2020 = + 20% 3030 = + 30%
(See note 4)
Cut track
PCI = Initial PCF= Final
Shaft Thum.
01 Fig. 1
28 Fig. 28
(See note 10)
RO=Red NE=Black VE=Green AM=Yellow AZ =Blue MA=Brown GR=Grey NA=Orange CR=Cream
(See note 7)
Torque
= Standard L = Low torque
(See note 8)
(See note 2)
NOTES:
"Z" adjustment only available on "H" versions. Standard colour for the T rotor: Orange Terminal styles: "P" are crimped terminals. V24 not available with steel terminals. V=Vertical adjust; H=Horizontal Adjust Value Example: Code: 10 1 Numb of zeros First two digits of the value. Non standard tolerance, upon request. Example: +7% Code: 07 05 -5% negative tolerance Life Standard 500 cycles positive tolerance Long life 10000 cycles Extra Long life 100000 cycles (to be studied case by case) Non flammable: housing, rotor and shaft. According to UL 94V-0 Potentiometer with shaft: only shaft Potentiometer without shaft: only rotor Colour shaft/ rotor: Cream colour only available in standard plastic
(1) (2) (3)
(4)
(5)
(6) (7)
(8) Magazines (35 pcs/mag): available for VA (12.5), V (12.5), V (12.5P), V (15), V15 (P) and H models. For more information please contact your nearest Piher supplier. (10) If you wish to use your own custom plastic shaft/knob/actuator please contact Piher for advice about compatible materials.
NOTE: The information contained here should be used for reference purposes only.
(9)
www.piher.net
51
HOW TO ORDER CUSTOM DRAWING
PT-15 LH 01 + DRAWING NUMBER (Max. 16 digits)
STANDARD OPTIONS
Mechanical Life ............................................. Cut track ..................................................... Detents ...................................................... Non flammable ........................................... Rotor colour .............................................. Shaft colour ............................................ Wiper position ............................................ Torque ........................................................ 500 cycles No None No White Natural Initial Standard
This way of ordering should be used for options which are not included in the "How to order" standard and optional extras.
ROTORS
Wipers positioned at initial
1 -0
3. 05
3.
0.1 0.05 0.05
0 .05
0 .05
2.55
4. 05
42.5
Wiper position
42.5
Wiper position
Screw driver thru hole
L=
Hexagonal thru hole
M=
Removable shaft or thumbwheel
N=
Removable shaft or thumbwheel
G=
O4.4
0.05
23
Rotor C
Rotor F
3.52
0.1
3.35
Rotor R
Rotor T
With shaft
6
With thumbwheel
7.5 +0.3
0.8
7.5 +0.3
1.4 4
L
+0.5
L
+0.5
X = Adjustable from collector side
W = Adjustable from terminal side
Y= Adjustable from terminal side
Z= Adjustable from collector side
VERTICAL MOUNT - HORIZONTAL ADJUST
6 0.2
15 0.2
+0.2
h (2.5)
1.3
+0.1
B
6 0.2
15 0.2
+ 9.6 0 . 2 +0.2 17.1
1.3
+0.1
A = Initial S = Wiper E = Final
10
+0.2
17.5
A
5+0.1 5+0.1
2.5
S
+ 1 0.1
E
4
2.5
4
4,4
+0.1
+0.1 4.4
4
4
+ 1 0.1
h (5)
6 +0.2
+ 15 0.2
+0.2
1.3
+0.1
hc5
6
0.2
15
0.2
1.3
+0.1
10
+0.2
17.5
0.2
10
20
4
12.5
0.2
5+0.1
5+0.1
5
+ 1 0.1
4
5
5
5 +0.1
5 +0.1
5
1 +0.1
HORIZONTAL MOUNT - VERTICAL ADJUST
v (12.5)
5
6 +0.2
+ 15 0.2
7
D
5
13.5
6 +0.2
+ 15 0.2
13.5 1.3
S
12.5
12.5
7.5
7.5
18.5
3.2
11
A
10
E
4
+ 1 0.1
7
+0.2 7.5 4
10 1.3 +0.1
4
+0.2
+0.2
7
4
+0.2 8,8
8.8
+0.1 1
A = Initial
S = Wiper
E = Final
1.3 +0.1
www.piher.net
52
11
10
8.8
10
3.05
8-
54
5 .0 0
.1
3.35 0.05
O4.02
1.2
0.05
Without shaft
05 4.
Wipers positioned at 50%
0.05
O4.05 0.05
05 3. 5 0.0
HORIZONTAL MOUNT - VERTICAL ADJUST
va (12.5)
5
6 +0.2
+ 15 0.2
VD (15)
7
5
13.5
6 0.2
15 0.2
13.5 1.3
12.5
7.5
12.5
7.5
7.5
3.2
7 10
3.3
10 1.3 +0.1
10
+0.2
+0.2 8.5 4
+ 1 0.1
1.3 +0.1
10
+0.2
0.2
4
7.5
3.3
1
+0.1
v (15)
7.5
6 +0.2
+ 15 0.2
7
7.5
v (17.5)
7.5
6 0.2
15 0.2
7
7.5
15
7.5
7.5
10
17.5
10
4
+0.2
+0.2 7 4
10
+ 1 0.1
1.3 +0.1
10
+0.2
+0.2 7.5 4
10
4
+ 1 0.1
O1.3 +0.1
CRIMPED TERMINALS (DETAIL)
6 +0.2
POWER RATING CURVE
W (%)
+0 0.4
2
+0.2
3.8
7
6
+0.2
100 %
0.9 5
A
12.5
40 %
A Detail A
50
70
TAPERS
A = Linear B = Log. C = Alog. 100% Rn
C A B R 2 + 5%
NOTE: Please note terminals disposition when ordering non linear curves.
Standard
Special taper example
OPTIONS
Po s i t i o n i n g
P.M.
50% 20
CCW
CW
Cut Track
Std. Position = CCW CCW on-off (A)
CW on-off (E)
A
E
A
S
E
A = Initial S = Wiper E = Final
A
S
E
A
E
www.piher.net
53
10
C
17.5
15
TESTS
ELECTRICAL LIFE MECHANICAL LIFE (CYCLES) TEMPERATURE COEFFICIENT THERMAL CYCLING DAMP HEAT VIBRATION (for each plane X,Y,Z)
TYPICAL VARIATIONS
1.000 h. @ 50 o C; 0.25 W 500 @ 10 CPM ...15 CPM 25 o C; +70 o C 16 h. @ 85 C; 2h. @
o
5 % 3 % (Rn < 1 M )
300 ppm (Rn <100 K)
25 C
o
2.5 % 5 % 2 %
500 h. @ 40 o C @ 95% HR 2 h. @ 10 Hz. ... 55 Hz.
NOTE : Out of range values may not comply these results.
SHAFTS
Hollow model shafts
D
FIG.
C B
A
12 19 9.5 35 37.8 35 7.8
B
9 9 6.5 9 9 25 4.8
C
8 15 5.5 31 33.8 15 3.8
D
6 6 6 6 6 6 6
Ref. 5272 5214 5208 5216 5218 5209 5265
1
A
+0.05 3.7
2 5
3.7
9 10
1.2 A = Length (FRS) B = Knurling length C = Hollow depth D = Shaft diameter FRS = From rotor surface
11 13
Solid model shafts
D
1.4
FIG. 6
A B
A
15 16.8 25.3 46
B
9 9 9 5
D
6 6 6 6
Ref. 5219 5220 5207 5227
+0.05 3.7
7 8
1
12
5
Slot (1 x 1.4) perpendicular to wiper position. Fig. 12 slot is on line with wiper position.
www.piher.net
54
SHAFTS
O 5.9 O6 O4 O4 O4 10.7
23.1
8
11.3
12
12
28.7
4,1
3
5
Fig. 3 / Ref. 5372
Fig. 15 / Ref. 5217
Fig. 17 / Ref. 5210
Fig. 18 / Ref. 5271
Fig. 19 / Ref. 6032*
O6
O6 O6
O4
O6 15 37,8
O6
28
13.8
10
23.4
12
40 o
6 4,
4. 6
Fig. 20 / Ref. 5369*
Fig. 21 / Ref. 6031* O6
Fig. 22 / Ref. 6029
Fig. 23 / Ref. 6022
Fig. 29 / Ref.6162
Fig. 25 / Ref. 6059
Fig. 27 / Ref. 5268*
41.5
Fig. 28 / Ref. 6055
9.5
*
Not available in self extinguishable plastic
THUMBWHEEL
1.3 16
Fig. 4 / Ref. 5371
www.piher.net
55
26
42
o
36
o
6 4.


▲Up To Search▲   

 
Price & Availability of PT15LD-254A2020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X