Part Number Hot Search : 
MC145422 9S08DZ32 SSD1815B 70M10V6 FGA40N60 20ETF08 PHT1N52S WPA50
Product Description
Full Text Search
 

To Download NL10276BC28-05D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
DATA SHEET
TFT COLOR LCD MODULE
NL10276BC28-05D
36 cm (14.1 inches), 1024 u 768 pixels, 262,144 colors, LVDS Interface, High luminance
DESCRIPTION
NL10276BC28-05D is a TFT (thin film transistor) active matrix color liquid crystal display (LCD) comprising amorphous silicon TFT attached to each signal electrode, a driving circuit and a backlight. NL10276BC28-05D has a built-in backlight and no inverters. The 36 cm (14.1 inches) diagonal display area contains 1024 u 768 pixels and can display 262,144 colors simultaneously.
FEATURES
* High luminance * Low reflection * LVDS interface (Equivalent to THC63LVDF64A of Thine Electronics, Inc.) * 6-bit digital RGB signals * Incorporated edge type backlight (two lamps) and lamp holder replaceable
APPLICATIONS
* PC monitors
www..com
The information in this document is subject to change without notice.
Please confirm with the delivery specification before starting to design the system. Document No. EN0484EJ1V0DS00 Date Published March 2000 P Printed in Japan
DataSheet 4 U .com
(c) 2000 www..com www..com 4U
www..com
NL10276BC28-05D
STRUCTURE AND FUNCTIONS
A color TFT (thin film transistor) LCD module is comprised of a TFT liquid crystal panel structure, LSIs for driving the TFT array, and a backlight assembly. The TFT panel structure is created by sandwiching liquid crystal material in the narrow gap between a TFT array glass substrate and a color filter glass substrate. After the driver LSIs are connected to the panel, the backlight assembly is attached to the backside of the panel. RGB (red, green, blue) data signals from a source system is modulated into a form suitable for active matrix addressing by the onboard signal processor and sent to the driver LSIs which in turn addresses the individual TFT cells. Acting as an electro-optical switch, each TFT cell regulates light transmission from the backlight assembly when activated by the data source. By regulating the amount of light passing through the array of red, green, and blue dots, color images are created with clarity.
BLOCK DIAGRAM
I/F LCD module IC
Equivalent to THC63LVDF64A (THine)
H-driver
Controller
D0+/- D1+/- D2+/- CK+/-
3072 dots
V-driver
www..com
TFT LCD panel 768 lines GND FG DC/DC Converter Power supply for drivers H: 1024 x 3 (R, G, B) V: 768 VCC
VH VL VH VL
Backlight (Edge light type)
Backlight (Edge light type)
Note GND is connected to FG (Frame Ground) inside the LCD module.
2
Data Sheet EN0484EJ1V0DS00
DataSheet 4 U .com
www..com www..com 4U
www..com
NL10276BC28-05D
OUTLINE OF CHARACTERISTICS (at room temperature)
Items Display area Drive system Display colors Number of pixels Pixel arrangement Pixel pitch Module size Weight Contrast ratio Viewing angle (more than the contrast ratio of 10 : 1) Designed viewing direction 285.696 (H) x 214.272 (V) mm a-Si TFT active matrix 262,144 colors 1024 x 768 pixels RGB vertical stripe 0.279 (H) x 0.279 (V) mm 330.0 (H) x 255.0 (V) x 17.3 typ. (D) mm 1150 g (typ.) 150 : 1 (typ.) * * * * * Horizontal: 50 (typ., left side, right side) Vertical : 20 (typ., up side). 35 (typ., down side) Best contrast angle: down side 5 Wider viewing angle without image reversal : up side (12 o'clock) Optimum grayscale (r = 2.2): perpendicular Description
Color gamut Response time Luminance Signal system
40 % (typ., at center, to NTSC) 11 ms (typ.), "white 100 %" to "Black 10%" 200 cd/m (typ., at IL = 6.1 mArms/lamp) RGB 6-bit signals, Synchronous signals (Hsync, Vsync), Dot clock (CLK) LVDS interface (Equivalent to THC63LVDF64A, Thine Electronics, Inc.) 5 V (Logic, LCD driving)
2
Supply voltage Backlight
www..com
Edge light type: Two cold cathode fluorescent lamps in a holder * Lamp holder: type No.141 LHS08 9.5 W (typ., at IL = 6.1 mArms/lamp)
Power consumption
Data Sheet EN0484EJ1V0DS00
3
www..com www..com 4U
DataSheet 4 U .com
www..com
NL10276BC28-05D
GENERAL SPECIFICATIONS
Items Module size Display area Description 330 0.5 (H) x 255.0 0.5 (V) x 18.5 max. (D) 285.696 (H) x 214.272 (V) [Diagonal display area: 36 cm (14.1 inches)] 1024 x 3 (H) x 768 (V) 0.093 (H) x 0.279 (V) 0.279 (H) x 0.279 (V) RGB (Red, Green, Blue) vertical stripe 262,144 (RGB, 6 bit) 1150 (typ.), 1300 (max.) Unit mm mm
Number of pixels Dot pitch Pixel pitch Pixel arrangement Display colors Weight
pixel mm mm - color g
ABSOLUTE MAXIMUM RATINGS
Parameters Supply voltage Logic input voltage Lamp voltage Storage temp. Operating temp. Relative Humidity (RH) Symbol VCC Vi VL TST TOP Note 2 95% Rating -0.3 to +6.0 -0.3 to VCC + 0.3 2000 -20 to +60 0 to +50 Unit V V Vrms C C % Module surface Ta 40C - Note 1 Ta = 25C Remarks
Absolute humidity
www..com
85% % 40 < Ta 50C Ta > 50C Note 2 Absolute humidity shall not exceed Ta = 50C, 85% relative humidity level. g/m
3
Notes 1. Measured at the panel surface (including selfheat) 2. No condensation
4
Data Sheet EN0484EJ1V0DS00
DataSheet 4 U .com
www..com www..com 4U
www..com
NL10276BC28-05D
ELECTRICAL CHARACTERISTICS
(1) Logic, LCD driving Ta = 25C
Parameters Supply voltage Ripple voltage Differential input "L" Threshold voltage Differential input "H" Threshold voltage Differential input voltage Common mode voltage Terminating resistor Supply current Symbols VCC VRP VTL Min. 4.75 - -100 Typ. 5.0 - - Max. 5.25 100 - Unit V mV mV for VCC VCM = 1.2 V VCM: Common mode voltage in LVDS driver Remarks -
VTH
-
-
+100
mV
Vi VCM RT ICC
0 1.125 - - -
- 1.25 100 270 Note
2.4 1.375 - 600
V V : mA
RT = 100 : RT = 100 : - VCC = 5.0 V
Notes 1. Checker flag pattern (in EIAJ ED-2522) 2. Theoretical maximum current pattern (2) Backlight Ta = 25C
Parameters Lamp current Lamp voltage Symbols IL Min. 3.0 Typ. 6.1 Max. 6.5 Unit mArms Vrms Remarks -
www..com
VL 650 - IL = 6.1 mArms Ta = 25qC Ta = 0qC Note 2 VS 1050 1550 Ft 53 - 67 Vrms Vrms KHz
Lamp turn on voltage Note 1 Oscillator frequency
Notes 1. When VS is less than Min. value. lamps might be not turned on. 2. Recommended value of "Ft". * Ft is within the specification. * Ft = 1/4 th u (2n1) th : Hsync period n : a natural number (1, 2, 3 ***) If Ft is out of the recommended value, interference between Ft frequency and Hsync frequency may cause beat on the display.
Data Sheet EN0484EJ1V0DS00
5
www..com www..com 4U
DataSheet 4 U .com
www..com
NL10276BC28-05D
SUPPLY VOLTAGE SEQUENCE
VCC ON VCC 0V 4.75 V 0.5 V tr < 80 ms t > 200 ms 0V VALID Signals* 10 < t < 35 ms 0 < t < 35 ms VCC OFF
* The termination of the signal line is connected to resistance 100 . Notes 1. Logic signals (synchronous signals and control signals) must be "0" voltage (V), when VCC is not applied. If input voltage to signal lines is higher than 0.3 V, the internal circuit will be damaged. 2. The supply voltage for input signals should be the same as VCC. 3. Turn on the backlight within the LCD operation period. When the backlight turns on before LCD operation or the LCD operation turns off before the backlight turns off, the display may momentarily become white. 4. When the power is off, keep whole signals low level or high impedance.
www..com
6
Data Sheet EN0484EJ1V0DS00
DataSheet 4 U .com
www..com www..com 4U
www..com
NL10276BC28-05D
INTERFACE AND CONNECTOR PIN ASSIGNMENT
(1) Interface connector for signal and power CN1 Part No. Supplier
Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
: FI-SE20P-HF : Japan Aviation Electronics Industry Limited (JAE)
Symbol GND GND NC NC GND CK+ CK- GND D2+ D2- GND D1+ D1- Ground Pixel data Note LVDS differential data input Ground Pixel data Ground Pixel clock Note CLK for pixel data f = 65 MHz (typ.) (LVDS level) Note LVDS differential data input Non-connection - Ground Signal type Note 1 Function
Adaptable socket: FI-SE20M
GND
www..com
Ground Note Pixel data LVDS differential data input Ground Note +5.0 V power supply Supply +5.0 V r5%
D0+- D0- GND GND VCC VCC
Note GND is signal ground for logic and LCD driving. GND is connected to FG (frame ground) inside the module. Remark Connect all pins (except 3, 4) to avoid noise issue. Use 100 : twist pair wires for the cable.
CN1: Figure from socket view
20
19
*****
2
1
CN2 20
1 Insert direction CN3
CN1
Data Sheet EN0484EJ1V0DS00
7
www..com www..com 4U
DataSheet 4 U .com
www..com
NL10276BC28-05D
(2) Connector for backlight unit CN2, 3 Part No. Supplier
Pin No. 1 2 3
: BHR-03VS-1 : J.S.T. TRADING COMPANY, LTD.
Symbol VL NC VH Function Low voltage terminal (The cable color is gray.) Non-connection High voltage terminal (The cable color is white.)
Adaptable socket: SM02 (8.0)B-BHS-TB
Note VH and VL must be connected correctly. If you make a mistake to connect, you will get hurt and the module will break.
METHOD OF CONNECTIONS FOR THC63LVDF63A
THC63LVDF63A (Thine) R0 R1 * * R5 G0 G1 * G5 B0 * TA0 TA1 * * TA5 TA6 TB0 * TB4 TB5 * * TC3 TC4 TC5 TC6 CLKIN NL10276BC28-05D IC Note 1
Equivalent to THC63LVDF64A (THine)
Y0P Y0M Y1P Y1M
D0+ D0- D1+ D1-
Y2P Y2M
D2+ D2-
B5 Hsync Vsync DE CLK +3.3V GND VCC (+5 V)
CLKOUTP CLKOUTM
CK+ CK-
DC/DC Converter
Notes 1. 100 twist pair. 2. These signals should be kept in the specified range of INPUT SIGNAL TIMINGS. 3. VCCi = 3.3 V (LCD internal voltage)
8
Data Sheet EN0484EJ1V0DS00
DataSheet 4 U .com
www..com www..com 4U
Controller
www..com
* * * * * * * * *
www..com
NL10276BC28-05D
DISPLAY COLORS vs. INPUT DATA SIGNALS
Data signal (0: Low level, 1: High level) Display colors R5 Basic colors Black Blue Red M a g e nta Green Cyan Yellow White Red grayscale Black 0 0 1 1 0 0 1 1 0 0 dark bright 1 1 Red Green grayscale Black 1 0 0 1 1 1 0 0 1 1 1 0 0 1 1 1 0 0 0 1 1 0 0 1 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 R4 0 0 1 1 0 0 1 1 0 0 0 R3 0 0 1 1 0 0 1 1 0 0 0 R2 0 0 1 1 0 0 1 1 0 0 0 R1 0 0 1 1 0 0 1 1 0 0 1 R0 0 0 1 1 0 0 1 1 0 1 0 G5 0 0 0 0 1 1 1 1 0 0 0 G4 0 0 0 0 1 1 1 1 0 0 0 G3 0 0 0 0 1 1 1 1 0 0 0 G2 0 0 0 0 1 1 1 1 0 0 0 G1 0 0 0 0 1 1 1 1 0 0 0 G0 0 0 0 0 1 1 1 1 0 0 0 B5 0 1 0 1 0 1 0 1 0 0 0 B4 0 1 0 1 0 1 0 1 0 0 0 B3 0 1 0 1 0 1 0 1 0 0 0 B2 0 1 0 1 0 1 0 1 0 0 0 B1 0 1 0 1 0 1 0 1 0 0 0 B0 0 1 0 1 0 1 0 1 0 0 0
www..com
dark bright 0 0 Green Blue grayscale Black 0 0 0 dark bright 0 0 Blue 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 0 0 0 1 1 1 0 0 0 1 1 1 0 0 0 1 1 1 0 0 0 0 1 1 0 0 0 1 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0
0 0 0 0 0 0
0 0 0 0 0 0
0 0 0 0 0 1
0 0 0 0 1 0
1 1 1
1 1 1
0 1 1
1 0 1
Note Colors are developed in combination with 6-bit signals (64 steps in grayscale) of each primary red, green, and blue color. This process can result in up to 262,144 (64 x 64 x 64) colors.
Data Sheet EN0484EJ1V0DS00
9
www..com www..com 4U
DataSheet 4 U .com
www..com
NL10276BC28-05D
INPUT SIGNAL TIMINGS
(1) Input signal specifications for LCD controller
Parameter CLK Frequency Symbol 1/tC min. 60.0 Rise, fall Duty Hsync Period tcrf tch/tC th 16.0 110 Display period Front-porch Pulse width Back-Porch thd thf thp* thb *thp + thb Hsync-CLK timing CLK-Hsync timing DE-CLK timing CLK-DE timing Rise, fall Vsync Period ths thh tcs tch thrf, terf tv - 16.666 806 - 0 12 2 86 Note 20.676 1344 1024 - - - - - 1780 - - Note typ. 65.0 15.385 max. 68.0 Unit MHz ns ns - - 48.363 kHz (typ.) Remarks -
Ps
CLK CLK CLK CLK CLK CLK ns ns ns ns ns ms H
- - - - - - - - - - 60.004 Hz (typ.)
www..com
- - tvd tvf tvp* tvb* *tvp + tvb 1 1 1 3 10 1 - 1 2 1 2 - 768 - 3 - - - - - - - - - - - 36 36 38 - - 10 - - - - 10 H H H H H ns CLK ns ns ns ns ns ns Note Note Note Note Note
Display period Front-porch Pulse width Back-porch
- - - - -
Vsync-Hsync timing Hsync-Vsync timing Rise, fall DATA DATA-CLK (set up) CLK-DATA (Hold) DE DE-CLK timing CLK-DE timing Rise, fall
tvs tvh tvrf tds tdh tes teh terf
-
Note These values are in the timing regulation of THC63LVDF64A (THine). The product equivalent to THC63LVDF63A (THine) is recommended to the input of LVDS transmitter. The Timing regulation prescribes in the input of the LVDS transmitter.
10
Data Sheet EN0484EJ1V0DS00
DataSheet 4 U .com
www..com www..com 4U
www..com
NL10276BC28-05D
(2) Definition of input signal timing for LCD controller
tv tvp
Vsync tvf
tvb
Display period
tvd
DE 1 2 3 4 768

www..com
thp thb thpb Display period Note thf
th
thd
DE
Vsync
tvh Hsync
tvs
Notes 1. "Display period" do not exist as signals. 2. These values are in the output of THC63LVDF64A. (Refer to METHOD OF CONNECTION FOR THC63LVDF63A)
Data Sheet EN0484EJ1V0DS00
11
www..com www..com 4U
DataSheet 4 U .com
www..com
NL10276BC28-05D
(3) Input signal timing chart
tc tch VIH CLK Vcci x 50 % VIL tcrf
tds DATA (R0 - R5) VIH (G0 - G5) Vcci x 50 % (B0 - B5) VIL INVALID
tdh INVALID
tdrf
tdrf
teh VIH DE Vcci x 50 % VIL
tes
teh
tes
terf
terf
CLK Vcci x 50 %
www..com
thh ths VIH Vcci x 50 % VIL thrf
Hsync
Hsync
Vcci x 50 % tvh VIH Vcci x 50 % VIL tvrf tvs
Vsync
Note VIH, VIL: Refer to LVDS transmitter specifications.
12
Data Sheet EN0484EJ1V0DS00
DataSheet 4 U .com
www..com www..com 4U
www..com
NL10276BC28-05D
(4) DE
Vsync tvp Hsync 1 2 ***** ***** tvb 768 H (fixed) ***** 1 ***** tvf
DE ***** DATA Invalid D (x, 0) *** D (x, y) *** ***** Invalid D (x, 767)
DE
DATA
Invalid D (0, y) D (1, y) *** D (x, y) ***
Invalid D (1023, y)
Hsync
www..com
***** thp thb 1024 CLK (fixed) ***** 1 thf ***** 1 2 *****
CLK
DE
DATA
Invalid D (0, y) D (1, y) ***D (1023, y) ***
Invalid
Note These values are in the output of THC63LVDF64A. (Refer to METHOD OF CONNECTION FOR THC63LVDF63A).
Data Sheet EN0484EJ1V0DS00
13
www..com www..com 4U
DataSheet 4 U .com
www..com
NL10276BC28-05D
(5) Display position of input data
D (0, 0) D (0, 1) D (1, 0) D (1, 1) D (X, 0) D (X, 1) D (1022, 0) D (1022, 1) D (1023, 0) D (1023, 1)
D (0, Y)
D (1, Y)
D (X, Y)
D (1022, Y)
D (1023, Y)
D (0, 766) D (0, 767)
D (1, 766) D (1, 767)
D (X, 766) D (X, 767)
D (1022, 766) D (1022, 767)
D (1023, 766) D (1023, 767)
www..com
14
Data Sheet EN0484EJ1V0DS00
DataSheet 4 U .com
www..com www..com 4U
www..com
NL10276BC28-05D
FOR LVDS RECEIVER
(1) Input signal specifications
Parameter CLK Frequency Bit0 position Bit1 position Bit2 position Bit3 position Bit4 position Bit5 position Bit6 position Symbol TRCP TRIP1 TRIP0 TRIP6 TRIP5 TRIP4 TRIP3 TRIP2 Min 14.71 -0.5 T/7-0.5 2T/7-0.5 3T/7-0.5 4T/7-0.5 5T/7-0.5 6T/7-0.5 Typ. T 0 T/7 2T/7 3T/7 4T/7 5T/7 6T/7 Max. 16.66 +0.5 T/7+0.5 2T/7+0.5 3T/7+0.5 4T/7+0.5 5T/7+0.5 6T/7+0.5 Unit ns ns ns ns ns ns ns ns Remarks T = 15.38 ns
(2) Input signal timing chart
TRCP CK+
CK- The present cycle Next cycle
D0+/-
www..com
R1' R0' G0 R5 R4 R3 R2 R1 G2' G1' B1 B0 G5 G4 G3 G2
R0
D1+/-
G1
D2+/-
B3'
B2'
DE
Vsync
Hsync
B5
B4
B3
B2
TR1P1 TR1P0 TR1P6 TR1P5 TR1P4 TR1P3 TR1P2
Data Sheet EN0484EJ1V0DS00
15
www..com www..com 4U
DataSheet 4 U .com
www..com
NL10276BC28-05D
OPTICAL CHARACTERISTICS
(Ta = 25C, Note 1, 2)
Parameter Contrast ratio Luminance Luminance uniformity Symbol CR Lumax - at center "White", at center Maximum/Minimum Condition MIN. 80 150 TYP. 150 200 MAX. - - 1.30 Unit - cd/m -
2
Remark Note 3 - Note 4
Reference data (Ta = 25C, VCC = 5 V, VDDB = 12 V)
Parameter Contrast ratio Symbol CR Condition Best contrast angle, TX = r0, TY = -5, at center To NTSC, at center CR > 10, TY = r0 CR > 10, TY = r0 CR > 10, TX = r0 CR > 10, TX = r0 White to black Black to white MIN. - TYP. 300 MAX. - Unit - Remark Note 3
Color gamut Viewing angle range Horizontal
C
35 40 40 15 25 - -
40 50 50 20 35 11 40
- - - - - 25 80
% deg. deg. deg. deg. ms
Note 2 Note 5
TX+ TX-
Vertical
TY+ TY-
Response time
ton toff
Note 6
Notes 1. The luminance is measured after 20 minutes from the module works, with all pixels in white. Typical value is measured after luminance saturation.
www..com
1 Photodetector (TOPCON BM-5A) 50 cm
LCD
2. Viewing angle is Tx = r0q, Ty = r0q 3. The contrast ratio is calculated by using the following formula. Luminance with all pixels in white Luminance with all pixels in black
Contrast ratio (CR) =
The Luminance is measured in darkroom.
16
Data Sheet EN0484EJ1V0DS00
DataSheet 4 U .com
www..com www..com 4U
www..com
NL10276BC28-05D
4. Luminance uniformity is calculated using following formula.
Luminance uniformity =
Maximum Luminance Minimum Luminance
171 512 853 Line 1 3 4 5 2 128 384 640
Column
5. Definitions of viewing angle are as follows.
Normal
X-
Left
12 o'clock
Y-
Y+
X+
Upper
Lower
Right
6. Definition of response time is as follows.
www..com
100 % 90 % Luminance White
10 % 0% ton toff
Black Time
Data Sheet EN0484EJ1V0DS00
17
www..com www..com 4U
DataSheet 4 U .com
www..com
NL10276BC28-05D
RELIABILITY TEST
Test item High temperature/humidity operation Note 1 Test condition 50 2C, 85% relative humidity 240 hours Display data is black. <1> 0C 3C *** 1 hour 55C 3C *** 1 hour <2> 50 cycles, 4 hours/cycle <3> Display data is black. <1> -20C 3C *** 30 minutes 60C 3C *** 30 minutes <2> 100 cycles <3> Temperature transition time within 5 minutes <1> 5 - 100 Hz, 19.6 m/s (2G) 1 minute/cycle X, Y, Z direction <2> 50 times each direction <1> 294 m/s (30 G), 11 ms X, Y, Z direction <2> 3 times each direction 150 pF, 150 , 10 kV 9 places on a panel 10 times each place at one-second intervals 15 kinds of dust (JIS Z 8901) Hourly 15 seconds stir, 8 times repeat
2 2
Heat cycle (operation) Note 1
Thermal shock (non-operation) Note 1
Vibration (non-operation) Notes 1, 2
Mechanical shock (non-operation) Notes 1, 2
ESD (operation) Notes 1, 3
Dust (operation) Note 1
Notes 1. Display function is checked by the same condition as LCD module out-going inspection. 2. Physical damage. 3. Discharge points "z" are shown in the figure.
www..com
18
Data Sheet EN0484EJ1V0DS00
DataSheet 4 U .com
www..com www..com 4U
www..com
NL10276BC28-05D
GENERAL CAUTIONS
Next figures and sentences are very important. Please understand these contents as follows.
This mark indicates that you will get hurt and/or the module will have damages when you make a mistake to operate.
CAUTION
This mark indicates that you will get an electric shock when you make a mistake to operate.
This mark indicates that you will get hurt when you make a mistake to operate
CAUTION
Do not touch an inverter, on which is stuck a caution label, while the LCD module is under the operation, because of dangerous high voltage.
(1) Caution when taking out the module a) Pick the pouch only, when taking out the module from a carrier box. (2) Cautions for handling the module a) As the electrostatic discharges may break the LCD module, handle the LCD module with care against electrostatic discharges. b) c) As the LCD panel and backlight element are made from fragile glass material, impulse and pressure to the LCD module should be avoided. As the surface of polarizer is very soft and easily scratched, use a soft dry cloth without chemicals for cleaning.
www..com
d) Do not pull the interface connectors in or out while the LCD module is operating. e) Put the module display side down on a flat horizontal plane. f) Handle connectors and cables with care. the LCD panel would be damaged. h) The torque for mounting screw should never exceed 0.392 N*m (4 kgf*cm). i) Don't push or rub the surface of LCD modules. If you do it, the scratches or the rubbing marks may be left on the surface of the modules. (3) Cautions for the atmosphere a) Dew drop atmosphere should be avoided. b) Do not store and/or operate the LCD module in a high temperature and/or high humidity atmosphere. Storage in an anti-static pouch and under the room temperature atmosphere is recommended. c) This module uses cold cathod fluorescent lamp. Therefore, the life time of lamp becomes short if the module is operated under the low temperature environment. d) Do not operate the LCD module in a high magnetic field. g) When the module is operating, do not lose CLK, Hsync or Vsync signal. If any one of these signals is lost,
Data Sheet EN0484EJ1V0DS00
19
www..com www..com 4U
DataSheet 4 U .com
www..com
NL10276BC28-05D
(4) Caution for the module characteristics a) Do not apply fixed pattern data signal for a long time to the module. It may cause image sticking. Please use screen savers if the display pattern is fixed for a long time. b) This module has the retardation film which may cause the variation of the color hue in the different viewing angles. The ununiformity may appear on the screen under the high temperature operation. c) The light vertical stripe may be observed depending on the display pattern. This is neither defects nor malfunctions. d) The noise from the inverter circuit may be observed in the luminance control mode. This is neither defects nor malfunctions. (5) Other cautions a) Do not disassemble and/or reassemble LCD module. b) Do not readjust variable resistors or switches in the module. c) When returning the module for repair etc., please pack the module properly to avoid any damages. We recommend using the original shipping packages. Liquid Crystal Display has the following specific characteristics. There are neither defects nor malfunctions. The optical characteristics of this module may be affected by the ambient temperature. This module has cold cathode tube for backlight. Optical characteristics, like luminance or uniformity, will be changed by the progress in time. Uneven brightness and/or small spots may be observed depending on different display patterns.
www..com
20
Data Sheet EN0484EJ1V0DS00
DataSheet 4 U .com
www..com www..com 4U
www..com
(5)
OUTLINE DRAWING: Front View (Unit: mm)
ACTIVE AREA CENTER
(7.14)
200 0.3
200 0.3
(9.5) (32)
(214.27) (ACTIVE AREA)
(16.2)
(13)
(80)
(13)
(94)
(13)
(30) (72)
(55) (13) (20)
Inverter
Notes 1. Not shown tolerance of the dimensions are 0.5 mm. 2. The torque to mounting screw should never exceed 0.392 N*m (4 Kgf*cm).
MAX 19
www..com
(10.8)
219 0.3 (BEZEL OPENING) 255 0.5
DataSheet 4 U .com
330 0.5 320 0.3 290.4 0.3 (BEZEL OPENING) (285.696) (ACTIVE AREA) MAX 18.5
(4.5)
4 - 3.5
Data Sheet EN0484EJ1V0DS00
NL10276BC28-05D
21
www..com www..com 4U
www..com
22
11.2
103.3
8 1
20
52
10.6 1
24
37
54
48 28 5
30
( 8)
0.4 0.2
OUTLINE DRAWING: Rear View (Unit: mm)
2.7 0.1 DEPTH 6
a: Insulation sheet (PET, t0. 1)
20
4.1
32.2
12
8
6
120.5
23
150
120
100
11
7.3 0.2
6
5
30
23
10.2
3
A1009A2011001
12
28 5
www..com
NL10276BC28-05D
11.2
10.6 1
Data Sheet EN0484EJ1V0DS00
101.5 0.2
86
DataSheet 4 U .com
FPC
18.3 1
TYP17.3 3.4 0.3
MAX 18.5 2.7 0.3
11.3
9
5.1
CN1
10.2
1
9
Material Information Light guide: > PMMA <
260 1
www..com www..com 4U
www..com
NL10276BC28-05D
MEMO
www..com
Data Sheet EN0484EJ1V0DS00
23
www..com www..com 4U
DataSheet 4 U .com
www..com
NL10276BC28-05D
No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. NEC Corporation does not assume any liability for infringement of patents. Copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. While NEC Corporation has been making continuous effort to enhance the reliability of its Electronic Components, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC Electronic Components, customers must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices is "Standard" unless otherwise specified in NEC's Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact an NEC sales representative in advance. Anti-radioactive design is not implemented in this product.
www..com
DATA SHEET
DataSheet 4 U .com
www..com www..com 4U


▲Up To Search▲   

 
Price & Availability of NL10276BC28-05D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X