Part Number Hot Search : 
25HCU04A B655M MAX6854 TLOE1 SMBTA64 FR2528 MC10EP11 07523
Product Description
Full Text Search
 

To Download NL10276AC3003A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
TFT COLOR LCD MODULE
NL10276AC30-03A
38 cm (15 inches), 1024 x 768 pixels, FULL-COLOR, MULTI-SCAN FUNCTION Wide viewing angle
DESCRIPTION
NL10276AC30-03A is a TFT (thin film transistor) active matrix color liquid crystal display (LCD) comprising amorphous silicon TFT attached to each signal electrode, a driving circuit, a CRT interface board and a backlight. NL10276AC30-03A has a built-in backlight with an inverter. The 38cm(15" inches) diagonal display area contains 1024 x 768 pixels and can display full-color (more than 16 million colors simultaneously). Also, it has wide viewing angle and multi-scan function. CRT interface board installed in this module allows you to achieve the LCD monitor with an analog RGB interface.
FEATURES
* High luminance * Wide viewing angle * Multi-scan function: e.g., XGA, SVGA, VGA, VGATEXT, PC-9801, MAC * Incorporated edge type backlight (Two lamps into two lamp holders, Inverter) * Lamp holder replaceable (Part No. 150LHS03) * On Screen Display * CRT interface board * Auto recognition of input signal Analog RGB signals, Sync on green, Synchronous signals (Hsync, Vsync, Composite) * Digital control: e.g., Luminance, Display position * Free supply voltage sequence * Corresponding to DDC1 and DDC2B * Corresponding to VESA DPMS
Regarding the use of OSD, please note that there is possibility of conflicts with a patent in Europe and the U.S. Thus, if such conflict might happen when you use OSD, we shall not be resposible for any trouble. VESA : Video Electronics Standards Association DPMS: Display Power Management Signaling DDC1 : Display Data Channel 1 DDC2B : Display Data Channel 2B
APPLICATIONS
* Desk-top type of PC * Engineering work station
Document No. EN0418EJ1V0DS00 (1st edition) Date Published January 1999 P Printed in Japan
(c)
1999
NL10276AC30-03A
STRUCTURE AND FUNCTIONS A color TFT (thin film transistor) LCD module is comprised of a TFT liquid crystal panel structure, LSIs for driving the TFT array, and a backlight assembly. The TFT panel structure is created by sandwiching liquid crystal material in the narrow gap between a TFT array glass substrate and a color filter glass substrate. After the driver LSIs are connected to the panel, the backlight assembly is attached to the backside of the panel. RGB (red, green, blue) data signals from a source system is modulated into a form suitable for active matrix addressing by the onboard signal processor and sent to the driver LSIs which in turn addresses the individual TFT cells. Acting as an electro-optical switch, each TFT cell regulates light transmission from the backlight assembly when activated by the data source. By regulating the amount of light passing through the array of red, green, and blue dots, color images are created with clarity.
OUTLINE OF CHARACTERISTICS (at room temperature)
Display area Drive system Display colors Number of pixels Pixel arrangement Pixel pitch Module size Weight Contrast ratio Best contrast ratio 304.128 (H) x 228.096 (V) mm a-Si TFT active matrix Full-color 1024 x 768 RGB vertical stripe 0.297 (H) x 0.297 (V) mm 350.0 (H) x 265.0 (V) x 20.0 (D) mm 1480 g (typ.) 200:1 (typ., perpendicular) 350:1 (typ., down side 10)
Viewing angle (more than the contrast ratio of 10:1)
* Horizontal : 55 (typ., left side, right side) * Vertical : 50 (typ., up side), 45 (typ., down side)
Designed viewing direction : Down side (6 o'clock) * Wider viewing angle with contrast ratio * Wider viewing angle without image reversal : up side (12 o'clock) : perpendicular * Optimum grayscale ( = 2.2) Color gamut Response time Luminance Input signals Backlight 42 % (typ., At center, To NTSC) 15 ms (typ.), "white" to "black" 200 cd/m2 (typ.) Analog RGB, Vsync and Hsync Edge light type: Two cold cathode fluorescent lamps with an inverter Inverter Supply voltage Power consumption P/N: 150PW031 Lamp holder set P/N: 150LHS03 12 V, 12 V (Logic/LCD driving, Backlight) 18.4 W (typ.)
2
Data Sheet EN0418EJ1V0DS00
NL10276AC30-03A
BLOCK DIAGRAM
I/F Board LCD module
R G B AMP
R G B AIF AMP
HS/CS
Vsync
Sync. Division
PLL
CLK
Timing Controller LEDON LEDOFF LED00-12 SEL UP DOWN RESET VOLSEL OSDSEL DDCCLK DDCDAT WPRT BRTVOL
VDD (+12 V)
H-Driver
OSD
3072 lines LCD panel
V-Driver
Sync.
Sigma
Signal recognition POWC
768 lines H: 1024 x 3 (R, G, B) V: 768
ON/OFF DC/DC Converter VDD Backlight
DC/DC Converter
Luminance (on/off)
VDDB (+12 V)
Inverter
GNDB GND
Note Frame is not connected to GND and GNDB.
Data Sheet EN0418EJ1V0DS00
3
NL10276AC30-03A
SPECIFICATIONS GENERAL SPECIFICATIONS
Item Module size Display area Number of dots Pixel pitch Dot pitch Pixel arrangement Display colors Weight Contents 350.0 0.6 (H) x 265.0 0.6 (V) x 20.5 (MAX.) (D) 304.128 (H) x 228.096 (V) 1024 x 3 (H) x 768 (V) 0.297 (H) x 0.297 (V) 0.099 (H) x 0.297 (V) RGB (Red, Green, Blue) vertical stripe Full color 1,600 (max.) Unit mm mm dots mm mm - color g
ABSOLUTE MAXIMUM RATINGS
Parameter Supply voltage Symbol VDD VDDB Logic input voltage R, G, B input voltage CLK input voltage Storage temp. Operating temp. Humidity (no condensation) VIN1 VIN2 VIN3 Tst Top Rating -0.3 to + 14 -0.3 to + 14 -0.3 to + 5.5 -6.0 to + 6.0 -7.0 to + 7.0 -20 to + 60 0 to 50 95% relative humidity 85% relative humidity Absolute humidity shall not exceed Ta = 50C, 85% relative humidity level. Unit V V V V V C C Module surface Ta 40C 40 < Ta 50C Ta > 50C - Note 1 Ta = 25C VDD = 12 V Ta = 25C Remarks
Notes 1. Measured at the LCD panel (Include own fever) 2. No condensation
4
Data Sheet EN0418EJ1V0DS00
NL10276AC30-03A
ELECTRICAL CHARACTERISTICS (1) Logic, LCD driving, Backlight (Ta = 25C)
Item Supply voltage Symbol VDD VDDB Logic input "L" voltage Logic input "H" voltage Logic output "L" voltage Logic output "H" voltage Logic input "L" current 1 Logic input "H" current 1 Logic output "L" current 3 Logic output "H" current 3 Supply current (Dot-checked pattern) VIL VIH VoL1 VoH1 IIL2 IIH2 IIL1 IIH1 IDD Min. 11.4 11.4 0 2.2 - 2.4 -1 - - -1 - - Typ. 12.0 12.0 - - - - - - - - 780 45 Max. 12.6 12.6 0.8 5.25 0.4 - - 1 1 - 850 65 Unit V V V V V V Remarks Logic and LCD driving Backlight HS/CS, Vsync, SEL, UP, DOWN, RESET, VOLSEL DDCCLK, DDCDAT, OSDSEL, WPRT LED00/01/02/10/11/12
A A A A
mA mA
HS/CS, Vsync
DDCDAT
VDD = 12.0 V Power saving mode VDD = 12.0 V VDDB = 12.0 V (Max. luminance) Power saving mode VDDB = 12.0 V
Note
Note
IDDB
-
750
850
mA
-
1
10
mA
Note Pixel checkered pattern (2) Video signal (R, G, B) input (Ta = 25C)
Item Maximum amplitude (white - black) Min. 0 (black) -0.5 0.2 Typ. 0.7 (white) - 0.3 Max. *A Unit Vp-p Note Remarks
DC input level (black) Sync level
+2.5 *B
V Vp-p G terminal (sync on green)
-
*A + *B
-
-
1.1
Vp-p
-
Note Need to adjust contrast if the input level is beyond 0.7 Vp-p.
Data Sheet EN0418EJ1V0DS00
5
NL10276AC30-03A
POWER SUPPLY DESIGN (1) Ripple voltage of the supply voltage Please note that the ripple at the input connector of the module should be within the values shown in this table. If the ripple would be beyond these values, the noise might appear on the screen.
VDD (for logic and LCD driver) Acceptable range 100 mVp-p VDDB (for backlight) 200 mVp-p
Note The acceptable range of ripple voltage includes spike noises. Example of the power supply connection to minimize the ripple voltage a) Separate the power supply
Power Power VDD VDDB
b) Put the filter
Power Filter VDD
Filter
VDDB
(2) Current wave in the luminance control mode In the luminance control mode, the rush current below flows into the inverter of the module. The duty cycle varies from 100% through 20% depending on the luminance control level. This might cause the noise on the screen. Please evaluate the appropriate value of the capacitor in the filter to eliminate the noise.
Filter Customer's power supply (12 V) Inverter circuit of NL10276AC-03A
To VDD
Rush current GND Duty *Frequency: Vsync frequency x K* *Vsync 75 Hz: K = 4.6 > 75 Hz: K = 3.6 Frequency*
6
Data Sheet EN0418EJ1V0DS00
NL10276AC30-03A
SUPPLY VOLTAGE SEQUENCE There is no sequence among the synchronous signals, the video signals and the power supply. However, 12 V for backlight should be started up within 80 ms, otherwise, the protection circuit makes the backlight turns off. Please note that the supply voltage must not be applied while the control signals (SEL, UP, DOWN and RESET) are connected to GND. Otherwise the module may cause malfunctions. If the power supply voltage is applied while SEL and RESET is connected to GND, the mode is set into NEC factory mode. In this case, both LEDON and LEDOFF become "H". Please do not use the module in this mode which may write over the default value. Please turn off the power supply immediately and turn on the power while SEL and RESET are connected to GND again. If the default value has been revised by accident, please follow the instruction below. This mode can control Brightness and Contrast and OSD position. Factory Reset function is reset all values. But do not use the module in this mode which may write over the default values affect to the LCD internal operation. Please turn off the power immediately and turn on the power while SEL and RESET are connected to GND again. If the default value has been revised by accident, please select "Factory Reset" mode and press "Reset" key for over two seconds.
Functions Brightness Contrast LCD Data Color adjust VCO HDTV Select OSD position Factory Reset RESET Change the OSD display position Above function values is reset to factory values. EXIT the NEC factory mode Press Reset key over 2 seconds. - Control contents Total Brightness and Sub Brightness for each RGB Total Contrast and Sub Contrast for each RGB Never select and adjust values How to reset Press RESET key over 2 seconds Press RESET key over 2 seconds Please go to the Factory reset.
Data Sheet EN0418EJ1V0DS00
7
NL10276AC30-03A
INTERFACE PIN CONNECTION CN101 Part No. Supplier
Pin No. 1 2 3 4 5 6 7
: 1-353119-4 : Japan AMP Ltd.
Symbol B B-GND G G-GND R R-GND GND Pin No. 8 9 10 11 12 13 14 Symbol Vsync GND HS/CS GND DDCCLK N.C. DDCDAT
1 2 ****** 13 14
Adaptable socket: 1-353068-04
Figure from socket view
Note N.C. (No connection) should be open. CN103 Part No. Supplier
Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13
: DF14A-25P-1.25H : HIROSE ELECTRIC CO., LTD.
Symbol LEDON LEDOFF GND LED00 LED01 LE;D02 LED10 LED11 LED12 GND SEL UP DOWN Pin No. 14 15 16 17 18 19 20 21 22 23 24 25 Symbol RESET GND BRTVOL GND VOLSEL OSDSEL WPRT N.C. N.C. GND N.C. N.C.
1 2* * * * 24 25
Adaptable socket: DF14-25S-1.25C
Figure from socket view
Note N.C. (No connection) should be open.
8
Data Sheet EN0418EJ1V0DS00
NL10276AC30-03A
CN104 Part No. Supplier
Pin No. 1 2 3 4
: IL-Z-8PL-SMTY : Japan Aviation Electronics Industry Limited (JAE)
Symbol VDD VDD VDD VDD Pin No. 5 6 7 8 Symbol GND GND GND GND
8 7 * * * 2 1
Adaptable socket: IL-Z-8S-S125C3
Figure from socket view
CN3 Part No. Supplier
Pin No. 1 2 3 4 5 6
: IL-Z-11PL1-SMTY : Japan Aviation Electronics Industry Limited (JAE)
Symbol VDDB VDDB VDDB GNDB GNDB GNDB Pin No. 7 8 9 9 10 Symbol N.C. N.C. N.C. N.C. N.C.
11 10 * * * * * 2 1
Adaptable socket: IL-Z-11S-S125C3
Figure from socket view
Note N.C. (No connection) should be open. Rear view
1 CN101 14
1 11
CN3
1 CN103 25 8 CN104 1
Data Sheet EN0418EJ1V0DS00
9
NL10276AC30-03A
PIN FUNCTION
Symbol HS/CS I/O Input Logic - Description Horizontal synchronous signal or composite synchronous signal (TTL level), Positive/Negative auto recognition Vertical synchronous signal (TTL level) Positive/Negative auto recognition, Clock input for DDC1 Red video signal (0.7 Vp-p, 75 ) Green video signal (0.7 Vp-p, 75 ), Sync On Green input Blue video signal (0.7 Vp-p, 75 ) Select signal for control functions (TTL level) "H" or "open": SEL off, "L": SEL on For details, see CONTROL FUNCTIONS Control signal (TTL level) UP increases the value of the functions selected. "H" or "open": UP off, "L": UP on Control signal (TTL level) DOWN reduces the value of the functions selected. "H" or "open": DOWN off, "L": DOWN on Control signal (TTL level) RESET initializes the selected functions. "H" or "open": RESET off "L": RESET on Display select signal (TTL level) "H" or "open": OSD display off (light on LED) "L": OSD display on (light off LED) For details, see CONTROL FUNCTIONS Luminance control terminal For details, see Luminance control select Luminance control select signal (TTL level) VOLSEL is pulled up in the module. For details, see Luminance control select CLK for DDC2B Data for DDC1/2B read/write Select signal for DDC "Open": Reading mode, "L": Writing mode Output terminal to light up LED "H": Power on "L": Power off Output terminal to light up LED "H": Power save mode "L": Normal mode For details, see Equivalent circuit for LED and CONTROL FUNCTIONS
Vsync
Input
-
R G B SEL
Input Input Input Input
- - - Negative
UP
Input
Negative
DOWN
Input
Negative
RESET
Input
Negative
OSDSEL
Input
-
BRTVOL
Input
-
VOLSEL
Input
-
DDCCLK DDCDAT
Input Input/ Output Input
- -
WPRT
Positive
LEDON
Output
Positive
LEDOFF
Output
Positive
LED00 LED01 LED02 LED10 LED11 LED12
Output Output Output Output Output Output
Positive Positive Positive Negative Negative Negative
10
Data Sheet EN0418EJ1V0DS00
NL10276AC30-03A
Symbol VDD VDDB GND GNDB I/O - - - - Logic - - - - Description Power supply for Logic and LCD driving +12 V (5%) Power supply for backlight. +12 V (5%) Ground for system. Ground for backlight. Note2 Note1 Note1
Notes 1: Ground for frame, system (GND) and backlight (GNDB) are not connected in the module. 2: 12 V for backlight should be started up within 80 ms, otherwise, the protection circuit makes the backlight turns off. LUMINANCE CONTROL SELECT
VOLSEL = Form How to adjust "L" Digital adjust See CONTROL FUNCTIONS "Open" Volume adjust The variable resistor for luminance control should be 10 k type, and zero point of the resistor corresponds to the minimum of luminance.
BRTVOL R
GND
Maximum luminance (100%): R = 10 K Minimum luminance (20%): R = 0 Mating variable resistor: 10 K 5%, B curve, 1/10 W
Note The status of VOLSEL is valid when the power is switched on. FUNCTION DISPLAY SELECT
OSDSEL = Form How to adjust OSD Display See CONTROL FUNCTIONS "L" LED Dispaly See detail of recommendation circuit diagram. Note: Next page "Open"
Note The status of OSDSEL is valid when the power is switched on. Regarding the use of OSD, please note that there is possibility of conflicts with a patent in Europe and the U.S. Thus if such conflict might happen when you use OSD, we shall not be resposible for any trouble.
Data Sheet EN0418EJ1V0DS00
11
NL10276AC30-03A
EQUIVALENT CIRCUIT FOR LED
Symbol LEDON LEDOFF LED00 LED01 LED02 I/O Output RN2306 (Toshiba) Or equivalent Equivalent circuit
Output
LED10 LED11 LED12
Output
N-ch Open-drain Output
Output
12
Data Sheet EN0418EJ1V0DS00
NL10276AC30-03A

Input
LCD module
Output LED-A
CN103 SEL UP
LEDON R (330 ) LEDOFF R (330 ) LED00 R (330 ) LED2 LED1 LED-B
DOWN RESET
LED3 VOLSEL OSDSEL LED01 R (330 ) LED5 LED4
LED6
LED7 LED02 R (330 ) LED8
LED9
LED10 LED11 LED12
LED-A: Power on LED-B: Power-save mode LED1: Luminance LED2: Contrast LED3: Horizontal display period LED4: CLK delay LED5: Vertical position LED6: Horizontal position LED7: Reserve LED8: All reset LED9: Reserve
Data Sheet EN0418EJ1V0DS00
13
NL10276AC30-03A
INPUT SIGNALS SYNCHRONOUS SIGNAL This module is corresponding to the synchronous signals below.
Synchronous signal Auto recognition mode HS/CS Separate synchronous signal mode (HS, Vsync) Composite synchronous mode Sync. On Green mode Power save mode Input Input No input No input Vsync Input No input No input No input Sync. On Green Input or no input Input or no input Input No input
Note Power save mode corresponds to VESA DPMA. PRESET TIMING The fourteen kinds of timings below are already programmed in this module. The input synchronous signals are automatically recognized.
Dot CLK (MHz) 21.053 25.175 28.322 40.000 30.240 31.500 35.500 36.000 65.000 49.500 57.283 56.250 75.000 78.750 Hsync (kHz) 24.830 31.469 31.469 37.879 35.000 37.500 37.927 43.269 48.363 46.875 49.735 53.674 56.476 60.023 Vsync (Hz) 56.432 59.992 70.087 60.317 66.667 75.000 85.039 85.008 60.004 75.000 74.565 85.061 70.069 75.029
Preset No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14
Display size 640 x 400 640 x480 720 x 400 800 x 600 640 x 480 640 x 480 720 x 400 640 x 480 1024 x 768 800 x 600 832 x 624 800 x 600 1024 x 768 1024 x 768
Remark NEC PC98 VGA VGA TXT VESA Macintosh VESA VESA VESA VESA VESA Macintosh VESA VESA VESA Note Note
Note Out of specification. Even if the preset timing is entered, a little adjustment of the functions such as Horizontal period, CLK-delay and display position, are required. The adjusted values are memorized in every preset No. This module recognizes the synchronous signals with near preset timing of the frequency of HS, Vsync, even in the case that the signals other than the preset timing that were entered. For instance, it is displayed with presetting number 6 in the case of 640 x 480 dot, HS: 37.861kHz, Vsync: 72.809Hz an example). Adopt the evaluation, because adjustment may not fit, in the case that the magnifying ratio differs, in the case that you use it with except for the display timing that was preset.
14
Data Sheet EN0418EJ1V0DS00
NL10276AC30-03A
Example of input signals (Preset No. 9) SXGA MODE (STANDARD)
Name HS Period Display Front-porch Pulse-width Back-porch Pulse-width + Back-porch Rise/Fall Period Symbol th thd thf thp thb thbp Min. 16.0 - - 0.246 1.0 1.8 Typ. 20.677 15.754 0.369 2.092 2.462 - Max 22.7 - - - - - Unit Remark 48.363 kHz (typ.) - - - - -
s s s s s s
thrf tv
- 13.3 - - - - 1 - 2 - 5
- 16.665 806 15.880 768 62.031 3 124.06 6 599.63 29
10 18.5 - - - - - - - - -
ns ms H ms H
- 60.004 Hz (typ.)
Display
tvd
-
Vsync
Front-porch
tvf
s H s H s H
-
Pulse-width
tvp
-
Back-porch
tvb
-
Data Sheet EN0418EJ1V0DS00
15
NL10276AC30-03A
tv tvp
Vsync tvb tvd tvf
Display period
th thp
HS (Hsync) thb thpb Display period thd thf
Vsync
ViI
thvh HS (Hsync)
thvs
Counter: 0
16
Data Sheet EN0418EJ1V0DS00
NL10276AC30-03A
EXPANSION MODE Expansion mode is a function to expand the screen size in different resolutions. For example, VGA signal has 640 x 480 pixels. But, if the display data can be expanded to 1.6 times vertically and horizontally, VGA screen image can be displayed fully on the screen of XGA resolution. This module automatically recognizes the timing shown in item as an expansion mode. Please adopt this mode after evaluating display quality, because the appearance in the expansion mode is happened to become bad in some cases. The followings show the display magnifications in each mode.
Input display XGA SVGA VGA VGA text PC9801 MAC Number of pixels 1024 x 768 800 x 600 640 x 480 720 x 400 640 x 400 832 x 624 Magnification Vertical 1 1.25 1.6 1.6 1.6 1.2 Horizontal 1 1.25 1.6 1.4 1.6 1.2 Note
1) SVGA mode (800 x 600)
XGA (1024 x 768)
Blank display area Horizontal: x 1.25 (1000 pixels) Vertical: x 1.25 (750 pixels)
2)
VGA mode (640 x 480)
Horizontal: x 1.6 (1024 pixels) Vertical: x 1.6 (768 pixels)
Data Sheet EN0418EJ1V0DS00
17
NL10276AC30-03A
3) PC9801 mode (640 x 400)
XGA (1024 x 768)
Black display area Horizontal: x 1.6 (1024 pixels) Vertical: x 1.6 (640 pixels)
4)
VGA text mode (720 x 400)
XGA (1024 x 768)
Black display area Horizontal: x 1.42 (1022 pixels) Vertical: x 1.6 (640 pixels)
5)
832 x 624 MAC mode (832 x 624)
XGA (1024 x 768)
Black display area Horizontal: x 1.2 (998 pixels) Vertical: x 1.2 (748 pixels)
18
Data Sheet EN0418EJ1V0DS00
NL10276AC30-03A
DDC FUNCTION This function is corresponding to VESA DDCTM and EDIDTM (Structure Version 1). * Writing mode : WPRT= "L" * Reading mode : WPRT= Open Note: When the power is applied while RESET and UP are "L", it becomes a writing mode. When the power is applied again, it becomes a reading mode. The mode set by RESET and UP signals is prioritized rather than WPRT signal after the power switched on. Please write a data into necessary addresses in advance when you use this function. Data "55H" in address "00H" and "FFH" in other address are already programmed when shipping. The input equivalent circuit diagram is as follow. EDID: Extended Display Identification Data
Micro-controller
WPRT VCLK Vsync WP
DDCCLK
SCL
DDCDAT
SDA
Product: Microchip Technology Inc. 24LCS21 or equivalent
DPMS
VESA DPMS Standard Signal State Horizontal On Pulses Vertical Pulses Video Active None Not applicable None Power saving Recovery time Power saving NL10276AC30-03A Recovery time Not applicable Short Short Short
Stand-by Suspend Off
No pulses Pulses No pulses
Pulses No pulses No pulses
Blanked Blanked Blanked
Minimum Substantial Maximum
Short Longer System dependent
Maximum Maximum Maximum
Data Sheet EN0418EJ1V0DS00
19
NL10276AC30-03A
CONTROL FUNCTIONS 1. Brightness (Luminance) : Control luminance of backlight 2. Contrast 4. CLK delay 5. Vertical position 6. Horizontal position 7. ALL RESET : Control white-level of video signal : Adjust CLK-phase : Adjust vertical position : Adjust horizontal position : Reset to factory-default value 3. Horizontal display period : Adjust horizontal display period
In order to achieve the best picture quality, the above functions should be adjusted by setting SEL, UP, DOWN and RESET signals. Either LED or OSD can recognize the selected functions. Each adjusted value is memorized as soon as SEL is selected or time out mode is valid and the memorized values are not affected even if the power is switched off. But the selected value is not memorized in case that a selected mode is changed to another one before time out or power is turned off before time out. Regarding the luminance, the luminance value can not be memorized while the variable volume register is selected. This function does not work while the power save mode. SELECTION BY LED The selected functions can be indicated either LED or OSD (On Screen Display) by setting OSDSEL signal when the power switched on. OSDSEL = "H or OPEN" : LED OSDSEL = "L" : OSD
Please see the example of LED circuit on P 11.
Selection function Default (no-select condition) Luminance Contrast Horizontal display period CLK delay Vertical position Horizontal position Reserve (no-use) All reset Reserve (no-use) L H H H L L L L L L LED00 L L L L H H H L L L LED01 L L L L L L L H H H LED02 H L H H L H H L H H LED10 H H L H H L H H L H LED11 H H H L H H L H H L LED12
20
Data Sheet EN0418EJ1V0DS00
NL10276AC30-03A
SELECTION BY OSD The following pictures appear on the screen by pushing the SEL key. Adjust the each value in best position by pushing UP and DOWN key. 1) Brightness (Luminance)
2)
Contrast
3)
Horizontal display period
4)
CLK delay
5)
Vertical display position
6)
Horizontal display position
7)
All reset
Data Sheet EN0418EJ1V0DS00
21
NL10276AC30-03A
FLOW CHART OF CONTROL FUNCTIONS for SEL, UP, DOWN and RESET
Power ON/Power save cancel
START (Stand-by mode) SEL VOLSEL =L Yes Brightness (Luminance) UP/ DOWN + Or - UP/ DOWN
No
SEL
RESET
Initialize
Time out Yes
No
Contrast SEL UP/ DOWN + Or -
RESET
Initialize
Time out Yes
No
Horizontal display period SEL UP/ DOWN + Or -
RESET
Initialize
Time out Yes
No
22
Data Sheet EN0418EJ1V0DS00
NL10276AC30-03A
CLK delay SEL UP/ DOWN + Or -
RESET
Initialize
Time out Yes
No
Vertical display position SEL UP/ DOWN + Or -
RESET
Initialize
Time out Yes
No
Horizontal display position SEL UP/ DOWN + Or -
RESET
Initialize
Time out Yes
No
Data Sheet EN0418EJ1V0DS00
23
NL10276AC30-03A
All reset SEL RESET UP/ DOWN
All Initialize
Time out Yes
No
Notes 1. The value of the selected signals by UP and DOWN key is continuously incremented if the input signal is held more than approx. one second. If it's less than one second, the value is incremented by one. 2. RESET signal initializes the value selected by SEL key. All reset function initializes all the values adjusted already. RESET signal should be held more than approx. two seconds. 3. No key input for more than five seconds shall be regarded "Time out".
24
Data Sheet EN0418EJ1V0DS00
NL10276AC30-03A
OPTICAL CHARACTERISTICS (Ta = 25C, VDD = 12 V, VDDB = 12 V)
Item Contrast ratio Symbol CR Condition Min. 80 Typ. 200 Max. - Unit - Remark Note 1
= 2.2 viewing angle R = 0, L = 0, D = 0, White/Black, at center
White, at center White
Luminance Luminance uniformity Color gamut
Lvmax - C
150 - 35 - -
200 - 42
- 1.30 -
cd/m - %
2
Note 2 Note 3 -
R = 0, L = 0, U = 0, D = 0 at center, to NTSC
White to Black Black to White
Response time
Tpd
15 40
40 50
ms
Note 5
Reference data (Ta = 25C, VDD = 12 V, VDDB = 12 V)
Item Contrast ratio Symbol CR Condition Min. - Typ. 350 Max. - Unit -
= 2.2 viewing angle R = 0, L = 0, D = 10, White/Black, at center
CR > 10, U = 0, D = 0
Viewing angle range
R L U D
50 50
55 55 50 45 20 - 100
- - - - -
deg. deg. deg. deg. %
CR > 10, R = 0, L = 0
35 30
Luminance control range
-
Maximum luminance: 100%
-
Notes 1. The contrast ratio is calculated using the following formula. Luminance with all pixels in "white" Luminance with all pixels in "black"
Contrast ratio (CR) =
2. The luminance is measured after 20 minutes from the module works, with all pixels in "white". The typical value is measured after luminance saturation.
50 cm Photo-detector
1 LCD module
Data Sheet EN0418EJ1V0DS00
25
NL10276AC30-03A
3. Luminance uniformity is calculated using the following formula. Maximum luminance Minimum luminance
Luminance uniformity =
The luminance is measured at near the five points shown below.
Colum 171 512 853
Row
1 3 4
2
128 384
5
640
4. Definitions of viewing angle are as follows.
Normal
L
-x
U R
+y
12 o'clock
D
-y
+x
5. Definitions of response time is as follows. Photo-detector output signal is measured when the luminance changes "white" to "black" or "black" to "white".
White
100 %
90 %
Luminance
Black Ton
10 %
0% Toff
26
Data Sheet EN0418EJ1V0DS00
NL10276AC30-03A
RELIABILITY TEST
Test item High temperature/humidity operation Test condition 50 2C, 85% relative humidity 240 hours, Display data is white. <1> 0C 3C *** 1 hour 55C 3C *** 1 hour <2> 50 cycles, 4 hours/cycle <3> Display data is white. <1> -20C 3C *** 30 minutes 60C 3C *** 30 minutes <2> 100 cycles <3> Temperature transition time is within 5 minutes. <1> 5-100 Hz, 2 G 1 minute/cycle, X, Y, Z direction <2> 50 times each direction <1> 55 G, 11 ms X, Y, Z direction <2> 3 times each direction 150 pF, 150 , 10 KV 9 places on a panel 10 times each place at one-second intervals Dust (operation) 15 kinds of dust (JIS-Z 8901) Hourly 15 seconds stir, 8 times repeat Note 1 Note 1 Judgment
Heat cycle (operation)
Note 1
Thermal shock (non-operation)
Note 1
Vibration (non-operation)
Notes 1, 2
Mechanical shock (non-operation)
Notes 1, 2
ESD (operation)
Note 1 Note 3
Notes 1. Display function is checked by the same condition as LCD module out-going inspection. 2. Physical damage. 3. Discharge points are shown in the figure.
Data Sheet EN0418EJ1V0DS00
27
NL10276AC30-03A
GENERAL CAUTIONS
Next figures and sentences are very important. Please understand these, then read the text of a book.
This figure is a mark that you will get hurt and/or the module will have damages when you make a mistake to operate.
CAUTION
This figure is a mark that you will get an electric shock when you make a mistake to operate.
This figure is a mark that you will get hurt when you make a mistake to operate
CAUTION
Do not touch an inverter--on which is stuck a caution label--while the LCD module is under the operation, because of dangerous high voltage.
(1) Caution when taking out the module <1>Pick the pouch only, in taking out module from a carrier box. (2) Caution for handling the module <1> As the electrostatic discharges may break the LCD module, handle the LCD module with care against electrostaic discharges. <2> As the LCD panel and backlight element are made from fragile glass material, impulse and pressure to the LCD module should be avoided. <3> As the surface of polarizer is very soft and easily scratched, use a soft dry cloth without chemicals for cleaning. <4> Do not pull the interface connectors in or out while the LCD module is operating. <5> Put the module display side down on a flat horizontal plane. <6> Handle connectors and cables with care. <7> When the module is operating, do not lose CLK, Hsync, or Vsync signal. If any one of these signals is lost, the LCD panel would be damaged. <8> The torque of mounting screw should be 0.392 N*m (4 Kgf*cm).less. (3) Caution for the atmosphere <1> Dew drop atmosphere should be avoided. <2> Do not store and/or operate the LCD module in a high temperature and/or high humidity atmosphere. Storage in an electro-conductive polymer packing pouch and under relatively low temperature atmosphere is recommended. <3> This module uses cold cathode fluorescent lamps. Therefore, the life time of lamps becomes short if the module is operated under the low temperature environment. (4) Caution for the module characteristics <1> Do not apply the fixed pattern for a long time to the LCD module. It may cause image sticking. Please use the screen savers if the display pattern is fixed for a long time. <2> This module has the retardation film which may cause the variation of the color hue in the different viewing angles. The ununiformity may appear on the screen under the high temperature operation. <3> The light vertical stripe may be observed depending on the display pattern. This is not defects or malfunctions.
28
Data Sheet EN0418EJ1V0DS00
NL10276AC30-03A
<4> The noise from the inverter circuit may be observed in the luminance control mode. This is not defects or malfunctions. (5) Other cautions <1> Do not disassemble and/or reassemble LCD module. <2> Do not readjust any variable resistors or switches in the module. <3> When returning the module for repair or etc., please pack the module properly to avoid any damages. We recommend using the original shipping packages. <4> In case that the scan converter is used to convert VGA signal to NTSC, it is recommended using the frame-memory type, not the line-memory. Liquid Crystal Display has the following specific characteristics. There are not defects or malfunctions. The display condition of LCD module may be affected by the ambient temperature. The LCD module uses cold cathode tube for backlight. Optical characteristics, like luminance or uniformity, will change during time. Uneven brightness and/or small spots may be noticed depending on different display patterns.
Data Sheet EN0418EJ1V0DS00
29
10 0.3 2
4
2
304.128 (ACTIVE AREA) 2 170 0.7 6 0.3
OUTLINE DRAWINGS (Unit in mm)
6 0.3
2
ACTIVE AREA CENTER
2
2 5 0.3
197
228.096 (ACTIVE AREA)
97.8 0.7
8-R4.4
2
8 0.2 2 5
A
A
B
5
5 0.3 2
NL10276AC30-03A
* The torque to mounting screw should never exceed 0.392N * m (4kg * cm). * The tolerance that is not show: 0.5 mm in the drawing.
31 0.3
6 0.3
2
2
6 0.3
2 5 0.3
18.6 0.3
B
232.7 0.3 (BEZEL OPENING)
Data Sheet EN0418EJ1V0DS00
204 0.3
212 0.3
265 0.6
30
350 0.6 340 0.3 20.5 Max 15.6 0.3 5 0.2 4-2.7 0.3 4-3.4 0.3 308.8 0.3 (BEZEL OPENING)
FRONT VIEW
4- 3.5 0.1
3
135.7 23.8 1 20.5 Max
20.5 Max
198.3 1
86.2
35 27 1
5.5
R8 M3BR (b) 13.5
R8
8.7
8.7
6.5 2.2
1
6.7 CN101 96.3 1
20 5
61 1 31 1
THE TFT COLOR LCD PANEL CONTAINS COLD CATHODE FLOURESCEST LAMPS. PLEASE FOLLOW LOCALORDINANCES OR REGULATIONS FOR ITS DISPOSAL
14
13.4
OUTLINE DRAWING (Unit in mm) REAR VIEW
85.7
12 CN102
126.8 1
20.2
1
1
9 CN202
6
218
7.6
1
138
45
235 214 1 182 1
10.5
232.5 139.8 1 130
CN201 CN202
7.6
65
1
25
CN103
37 1
35.8 1 40.7 1 22
1 8 CN104
Material Information Light guide: >PMMA<
NL10276AC30-03A
59.1
5
4
87.2
11.8 13.4
14.7
35.7
Data Sheet EN0418EJ1V0DS00
MADE IN JAPAN
76
11
78
A1000A763003
10.6
NL10276AC30-03A
31
NL10276AC30-03A
No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. While NEC Corporation has been making continuous effort to enhance the reliability of its electronic components, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC electronic component, customers must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices is "Standard" unless otherwise specified in NEC's Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact an NEC sales representative in advance. Anti-radioactive design is not implemented in this product.
DATA SHEET


▲Up To Search▲   

 
Price & Availability of NL10276AC3003A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X