|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DATA SHEET TFT COLOR LCD MODULE NL10276AC30-01A 38 cm (15 inches), 1024 x 768 pixels, Full-color, Multi-scan Function, Built-in backlight with inverter Ultra wide viewing angle DESCRIPTION NL10276AC30-01A is a TFT (thin film transistor) active matrix color liquid crystal display (LCD) comprising www..com amorphous silicon TFT attached to each signal electrode, a driving circuit, a CRT interface board and a backlight. NL10276AC30-01A has a built-in backlight with an inverter. The 38cm (15" inches) diagonal display area contains 1024 x 768 pixels and can display full-color (more than 16 million colors simultaneously). Also, it has ultra-wide viewing angle and multi-scan function. Therefore, this module calls Super Fine TFT. CRT interface board installed in this module allows you to achieve the LCD monitor with an analog RGB interface. FEATURES * Ultra wide viewing angle * Multi-scan function * e.g. XGA, SVGA, VGA, VGA-TEXT, PC9801, MAC * High luminance * Incorporated edge type backlight (Four lamps into two lamp holders, Inverter) * Lamp holder replaceable (Part No. 150LHS01) * On Screen Display * CRT interface board * Auto recognition of input signal Analog RGB signals, Sync on green, Synchronous signals (HS, Vsync, Composite) * Digital control: e.g. Brightness, Display position, Contrast, CLK delay * Free supply voltage sequence * Corresponding to DDC1 and DDC2B * Corresponding to VESA DPMS Regarding the use of OSD, please note that there is possibility of conflicts with a patent in Europe and the U.S. Thus, if such conflict might happen when you use OSD, we shall not be resposible for any trouble. VESA : Video Electronics Standards Association DPMS : Display Power Management Signaling DDC1 : Display Data Channel 1 DDC2B : Display Data Channel 2B APPLICATIONS * Engineering workstation (EWS), Desk-top type of PC The information in this document is subject to change without notice. Document No. EN0417EJ1V0DS00 (1st edition) Date Published January 1999 P Printed in Japan (c) 1999 NL10276AC30-01A STRUCTURE AND FUNCTIONS A color TFT (thin film transistor) LCD module is comprised of a TFT liquid crystal panel structure, LSIs for driving the TFT array, and a backlight assembly. The TFT panel structure is created by sandwiching liquid crystal material in the narrow gap between a TFT array glass substrate and a color filter glass substrate. After the driver LSIs are connected to the panel, the backlight assembly is attached to the backside of the panel. RGB (red, green, blue) data signals from a source system is modulated into a form suitable for active matrix addressing by the onboard signal processor and sent to the driver LSIs which in turn addresses the individual TFT cells. Acting as an electro-optical switch, each TFT cell regulates light transmission from the backlight assembly when activated by the data source. By regulating the amount of light passing through the array of red, green, and blue dots, color images are created with clarity. www..com BLOCK DIAGRAM I/F Board LCD module R G B AMP R G B AIF AMP HS/CS Vsync LEDON LEDOFF LED00-12 SEL UP DOWN RESET VOLSEL OSDSEL DDCCLK DDCDAT WPRT BRTVOL VDD (+12 V) Sync. Division PLL CLK Timing Controller OSD H-Driver 3072 lines LCD panel V-Driver Sync. Sigma Signal recognition POWC 768 lines H: 1024 x 3 (R, G ,B) V: 768 ON/OFF DC/DC Converter VDD Backlight DC/DC Converter Luminance (on/off) VDDB (+12 V) Inverter GNDB GND Note Frame is not connected to GND nor GNDB. 2 Data Sheet EN0417EJ1V0DS00 NL10276AC30-01A OUTLINE OF CHARACTERISTICS (at room temperature) Display area Drive system Display colors Number of pixels Pixel arrangement Pixel pitch Module size Weight Contrast ratio 304.128 (H) x 228.096 (V) mm a-Si TFT active matrix Full-color 1024 x 768 RGB vertical stripe 0.297 (H) x 0.297 (V) mm 350.0 (H) x 265.0 (V) x 23.0 (D) mm (typ.) 1480 g (typ.) 150:1 (typ., perpendicular) * Horizontal: 85 (typ., left side, right side) www..com Viewing angle (more than the contrast ratio of 10:1) * Vertical : 85 (typ., up side, down side) Optimum grayscale Polarizer pencil-hardness Color gamut Response time Luminance Input signals Backlight perpendicular ( = 2.2) 3H (min., JISK5400) 48 % (typ., At center, To NTSC) 44 ms (typ.), "black" to "white" 2 180 cd/m (typ.) Analog RGB, Vsync and HS Edge light type: Four cold cathode fluorescent lamps with an inverter Supply voltage Power consumption 12 V (typ.), 12 V (typ.) 24.7 W (typ.) Data Sheet EN0417EJ1V0DS00 3 NL10276AC30-01A GENERAL SPECIFICATIONS Item Module size Display area Number of dots Pixel pitch Dot pitch Pixel arrangement Display colors Weight www..com Contents 350.0 0.6 (H) x 265.0 0.6 (V) x 24.0 (max.) (D) 304.128 (H) x 228.096 (V) 1024 x 3 (H) x 768 (V) 0.297 (H) x 0.297 (V) 0.099 (H) x 0.297 (V) RGB (Red, Green, Blue) vertical stripe Full color 1,480 (typ.), 1600 (max.) Unit mm mm dots mm mm - color g ABSOLUTE MAXIMUM RATINGS Parameter Supply voltage Symbol VDD VDDB Logic input voltage R, G, B input voltage CLK input voltage Storage temp. Operating temp. Humidity (no condensation) VIN1 VIN2 VIN3 TST TOP Rating -0.3 to + 14 -0.3 to + 14 -0.3 to + 5.5 -6.0 to + 6.0 -7.0 to + 7.0 -20 to + 60 0 to 50 95% relative humidity 85% relative humidity Absolute humidity shall not exceed Ta = 50C, 85% relative humidity level. Unit V V V V V C C - Module surface Ta 40C 40 < Ta 50C Ta > 50C Note 1 Ta = 25C VDD = 12 V Remarks Ta = 25C Notes 1. Measured at the LCD panel (Include own fever) 2. No condensation 4 Data Sheet EN0417EJ1V0DS00 NL10276AC30-01A ELECTRICAL CHARACTERISTICS (1) Logic, LCD driving, Backlight (Ta = 25C) Item Supply voltage Symbol VDD VDDB Logic input "L" voltage Logic input "H" voltage Logic output "L" voltage www..com output "H" voltage Logic Min. 11.4 11.4 0 2.2 - 2.4 -1 - - -1 - - Typ. 12.0 12.0 - - - - - - - - 660 45 Max. 12.6 12.6 0.8 5.25 0.4 - - 1 1 - 850 65 Unit V V V V V V Remarks Logic and LCD driving Backlight HS/CS, Vsync, SEL, UP, DOWN, RESET, VOLSEL, DDCCLK, DDCDAT, OSDSEL, WPRT LED00/01/02/10/11/12 ViL ViH VOL1 VOH1 IiL1 IiH1 IoL1 IoH1 IDD Logic input "L" current 1 Logic input "H" current 1 Logic output "L" current 1 Logic output "H" current 1 Supply current (Dot-checked pattern) A A A A mA mA HS/CS, Vsync DDCDAT VDD = 12.0 V Power saving mode VDD = 12.0 V VDDB = 12.0 V (Max. luminance) Power saving mode VDDB = 12.0 V Note1 Note1 IDDB - 1400 1600 mA - 1 10 mA Note Pixel checkered pattern (2) Video signal (R, G, B) input (Ta = 25C) Item Maximum amplitude (white - black) Min. 0 (black) -0.5 0.2 Typ. 0.7 (white) - 0.3 Max. *A Unit Vp-p Note Remarks DC input level (black) Sync level +2.5 *B V Vp-p G terminal (sync on green) - *A + *B - - 1.1 Vp-p Note Need to adjust contrast if the input level is beyond 0.7 Vp-p. Data Sheet EN0417EJ1V0DS00 5 NL10276AC30-01A POWER SUPPLY DESIGN (1) Ripple voltage of the supply voltage Please note that the ripple at the input connector of the module should be within the values shown in this table. If the ripple would be beyond these values, the noise might appear on the screen. VDD (for logic and LCD driver) Acceptable range 100 mVp-p VDDB (for backlight) 200 mVp-p Note The acceptable range of ripple voltage includes spike noises. www..com Example of the power supply connection to minimize the ripple voltage a) Separate the power supply Power Power VDD VDDB b) Put the filter Power Filter VDD Filter VDDB (2) Current wave in the luminance control mode In the luminance control mode, the rush current below flows into the inverter of the module. The duty cycle varies from 100% through 20% depending on the luminance control level. This might cause the noise on the screen. Please evaluate the appropriate value of the capacitor in the filter to eliminate the noise. Filter Inverter circuit of NL10276AC30-01A Customer's power supply (12 V) To VDD Rush current GND Duty *Frequency: Vsync frequency x K* *Vsync 75 Hz: K = 4.6 > 75 Hz: K = 3.6 Frequency* 6 Data Sheet EN0417EJ1V0DS00 NL10276AC30-01A POWER SUPPLY SEQUENCE There is no sequence among the synchronous signals, the video signals and the power supply. However, 12 V for backlight should be started up within 80 ms, otherwise, the protection circuit makes the backlight turns off. Please note that the supply voltage must not be applied while the control signals (SEL, UP, DOWN and RESET) are connected to GND. Otherwise the module may cause malfunctions. If the power supply voltage is applied while SEL and RESET is connected to GND, the mode is set into NEC factory mode. In this case, both LEDON and LEDOFF become "H". Please do not use the module in this mode which may write over the default value. Please turn off the power supply immediately and turn on the power while SEL and RESET are connected to GND again. If the default value has been revised by accident, please follow the instruction below. www..com Functions Brightness Contrast LCD Data Color adjust VCO HDTV Select OSD position Factory Reset RESET Change the OSD display position Above function values is reset to factory values. RESET the NEC factory mode - Press Reset key over 2 seconds. - Control contents Total Brightness and Sub Brightness for each RGB Total Contrast and Sub Contrast for each RGB Never select and adjust values How to reset Press RESET key over 2 seconds Press RESET key over 2 seconds Please go to the Factory reset. Data Sheet EN0417EJ1V0DS00 7 NL10276AC30-01A INTERFACE AND PIN CONNECTION (1) Interface signals, power supply CN101 Part No. Supplier Pin No. 1 www..com : 1-353119-4 : Japan AMP Ltd. Symbol B B-GND G G-GND R R-GND GND Pin No. 8 9 10 11 12 13 14 Symbol Vsync GND HS/CS GND DDCCLK N.C. DDCDAT 1 2 ****** 13 14 Adaptable socket : 1-353068-04 Figure from socket view 2 3 4 5 6 7 Note N.C. (No connection) should be open. CN103 Part No. Supplier Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 : DF14A-25P-1.25H : HIROSE ELECTRIC CO., LTD. Symbol LEDON LEDOFF GND LED00 LED01 LEDD02 LED10 LED11 LED12 GND SEL UP DOWN Pin No. 14 15 16 17 18 19 20 21 22 23 24 25 Symbol RESET GND BRTVOL GND VOLSEL OSDSEL WPRT N.C. N.C. GND N.C. N.C. 1 2* * * * 24 25 Adaptable socket : DF14-25S-1.25C Figure from socket view Note N.C. (No connection) 8 Data Sheet EN0417EJ1V0DS00 NL10276AC30-01A CN104 Part No. Supplier Pin No. 1 2 3 4 www..com : IL-Z-8PL-SMTY : Japan Aviation Electronics Industry Limited (JAE) Symbol VDD VDD VDD VDD Pin No. 5 6 7 8 Symbol GND GND GND GND 8 7 * * * 2 1 Adaptable socket : IL-Z-8S-S125C3 Figure from socket view CN201 Part No. Supplier Pin No. 1 2 3 4 5 6 : IL-Z-11PL1-SMTY : Japan Aviation Electronics Industry Limited (JAE) Symbol VDDB VDDB VDDB GNDB GNDB GNDB Pin No. 7 8 9 10 11 Symbol N.C. N.C. N.C. N.C. N.C. 11 10 * * * * * 2 1 Adaptable socket : IL-Z-11S-S125C3 Figure from socket view Note N.C. (No connection) should be open. Rear view 1 CN101 14 1 11 CN201 1 CN103 25 8 CN104 1 Data Sheet EN0417EJ1V0DS00 9 NL10276AC30-01A (2) Pin function Symbol HS/CS I/O Input Logic Negative Description Horizontal synchronous signal or composite synchronous signal (TTL level), Positive/Negative auto recognition Vertical synchronous signal (TTL level) Positive/Negative auto recognition, Clock input for DDC1 Red video signal (0.7 Vp-p, 75 ) Green video signal (0.7 Vp-p, 75 ), Sync On Green input Blue video signal (0.7 Vp-p, 75 ) Output terminal to light up LED "H": Power on "L": Power off Output terminal to light up LED "H": Power save mode "L": Normal mode For details, see Equivalent circuit for LED and CONTROL FUNCTIONS Vsync Input Negative R G B LEDON www..com Input Input Input Output - - - Positive LEDOFF Output Positive LED00 LED01 LED02 LED10 LED11 LED12 DDCCLK DDCDAT Output Output Output Output Output Output Input Input/ Output Input Positive Positive Positive Negative Negative Negative Positive Positive CLK for DDC2B Data for DDC1/2B Read/write Select signal for control functions (TTL level) "open": SEL off, "L": SEL on For details, see CONTROL FUNCTIONS Control signal (TTL level) UP increases the value of the functions selected. "open": UP off, "L": UP on Control signal (TTL level) DOWN reduces the value of the functions selected. "open": DOWN off, "L": DOWN on Control signal (TTL level) RESET initializes the selected functions. "open": RESET off "L": RESET on Luminance control terminal For details, see. Luminance control select Luminance control select signal (TTL level) VOLSEL is pulled up in the module. For details, see Luminance control select Display select signal (TTL level) "open": OSD display off (light on LED) "L": OSD display on (light off LED) For details, see CONTROL FUNCTIONS Select signal for DDC "Open": Reading mode, "L": Writing mode SEL Negative UP Input Negative DOWN Input Negative RESET Input Negative BRTVOL Input - VOLSEL Input - OSDSEL Input - WPRT Input Positive 10 Data Sheet EN0417EJ1V0DS00 NL10276AC30-01A Symbol VDD VDDB GND GNDB I/O - - - - Logic - - - - Description Power supply for Logic and LCD driving +12 V (5%) Power supply for backlight. +12 V (5%) Ground for system. Note1 Note2 Ground for backlight. Note1 Notes 1: Ground for frame, system (GND) and backlight (GNDB) are not connected in the module. 2: 12 V for backlight should be started up within 80 ms, otherwise, the protection circuit makes the backlight turns off. www..com (3) LUMINANCE CONTROL SELECT VOLSEL = Form How to adjust "L" Digital adjust See CONTROL FUNCTIONS "Open" Volume adjust The variable resistor for luminance control should be 10 k type, and zero point of the resistor corresponds to the minimum of luminance. BRTVOL R GND Maximum luminance (100%): R = 10 K Minimum luminance (20%): R = 0 Matching variable resistor: 10 K 5%, B curve, 1/10 W Note The status of VOLSEL is valid when the power is switched on. (4) FUNCTION DISPLAY SELECT OSDSEL = Form How to adjust "L" OSD Display See CONTROL FUNCTIONS "Open" LED Display See detail of recommendation circuit diagram. Note: Next page Note The status of OSDSEL is valid when the power is switched on. Regarding the use of OSD, please note that there is possibility of conflicts with a patent in Europe and the U.S. Thus, if such conflict might happen when you use OSD, we shall not be resposible for any trouble. Data Sheet EN0417EJ1V0DS00 11 NL10276AC30-01A (5) EQUIVALENT CIRCUIT FOR LEDs Symbol LEDON LEDOFF LED00 LED01 LED02 I/O Output RN2306 (Toshiba) Or equivalent Equivalent circuit Output www..com LED10 LED11 LED12 Output N-ch Open-drain Output Output 12 Data Sheet EN0417EJ1V0DS00 NL10276AC30-01A Input LCD module Output LED-A CN103 SEL UP LEDON R (330 ) LEDOFF R (330 ) LED00 R (330 ) LED2 LED1 LED-B DOWN RESET www..com LED3 VOLSEL OSDSEL LED01 R (330 ) LED5 LED4 LED6 LED7 LED02 R (330 ) LED8 LED9 LED10 LED11 LED12 Data Sheet EN0417EJ1V0DS00 13 NL10276AC30-01A INPUT SIGNALS (1) SYNCHRONOUS SIGNAL This module is corresponding to the synchronous signals below. Synchronous signal Auto recognition mode HS/CS Separate synchronous signal mode (HS, Vsync) Composite synchronous mode Sync. On Green mode Power save mode www..com Vsync Input No input No input No input Sync. On Green Input or no input Input or no input Input No input Input Input No input No input Note Power save mode corresponds to VESA DPMA. (2) PRESET TIMINGS The fourteen kinds of timings below are already programmed in this module. The input synchronous signals are automatically recognized. Dot CLK (MHz) 21.053 25.175 28.322 40.000 30.240 31.500 35.500 36.000 65.000 49.500 57.283 56.250 75.000 78.750 Hsync (kHz) 24.830 31.469 31.469 37.879 35.000 37.500 37.927 43.269 48.363 46.875 49.735 53.674 56.476 60.023 Vsync (Hz) 56.432 59.992 70.087 60.317 66.667 75.000 85.039 85.008 60.004 75.000 74.565 85.061 70.069 75.029 Preset No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 Display size 640 x 400 640 x480 720 x 400 800 x 600 640 x 480 640 x 480 720 x 400 640 x 480 1024 x 768 800 x 600 832 x 624 800 x 600 1024 x 768 1024 x 768 Remark NEC PC98 VGA VGA TXT VESA Macintosh VESA VESA VESA VESA VESA Macintosh VESA VESA VESA Note Note Note Out of specification. Even if the preset timing is entered, a little adjustment of the functions such as Horizontal period, CLK-delay and display position, are required. The adjusted values are memorized in every preset No. This module recognizes the synchronous signals with near preset timing of the frequency of HS, Vsync, even in the case that the signals other than the preset timing that were entered. For instance, it is displayed with presetting number 6 in the case of 640 x 480 dot, HS: 37.861 kHz, Vsync: 72.809 Hz an example). Adopt the evaluation, because adjustment may not fit, in the case that the magnifying ratio differs, in the case that you use it with except for the display timing that was preset. 14 Data Sheet EN0417EJ1V0DS00 NL10276AC30-01A (3) EXPANSION MODE Expansion mode is a function to expand the screen size in different resolutions. For example, VGA signal has 640 x 480 pixels. But, if the display data can be expanded to 1.6 times vertically and horizontally, VGA screen image can be displayed fully on the screen of XGA resolution. This module automatically recognizes the timing shown in item 7.7.2 as an expansion mode. Please adopt this mode after evaluating display quality, because the appearance in the expansion mode is happened to become bad in some cases. The followings show the display magnifications in each mode. Input display www..com Number of pixels 1024 x 768 800 x 600 640 x 480 720 x 400 640 x 400 832 x 624 Magnification Vertical 1 1.25 1.6 1.6 1.6 1.2 Horizontal 1 1.25 1.6 1.4 1.6 1.2 XGA SVGA VGA VGA text PC9801 MAC Data Sheet EN0417EJ1V0DS00 15 NL10276AC30-01A Horizontal : x 1.25 (1,000 pixels) Vertical : x 1.25 (750 pixels) XGA (1,024 x 768) Black display area 2) www..comVGA mode (640 x 480) Horizontal : x 1.6 (1,024 pixels) Vertical : x 1.6 (768 pixels) 3) PC9801 mode (640 x 400) XGA (1,024 x 768) Horizontal : x 1.6 (1,024 pixels) Vertical : x 1.6 (640 pixels) Black display area 4) VGA text mode (720 x 400) Horizontal : x 1.4 (1,008 pixels) Vertical : x 1.6 (640 pixels) XGA (1,024 x 768) Black display area 5) 832 x 624 MAC mode (832 x 624) Horizontal : x 1.2 (998 pixels) Vertical : x 1.2 (748 pixels) XGA (1,024 x 768) Black display area 16 Data Sheet EN0417EJ1V0DS00 NL10276AC30-01A (4) DDC FUNCTION This function is corresponding to VESA DDCTM and EDIDTM (Structure Version 1). * Writing mode : WPRT = "L" * Reading mode: WPRT = "H" or Open Note When the power is applied while RESET and UP are "L", it becomes a writing mode. When the power is applied again, it becomes a reading mode. The mode set by RESET and UP signals is prioritized rather than WPRT signal after the power switched on. Please write a data into necessary addresses in advance when you use this function. Data "55H" in address "00H" and "FFH" in other address are already programmed when shipping. The input equivalent circuit diagram is as follow. www..comEDID: Extended Display Identification Data Micro-controller WPRT VCLK Vsync WP DDCCLK SCL DDCDAT SDA Product: Microchip Technology Inc. 24LCS21 or equivalent (5) DPMS VESA DPMS Standard Signal State Horizontal On Pulses Vertical Pulses Video Active None Not applicable None Power saving Recovery time Power saving NL10276AC30-01A Recovery time Not applicable Short Short Short Stand-by Suspend Off No pulses Pulses No pulses Pulses No pulses No pulses Blanked Blanked Blanked Minimum Substantial Maximum Short Longer System dependent Maximum Maximum Maximum Data Sheet EN0417EJ1V0DS00 17 NL10276AC30-01A CONTROL FUNCTIONS 1. Brightness (Luminance) : Control luminance of backlight 2. Contrast 4. CLK delay 5. Vertical position 6. Horizontal position 7. ALL RESET : Control white-level of video signal : Adjust CLK-phase : Adjust vertical position : Adjust horizontal position : Reset to factory-default value 3. Horizontal display period : Adjust horizontal display period In order to achieve the best picture quality, the above functions should be adjusted by setting SEL, UP, DOWN and RESET signals. Either LED or OSD can recognize the selected functions. Each adjusted value is memorized www..com as soon as SEL is selected or time out mode is valid and the memorized values are not affected even if the power is switched off. But the selected value is not memorized in case that a selected mode is changed to another one before time out or power is turned off before time out. Regarding the luminance, the luminance value can not be memorized while the variable volume register is selected. This function does not work while the power save mode. (1) SELECTION BY LED The selected functions can be indicated either LED or OSD (On Screen Display) by setting OSDSEL signal when the power switched on. OSDSEL = "H or OPEN" : LED OSDSEL = "L" : OSD Please see the example of LED circuit on P 11. Selection function Default (no-select condition) Luminance Contrast Horizontal display period CLK delay Vertical position Horizontal position Reserve (no-use) All reset Reserve (no-use) L H H H L L L L L L LED00 L L L L H H H L L L LED01 L L L L L L L H H H LED02 H L H H L H H L H H LED10 H H L H H L H H L H LED11 H H H L H H L H H L LED12 18 Data Sheet EN0417EJ1V0DS00 NL10276AC30-01A (2) SELECTION BY OSD The following pictures appear on the screen by pushing the SEL key. Adjust the each value in best position by pushing UP and DOWN key. 1) Brightness (Luminance) 2) Contrast www..com 3) Horizontal display period 4) CLK delay 5) Vertical display position 6) Horizontal display position 7) All reset Data Sheet EN0417EJ1V0DS00 19 NL10276AC30-01A (3) FLOW CHART OF CONTROL FUNCTIONS FOR SEL, UP, DOWN AND RESET Power ON/Power save cancel START (Stand-by mode) SEL VOLSEL =L Yes Brightness (Luminance) UP/ DOWN + Or - UP/ DOWN No www..com SEL RESET Initialize Time out Yes No Contrast SEL UP/ DOWN + Or - RESET Initialize Time out Yes No Horizontal display period SEL UP/ DOWN + Or - RESET Initialize Time out Yes No 20 Data Sheet EN0417EJ1V0DS00 NL10276AC30-01A CLK delay SEL UP/ DOWN + Or - RESET Initialize Time out No www..com Yes Vertical display position SEL UP/ DOWN + Or - RESET Initialize Time out Yes No Horizontal display position SEL UP/ DOWN + Or - RESET Initialize Time out Yes No Data Sheet EN0417EJ1V0DS00 21 NL10276AC30-01A All reset SEL RESET UP/ DOWN All Initialize Time out www..com Yes No Notes 1. The value of the selected signals by UP and DOWN key is continuously incremented if the input signal is held more than approx. one second. If it's less than one second, the value is incremented by one. 2. RESET signal initializes the value selected by SEL key. All reset function initializes all the values adjusted already. RESET signal should be held more than approx. two seconds. 3. No key input for more than five seconds shall be regarded "Time out". 22 Data Sheet EN0417EJ1V0DS00 NL10276AC30-01A OPTICAL CHARACTERISTICS (Ta = 25C, VDD = 12 V, VDDB = 12 V) Item Contrast ratio Symbol CR Condition Min. 100 Typ. 150 Max. - Unit - Remarks Note 1 = 2.2 viewing angle R = 0, L = 0, D = 0, White/Black, at center White, at center White Luminance Luminance uniformity Lvmax - 150 - 180 1.1 - 1.30 cd/m - 2 Note 2 Note 3 Reference data (Ta = 25C, VDD = 12 V, VDDB = 12 V) www..com Item Symbol C Condition Min. 35 Typ. 48 Max. - - - - - 80 80 - Unit % Remark - Color gamut R = 0, L = 0, U = 0, D = 0 at center, to NTSC CR > 10, U = 0, D = 0 Viewing angle range R L U D 70 70 85 85 85 85 44 47 30 - 100 deg. deg. deg. deg. ms - - - - Note 5 CR > 10, R = 0, L = 0 70 70 Response time ton toff Black to White (0 % 90%) White to Black (100 % 10%) Maximum luminance: 100% - - - Luminance control range - % - Notes 1. The contrast ratio is calculated using the following formula. Luminance with all pixels in "white" Luminance with all pixels in "black" Contrast ratio (CR) = 2. The luminance is measured after 20 minutes from the module works, with all pixels in "white". The typical value is measured after luminance saturation, more than one hour after burn-in. The timing is XGA standard mode, preset No. 9 50 cm Photo-detector 1 LCD module Data Sheet EN0417EJ1V0DS00 23 NL10276AC30-01A 3. Luminance uniformity is calculated using the following formula. Maximum luminance Minimum luminance Luminance uniformity = The luminance is measured at near the five points shown below. Column 171 512 853 1 www..com 2 128 Row 3 384 4 5 640 4. Definitions of viewing angle are as follows. Normal L U R 12 o'clock +y -x D -y +x 5. Definitions of response time is as follows. Photo-detector output signal is measured when the luminance changes "white" to "black" or "black" to "white". 100 % White 90 % Luminance Black 10 % 0% t on t off 24 Data Sheet EN0417EJ1V0DS00 NL10276AC30-01A RELIABILITY TEST Test item High temperature/humidity operation Test condition 50 2C, 85% relative humidity 240 hours, Display data is white. <1> 0C 3C *** 1 hour 55C 3C *** 1 hour <2> 50 cycles, 4 hours/cycle <3> Display data is white. <1> -20C 3C *** 30 minutes 60C 3C *** 30 minutes <2> 100 cycles <3> Temperature transition time is within 5 minutes. <1> 5-100 Hz, 2 G 1 minute/cycle, X, Y, Z direction <2> 50 times each direction <1> 55 G, 11 ms X, Y, Z direction <2> 3 times each direction 150 pF, 150 , 10 KV 9 places on a panel Note 3 10 times each place at one-second intervals Dust (operation) 15 kinds of dust (JIS Z 8901) Hourly 15 seconds stir, 8 times repeat Note 1 Note 1 Judgment Heat cycle (operation) Note 1 Thermal shock (non-operation) Note 1 www..com Vibration (non-operation) Notes 1, 2 Mechanical shock (non-operation) Notes 1, 2 ESD (operation) Note 1 Notes 1. Display function is checked by the same condition as LCD module out-going inspection. 2. Physical damage. 3. Discharge points are shown in the figure. Data Sheet EN0417EJ1V0DS00 25 NL10276AC30-01A GENERAL CAUTIONS Next figures and sentence are very important. Please understand these contents as follows. This figure is a mark that you will get hurt and/or the module will have damages when you make a mistake to operate. CAUTION This figure is a mark that you will get an electric shock when you make a mistake to operate. This figure is a mark that you will get hurt when you make a mistake to operate www..com CAUTION Do not touch an inverter, on which is stuck a caution label, while the LCD module is under the operation, because of dangerous high voltage. (1) Caution when taking out the module a) Pick the pouch only, in taking out module from a carrier box. (2) Cautions for handling the module a) As the electrostatic discharges may break the LCD module, handle the LCD module with care against electrostatic discharges. b) c) As the LCD panel and backlight element are made from fragile glass material, impulse and pressure to the LCD module should be avoided. As the surface of polarizer is very soft and easily scratched, use a soft dry cloth without chemicals for cleaning. d) Do not pull the interface connectors in or out while the LCD module is operating. e) Put the module display side down on a flat horizontal plane. f) Handle connectors and cables with care. LCD panel would be damaged. h) The torque to mounting screw should never exceed 0.392 N*m (4 kgf*cm). i) Don't push or rub the surface of LCD module please. If you do, the scratches or the marks like rubbing may left on the surface of the module. (3) Cautions for the atmosphere a) Dew drop atmosphere should be avoided. b) Do not store and/or operate the LCD module in a high temperature and/or high humidity atmosphere. Storage in an anti-static pouch and under the room temperature atmosphere is recommended. c) This module uses cold cathode fluorescent lamps. Therefore, the life of lamps becomes short if the module is operated under the low temperature environment. d) Do not operate the LCD module in a high magnetic field. (4) Caution for the module characteristics a) Do not apply the fixed pattern for a long time to the LCD module. It may cause image sticking. Please use the screen savers if the display pattern is fixed for a long time. b) This module has the retardation film which may cause the variation of the color hue in the different viewing angles. The ununiformity may appear on the screen under the high temperature operation. c) The light vertical stripe may be observed depending on the display pattern. This is not defects or malfunctions. g) When the module is operating, do not lose CLK, HS, or Vsync signal. If any one of these signals is lost, the 26 Data Sheet EN0417EJ1V0DS00 NL10276AC30-01A d) The noise from the inverter circuit may be observed in the luminance control mode. This is not defects or malfunctions. (5) Other cautions a) Do not disassemble and/or reassemble LCD module. b) Do not readjust any variable resistors or switches in the module. c) When returning the module for repair or etc., please pack the module properly to avoid any damages. We recommend using the original shipping packages. d) In case that the scan converter is used to convert VGA signal to NTSC, it is recommended using the framememory type, not the line-memory. Liquid Crystal Display has the following specific characteristics. There are not defects or malfunctions. www..com The optical characteristics of this module may be affected by the ambient temperature. This module has cold cathode tube for backlight. Optical characteristics, like luminance or uniformity, will be changed by the progress in time. Uneven brightness and/or small spots may be observed depending on different display patterns. Data Sheet EN0417EJ1V0DS00 27 www..com 10 0.3 2 4 2 304.128 (ACTIVE AREA) 2 170 0.7 6 0.3 6 0.3 2 OUTLINE DRAWINGS: FRONT VIEW (Unit: mm) ACTIVE AREA CENTER 2 2 5 0.3 197 204 0.3 228.096 (ACTIVE AREA) 212 0.3 DETAIL A 97.8 0.7 DETAIL B 8-R4.4 2 8 0.2 2 5 A A B 5 5 0.3 2 *THE TOLERANCE THAT IS NOT SHOW: 0.5 mm IN THE DRAWING *THE TORQUE TO MOUNTING SCREW SHOULD NEVER EXCEED 0.392 N * m (4 kg * cm) DETAIL B NL10276AC30-01A SEC B-B 0.4 0.2 0.4 0.2 DETAIL A SEC A-A +0.2 3.1 -0 3.1+0.2 -0 4.5 0.2 31 0.3 6 0.3 2 5.1 0.2 2 6 0.3 2 5 0.3 18.6 0.3 B 232.7 0.3 (BEZEL OPENING) Data Sheet EN0417EJ1V0DS00 265 0.6 28 350 0.6 340 0.3 308.8 0.3 (BEZEL OPENING) 5 0.2 4-2.7 0.3 15.6 0.3 24 (MAX) 4-3.4 0.3 4- 3.50.1 3 8.3 9 6 24 (MAX) 4.3 0.8 37 1 5.5 4 5 35.8 1 40.7 1 22 231 23.8 1 214 1 182 1 1 8 25 1 CN104 16 CN103 8.5 14.7 35.7 59 1 78 218 235 6.7 13.4 5.5 www..com OUTLINE DRAWING: REAR VIEW (Unit: mm) Data Sheet EN0417EJ1V0DS00 138 7.6 NL10276AC30-01A 29 DETAIL A 1.6 0.2 20 42 87.2 11.8 13.8 13.5 16 104 104 16 20 DETAIL A 232.5 139.8 1 130 76 20 5 7.5 27 1 62.8 R8 86.2 CN201 11 1 126.8 1 8.7 M3BR 135.7 61 1 8.7 31 1 1 9 1 2 14 1 R8 CN202 CN102 CN101 96.3 1 198.3 1 20.2 C 4 6.5 22 MAX 13.5 2.2 7.6 NL10276AC30-01A [MEMO] www..com 30 Data Sheet EN0417EJ1V0DS00 NL10276AC30-01A [MEMO] www..com Data Sheet EN0417EJ1V0DS00 31 NL10276AC30-01A www..com No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. NEC Corporation does not assume any liability for infringement of patents. Copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. While NEC Corporation has been making continuous effort to enhance the reliability of its Electronic components, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC electronic components, customers must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices is "Standard" unless otherwise specified in NEC's Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact an NEC sales representative in advance. Anti-radioactive design is not implemented in this product. DATA SHEET |
Price & Availability of NL10276AC30-01A |