Part Number Hot Search : 
TFS174C F11N60 BAT75 ERNET M1200 1045C UMIL70 00112
Product Description
Full Text Search
 

To Download MAPF-250128-150000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MAPF-250128-150000
Linear RF Power TMOS 150W, 30MHz 100V
Features * Designed for Industrial, Scientific, Medical applications * N-Channel enhancement mode MOSFET * Specified 100V, 30MHz and 128MHz, Class AB * Internally insulated Source terminals simplify heatsinking * High Voltage - Lower Current - Less Circuit Loss * Gold Metallization System for Reliability Characteristics Output Power = 150 Watts Power Gain = 20 dB (Typ, 30MHz), 15 dB (Typ, 128MHz) ABSOLUTE MAXIMUM RATINGS AT 25C
Parameter Symbol Rating Units
M/A-COM Products
Preliminary - Rev. 1108
Drain Source Voltage Gate Source Voltage Drain Current Total Power Dissipation Storage Temperature Junction Temperature
VDS VDS ID PD TSTG TJ
250 +/-40 8.0(tbd) 300 -65 to +150 200
V V A W C C
Case 211-11, Style 2
ELECTRICAL CHARACTERISTICS AT 25C
Parameter
Drain Source Breakdown Voltage Drain Source Leakage Current Gate Source Leakage Current Forward Transconductance Gate Source Threshold Voltage Drain Source On State Voltage Output Capacitance Feedback Capacitance Input Capacitance Thermal Resistance
Symbol
BVDSS IDSS IGSS GM Vgs(TH) VDS(ON) COSS CRSS CISS RTHjc ID = 100mA VDS = 100 V VGS = 10 V
Test Conditions
Min
250 3 2 -
Max
5 1 5 6.6 120 15 350 0.6
Units
V mA A S V V pF pF pF C/W
IDS =2.0 A, VDS =10 V, VDS = 10 V, ID = 100mA VGS=10V, IDS = 5 A VDS = 100 V, VGS=0V, f = 1 MHz VDS = 100 V, VGS=0V, f = 1 MHz VDS = 100 V, VGS=0V, f = 1 MHz VDS = 100 V, PDISS = 100W, Tj = 150 C
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for * North America Tel: 800.366.2266 / Fax: 978.366.2266 development. Performance is based on target specifications, simulated results, and/or prototype * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under developVisit www.macom.com for additional data sheets and product information. ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or volume is not guaranteed.
information contained herein without notice.
MAPF-250128-150000
Linear RF Power TMOS 150W, 30MHz 100V
RF Electrical Characteristics at 25C*
Parameter
Power Gain
M/A-COM Products
Preliminary - Rev. 1108
Symbol
GP
Test Conditions
Pout = 150 W (PEP) Pout = 150 W, F = 128 MHz CW Pout = 150 W (PEP) Pout = 150 W, F = 128 MHz CW Pout =150 W (PEP), Pout = 150 W (PEP), VSWR 5:1, 360
Minimum
19 14 40 50
Maximum
Units
dB dB % %
Drain Efficiency Intermodulation Electrical Ruggedness
IM3
-30 No degradation
dBc
P1DB
CW Output Power at P1dB
VDD=100 V, F= 30 MHz , IDQ = 160mA VDD=100 V, F=128 MHz , IDQ = 160mA
150 150
Watts Watts
* Test conditions unless otherwise specified: VDD = 100V, IDQ = 160 mA, F1 = 30MHz, F2 = F1 +0.001MHz Large Signal Impedance VDD = 100V; IDQ = 160mA; POUT = 150W (PEP), 30MHz; POUT = 150W (P1dB), 128MHz
F (MHz) Z IN () Z L(opt) ()
30 128
5.09-j0.84 1.90+j2.71
17.71+j14.21 3.04+j7.08
ZIN = Complex conjugate of source impedance Z L(OPT) =Load impedance for optimum output power and IMD at specified voltage, quiescent current and efficiency.
30MHz Test Circuit
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for * North America Tel: 800.366.2266 / Fax: 978.366.2266 development. Performance is based on target specifications, simulated results, and/or prototype * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under developVisit www.macom.com for additional data sheets and product information. ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or volume is not guaranteed.
information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MAPF-250128-150000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X