Part Number Hot Search : 
VV80R1L 20E181K MSC82100 C5030F0 3V16X25 LP101 FN3607 10S24
Product Description
Full Text Search
 

To Download M13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
RECTIFIER SPECIALISTS
M13 THRU M20
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON RECTIFIER
VOLTAGE RANGE 1300 to 2000 Volts CURRENT 1.0 Ampere
FEATURES
* ldeal for surface mounted applications * Low leakage current
SMA(DO-214AC)
MECHANICAL DATA
* Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant *Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 * Polarity: As marked * Mounting position: Any * Weight: 0.064 gram
.062(1.60) .055(1.40) .181(4.60) .157(4.00)
.114(2.90) .098(2.50)
.096(2.44) .078(2.00) .060(1.52) .030(0.76) .208(5.28) .188(4.80)
.012(0.305) .006(0.152) .008(0.203) .002(0.051)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Dimensions in inches and (millimeters)
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TA = 75o C Peak Forward Surge Current IFM(surge): 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Forward Voltage at 1.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage Maximum Reverse Recovery Time (Note 3) Typical Thermal Resistance (Note 2) Typical Junction Capacitance (Note 1) Operating and Storage Temperature Range @TA = 25 o C @TA = 125 o C VRRM VRMS VDC IO IFSM VF IR trr RJL CJ TJ, TSTG
M13 1300 910 1300
M16 1600 1120 1600 1.0 30 1.1 5.0 50 2.5 30 15 -65 to + 175
M20 2000 1400 2000
UNITS Volts Volts Volts Amps Amps Volts uAmps uSec
0
C/ W pF
0
C
NOTES : 1. Measured at 1.0 MHz and applied reverse voltage of 4.0VDC 2. Thermal Resistance (Junction to Ambient), .24in2 (6.0mm 2 ) copper pads to each terminal. 3. Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A.
RATING AND CHARACTERISTIC CURVES (M13 thru M20)
DC COMPONENTS CO., LTD.
R


▲Up To Search▲   

 
Price & Availability of M13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X