Part Number Hot Search : 
1N80C MB100 D1300 4585B 28151E3 XXXSE 23CS8 AP150
Product Description
Full Text Search
 

To Download LJ64HM01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 New Product
LJ64HM01
Features
n n n 37 cm [14.4"] display "Message EL" suitable for public information display High luminance : 220 cd/m2
EL Display Module
Specifications
Parameter
Display size Dot format (H x V) Dot pitch (H x V) Active area (H x V) Luminance Supply voltage Power consumption
*1...Areal luminance *2...Including DC/DC converter *3...10 minutes
Unit
37 [14.4] 640 x 128 0.56 x 0.56 358.3 x 71.6 220*1 5, 12 14 cm [ "] dot mm mm cd/m2 V W
Parameter
Outline dimensions (W x H x D) 400.0 x 107.0 x 20.0*2 Weight 780*2 Baseplate structure YES Detachable DC/DC converter Operating temperature -20 to +65 Storage temperature -40 to +85 Survival temperature -25 to + 85*3
Unit
mm g C C C
Outline Dimensions
unit : mm
400 379 358.3 Max20
10.4
2.5
71.6
ACTIVE AREA
107
15.4
0
14
10
100


▲Up To Search▲   

 
Price & Availability of LJ64HM01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X