Part Number Hot Search : 
MAX11 LRB2400X SP8K24 MD7530 ACT244 BT070 MT91L62 TMH0505S
Product Description
Full Text Search
 

To Download ILC-0402 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ILC-0402
Vishay Dale
Surface Mount, Multi Layer High Frequency Ceramic Inductor
FEATURES
* High reliability. * Surface mountable. * Reflow or wave solderable. * Tape and reel packaging per EIA specifications: 4000 pieces on 7" reel.
MECHANICAL SPECIFICATIONS
Solderability: 90% coverage after 5 second dip in 235C solder following 60 second preheat at 120C and type R flux dip. Resistance to Solder Heat: 10 seconds in 260C solder, after preheat and flux above. Termination: 100% tin. Terminal Strength: 0.2kg (0.44 pounds) for 30 seconds. Beam Strength: 0.2kg (0.44 pounds).
Flex: 0.0788" [2.0mm] minimum mounted on 0.063" [1.6mm] thick PC board.
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature: - 55C to + 125C. Thermal Shock: 100 cycles, - 40C to + 85C. Humidity: + 40C, 85% RH, 1000 hours at full rated current. Load Life: 85C for 1000 hours full rated current.
STANDARD ELECTRICAL SPECIFICATIONS
INDUCTANCE (nH) 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 TEST DCR RATED Q (TYPICAL) SRF (MHz) Q FREQUENCY MAX. CURRENT TOL. (MIN.) L + Q (MHz) 100MHz 300MHz 500MHz 800MHz 1000MHz 1800MHz MIN TYP (OHMS) (mA) 0.3nH 8 100 11 20 26 34 39 30 10000 13000 0.12 300 0.3nH 8 100 11 20 26 34 39 30 10000 13000 0.12 300 0.3nH 8 100 11 20 26 34 39 30 6000 13000 0.13 300 0.3nH 8 100 11 18 24 30 35 30 6000 11000 0.14 300 0.3nH 8 100 10 17 24 29 35 30 6000 10000 0.16 300 0.3nH 8 100 10 17 23 29 34 30 6000 9000 0.17 300 0.3nH 8 100 10 17 23 28 34 30 6000 8000 0.19 300 0.3nH 8 100 10 17 23 28 33 30 4000 7000 0.22 300 0.3nH 8 100 10 17 23 28 33 30 4000 6000 0.24 300 0.3nH 8 100 10 17 22 28 33 30 4000 5700 0.27 300 10%, 5% 8 100 10 16 22 27 33 30 3900 5500 0.32 250 10%, 5% 8 100 10 17 22 28 32 30 3600 4900 0.37 250 10%, 5% 8 100 10 17 22 30 32 28 3200 4300 0.42 250 10%, 5% 8 100 11 18 24 31 34 28 2700 3900 0.50 250 10%, 5% 8 100 11 18 24 30 33 27 2300 3500 0.55 250 10%, 5% 8 100 11 18 24 30 32 20 2100 3100 0.65 200 10%, 5% 8 100 11 18 24 30 31 13 1900 2800 0.80 200 10%, 5% 8 100 11 18 23 27 29 10 1600 2300 0.90 200 10%, 5% 8 100 11 18 22 25 25 1300 1900 1.00 200 10%, 5% 8 100 11 18 22 24 23 1200 1700 1.20 150 10%, 5% 8 100 11 18 21 23 21 1000 1500 1.30 150 10%, 5% 8 100 11 18 20 21 19 750 1300 1.40 150 10%, 5% 8 100 11 17 19 19 16 750 1200 1.40 150 10%, 5% 8 100 10 17 19 16 10 600 1100 1.60 100 10%, 5% 8 100 10 16 18 10 600 1000 1.60 100
DIMENSIONS in inches [millimeters]
Ceramic Body 0.02 0.004 [0.5 0.1] 0.01 0.004 [0.25 0.1] 0.04 0.004 [1.0 0.1] 0.02 0.004 [0.5 0.1]
DESCRIPTION
ILC-0402 MODEL
10nH INDUCTANCE
10%
TOLERANCE
SAP PART NUMBERING GUIDELINES (INTERNAL)
I L C 0 4
SIZE
0
2
R
K
1
0
N
K
TOL.
PRODUCT FAMILY See the end of this data book for conversion tables
PACKAGE CODE
INDUCTANCE VALUE
www.vishay.com 46
For technical questions, contact Magnetics@vishay.com
Document Number 34120 Revision 27-Aug-02


▲Up To Search▲   

 
Price & Availability of ILC-0402

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X