Part Number Hot Search : 
SEF206A R1060 C2500 XFATM RTH010 80C453 L438T73U LBS20801
Product Description
Full Text Search
 

To Download HG4119012-1H8-1S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Automotive Miniature PCB Power Relay
HG4119
FEATURES 30 to 45A continuous current capacity Available with two footprints Available with open, dust cover and sealed version Automotive-oriented design TYPICAL AUTOMOTIVE APPLICATIONS Inertia valve control Flasher Automatic mirror adjustment Interval wiper control Fuel pump control Sliding roof control Ventilation motor Hazard light Alarm system Heater control Safety belt warning system Rear window heating CONTACT DATA
Form Max. Switching Current Material Initial Contact Resistance Max. Switching Voltage Max. Continuous Current Min. Load Service Life Mechancial Electrical Nominal Voltage ( VDC) 6 12 24 Make Break 1 Form A (1H) 100A (S: 180A) 60A
Air conditioning Central door lock ABS Belt tension adjustment Power window Seat positioning
1 Form B (1D)
45A
1 Form C (1Z) NO NC 100A 30A 30A (S: 180A) 30A 60A 30A AgNi0.15, AgSnOInO 100 m max. at 0.1A, 6VDC See curve, current dependent 30A 30A 45A 0.5A, 12VDC 107 ops. 2 x 105 ops, see Note 4
COIL DATA
Coil Voltage Code 006 012 024 Resistance () 10% 19 90 362 Must Operate Voltage max. ( VDC) 3.3 6.8 13.9 Allowable Voltage ( VDC) 8.9 19.3 38.7 Must Release Voltage min. ( VDC) 0.6 1.2 2.4
CHARACTERISTICS
Operate Time Release Time Insulation Resistance Dielectric Strength Shock Resistance Vibration Resistance Drop Resistance Power Consumption Ambient Temperature Weight
5 ms. typical 3 ms. typical 100 M, at 500 VDC, 50%RH 500 Vrms, 1 min. 20 g, 11 ms. DA 1.5mm, 20 - 200 Hz, functional 1 M height drop on concrete in final enclosure 1.5W, approx. -40C to 125C operating; -40C to 155C storage Open: 18 g; Covered: 23 g, approx. A
ORDERING DESIGNATION
Example: HG4119 / 012 1H 11 -1 Model Coil Voltage Code Contact Form 1H: 1 Form A ; 1D: 1 Form B ; 1Z: 1 Form C Footprint 8: US; 11: European Version Nil: Open; 1: Sealed; 2: Dust Cover Contact Material Nil: AgNi10; A: AgNi0.15; C: AgCdO; S: AgSnOInO For Sealed or Dust Cover US Footprint Nil: New Standard (with 1 common pin less); D: Old Style (Discontinued for New Designs)
REFERENCE CURVES
HG4119 0203
1/2
OVERALL DIMENSIONS, MOUNTING HOLES AND WIRING DIAGRAMS
Overall Dimensions (11)
(mm)
HG4119
(11)
(8)
(New Standard)
(8)
(Old Style)
(8)
Mounting Holes (Bottem View) (11) (11)
(8)
(New Standard)
(8)
(Old Style)
(8)
Wiring Diagrams (Bottom View) European Open & Covered and US Open & (Old Style) Covered US (New Standard) Covered
NOTES
1. 2. 3. 4.
5. 6.
All parameters, unless otherwise specified, are measured at ambient temperature 23C. Maximum make current refers to inrush current of lamp load. At ambient temperature of 85C, maximum allowable voltage should be reduced to 72%. Electrical life obtained at resistive or inductive load at 40A, 15VDC with suitable arc-suppression circuit attached with operating frequency of 1 ops/sec. Custom-made services available with operational quantity. Please let us know your special requirements. Specifications subject to change without prior notice. Tel: +44 (0) 1342-835234 Fax: +44 (0) 1342-834306 http://www.willow.co.uk email: sales@willow.co.uk HG4119 0203 2/2
Willow Technologies Limited Shawlands Court Newchapel Rd, Lingfield Surrey, England RH7 6BL


▲Up To Search▲   

 
Price & Availability of HG4119012-1H8-1S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X