Part Number Hot Search : 
GDZJ11 SAA56XX Z0109 F71872FG MAA02012 1N6302 2SK30 24SR12
Product Description
Full Text Search
 

To Download DXTA13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
DXTA13
DISCRETE SEMICONDUCTORS
TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
Description
Designed for applications requiring extremely high current gain.
SOT-89
Pinning
1 = Base 2 = Collector 3 = Emitter
.066(1.70) .059(1.50)
.063(1.60) .055(1.40)
Absolute Maximum Ratings(TA=25oC)
Characteristic Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Total Power Dissipation Junction Temperature Storage Temperature Symbol VCBO VCES VEBO IC PD TJ TSTG Rating 30 30 10 300 1 +150 -55 to +150 Unit V V V mA W
o o
.167(4.25) .159(4.05) 1 2 3
.102(2.60) .095(2.40)
.020(0.51) .014(0.36)
.060(1.52) .058(1.48) .120(3.04) .117(2.96) .181(4.60) .173(4.40)
.016(0.41) .014(0.35)
C
Dimensions in inches and (millimeters)
C
Electrical Characteristics o
Characteristic
(Ratings at 25 C ambient temperature unless otherwise specified)
Symbol BVCBO BVCES BVEBO ICBO IEBO VCE(sat) VBE(on) hFE1 hFE2 fT 380s, Duty Cycle 2%
Min 30 30 10 5K 10K 125
Typ -
Max 100 100 1.5 2 -
Unit V V V nA nA V V MHz
Test Conditions IC=100A, IE=0 IC=100A, IB=0 IE=10A, IC=0 VCB=30V, IE=0 VEB=10V, IC=0 IC=100mA, IB=0.1mA IC=100mA, VCE=5V IC=10mA, VCE=5V IC=100mA, VCE=5V VCE=5V, f=100MHz, IC=10mA
Collector-Base Breakdown Volatge Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Volatge Collector Cutoff Current Emitter Cutoff Current Collector-Emitter Saturation Voltage(1) Base-Emitter On Voltage(1) DC Current Gain(1) Transition Frequency (1)Pulse Test: Pulse Width


▲Up To Search▲   

 
Price & Availability of DXTA13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X