Part Number Hot Search : 
IRF7494 H83397 DTA14 MC33977 101MP PE4188 414EH UG14C
Product Description
Full Text Search
 

To Download DSSK80-006B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advanced Technical Data
DSSK 80-006B IFAV = 2x40 A VRRM = 60 V VF = 0.51 V
Power Schottky Rectifier
with common cathode
VRSM V 60
VRRM V 60
Type
A
C
A
TO-247 AD
DSSK 80-006B
A C A
C (TAB)
A = Anode, C = Cathode , TAB = Cathode
Symbol IFRMS IFAV IFAV IFSM EAS IAR (dv/dt)cr TVJ TVJM Tstg Ptot Md Weight
Conditions TC = 120C; rectangular, d = 0.5 TC = 120C; rectangular, d = 0.5; per device TVJ = 45C; tp = 10 ms (50 Hz), sine IAS = tbd A; L = 180 H; TVJ = 25C; non repetitive VA = 1.5 * VRRM typ.; f = 10 kHz; repetitive
Maximum Ratings 70 40 80 600 tbd tbd tbd -55...+150 150 -55...+150 A A A A mJ A V/s C C C W Nm g
Features * International standard package * Very low VF * Extremely low switching losses * Low IRM-values * Epoxy meets UL 94V-0
Applications * Rectifiers in switch mode power supplies (SMPS) * Free wheeling diode in low voltage converters
TC = 25C mounting torque typical
155 0.8...1.2 6
Advantages * High reliability circuit operation * Low voltage peaks for reduced protection circuits * Low noise switching * Low losses
Dimensions see Outlines.pdf Symbol IR VF Conditions TVJ = 25C VR = VRRM TVJ = 100C VR = VRRM IF = 40 A; IF = 40 A; IF = 80 A; TVJ = 125C TVJ = 25C TVJ = 125C 0.25 Characteristic Values typ. max. 40 200 0.51 0.55 0.74 0.8 mA mA V V V K/W K/W
RthJC RthCH
Pulse test: Pulse Width = 5 ms, Duty Cycle < 2.0 % Data according to IEC 60747 and per diode unless otherwise specified IXYS reserves the right to change limits, Conditions and dimensions.
232
(c) 2002 IXYS All rights reserved
1-1


▲Up To Search▲   

 
Price & Availability of DSSK80-006B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X