Part Number Hot Search : 
607044 70R600P DC60D60 14A22 AOZ8206 ISL3155E PIC33FJ 1604CS
Product Description
Full Text Search
 

To Download D355B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet D355B Electroluminescent Lamp Driver IC General Description
The Durel(R)D355B is part of a family of highly integrated EL drivers based on Durel's patented three-port (3P) topology, which offers built-in EMI shielding. This high efficiency device is well suited for backlighting most timepieces and liquid crystal displays for portable electronic applications.
D
5 35
B
MSOP-8
Features
*
* * * * High Efficiency Low Voltage Operation Small System Footprint Controlled Current Discharge for Low EMI Capacitor or External Clock LF Control * * * *
Applications
Watches Data Organizers/PDAs Pagers LCD and Keypad Backlighting
Lamp Driver Specifications
Parameter
Standby Current Supply Current Enable Current Output Voltage Lamp Frequency Inductor Frequency
(Using Standard Test Circuit at Ta=25 C unless otherwise specified.)
Symbol
I Vout LF HF
Minimum
Typical
10 23 -10 145 310 23
Maximum
1000 30 -35 220 390
Unit
nA mA A Vpp Hz kHz
Conditions
E' = 3.0V E' = GND E' = GND E' = GND CLF = 5.0nF
110 230
Standard Test Circuit
1 GND 2 L1.8mH (3 Ohms)
E' 8 CLF2 7
E'
ON GND
OFF 3.0V
5.0nF
3 VOUT 4 L+
D355B
CLF1 6 V+ 5
0.1F 3.0 Vdc
Load B
1
Load B*
47 nF 100 10k 22 nF
Typical Output Waveform
* Load B approximates a 5in2 EL lamp.
Absolute Maximum Ratings
Parameter Supply voltage Operating range Withstand range Enable Voltage Output Voltage CLF Voltage Operating temperature Storage temperature Symbol V+ E' Vout VCLF Ta Ts Minimum 1.0 -0.5 -0.5 0 -40 -65 Maximum 7.0 10.0 (V+) +0.5 220 (V+)+0.3 85 150 Unit V V Vpp V C C Comments E' = GND E' = V+ Peak to peak voltage External clock input
Note: The above are stress ratings only. Functional operation of the device at these ratings or any other above those indicated in the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability.
Physical Data
PIN # NAME FUNCTION
System ground connection Negative input to inductor High voltage AC output to lamp Positive input to inductor DC power supply input Lamp frequency capacitor/clock input Lamp frequency capacitor/clock input System enable; Power Down Control
1 2 3 4
8 7 6 5
1 2 3 4 5 6 7 8
GND LVout L+ V+ CLF1 CLF2 E'
Note: Please consult factory for bare die physical data and bond pad locations
2
Typical Performance Characteristics Using Standard Test Circuit
450 400 350 300 250 200 150 100 50 0 1 2 3 4 5 6 7 DC Input Voltage
450 400 350 300 250 200 150 100 50 0 -40 -20 0 20 40
o
60
80
Temperature ( C)
Output Frequency vs. DC Supply Voltage
240 200 160 120 80 40 0 1 2 3 4 5 6 7 DC Input Voltage
Output Frequency vs. Ambient Temperature
240 200 160 120 80 40 0 -40 -20 0 20 40 60 80 Temperature ( oC)
Output Voltage vs. DC Supply Voltage
Output Voltage vs. Ambient Temperature
50 40 30 20 10 0
50 40 30 20 10 0 1 2 3 4 5 6 7 DC Input Voltage
-40
-20
0
20
40
o
60
80
Temperature ( C)
Supply Current vs. DC Supply Voltage
Supply Current vs. Ambient Temperature
3
Block Diagram of the Driver Circuitry
1.0 F
E'
V+
L+
CLF1 CLF2
Low Frequency Oscillator
High Frequency Oscillator
L-
VOUT
GND
EL Lamp
Theory of Operation
Electroluminescent (EL) lamps are essentially capacitors with one transparent electrode and a special phosphor material in the dielectric. When a strong AC voltage is applied across the EL lamp electrodes, the phosphor glows. The required AC voltage is typically not present in most systems and must be generated from a low voltage DC source. Thus, Durel developed its patented Three-Port (3P) switch-mode inverter circuit to convert the available DC supply to an optimal drive signal for high brightness and low-noise EL lamp applications. The Durel 3P topology offers the simplicity of a single DC input, single AC output, and a shared common ground that provides an integrated EMI shielding. The D355B drives the EL lamp by repeatedly pumping charge through an external inductor with current from a DC source and discharging into the capacitance of the EL lamp load. With each high frequency (HF) cycle the voltage on the lamp is increased. At a period specified by the lamp frequency (LF) oscillator, the voltage on the lamp is discharged to ground and the polarity of the inductive charging is reversed. By this means, an alternating positive and negative voltage is developed at the single output lead of the device to one of the electrodes of the EL lamp. The other lamp electrode is commonly connected to a ground plane, which can then be considered as electrical shielding for any underlying circuitry on the application. The EL driving system is divided into several parts: on-chip logic and control, on-chip high voltage output circuitry, discharge logic circuitry, and off-chip components. The on-chip logic controls the output frequency (LF), as well as the inductor switching frequency (HF), and HF and LF duty cycles. These signals are combined and buffered to regulate the high voltage output circuitry. The output circuitry handles the power through the inductor and delivers the high voltage to the lamp. The selection of off-chip components provides a degree of flexibility to accommodate various lamp sizes, system voltages, and brightness levels. Since a key objective for EL driver systems is to save space and cost, required off-chip components were kept to a minimum. Durel provides a D355B Designer's Kit, which includes a printed circuit evaluation board intended to aid you in developing an EL lamp driver configuration using the D355B that meets your requirements. A section on designing with the D355B is included in this datasheet to serve as a guide to help you select the appropriate external components to complete your D355B EL driver system. Typical D355B configurations for driving EL lamps in various applications are shown on the following page. The expected system outputs, such as lamp luminance, lamp output frequency and voltage and average supply current draw, for the various sample configurations are also shown with each respective figure.
4
Typical D355B EL Driver Configurations
1.5V Analog Watch Typical Output
Luminance = 3.5 fL (12 cd/m2) Lamp Frequency = 220 Hz Supply Current = 10 mA Vout = 178 Vpp Load = 1 in2 Durel (R)3 Green EL
2.2 mH Sumida CLS62-222
OFF 1.5V
1 GND 2 L3 VOUT 4 L+
D355
E' 8 CLF2 7
ON GND
6.8 nF
CLF1 6 V+ 5
1.0 F 1.5 V
1 in2 EL Lamp
3.0V Handset LCD or Digital Watch
1M
Typical Output
Luminance = 8.6 fL (29.5 cd/m2) Lamp Frequency = 475 Hz Supply Current = 14 mA Vout = 208 Vpp Load = 1 in2 Durel (R)3 Green EL
4.7 mH Coilcraft DS1608BL-475
1 GND 2 L3 VOUT 4 L+
D355
E' 8 CLF2 7 CLF1 6 V+ 5
1.0F
1M MMBTA06 E
3.3 nF
OFF GND
ON 3.0V
3.0 V
1 in2 EL Lamp
5.0V PDA
1 GND E' 8 CLF2 7 CLF1 6
D355
OFF ON 5.0V GND
Typical Output
Luminance = 7.7 fL (26.4 cd/m2) Lamp Frequency = 360 Hz Supply Current = 19 mA Vout = 220 Vpp Load = 4 in2 Durel (R)3 Green EL
5.0 mH Hitachi Metals MD735L-502A
2 L3 VOUT 4 L+
4.7 nF
V+ 5
1.0F
5.0 V
4 in2 EL Lamp
5
Designing With D355B I. Lamp Frequency Capacitor (CLF) Selection
Selecting the appropriate value of capacitor for the low frequency oscillator (CLF) will set the output frequency of the D355 inverter. Figure 1 graphically represents the inversely proportional relationship between the CLF capacitor value and the oscillator frequency. In this example at V+=3.0V, LF = 1600 nF-Hz/CLF.
900 800 700 600 500 400 300 200 100 0 0 1 2 3 4 5 6 CLF (nF) 7 8 9 10
Figure 1: Typical Lamp Frequency vs. CLF Capacitor Alternatively, the lamp frequency may also be controlled with an external clock signal with a 50% duty cycle. The output lamp frequency will be the same frequency as the input clock signal. For example, if a 250Hz input clock signal is used, the resulting lamp frequency will be 250Hz. The clock signal input voltage should not exceed V+. The selection of the CLF value can also affect the brightness of the EL lamp because of its control of the lamp frequency (LF). Although input voltage and lamp size can change EL lamp frequency as well, LF mainly depends on the CLF value selected or the frequency of the input clock signal to CLF. The luminance of various sizes of Durel 3 Blue-green EL lamp driven by a D355B at V+ = 3.0V using the same inductor value is shown in Figure 2 with respect to lamp frequency. 8 7 6 2 2in EL Lamp 5 2 4 4in EL Lamp 3 2 6in EL Lamp 2 1 0
0 200 400 600 800 1000
Lamp Frequency (Hz)
Figure 2: Typical Lamp Luminance vs. Lamp Frequency
6
II. Inductor (L) Selection
The external inductor (L) selection for a D355B circuit greatly affects the output capability and current draw of the driver. A careful designer will balance current draw considerations with output performance in the choice of an ideal inductor for a particular application. Figures 3, 4, and 5 show typical brightness and current draw of a D355B circuit with different inductor values, lamp sizes, and supply voltages while keeping the LF constant. Please note that the DC resistance (DCR) of inductors with the same nominal inductance value may vary with manufacturer and inductor type. Thus, inductors made by a different manufacturer may yield different outputs, but the trend of the different curves should be similar. Lamp luminance is also a function of lamp size. In each example, a larger lamp will have less luminance with approximately the same current draw.
12
48
Lamp Luminance (fL)
12 10 8 6 4 2 0 0 1 2 3 Inductor (m H) 4 5
48 40
Current (mA)
Lamp Luminance (fL)
10 8 6 4 2 0 0 1 2
Brightness Current
40 32 24 16 8 0
Current (mA)
32 24 16 Brightness Current 8 0
3
4
5
Inductor (mH)
Figure 3: V+ = 1.5V, 1 in2 EL Lamp
Figure 4: V+ = 3.0V, 1 in2 EL Lamp
12
48
Brightness Current
Lamp Luminance (fL)
10 8 6 4 2 0 0 2 4
40 32 24 16 8 0
Current (mA)
6
8
10
Inductor (mH)
Figure 5: V+ = 5.0V, 4 in2 EL Lamp
7
D355B Design Ideas I. Driving Multi-Segment Lamps
The D355B may be used to drive two or more EL lamps or EL lamp areas independently. An external switching circuit can be used to turn each lamp segment on or off. A high signal at the E input for the corresponding EL lamp will power the segment when the IC is enabled. In this example, Segment 1 is always on when the Durel D355B is enabled. Otherwise, always make sure that at least one segment is switched on when the driver IC is activated.
OFF
1 GND 2 LL
E' 8 CLF2 7
ON
CLF
3 VOUT 4 L+
D355
CLF1 6 V+ 5
1.0F Vbat
EL Lamp Segment 1
ON E2 OFF 2.2K MMBT5401LT1 1K 100 nF
EL Lamp Segment 2
BAS21LT1 BAS21LT1 MMBT5551LT1 MMBT5401LT1 1K
EL Lamp Segment 3
ON E3 OFF 2.2K 4.7K MMBT5551LT1 BAS21LT1
BAS21LT1
4.7K
100 nF
II. Enabling the D355B with a High Logic Signal
A low logic signal at the E' pin will enable the D355B. Adding a transistor and two resistors will allow the D355B to be enabled with a high voltage signal.
Vbat 1M
1 GND 2 LL
E' 8
1M
ON
CLF2 7 CLF1 6 V+ 5
D355 1.0F EL Lamp Vbat CLF
E
OFF
3
VOUT
4 L+
8
III. Two-Level Dimming
Toggle switching between two different EL lamp brightness levels may be achieved with the following circuit. When DIM is low, the external pnp transistor is saturated and the EL lamp runs at full brightness. When DIM is high, the external pnp turns off and the 47 resistor reduces the voltage at (V+) and dims the EL lamp.
OFF ON
1 GND 2 LL
E' 8 CLF2 7 CLF1 6
E'
DIM
High B
Low B
CLF
1k
3 VOUT 4 L+
D355
2N3906
V+ 5
47 1.0F Vbat
EL Lamp
IV. Lamp Frequency Control with an External Clock Signal
An external clock signal with a 50% duty cycle may be used to control the EL lamp frequency (LF). This technique allows the designer flexibility to synchronize the El driver IC with other elements in the application. The output lamp frequency will be the same frequency as the input clock signal. For example, if a 250Hz input clock signal is used, the resulting lamp frequency will be 250Hz. The clock signal voltage should not exceed V+.
1 GND 2 LL
E' 8 CLF2 7 CLF1 6
D355
OFF ON
3 VOUT 4 L+
Lamp Frequency CLK 1.0V Min 150k 0.2V Max
V+ 5
1.0F Vbat
EL Lamp
9
V. Automatic Turn-Off After Short Time Delay
It is sometimes desirable for the EL lamp to turn off automatically after a few seconds of operation. Typically, a mechanical switch pulls E' low to initially turn on the device. When the switch is released, Cdelay keeps the D355B operating for a short period before turning off. The following table shows typical delay ontimes. Cdelay (F) 5 7 10 15 20 1.5V 2.4 s 3.3 s 5.1 s 7.2 s 9.9 s Vbat 3.0V 4.0 s 5.5 s 8.6 s 12.7 s 17.2 s 5.0V 6.0 s 7.8 s 12.5 s 19.3 s 27.0 s
1 GND 2 LL
E' 8 CLF2 7
CLF Cdelay 1M
3 VOUT 4 L+
D355
CLF1 6 V+ 5
1.0F Vbat
EL Lamp
VI. Automatic Turn-Off After Long Time Delay
Longer on-times can be achieved with the addition of an external transistor. Typically, a mechanical switch pulls E' low to initially turn on the device. When the switch is released, Cdelay keeps the D355B operating for a period before turning off. The following table shows typical delay on-times using the following circuit with smaller capacitor values. Vbat 1.5V 3.0V 5.0V Cdelay (F) 1 9.5 s 13.0 s 15.6 s 2 17.8 s 24.0 s 29.0 s 3 26.5 s 36.0 s 42.0 s
Vbat
470k
1 2
L
GND LVOUT L+
D355
E' 8 CLF2 7 CLF1 6 V+ 5
1.0F
3.3M 2N3904 CLF Cdelay
3 4
EL Lamp
Vbat
10
VII. High EL Brightness Through Supply Voltage Doubling (Option 1)
Maximum brightness from a D355 is achieved at relatively high supply voltages (>3.0V). An external voltage boost circuit may be used to increase the voltage supplied to the D355. In the following circuit, the National Semiconductor LM2665 is used to double the voltage supplied to the D355. This can produce about twice the brightness of the D355 alone. NOTE: It is important not to exceed the maximum ratings of either device in this circuit.
3.3F
Vbat
1 VBAT CAP+ 6 2 GND OUT 5
Vbat
1N914
3 CAPLM2665
SD 4 E' 8 CLF2 7
ON
OFF
1 GND 2 LL
CLF
3 VOUT 4 L+
D355
CLF1 6 V+ 5
3.3F
EL Lamp
VIII. High EL Brightness Through Supply Voltage Doubling (Option 2)
In many cases, a resistor may replace the diode in the previous circuit. The diode is used by the LM2665 during startup (see LM2665 datasheet). The circuit below ensures that the LM2665 starts properly before the D355 is turned on. NOTE: It is important not to exceed the maximum ratings of either device in this circuit.
3.3F Vbat
1 VBAT CAP+ 6 2 GND OUT 5
Vbat
270K
3 CAP1 GND 2 LL
LM2665
SD 4
ON
OFF
E' 8 CLF2 7
Vbat
CLF
3 VOUT 4 L+
D355
CLF1 6 V+ 5
3.3F
EL Lamp
11
IX. High EL Brightness Through Supply Voltage Doubling (Option 3)
In the following circuit, the Analog Devices ADM8828 produces a negative Vbat voltage. This voltage may be connected to the GND pin on the D355 to double the differential voltage supplied to the D355. This can produce about twice the brightness of the D355 alone. *NOTE: It is important not to exceed the maximum ratings of either device in this circuit.
1.0F
1 OUT CAP+ 6
Vbat
2 IN 3 CAP1 2 GND LVOUT L+
SHDN 5
ADM8828
OFF ON
GND 4 E' CLF2 CLF1 V+ 8 7
CLF L
3 4
6 5
1.0F Vbat
D355
EL Lamp
X. EL Lamp Brightness Regulation
Regulating the DC supply input voltage to the D355 will result in a constant brightness level from the EL lamp, regardless of battery voltage. In this example, a Micrel voltage regulator is used.
1 GND OUT 4
E
ON
2E
MIC5203
IN 3
Vbat
OFF
1 GND 2 LL
E' 8 CLF2 7
CLF
3 VOUT 4 L+
D355
CLF1 6 V+ 5
1.0F
EL Lamp
12
XI. High EL Brightness with Parallel D355 Drivers (Option 1)
Two or more D355 EL drivers may be operated in parallel to increase the brightness of the EL lamp by 50100%. In this circuit, an external clock signal with a 50% duty cycle is needed to synchronously drive both D355 ICs. The clock signal voltage should not exceed V+.
1 GND 2 LL
E' 8
ON
OFF
CLF2 7 CLF1 6
D355 150k
3 VOUT 4 L+
V+ 5
Lamp Frequency CLK 1.0V Min
1 GND 2 LL
E' 8 CLF2 7 CLF1 6
D355 150k
0.2V Max
3 VOUT 4 L+
V+ 5
1.0F Vbat
EL Lamp
XII. High EL Brightness with Parallel D355 Drivers (Option 2)
Two or more D355 EL drivers may be operated in parallel to increase the brightness of the EL lamp by 50100%. In this circuit, two D355 ICs are operating synchronously using their internal oscillators. The lamp frequency is controlled by a shared CLF capacitor.
1 GND 2 LL
E' 8 CLF2 7 CLF1 6
D355
OFF ON
3 VOUT 4 L+
V+ 5
1 GND 2 LL
E' 8 CLF2 7 CLF1 6
D355 CLF
3 VOUT 4 L+
V+ 5
1.0F Vbat
100
100
EL Lamp
13
Ordering Information:
The D355B IC is available as bare die in probed wafer form or in die tray, and in standard MSOP-8 plastic package per tape and reel. A Durel D355B Designer's Kit (1DDD355BB-K01) provides a vehicle for evaluating and identifying the optimum component values for any particular application using D355B. Durel engineers also provide full support to customers, including specialized circuit optimization and application retrofits.
F
Description mm.
MSOP-8
Min.
in.
Typical
mm. in. mm.
Max.
in.
I D C E A G B
H
A B C D E F G H I
0.94 0.05 0.20 0.41 0.13 2.84 0.43 4.70 2.84
0.037 0.002 0.008 0.016 0.005 0.112 0.017 0.185 0.112
1.02 0.10 0.33 0.53 0.18 3.00 0.65 4.90 3.00
0.040 0.004 0.013 0.021 0.007 0.118 0.026 0.193 0.118
1.09 0.15 0.46 0.65 0.23 3.15 0.83 5.11 3.25
0.043 0.006 0.018 0.026 0.009 0.124 0.033 0.201 0.128
RECOMMENDED PAD LAYOUT
b a
MSOPs are marked with part number (355B) and 3-digit wafer lot code. Bottom of marking is on the Pin 1 side.
MSOP-8 PAD LAYOUT
Min.
mm. in.
Typical
mm. in. mm.
Max.
in.
c
e
d f
a b c d e f
0.60 1.90 3.3 0.89 5.26 0.41
0.0236 0.0748 0.130 0.035 0.207 0.016
0.6 1.9 0.9 0.4
0.0256 0.0768 0.038 0.018
0.70 2.00 3.45 1.05 5.41 0.51
0.0276 0.0788 0.136 0.041 0.213 0.020
MSOPs in Tape and Reel: 1DDD355BB-M02
Tape Orientation
Embossed tape on 360 mm diameter reel per EIA-481-2. 2500 units per reel. Quantity marked on reel label.
ISO 9001 Certified
DUREL Corporation
2225 W. Chandler Blvd. Chandler, AZ 85224-6155 Tel: (480) 917-6000 FAX: (480) 917-6049 Website: http://www.durel.com
The DUREL name and logo are registered trademarks of DUREL CORPORATION. This information is not intended to and does not create any warranties, express or implied, including any warranty of merchantability or fitness for a particular purpose. The relative merits of materials for a specific application should be determined by your evaluation. The EL driver circuits herein are covered by one or more of the following U.S. patents: #5,313,141, #5,347,198, #6,043,610. Corresponding foreign patents are issued and pending.
(c) 2000, 2001, 2002 Durel Corporation Printed in U.S.A. LIT-I 9034 Rev. A04


▲Up To Search▲   

 
Price & Availability of D355B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X