Part Number Hot Search : 
X1705 U634H256 G12864 C0402 TB0137A FSA881 P103H SAB8031A
Product Description
Full Text Search
 

To Download CJ78M05-TO-252 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-252 Encapsulate Three-terminal Voltage Regulator
TO-252
CJ78M05 Three-terminal positive voltage regulator
1.INPUT
FEATURES Maximum Output current
IOM : 0.5 A
2. GND
3. OUTPUT
1
23
Output voltage Vo : 5 V
ABSOLUTE MAXIMUM RATINGS Operating temperature range applies unless otherwise specified(c) Parameter Input Voltage Storage Temperature Range ELECTRICAL CHARACTERISTICS (Vi=10V,Io=350mA,0ae TYPICAL APPLICATION
vi
1
C UTC 05 J78M
3
V o
Ci 0.33|I F
Note: Bypass capacitors are recommended for optimum stability and transient response and should be located as close as Possible to the regulators.
TO-252-3L PACKAGE OUTLINE DIMENSIONS
D D1 C1
A
B
L1
b1 e e1 b L2 C
Symbol A A1 B b b1 c c1 D D1 E e e1 L1 L2 L3 V
Dimensions In Millimeters Min 2.200 0.000 1.350 0.500 0.700 0.430 0.430 6.350 5.200 5.400 2.300TYP 4.500 9.500 1.400 2.550 3.80REF 4.700 9.900 1.780 2.900 Max 2.400 0.127 1.650 0.700 0.900 0.580 0.580 6.650 5.400 5.700 Min
L3
E
A1
Dimensions In Inches Max 0.094 0.005 0.065 0.028 0.035 0.023 0.023 0.262 0.213 0.224 0.091TYP 0.177 0.374 0.055 0.100 0.150REF 0.185 0.390 0.070 0.114 0.087 0.000 0.053 0.020 0.028 0.017 0.017 0.250 0.205 0.213
o


▲Up To Search▲   

 
Price & Availability of CJ78M05-TO-252

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X