Part Number Hot Search : 
A5800582 1E104 ITR20005 STM1815T 37042 4VHC1G 01901 5RF28
Product Description
Full Text Search
 

To Download 80-0209-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SC-605
Speech And Music Processor
Data sheet
Features
Advanced, integrated speech synthesizer for high-quality sound. Operates up to 12.32 MHz (performs up to 12 MIPS). Single chip solution for up to 37 minutes of speech (using 2.36 Mb of onboard program plus data ROM). Supports high-quality synthesis algorithms Such as: MX, CX, Simple CX, LX, ADPCM, and Polyphonic Music. Simultaneous speech plus music capabilities. Very low-power operation, ideal for hand-held devices. Low-voltage operation, sustainable by three batteries. Reduced power stand-by modes, less than 10 A in Deep-Sleep mode. 640-word RAM. 32 I/O pins consisting of: 24 general-purpose bit configurable I/O, 8 inputs with programmable pullup resistors and a dedicated interrupt (keyscan). Direct speaker driver, 32 (PDM). One-bit comparator with edge-detection interrupt service. Resistor-trimmed oscillator or 32.768 kHz crystal reference oscillator. Serial scan port for in-circuit emulation and diagnostics. The SC-605 is sold in die form or 100-pin LQFP package. An emulator device is available in a ceramic package for development (SC-614-P).
Description
The SC-605 is a low-cost, mixed-signal processor that combines a speech synthesizer, general-purpose I/O, onboard ROM, and direct speaker drive in a single package. The computational unit utilizes a powerful new DSP which gives the SC-605 unprecedented speed and computational flexibility compared with previous devices of its type. The SC-605 supports a variety of speech and audio coding algorithms, providing a range of options with respect to speech duration and sound quality.
16-Bit Microprocessor
SC-605 Block Diagram
10-Bit DAC
640-words RAM
TIMER 1 TIMER 2
PLLM
288 KBytes ROM
COMPARATOR
32 I/O
The device consists of a micro-DSP core, embedded program, and data memory, and a self-contained clock generation system. General-purpose periphery is comprised of 32 bits of partially configurable I/O. The core processor is a general-purpose 16-bit microcontroller with DSP capability. The basic core block includes computational unit (CU), data address unit, program address unit, two timers, eight level interrupt processor, and several system and control registers. The core processor gives the SC-605 break-point capability in emulation. The processor is Harvard type for efficient DSP algorithm execution. It requires separate program and data memory blocks to permit simultaneous access. The ROM has a protection scheme to prevent third-party pirating. It is configured in 32K 17-bit words. The total ROM space is divided into three areas: 1) The lower 2K words are reserved by Sensory, Inc. for the purposes of a built-in self-test 2) The upper 30K words are for user program/data 3) Additional 1.83 Mb data ROM provides data for up to 37 minutes of speech.
(c) 2002 Sensory Inc.
P/N 80-0209-A
1
SC-605
Data sheet
The data memory is internal static RAM. The RAM is configured in 640 17-bit words. All memories are designed to consume minimum power at a given system clock and algorithm acquisition frequency. A flexible clock generation system enables the software to control the clock over a wide frequency range. The implementation uses a phase-locked loop (PLL) circuit that drives the processor clock at a selectable frequency between the minimum and maximum achievable. Selectable frequencies for the processor clock are spaced apart in 65.536 kHz steps. The PLL clock-reference is also selectable; either a resistor-trimmed oscillator or a crystal-referenced oscillator may be used. Internal and external clock sources are controlled separately to provide different levels of power management. The periphery consists of five 8-bit wide general-purpose I/O ports, one 8-bit wide dedicated input port, and one 16-bit wide dedicated output port. The bidirectional I/O can be configured under software control as either highimpedance inputs or as totem-pole outputs. They are controlled via addressable I/O registers. The input-only port has a programmable pullup option (70k minimum resistance) and a dedicated service interrupt. These features make the input port especially useful as a key-scan interface. A simple one-bit comparator is also included in the periphery. The comparator is enabled by a control register, and its pin access is shared with two pins in one of the general-purpose I/O ports. Rounding out the SC-605 periphery is a built-in pulse-density-modulated DAC (digital-to-analog converter) with direct speaker-drive capability. The functional block diagram gives an overview of the SC-605 functionality.
Functional Block Diagram
2
P/N 80-0209-A
(c) 2002 Sensory Inc.
Data Sheet
SC-605
Pin/Pad Assignment
PD6 PD7 VDD VSS PD0 VSS PC0 PD1 PD2 PD3 PD4 PD5 PC1 PC2 PC3 PC4 PC5 PC6 PC7 NC NC NC NC 79 78 NC NC 77 76 75 74 73 72 71 70 69 68 67 66 65
100 99
98 97
96 95
94
93 92 91
90 89
NC NC NC NC DACM VDD DAVP VDD PF7 PF6 PF5 PF4
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
81 80
88
87 86
85 84
83 82
NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC
19 20
1
SC-605
32 (top view of the die)
PF3 PF2 PF1 PF0 VSS NC NC NC NC NC NC NC NC
SC-605
(100-lead TQFP)
64 63 62 61 60 59 58 57 56 55 54 53 52 51
33
52
SCANOUT TEST SYNC
SYNCLK SCANIN
RESET_
NAME PIN NO. Input/Output Ports PC0 - PC7 89 82 PD0 - PD7 99 92 PE0 - PE7 46 39 PF0 - PF7 16 9 Scan Port Control Signals SCANIN 37 SCANOUT 33 SCANCLK 36 SYNC 35 TEST 34
PAD NO. 81 18 11 48 41 31 24
I/O DESCRIPTION I/O I/O I/O I Port C general-purpose I/O (1 Byte) Port D general-purpose I/O (1 Byte) Port E general-purpose I/O (1 Byte) Port F key-scan input (1 Byte)
Pins PD4 and PD5 may be dedicated to the comparator function, if the comparator enable bit is set.
39 35 38 37 36
I O I I I
Scan port data input Scan port data output Scan port clock Scan port synchronization C605: test modes
The scan port pins must be bonded out on any SC-605 production board.
Reference Oscillator Signals OSCOUT 49 51 OSCIN 48 50 PLL 47 49 Digital-to-Analog Sound Output DACP 7 22 DACM 5 20 Initialization RESET 38 40 Power Signals VSS 17, 50, 90, 100 32, 52, 9, 19 VDD 6 , 8, 31, 32, 91 21 , 23, 33, 34, 10
O Resistor/crystal reference out I Resistor/crystal reference in O Phase-lock-loop filter O Digital-to-analog plus output (+) O Digital-to-analog minus output (-) I Initialization Ground Processor power (+)
The VSS and VDD connections service the DAC circuitry. Their pins tend to sustain a higher current draw. A dedicated decoupling capacitor across these pins is therefore required.
(c) 2002 Sensory Inc.
OSCOUT VSS
PLL OSCIN
NC VDD
VDD
NC NC
NC NC
PE1 PE0
PE7 PE6
PE5 PE4
PE3 PE2
P/N 80-0209-A
3
SC-605
Data sheet
Absolute Maximum Ratings
Absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VDD (see Note 1) Supply current, IDD (see Note 2) Input voltage range, VI (see Note 1) Output voltage range, VO (see Note 1) Storage temperature range, TA -0.3 to 7 V 35 mA -0.3 to VDD + 0.3 V -0.3 to VDD + 0.3 V -30C to 125C WARNING: Stressing the SC-605 beyond the "Absolute Maximum Ratings" may cause permanent damage. These are stress ratings only. Operation beyond the "Operating Conditions" is not recommended and extended exposure beyond the "Operating Conditions" may affect device reliability.
NOTES: 1. Unless otherwise noted, all voltages are measured with respect to VSS. 2. The total supply current includes the current out of all the I/O pins as well as the operating current of the device.
Recommended Operating Conditions
Supply voltage (with respect to VSS), VDD CPU clock rate (as programmed), f(CPU) Load resistance between DACP and DACM, R(DAC) Operating free-air temperature, TA MIN 3 64 32 0 MAX 5.2 12,320 70 UNIT V kHz C
Device functionality
Timing Requirements
t(RESET) t1(WIDTH) t2(WIDTH) Reset low pulse width, while VDD is within specified limits Pulse width required prior to a negative transition at pin PD3, PD5, or PF0 PF7 Pulse width required prior to a positive transition at pin PD2 or PD4 MIN 100 2 2 MAX UNIT ns 1/FCPU 1/FCPU
While these pins are being used as interrupt inputs.
t(RESET)
t(RESET)
Figure 1: Initialization Timing Diagram
t1(WIDTH (PD3, PD5, or F port)) t2(WIDTH (PD2, or PD4))
t1(WIDTH)
t2(WIDTH)
Figure 2: External Interrupt Pin Pulse Width Requirements t1WIDTH and t2WIDTH
4
P/N 80-0209-A
(c) 2002 Sensory Inc.
Data Sheet
SC-605
DC Electrical Characteristics, TA = 0 to 70C
PARAMETER TEST CONDITIONS MIN TYP MAX UNIT Positive going threshold 2.4 VDD = 3 V V Negative going threshold 1.8 Hysteresis 0.6 Threshold changes Positive going threshold 3.3 VDD = 5.2 V V Negative going threshold 2.9 Hysteresis 0.4 VDD = 3 V 2 3 High-level input voltage V VDD = 4.5 V 3 4.5 VDD = 5.2 V 3.5 5.2 VDD = 3 V 0 1 V Low-level input voltage VDD = 4.5 V 0 1.5 0 1.7 VDD = 5.2 V High-level output current per pin of I/O port VOH = 4 V -2 mA Low-level output current per pin of I/O port VOL = 0.5 V 5 mA VDD = 4.5 V High-level output DAC current VOH = 4 V -10 mA Low-level output DAC current 20 mA VOL = 0.5 V Input leakage current Excludes OSCIN 1 A Standby current RESET is low 0.05 10 A Operating current VDD = 4.5 V, FCLOCK = 12.32 MHz 15 mA VDD = 4.5 V, DAC off, ARM set, OSC disabled 0.05 10 Supply current VDD = 4.5 V, DAC off, ARM set, OSC enabled 40 60 A VDD = 4.5 V, DAC off, ARM clear, OSC enabled 60 100 Input offset voltage VDD = 4.5 V, Vref = 1 to 4.25 V 25 50 mV F port pullup resistance VDD = 5 V 70 150 K RRTO = 470 k, VDD = 4.5 V, TA = 25C, 1% 3% Trim deviation fRTO = 8.192 MHz (PLL setting = 7 Ch) RRTO = 470 k, VDD = 3.5 to 5.2 V, TA = 25C, 1.5% Voltage deviation fRTO = 8.192 MHz (PLL setting = 7 Ch) RRTO = 470 k, VDD = 4.5 V, TA = 0 to 70C, Temperature deviation 0.03 %/C fRTO = 8.192 MHz (PLL setting = 7 Ch) VDD = 4.5 V, TA = 25C, R(OSC) = 470 k at 1%, 1% Resistance deviation fRTO = 8.192 MHz (PLL setting = 7 Ch)
RESET_
VIH
VIL IOH IOL IOH (DAC) IOL (DAC) Ilkg I(STANDBY) IDD I(SLEEP-deep) I(SLEEP-mid) I(SLEEP-light) VIO R(PULLUP) f(RTO-trim) f(RTO-volt) f(RTO-temp) f(RTO-res)
Operating current assumes all inputs are tied to either VSS or VDD with no input currents due to programmed pullup resistors. The DAC output and other outputs are open circuited. The best trim value is selected at nominal temperature and voltage but the deviation due to the trim error is ignored. Typical voltage and current measurement taken at 25C Cannot exceed 15 mA total per internal VDD pin. Port A, B share 1 internal VDD pin; Port C, D share 1 internal VDD.
External Component Absolute Values
PARAMETER R(RTO) RTO external resistance C(PLL) PLL external capacitance TEST CONDITIONS TA = 25C, 1% tolerance TA = 25C, 10% tolerance MIN MAX 470 3300 UNIT k pF
(c) 2002 Sensory Inc.
P/N 80-0209-A
5
SC-605
Data sheet
Mechanical Data
LQFP 100 PLASTICQUAD FLATPACK (14x14x1.4 mm)
Symbol A A1 A2 b b1 c c1 D D1 E E1 L L1 R1 R2 S 1 2 3
Dimension in mm Min Nom Max 1.60 0.05 0.15 1.35 1.40 1.45 0.17 0.22 0.27 0.17 0.20 0.23 0.09 0.20 0.09 0.16 15.85 16.00 16.15 13.90 14.00 14.10 15.85 16.00 16.15 13.90 14.00 14.10 0.50 BSC 0.45 0.60 0.75 1.00 REF 0.08 0.08 0.20 0.20 0 3.5 7 0 12 TYP 12 TYP
Dimension in inch Min Nom Max 0.063 0.002 0.006 0.053 0.055 0.057 0.007 0.009 0.011 0.007 0.008 0.009 0.004 0.008 0.004 0.006 0.624 0.630 0.636 0.547 0.551 0.555 0.624 0.630 0.636 0.547 0.551 0.555 0.20 BSC 0.018 0.024 0.030 0.039 BSC 0.003 0.003 0.008 0.008 0 3.5 7 0 12 TYP 12 TYP
Notes: A. B. C.
All linear dimensions are in millimeters. This drawing is subject to change without notice. Falls within JEDEC MS-022
6
P/N 80-0209-A
(c) 2002 Sensory Inc.
Data Sheet
SC-605
Die Bond-out Coordinates
Die Size = 144.88 x 147.64 Mil Pad Size = 256 x 256 Mil Units = Metric
Pad 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 Pin 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 5 6 7 8 9 10 11 12 13 14 15 16 17 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 X-Axis Min 3402.53 3402.53 3402.53 3402.53 3402.53 3402.53 3402.53 3402.53 3381.68 3380.92 3402.53 3402.53 3402.54 3402.54 3402.53 3402.53 3402.53 3402.53 3370.73 3174.50 3066.70 2958.55 2825.20 2696.92 2591.16 2486.92 2381.16 2276.92 2171.16 2066.92 1961.16 1829.33 133.08 133.08 111.44 111.44 111.44 111.44 111.44 111.44 111.47 111.47 111.47 111.47 111.47 111.47 111.47 111.47 111.44 111.44 111.44 132.30 Y-Axis Min 622.82 776.82 930.82 1084.82 1238.82 1392.82 1546.82 1700.82 1852.09 1957.97 2110.12 2264.12 2418.12 2572.12 2726.12 2880.12 3034.12 3188.12 3325.11 3395.51 3395.62 3395.51 3395.61 3426.74 3426.74 3426.74 3426.74 3426.74 3426.74 3426.74 3426.74 3396.38 3075.02 2959.97 2843.09 2731.75 2615.10 2503.80 2392.50 2249.28 2088.83 1934.83 1780.83 1626.83 1472.83 1318.83 1164.84 1010.84 897.45 786.15 674.88 565.86 X-Axis Max 3488.53 3488.53 3488.53 3488.53 3488.53 3488.53 3488.53 3488.53 3467.68 3466.92 3488.53 3488.53 3488.54 3488.54 3488.53 3488.53 3488.53 3488.53 3456.73 3260.50 3152.70 3044.55 2911.20 2782.92 2677.16 2572.92 2467.16 2362.92 2257.16 2152.92 2047.16 1915.33 219.08 219.08 197.44 197.44 197.44 197.44 197.44 197.44 197.47 197.47 197.47 197.47 197.47 197.47 197.47 197.47 197.44 197.44 197.44 218.30 Y-Axis Max 708.82 862.82 1016.82 1170.82 1324.82 1478.82 1632.82 1786.82 1938.09 2043.97 2196.12 2350.12 2504.12 2658.12 2812.12 2966.12 3120.12 3274.12 3411.11 3481.51 3481.62 3481.51 3481.61 3512.74 3512.74 3512.74 3512.74 3512.74 3512.74 3512.74 3512.74 3482.38 3161.02 3045.97 2929.09 2817.75 2701.10 2589.80 2478.50 2335.28 2174.83 2020.83 1866.83 1712.83 1558.83 1404.83 1250.84 1096.84 983.45 872.15 760.88 651.86
Ordering Information
Part Ordering P/N Shipping P/N Description SC-605 DIE 65-xxxx-x (ROM specific) Tested, Singulated SC-605 die in waffle pack. SC605-R SC-605 LQFP SC605-RL1 65-xxxx-x (ROM specific) SC-605 100 pin 14x14x1.4mm LQFP
(c) 2002 Sensory Inc.
P/N 80-0209-A
7
The Interactive SpeechTM Product Line
The Interactive Speech line of ICs and software was developed to "bring life to products" through advanced speech recognition and audio technology. The Interactive Speech Product Line was designed for consumer telephony products and cost-sensitive consumer electronic applications such as home electronics, personal security, and personal communication. The product line includes award-winning RSC series general-purpose microcontrollers and tools, SC series of speech microcontrollers, plus a line of easy-to-implement chips that can be pin-configured or controlled by an external host microcontroller. Sensory's software technologies run on a variety of microcontrollers and DSPs. RSC Microcontrollers and Tools The RSC product line contains low-cost 8-bit speech-optimized microcontrollers designed for use in consumer electronics. All members of the RSC family are fully integrated and include A/D, pre-amplifier, D/A, ROM, and RAM circuitry. The RSC family can perform a full range of speech/audio functions including speech recognition, speaker verification, speech and music synthesis, and voice record/playback. The family is supported by a complete suite of evaluation tools and development kits. SC Microcontrollers and Tools The SC-6x product line feature the highest quality speech synthesis ICs at the lowest data rate in the industry. The line includes a 12.32 MIPS processor for high-quality low data-rate speech compression and MIDI music synthesis, with plenty of power left over for other processor and control functions. Members of the SC-6x line can store as much as 37 minutes of speech on chip and include as much as 64 I/O pins for external interfacing. Integrating this broad range of features onto a single chip enables developers to create products with high quality, long duration speech at very competitive price points. Application Specific Standard Products (ASSPs) Voice DirectTM 364 provides inexpensive speaker-dependent speech recognition and speech synthesis. This easy-to-use, pinconfigurable chip requires no custom programming and can recognize up to 60 trained words in slave mode, and 15 words in standalone mode. Ideal for speaker-dependent command and control of household consumer products, Voice Direct* 364 is part of a complete product line that includes the IC, module, and Voice Direct 364 Speech Recognition Kit. Voice ExtremeTM simplifies the creation of fully custom speech-enabled products by offering developers the capability of programming the chip in a high-level C-like language. Program code, speech data, and even record and playback information can be stored on a single off-chip Flash memory. Based on Sensory's RSC-364 speech processor, Voice Extreme includes a highly efficient on-chip code interpreter, and is supported by a comprehensive suite of low-cost development tools. Software and Technology Voice ActivationTM micro footprint software provides advanced speech technology on a variety of microcontroller and DSP platforms. A flexible design with a broad range of technologies allows manufacturers to easily integrate speech functionality into consumer electronic products. Fluent SpeechTM small footprint software recognizes up to 50,000 words; offers Animated Speech with the ability to automate enunciation and articulation; performs text-to-speech synthesis in either male or female voices; provides noise and echo cancellation, performs Wordspotting for natural language usage; offers telephone barge-in; and provides continuous digit recognition. Important notices Reasonable efforts have been made to verify the accuracy of information contained herein, however no guarantee can be made of accuracy or applicability. Sensory reserves the right to change any specification or description contained herein. Sensory reserves the right to make changes to or to discontinue any product or service identified in this publication at any time without notice in order to improve design and supply the best possible product. Sensory does not assume responsibility for use of any circuitry other than circuitry entirely embodied in a Sensory product. Information contained herein is provided gratuitously and without liability to any user. Reasonable efforts have been made to verify the accuracy of this information but no guarantee whatsoever is given as to the accuracy or as to its applicability to particular uses. Applications described in this data sheet are for illustrative purposes only, and Sensory makes no warranties or representations that the RSC/SC series of products will be suitable for such applications. In every instance, it must be the responsibility of the user to determine the suitability of the products for each application. Sensory products are not authorized for use as critical components in life support devices or systems. Sensory conveys no license or title, either expressed or implied, under any patent, copyright, or mask work right to the RSC series of products, and Sensory makes balance between recognition and synthesis no warranties or representations that the RSC series of products are free from patent, copyright, or mask work right infringement, unless otherwise specified. Nothing contained herein shall be construed as a recommendation to use any product in violation of existing patents or other rights of third parties. The sale of any Sensory product is subject to all Sensory Terms and Conditions of Sales and Sales Policies.
1991 Russell Ave., Santa Clara, CA 95054 Tel: (408) 327-9000 Fax: (408) 727-4748
(c) 2001 SENSORY, INC. ALL RIGHT RESERVED. Sensory is registered by the U.S. Patent and Trademark Office. All other trademarks or registered trademarks are the property of their respective owners. www.sensoryinc.com


▲Up To Search▲   

 
Price & Availability of 80-0209-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X