Part Number Hot Search : 
SB1508 X0402MF 726LS 66HDS0 TA0288A K4H560 CO700 TDA9331H
Product Description
Full Text Search
 

To Download 3DD13005A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 R
NPN HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
3DD13005A
IC VCEO PC(TO-126) PC(TO-220)
MAIN CHARACTERISTICS
4A 400V 40W 75W
Package

APPLICATIONS
Energy-saving ligh Electronic ballasts High frequency switching power supply High frequency power transform Commonly power amplifier
RoHS
FEATURES
High breakdown voltage High current capability High switching speed High reliability RoHS product
ORDER MESSAGE
Order codes 3DD13005A-O-M-N-C 3DD13005A -O-Z-N-C Halogen Free NO NO Marking 13005A D13005A Package TO-126 TO-220 Packaging Bag Bag
200910C
1/6
R
3DD13005A
ABSOLUTE RATINGS (Tc=25)
Parameter Symbol VCEO VEBO IC ICP IB IBP PC PC Tj Tstg Value 450 400 9 4 8 2 4 40 75 150 -55~+150 Unit V V V A A A A W W
-- -- --
Collector- Emitter VoltageVBE=0 VCES Collector- Emitter VoltageIB=0 Emitter-Base Voltage Collector CurrentDC Collector Currentpulse Base CurrentDC Base Currentpulse Total Dissipation (TO-126) Total Dissipation (TO-220) Junction Temperature Storage Temperature
pulse5ms
Pulse Test: Pulse Width = 5.0 ms, Duty Cycle < 10%.
ElECTRICAL CHARACTERISTIC
V(BR)CEO V(BR)CBO V(BR)EBO ICBO ICEO IEBO Hfe(1) Hfe(2) VCE(sat)(1) VCE(sat)(2) VBE(sat) tf ts fT
Parameter
Tests conditions IC=10mA,IB=0 IC=1mA,IB=0 IE=1mA,IC=0 VCB=450V, IE=0 VCE=400V,IB=0 VEB=9V, IC=0 VCE =10V, IC=0.5A VCE =5V, IC=1A, IC=4A, IC=2A, IC=2A IB=0.2A IB=1A IB=0.5A IC=2A,IB1=-IB2=0.4A
Value(min)
-
100 50 10 50 1.5 2.0 1.6 0.7 4 -
Value(typ) Value(max)
Unit V V V A A A
400 450 9 8 5 4
V V V S S MHz
VCC=24V
VCE=10V, IC=0.5A
THERMAL CHARACTERISTIC

Parameter
Symbol Rth(j-c) Rth(j-c)
Value(min) Value(max)
Unit /W /W
TO-126 Thermal Resistance Junction Case TO-126 TO-220 Thermal Resistance Junction Case TO-220
-
3.125 1.67
200910C
2/6
R
3DD13005A
ELECTRICAL CHARACTERISTICS (curves)
hFE - IC
VBEsat- IC VBEsat
hFE
VCE(sat)- IC VCEsat
POWER DERATING FACTOR
PC-TC
SOA IC(A), IC(A),
RSOA
VCE (V)
VCE (V)
200910C
3/6
R
3DD13005A
Unit mm
PACKAGE MECHANICAL DATA TO-126
A E
Q
P
D
symbol A B
L2 B
MIN 2.50 1.22 0.30 10.50 7.10 3.80 1.07 15.35 2.10 0.60 2.19
MAX 2.90 1.28 0.70 11.10 8.10 4.20 1.47 15.60 2.30 0.90 2.39
C D E
Q1
Q Q1
C
L
L L2 b e
1
2
3
b
e
e
200910C
4/6
R
3DD13005A
Unit mm
PACKAGE MECHANICAL DATA TO-220
A
E
F
symbol A B b c c1 MIN 4.40 1.10 0.70 0.28 0.32 14.45 8.20 9.60 2.39 1.20 13.05 3.70 2.40 2.20 3.50 MAX 4.80 1.40 0.95 0.48 0.52 16.00 9.20 10.40 2.69 1.35 14.05 3.90 3.00 2.90 4.00
P
D
D2
Q
L2
B b
L
Q1
c
D D2 E e F L L2 Q Q1 P
c1
e
e
A
200910C
5/6
R
3DD13005A
NOTE
1. Jilin Sino-microelectronics co., Ltd sales its product either through direct sales or sales agent , thus, for customers, when ordering , please check with our company. 2. We strongly recommend customers check carefully on the trademark when buying our product, if there is any question, please don't be hesitate to contact us. 3. Please do not exceed the absolute maximum ratings of the device when circuit designing. 4. Jilin Sino-microelectronics co., Ltd reserves the right to make changes in this. specification sheet and is subject to change without prior notice.
1. 2.
3. 4.
99 132013 86-432-64678411 86-432-64665812 www.hwdz.com.cn 99 132013 86-432-64675588 64675688 64678411-3098/3099 : 86-432-64671533
CONTACT
JILIN SINO-MICROELECTRONICS CO., LTD. ADD: No.99 Shenzhen Street, Jilin City, Jilin Province, China. Post Code: 132013 Tel86-432-64678411 Fax86-432-64665812 Web Sitewww.hwdz.com.cn MARKET DEPARTMENT ADD: No.99 Shenzhen Street, Jilin City, Jilin Province, China. Post Code: 132013 Tel: 86-432-64675588 64675688 64678411-3098/3099 Fax: 86-432-64671533
AppendixRevision History
Date 2009-10-23 Last Rev. 200905B New Rev. 200910C Description of Changes
200910C
6/6


▲Up To Search▲   

 
Price & Availability of 3DD13005A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X